Part Number Hot Search : 
ZMC16 T1621 74LCX0 S20K275 AA119 ZUMT918 M25P40 74LCX0
Product Description
Full Text Search
 

To Download TS831 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS831
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
s ULTRA LOW POWER CONSUMPTION : s PRECISION RESET THRESHOLD s THRESHOLD VOLTAGE:
4.33V typ. FOR TS831-5 4.50V typ. FOR TS831-4 2.71V typ. FOR TS831-3 GUARANTEED RESET OPERATION FOR VCC DOWN TO 1V OPEN DRAIN OUTPUT COMPARATOR FAST RESPONSE TIME : 20s FOR A 10mV OVERDRIVE INTERNAL BUILT-IN HYSTERESIS PIN TO PIN COMPATIBLE WITH MC33064 AND MC33164 12A maximum
s s s s s
D DIP-8 (Plastic Micropackage)
Z TO-92 (Plastic Package)
DESCRIPTION The TS831 ultra low power integrated circuit incorporates a high stability band-gap voltage reference and a comparator with open drain output. The threshold voltage is set at 4.33V for TS831-5, 4.5V for TS831-4 and 2.71V for TS831-3 by internal thermally matched resistances. The comparator exhibits a 20s response (with 10mV overdrive) and has an open drain output active when input voltage is lower than the threshold. An internal hysteresis, 100mV for TS831-4/ TS831-5 and 60mV for TS831-3, increases the comparator's noise margin and prevents false reset operation. APPLICATION
P TSSOP-8 (Thin Shrink Small Outline Package)
PIN CONNECTIONS (top view)
SO8-TSSOP8
s Power-on reset generator for microcontroller s Power failure detector
ORDER CODE
Package Part Number TS831-5I TS831-4I TS831-3I
Z= TO92 Plastic package D = Small Outline Package (SO) - also available in Tape & Reel (DT) P = Thin Shrink Small Outline Package (TSSOP) - only available in Tape & Reel (PT)
TO-92 P * * *
Temperature Range D -40, +125C * * * Z * * *
March 2000
1/11
TS831
ABSOLUTE MAXIMUM RATINGS
Symbol VCC Vout Iout Pd Supply Voltage 1) Output Voltage Output Sink Current Power Dissipation 2) TS831-5 and TS831-4 TS831-3 TO-92 SO-8 TSSOP-8 Parameter Value 7 -0.3 to Vcc + 0.3 20 5 625 700 625 100 -40 to +85 -65 to +150 Unit V V mA mW mA C C
IF Toper Tstg
Clamp Diode Forward Current, pin 1 to pin 2 3) Operating Free Air Temperature Range Storage Temperature
1. All voltages values, except differential voltage are with respect to network ground terminal. 2. T j = 150C, Tamb = 25o C with Rthja = 200o C/W for TO-92 package Rthja = 175o C/W for SO8 package Rthja = 200o C/W for TSSOP8 package
3. Maximum package power dissipation limit s must be observed.
OPERATING CONDITIONS
Symbol VCC Supply Voltage Parameter Value 1 to 5.5 Unit V
TS831-5 ELECTRICAL CHARACTERISTICS Tamb = 25C (unless otherwise specified)
Symbol Vthi Parameter Threshold Voltage - VCC Increasing -40C Tamb +85C -40C Tamb +125C Threshold Voltage - VCC Decreasing -40C Tamb +85C -40C Tamb +125C Hysteresis Voltage Current Consumption Low Level Output Voltage -40C Tamb +85C -40C Tamb +125C Low Level Output Voltage -40C Tamb +125C VCC = 5V VCC = 4V, IOL = 8mA 450 Min. 4.10 4.10 4.21 4.10 4.06 50 100 4.46 4.46 200 12 800 1000 1300 100 1000 V mV A mV Typ. 4.33 4.46 4.50 V Max. Unit
Vthd Vhys ICC VOL IOH tphl
VCC = 5V
2
nA s
Response Time High to Low R L = 10k, CL = 15pF, V CC = Vthd -10mV
20
Note : Limits are 100% production tested at 25C. Limits over temperature are guaranteed through correlation and by design.
2/11
TS831
TS831-4 ELECTRICAL CHARACTERISTICS Tamb = 25C (unless otherwise specified)
Symbol Vthi Parameter Threshold Voltage - VCC Increasing -40C Tamb +85C -40C Tamb +125C Threshold Voltage - VCC Decreasing -40C Tamb +85C -40C Tamb +125C Hysteresis Voltage Current Consumption Low Level Output Voltage -40C Tamb +85C -40C Tamb +125C Low Level Output Voltage -40C Tamb +125C VCC = 5V VCC = 4V, IOL = 8mA 450 Min. 4.17 4.10 4.4 4.17 4.13 50 100 4.66 4.66 200 12 800 1000 1300 100 1000 V mV A mV Typ. 4.35 4.66 4.70 V Max. Unit
Vthd Vhys ICC VOL IOH tphl
VCC = 5V
2
nA s
Response Time High to Low R L = 10k, CL = 15pF, V CC = Vthd -10mV
20
Note : Limits are 100% production tested at 25C. Limits over temperature are guaranteed through correlation and by design.
TS831-3 ELECTRICAL CHARACTERISTICS Tamb = 25C (unless otherwise specified)
Symbol Vthi Vthd Vhys ICC VOL IOH tphl Parameter Threshold Voltage - VCC Increasing -40C Tamb +125C Threshold Voltage - VCC Decreasing -40C Tamb +125C Hysteresis Voltage Current Consumption Low Level Output Voltage -40C Tamb +125C Low Level Output Voltage -40C Tamb +125C VCC = 3V VCC = 2.4V, I OL = 1mA VCC = 3V 140 2 Min. 2.55 2.65 2.55 30 60 2.8 100 12 400 500 100 1000 Typ. 2.71 2.8 Max. Unit V V mV A mV nA s
Response Time High to Low R L = 10k, CL = 15pF, V CC = Vthd -10mV
20
Note : Limits are 100% production tested at 25C. Limits over temperature are guaranteed through correlation and by design.
3/11
TS831
EQUIVALENT SCHEMATIC DIAGRAM
TIMING DIAGRAM
4/11
TS831
Output voltage versus input voltage
10
Reset output voltage versus Input voltage
5.0
8
Output voltage (V)
6
Output voltage (V)
TS831-3 RL= 10 Kohms T=25C
4.0
TS831-3 RL= 10 Kohms T=25C
3.0
4
2.0
2
1.0
0 0 2 4 6 8 10
0.0 2.60
2.65
2.70
2.75
Input voltage (V)
Input voltage (V)
Output voltage versus input voltage
10 TS831-4 RL= 10 Kohms T=25C
Reset output voltage versus Input voltage
5.0
8 Output voltage (V)
4.0 Output voltage (V) TS831-4 RL= 10 Kohms T=25C
6
3.0
4
2.0
2
1.0
0 0 2 4 6 8 10 Input voltage (V)
0.0 4.4 4.5 Input voltage (V) 4.6
Output voltage versus input voltage
10 TS831-5 RL= 10 Kohms T=25C
Reset output voltage versus Input voltage
5.0
8 Output voltage (V)
4.0 Output voltage (V)
6
3.0
4
2.0
TS831-5 RL= 10 Kohms T=25C
2
1.0
0 0 2 4 6 8 10 Input voltage (V)
0.0 4.20
4.24
4.28
4.32
4.36
4.40
Input voltage (V)
5/11
TS831
Vth versus temperature while Vcc increasing
4.6
Vth versustemperature whileVcc decreasing
4.44
4.5 Vthi (Volts)
Vt h
i
x ma
4.42 4.40 Vthd (Volts)
Vth d m a
x
4.5
4.38 4.36
i Vt h
4.4
m in
Vthd min
TS831-4
4.34 TS831-4
4.4 -40 -20 0 20 40 60 80 100 120 Temperature (C)
4.32 -40
-20
0
20
40
60
80
100
120
Temperature (C)
Hysteresis voltage versus temperature
160
Supply current versus temperature
9.6 9.4
Ic c
ma
x
140 Hysteresis (mV)
TS831-4
Supply current (A) 9.2 9.0 8.8 8.6 8.4 8.2
T S8 31-4 No lo ad
120
Ic c
mi
n
100
80
-40
-20
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
Temperature (C)
Temperature (C)
Supply current vs input voltage & temperature
16 TS831-3 No Load Supply current (A) 12 +125C -40C
Voltage output low vs Isink & temperature
3 TS831-3 Vin=2.4V 2.5 +125C +85C +25C -40C 1
2 Vol (V)
8
1.5
4
-40C 25C 0.5
0 0 2 4 6 8 10 Input voltage (V)
0 0 2 4 Isink (mA) 6 8
6/11
TS831
Supply current vs input voltage & temperature
25C 12 TS83 1-4 No Load
Voltage output low vs Isink & temperature
4 TS831-4 Vin=4V +125C 3
Supply current (A)
+12 5C
+85C Vol (V)
8 +125C -40C
2 -40C
+25C
4
25C -40C
1
0 0 2 4 6 8 10 Input voltage (V)
0 0 5 10 Isink (mA) 15 20
Supply current vs inputvoltage &temperature
25C 12 TS831-5 No Load +125C 8 +125C -40C
Voltage output low vs Isink & temperature
4
3
Supply current (A)
TS831-5 Vin=4V
+125C
Vol (V)
+85C 2 -40C 1 +25C
25C 4 -40C
0 0 2 4 6 8 10 Input voltage (V)
0 0 5 10 Isink (mA) 15 20
Clamp diode forward current versus voltage
100
Response time
5V 4V Input signal
80 Forward current (mA)
Vin = 0V T=25C
5V
60
Reset output
TS831-4 RL= 10 Kohms T=25C
40
20
0V
0 0 0.5 1 1.5
0 20 40 60 80 100
Forward voltage (V)
Time (s)
7/11
TS831
Basic configuration
in
Pullup resistor
Power Supply
TS831
Reset
Microprocessor circuit
Special remarks * Some microprocessor mayintegratethe pull upresistor. * For the pull up resistor choice, pleaseuse thegraphs nammed"Voltage output lowvs Isink&temperature" depending on TS831 versions.
8/11
Gnd
TS831
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC MICROPACKAGE (SO)
Millimeters Dim. Min. A a1 a2 a3 b b1 C c1 D E e e3 F L M S 0.1 0.65 0.35 0.19 0.25 4.8 5.8 1.27 3.81 3.8 0.4 4.0 1.27 0.6 8 (max.) 0.150 0.016 Typ. Max. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 45 (typ.) 5.0 6.2 0.189 0.228 Min. 0.004 0.026 0.014 0.007 0.010
Inches Typ. Max. 0.069 0.010 0.065 0.033 0.019 0.010 0.020 0.197 0.244 0.050 0.150 0.157 0.050 0.024
9/11
TS831
PACKAGE MECHANICAL DATA 3 PINS - PLASTIC PACKAGE TO-92
Millimeters Dim. Min L B O1 C K O2 a 3.2 4.45 4.58 12.7 0.407 0.35 Typ. 1.27 3.7 5.00 5.03 0.5 Max. 4.2 5.2 5.33 0.508 Min. 0.126 0.1752 0.1803 0.5 0.016 0.0138
Inches Typ. 0.05 0.1457 0.1969 0.198 0.0197 Max. 0.1654 0.2047 0.2098 0.02
10/11
TS831
PACKAGE MECHANICAL DATA 8 PINS - THIN SHRINK SMALL OUTLINE PACKAGE
k
c
0,25 mm .010 inch GAGE PLANE
L E1
SEATING PLANE
A A2 A1
5
C
E
L1 D
4
b
C
8
aaa
PIN 1 IDENTIFICA TION
Millimeters Dim. Min. A A1 A2 b c D E E1 e k l 0.05 0.80 0.19 0.09 2.90 4.30 0 0.50 Typ. Max. 1.20 0.15 1.05 0.30 0.20 3.10 4.50 8 0.75 Min. 0.01 0.031 0.007 0.003 0.114 0.169 0 0.09
1
e
Inches Typ. Max. 0.05 0.006 0.041 0.15 0.012 0.122 0.177 8 0.030
1.00
0.039
3.00 6.40 4.40 0.65 0.60
0.118 0.252 0.173 0.025 0.0236
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibil ity for the consequences of use of such information nor for any infring ement of patents or other righ ts of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change witho ut notice. This publ ication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life suppo rt devices or systems withou t express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2000 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom (c) http://www. st.com
11/11


▲Up To Search▲   

 
Price & Availability of TS831

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X