Part Number Hot Search : 
IRFZ46 TLYE68TG 0413T ACT240 0413T 60R125 SW4N60K 2SC30
Product Description
Full Text Search
 

To Download TS83102G0B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* * * * * * * * * * * * * * * * * *
Up to 2 Gsps Sampling Rate Power Consumption: 4.6 W 500 mVpp Differential 100 or Single-ended 50 (2 %) Analog Inputs Differential 100 or Single-ended 50 Clock Inputs ECL or LVDS Output Compatibility 50 Differential Outputs with Common Mode not Dependent on Temperature ADC Gain Adjust Sampling Delay Adjust Offset Control Capability Data Ready Output with Asynchronous Reset Out-of-range Output Bit Selectable Decimation by 32 Functions Gray or Binary Selectable Output Data; NRZ Output Mode Pattern Generator Output (for Acquisition System Monitoring) Radiation Tolerance Oriented Design (More Than 100 Krad (Si) Expected) CBGA 152 Cavity Down Hermetic Package CBGA Package Evaluation Board TSEV83102G0BGL Companion Device: DMUX 8-/10-bit 1:4/1:8 2 Gsps TS81102G0
10-bit 2 Gsps ADC TS83102G0B
Performance
* * * * * * * 3.3 GHz Full Power Input Bandwidth (-3 dB) Gain Flatness: 0.2 dB (from DC up to 1.5 GHz) Low Input VSWR: 1.2 Max from DC to 2.5 GHz SFDR = -59 dBc; 7.6 Effective Bits at FS = 1.4 Gsps, FIN = 700 MHz [-1 dBFS] SFDR = -53 dBc; 7.1 Effective Bits at Fs = 1.4 Gsps, FIN = 1950 MHz [-1 dBFS] SFDR = -54 dBc; 6.5 Effective Bits at FS = 2 Gsps, FIN = 2 GHz [-1 dBFS] Low Bit Error Rate (10-12) at 2 Gsps
Application
* * * * * * * Direct RF Down Conversion Wide Band Satellite Receiver High-speed Instrumentation High-speed Acquisition Systems High-energy Physics Automatic Test Equipment Radar
Screening
* Temperature Range for Packaged Device: - "C" grade: 0 C < Tc; Tj < 90 C - "V" grade: -20 C < Tc; Tj < 110 C Standard Die Flow (upon Request)
*
Description
The TS83102G0B is a monolithic 10-bit analog-to-digital converter, designed for digitizing wide bandwidth analog signals at very high sampling rates of up to 2 Gsps. It uses an innovative architecture, including an on-chip Sample and Hold (S/H). The 3.3 GHz full power input bandwidth and band flatness performances enable the digitizing of high IF and large bandwidth signals.
2101D-BDC-06/04
Figure 1. Simplified Block Diagram
PGEB Sample &Hold VIN VINB
50 50
B/GB
OR ORB
Analog Quantizer
D9 D9B Logic block D0 D0B DR DRB
GA CLK CLKB
50 50
SDA
Clock generation
SDA
DECB/ DIODE
DRRB
Functional Description
The TS83102G0B is a 10-bit 2 Gsps ADC. The device includes a front-end master/slave Track and Hold stage (Sample and Hold), followed by an analog encoding stage (Analog Quantizer), which outputs analog residues resulting from analog quantization. Successive banks of latches regenerate the analog residues into logical levels before entering an error correction circuit and resynchronization stage, followed by 50 differential output buffers. The TS83102G0B works in a fully differential mode from analog inputs to digital outputs. A differential Data Ready output (DR/DRB) is available to indicate when the outputs are valid and an Asynchronous Data Ready Reset ensures that the first digitized data corresponds to the first acquisition. The control pin B/GB (A11 of the CBGA package) is provided to select either a binary or gray data output format. The gain control pin GA (R9 of the CBGA package) is provided to adjust the ADC gain transfer function. A Sampling Delay Adjust function (SDA) may be used to ease the interleaving of ADCs. A pattern generator is integrated on the chip for debug or acquisition setup. This function is activated through the PGEB pin (A9 of the CBGA package). An Out-of-range bit (OR/ORB) indicates when the input overrides 0.5 Vpp. A selectable decimation by 32 functions is also available for enhanced testability coverage (A10 of the CBGA package), along with the die junction temperature monitoring function. The TS83102G0B uses only vertical isolated NPN transistors together with oxide isolated polysilicon resistors, which allows enhanced radiation tolerance (over 100 kRad (Si) total dose expected tolerance).
2
TS83102G0B
2101D-BDC-06/04
TS83102G0B
Specification
Absolute Maximum Ratings
Parameter Positive supply voltage Digital negative supply voltage Digital positive supply voltage Negative supply voltage Maximum difference between negative supply voltages Analog input voltages Maximum difference between VIN and VINB Clock input voltage Maximum difference between VCLK and VCLKB Static input voltage Digital input voltage Digital output voltage Junction temperature Note: Symbol VCC DVEE VPLUSD VEE DVEE to VEE VIN or VINB VIN - VINB VCLK or VCLKB VCLK - VCLKB VD VD VO TJ GA, SDA SDAEN, DRRB, B/GB, PGEB, DECB Comments Value GND to 6.0 GND to -5.7 GND - 1.1 to 2.5 GND to -5.5 0.3 -1.5 to 1.5 -1.5 to 1.5 -1 to 1 -1 to 1 -5 to 0.8 -5 to 0.8 VPLUSD min operating -2.2 to VPLUSD max operating + 0.8 130 Unit V V V V V V V V Vpp V V V C
Absolute maximum ratings are short term limiting values (referenced to GND = 0V), to be applied individually, while other parameters are within specified operating conditions. Long exposure to maximum ratings may affect device reliability. All integrated circuits have to be handled with appropriate care to avoid damage due to ESD. Damage caused by inappropriate handling or storage could range from performance degradation to complete failure.
Recommended Conditions of Use
Parameter Positive supply voltage Symbol VCC Differential ECL output compatibility Positive digital supply voltage VPLUSD LVDS output compatibility Comments Min 4.75 - 0.9 1.375 Grounded Maximum operating VPLUSD Negative supply voltages Differential analog input voltage (full-scale) Clock input power level (ground common mode) VEE, DVEE VIN, VINB VIN - VINB PCLK, PCLKB 50 differential or single-ended 50 single-ended clock input or 100 differential clock (recommended) - 5.25 113 450 -4 - 5.0 125 500 0
(1)
Typ 5 - 0.8 1.45
Max 5.25 - 0.7 1.525
Unit V V V
1.7 - 4.75 137 550 4
V V mV mVpp dBm
3
2101D-BDC-06/04
Recommended Conditions of Use (Continued)
Parameter Operating Temperature Range Storage Temperature Lead Temperature Note: Tstg Tlead Symbol Comments Commercial "C" grade Industrial "V" grade Min Typ Max Unit C C C 0C < TC; TJ < 90C -20C < TC; TJ < 110C -65 to 150 300
1. ADC performances are independent on VPLUSD common mode voltage and performances are guaranteed in the
limits of the specified VPLUSD range (from -0.9V to 1.7V).
Electrical Operating Characteristics
VCC = 5V ; VPLUSD = 0V (unless otherwise specified). ADC performances are independent of VPLUSD common mode voltage and performances are guaranteed within the limits of the specified VPLUSD range (from -0.9V to 1.7V); VEE = DVEE = -5V; VIN - VINB = 500 mVpp (full-scale single-ended or differential input); clock inputs differential driven; analog-input single-ended driven.
Parameter Resolution Power Requirements Positive supply voltage - analog - digital (ECL) - digital (LVDS) Positive supply current - analog - digital Negative supply voltage - analog - digital Negative supply current - analog - digital Power dissipation - ECL - LVDS Analog Inputs Full-scale input voltage range (differential mode) (0 V common mode voltage) Full-scale input voltage range (single-ended input option) (0 V common mode voltage) 4 4 4 4 VIN, VINB VIN, - 250 VINB 0 250 mV - 125 - 125 125 125 mV mV mV 1 1 4 1 1 1 1 1 1 1 4 VCC VPLUSD VPLUSD IVCC IVPLUSD VEE DVEE VEE IDVEE -5.25 -5.25 4.75 5 - 0.8 1.45 138 154 -5 -5 615 160 4.6 5.0 5.25 V V V mA mA V V mA mA W W Test Level Symbol Min Typ 10 Max Unit Bits
205 200 -4.75 -4.75 750 200 5.2 5.7
PD
4
TS83102G0B
2101D-BDC-06/04
TS83102G0B
Electrical Operating Characteristics (Continued)
VCC = 5V ; VPLUSD = 0V (unless otherwise specified). ADC performances are independent of VPLUSD common mode voltage and performances are guaranteed within the limits of the specified VPLUSD range (from -0.9V to 1.7V); VEE = DVEE = -5V; VIN - VINB = 500 mVpp (full-scale single-ended or differential input); clock inputs differential driven; analog-input single-ended driven.
Parameter Analog input power level (50 single-ended) Analog input capacitance (die) Input leakage current Input resistance - single-ended - differential Clock Inputs Logic common mode compatibility for clock inputs Clock inputs common voltage range (VCLK or VCLKB) (DC coupled clock input) AC coupled for LVDS compatibility (common mode 1.2V) Clock input power level (low-phase noise sinewave input) 50 single-ended or 100 differential Clock input swing (single ended; with CLKB = 50 to GND) Clock input swing (differential voltage) - on each clock input Clock input capacitance (die) Clock input resistance - single-ended - differential ended Digital Inputs (SDAEN, PGEB, DECB/Diode, B/GB, DRRB) - logic low - logic high Digital Inputs (DRRB Only) Logic Compatibility - logic low - logic high 4 VIL VIH -1.810 -1.165 Negative ECL -1.625 -0.880 V V 4 VIL VIH -5 -2 -3 0 V V Differential ECL to LVDS Test Level 4 4 4 4 4 Symbol PIN CIN IIN RIN RIN 49 98 Min Typ -2 0.3 10 50 100 51 102 Max Unit dBm pF A
4
VCM
-1.2
0
0.3
V
4
PCLK
-4
0
4
dBm
4 4 4
VCLK VCLK VCLKB CCLK RCLK RCLK
200 141
320 226 0.3
500 354
mV mV pF
45 90
50 100
55 110

5
2101D-BDC-06/04
Electrical Operating Characteristics (Continued)
VCC = 5V ; VPLUSD = 0V (unless otherwise specified). ADC performances are independent of VPLUSD common mode voltage and performances are guaranteed within the limits of the specified VPLUSD range (from -0.9V to 1.7V); VEE = DVEE = -5V; VIN - VINB = 500 mVpp (full-scale single-ended or differential input); clock inputs differential driven; analog-input single-ended driven.
Parameter Digital Outputs (1) Logic compatibility (depending on VPLUSD value) Output levels 50 transmission lines, 100 (2 x 50 ) differentially terminated - logic low - logic high - swing (each single-ended output) - common mode Logic compatibility (depending on VPLUSD value) Output levels 50 transmission lines, 100 (2 x 50 ) differentially terminated - logic low - logic high - swing (each single-ended output) - common mode max VPLUSD = 1.525V typ VPLUSD = 1.45V min VPLUSD = 1.375V DC Accuracy DNLrms (2) Differential non-linearity (3) Integral non-linearity (3) Integral non-linearity Gain central value Gain error drift Input offset voltage Notes: 1. 2. 3. 4.
(4) (3)
Test Level
Symbol
Min
Typ
Max
Unit
Differential ECL (VPLUSD = -0.8V typical)
1 1 1 4
VOL VOH VOH - VOL
-0.98 200 -.095
-1.17 -0.94 230 -1.05
-1.10 300 -1.15
V V mV V
LVDS (VPLUSD = 1.45V typical)
4 4 4 4 4 4
VOL VOH VOH - VOL
825 200 1190 1125
1090 1310 230 1200
1575 300 1275 1210
mV mV mV mV mV mV
4 1 1 1 1 4 1
DNLrms DNL+ INLINL+
0.50
0.53 1.5
0.55 2
LSB LSB LSB
- 4.0
- 2.4 2.4 4.0 1.1 35 10
LSB
0.89
0.94 23
ppm/C mV
- 10
Differential output buffers impedance = 100 differential (50 single-ended). See Figure 46 starting on page 42. Histogram testing at Fs = 1 Gsps, Fin = 100 MHz, DNLrms is a component of quantization noise. Histogram testing at Fs = 50 Msps, Fin = 25 MHz This range of gain can be set to "1" by using the gain adjust function.
6
TS83102G0B
2101D-BDC-06/04
TS83102G0B
AC Electrical Characteristics at Ambient and Hot Temperatures (TJ Max)
Parameter AC Analog Inputs Full power input bandwidth (1) Small signal input bandwidth (10% full-scale) (1) Gain flatness
(2) (3)
Test Level
Symbol
Min
Typ
Max
Unit
4 4 4 4
FPBW SSBW BF VSWR
3.3 3.5 0.2 1.1 :1 0.3 1.2:1
GHz GHz dB
Input voltage standing wave ratio
AC Performance: Nominal Condition at Ambient and Hot Temperatures TJ Max -1 dBFS single-ended input mode (unless otherwise specified); 50% clock duty cycle; 0 dBm differential clock (CLK, CLKB); binary output data format Signal-to-noise and distortion ratio Fs = 1 Gsps Fin = 100 MHz Fs = 1.4 Gsps Fin = 700 MHz Fs = 1.4 Gsps Fin = 1950 MHz Fs = 2 Gsps Fin = 2 GHz Effective number of bits Fs = 1 Gsps Fin = 100 MHz Fs = 1.4 Gsps Fin = 700 MHz Fs = 1.4 Gsps Fin = 1950 MHz Fs = 2 Gsps Fin = 2 GHz Signal to noise ratio Fs = 1 Gsps Fin = 100 MHz Fs = 1.4 Gsps Fin = 700 MHz Fs = 1.4 Gsps Fin = 1950 MHz Fs = 2 Gsps Fin = 2 GHz 47 44 43 38 7.5 7.0 6.8 6.1 48 45 44 39 50 48 45 41 8.0 7.6 7.1 6.5 50 48 45 41
4
SINAD
dB
4
ENOB
Bit
4
SNR
dB
7
2101D-BDC-06/04
AC Electrical Characteristics at Ambient and Hot Temperatures (TJ Max) (Continued)
Parameter Total harmonic distortion Fs = 1 Gsps Fin = 100 MHz Fs = 1.4 Gsps Fin = 700 MHz Fs = 1.4 Gsps Fin = 1950 MHz Fs = 2 Gsps Fin = 2 GHz Spurious free dynamic range Fs = 1 Gsps Fin = 100 MHz Fs = 1.4 Gsps Fin = 700 MHz Fs = 1.4 Gsps Fin = 1950 MHz Fs = 2 Gsps Fin = 2 GHz Two-tone third-order intermodulation distortion Fs = 1.2 Gsps Fin1 = 995 MHz Fin2 = 1005 MHz [-7dBFS] Fs = 1.4 Gsps Fin1 = 745 MHz Fin2 = 755 MHz [-7dBFS] Fs = 1.4 Gsps Fin1 = 995 MHz Fin2 = 1005 MHz [-7dBFS] Fs = 1.4 Gsps Fin1 = 1244 MHz Fin2 = 1255 MHz [-7dBFS] Notes: Test Level Symbol Min 48 48 44 44 50 50 45 45 Typ 54 53 50 49 59 59 53 54 Max Unit
4
ITHDI
dB
4
ISFDRI
dBC
65 4 IMD31 65 65 65 dBFS
1. See "Definition of Terms" on page 35. 2. From DC to 1.5 GHz 3. Specified from DC up to 2.5 GHz input signal. Input VSWR is measured on a soldered device. It assumes an external 50 2 controlled impedance line, and a 50 driving source impedance (S11 < - 30 dB).
8
TS83102G0B
2101D-BDC-06/04
TS83102G0B
AC Performance at Cold Temperature (TC Min)
Parameter Test Level Symbol Min Typ Max Unit
AC Performance Condition -1 dBFS single-ended input mode; 50% clock duty cycle; 0 dBm differential clock (CLK, CLKB); binary output data format Signal-to-noise and distortion ratio Fs = 1 Gsps Fin = 100 MHz Fs = 1.4 Gsps Fin = 700 MHz Fs = 1.4 Gsps Fin = 1950 MHz Fs = 2 Gsps Fin = 2 GHz Effective number of bits Fs = 1 Gsps Fin = 100 MHz Fs = 1.4 Gsps Fin = 700 MHz Fs = 1.4 Gsps Fin = 1950 MHz Fs = 2 Gsps Fin = 2 GHz Signal to noise ratio Fs = 1 Gsps Fin = 100 MHz Fs = 1.4 Gsps Fin = 700 MHz Fs = 1.4 Gsps Fin = 1950 MHz Fs = 2 Gsps Fin = 2 GHz Total harmonic distortion Fs = 1 Gsps Fin = 100 MHz Fs = 1.4 Gsps Fin = 700 MHz Fs = 1.4 Gsps Fin = 1950 MHz Fs = 2 Gsps Fin = 2 GHz Spurious free dynamic range Fs = 1 Gsps Fin = 100 MHz Fs = 1.4 Gsps Fin = 700 MHz Fs = 1.4 Gsps Fin = 1950 MHz Fs = 2 Gsps Fin = 2 GHz 41 40 39 38 6.5 6.3 6.2 6.0 45 44 45 43 42 41 40 39 44 43 41 41 43 42 40 39 6.8 6.7 6.4 6.2 46 46 46 44 44 43 42 41 46 45 43 43
4
SINAD
dB
4
ENOB
Bit
4
SNR
dB
4
ITHDI
dB
4
ISFDRI
dBC
9
2101D-BDC-06/04
Transient and Switching Performances
Parameter Transient Performance Bit error rate (1) ADC setting time (VIN - VINB = 400 mVpp) Overvoltage recovery time ADC step response rise/fall time (10 - 90%) Overshoot Ringback Switching Performance and Characteristics Maximum clock frequency (2) Minimum clock frequency (2) Minimum clock pulse width (high) Minimum clock pulse width (low) Aperture delay
(2)
Test Level
Symbol
Min
Typ
Max
Unit
4 4 4
BER TS ORT
10
-12
Error/ sample ns 500 ps ps % %
1
80 4 2
100
FSMax 4 4 4 4 4
(3) (3)
2 150 0.2 0.2 0.25 0.25 160 150 150 150 360 410 0 250 150 50 300 200 4.0 1000
2.2 200 2.5 2.5
Gsps Msps ns ns ps
FSMin TC1 TC2 TA Jitter TR/TF TR/TF TOD TDR ITOD minus TDRI TD1 TD2 TPD TRDR
Aperture uncertainty (2) Output rise/fall time for DATA (20 - 80%)
200 200 200
fs rms ps ps ps ps
4 4 4 4
Output rise/fall time for DATA READY (20 - 80%) Data output delay
(4)
Data ready output delay (4) 4 Output data to data ready propagation delay (5) Data ready to output data propagation delay Output data pipeline delay Data ready reset delay Notes:
(5)
100 350 250
ps ps ps Clock cycles ps
4 4 4 4
1. Output error amplitude < 6 LSB, Fs = 2 Gsps, TJ = 110C 2. See "Definition of Terms" on page 35. 3. 50 // CLOAD = 2 pF termination (for each single-ended output). Termination load parasitic capacitance derating value: 50 ps/pF (ECL). See "Timing Information" on page 37. 4. TOD and TDR propagation times are defined at package input/outputs. They are given for reference only. See "Propagation Time Considerations" on page 37. 5. Values for TD1 and TD2 are given for a 2 Gsps external clock frequency (50% duty cycle). For different sampling rates, apply the following formula: TD1 = T/2 + (|TOD - TDR|) and TD2 = T/2 + (|TOD - TDR|), where T = clock period. This places the rising edge (True/False) of the differential data ready signal in the middle of the output data valid window. This gives maximum setup and hold times for external data acquisition.
10
TS83102G0B
2101D-BDC-06/04
TS83102G0B
Table 1. Explanation of Test Levels
Level 1 2 3 4 5 6 Notes: Explanation 100% production tested at 25C (1) (for "C" temperature range) (2) 100% production tested at 25C (1) and sample tested at specified temperatures (for "V" temperature ranges (2)) Sample tested only at specified temperatures Parameter is guaranteed by design and characterization testing (thermal steady-state conditions at specified temperature) Parameter is a typical value guaranteed by design only 100% production tested over specified temperature range (for "B/Q" temperature range (2)) 1. Unless otherwise specified 2. Refer to "Ordering Information" on page 55.
Only minimum and maximum values are guaranteed (typical values are issued from characterization results).
11
2101D-BDC-06/04
Figure 2. Timing Diagram
N Analog input External clock Internal clock Latch 1 Latch 2 Regeneration Latches Latch 3 Latch 4 Latch 5 N N N N N N N+1 N+1 N+1 N+1 N+1 N+2 N+2 N+2 N+2 N+2 Logic encoding N+1 N+2 Gray to Binary decoding Output Latches Latch 7 Latch 8 N N TDR Data ready Pipeline Delay = 4 clock cycles Outputs TOD TD1 TD2 N+1 N+1 N+2 N+2 TA N+1
Latch 6
Note:
Detailed timing diagrams are provided on page 39.
12
TS83102G0B
2101D-BDC-06/04
TS83102G0B
Table 2. Digital Coding
Differential Analog Input > 250.25 mV 250.25 mV 249.75 mV 125.25 mV 124.75 mV 0.25 mV -0.25 mV -124.75 mV -124.25 mV -249.75 mV -250.25 mV < -250.25 mV Digital Output Voltage Level >Top end of full-scale + 1/2 LSB Top end of full-scale + 1/2 LSB Top end of full-scale - 1/2 LSB 3/4 full-scale + 1/2 LSB 3/4 full-scale - 1/2 LSB Mid-scale + 1/2 LSB Mid-scale - 1/2 LSB 1/4 full-scale + 1/2 LSB 1/4 full-scale - 1/2 LSB Bottom end of full-scale + 1/2 LSB Bottom end of full-scale - 1/2 LSB < Bottom end of full-scale - 1/2 LSB Binary (B/GB = GND or floating) MSB.............LSB Out-of-Range 1111111111 1111111111 1111111110 1100000000 1011111111 1000000000 0111111111 0100000000 0011111111 0000000001 0000000000 0000000000 1 0 0 0 0 0 0 0 0 0 0 1 GRAY (B/GB = VEE) MSB.............LSB Out-of-Range 1000000000 1000000000 1000000001 1010000000 1110000000 1100000000 0100000000 0110000000 0010000000 0000000001 0000000000 0000000000 1 0 0 0 0 0 0 0 0 0 0 1
Table 3. Die Mechanical Information
Description Die size Pad size - single pad - double pad Die thickness Back side metallization Metallization - number of layers - material Pad metallization Passivation Back side potential Data 3740 m x 3820 m (15 m) 90 m x 90 m 180 m x 90 m 380 m 25 m None 3 AlCu AlCu Oxyde nitride -5V
13
2101D-BDC-06/04
TS83102G0B Package Description
Table 4. Pin Description (CBGA 152)
Symbol Power Supplies VCC, VCCTH K1, K2, J3, K3, B6, C6, A7, B7, C7, P8, Q8, R8 B1, C1, D1, G1, M1, Q1, B2, C2, D2, E2, F2, G2, N2, P2, Q2, A3, B3, D3, E3, F3, G3, N3, P4, Q4, R4, A5, P5, Q5, P6, Q6, P7, Q7, R7, B9, B10, B11, R11, P12, A14, B14, C14, G14, K14, P14, Q14, R14, B15, Q15, B16, Q16 H1, J1, L1, H2, J2, L2, M2, C3, H3, L3, M3, P3, Q3, R3, A4, B4, C4, B5, C5, A8, B8, C8, C9, P9, Q9, C10, Q10, R10 P10, C11, P11, Q11, A12, B12, C12, Q12, R12, D14, E14, F14, L14, M14, N14 A13, B13, C13, P13, Q13, R13, H14, J14 5V analog supply (connected to same power supply plane) Pin Number Function
GND
Analog ground
VEE, VEETH
-5V analog supply (connected to same power supply plane) Digital positive supply -5V digital supply
VPLUSD DVEE Analog Inputs VIN VINB Clock Inputs CLK CLKB Digital Outputs D0, D1, D2, D3, D4, D5, D6, D7, D8, D9 D0B, D1B, D2B, D3B, D4B, D5B, D6B, D7B, D8B, D9B OR ORB DR DRB Additional Functions
R5 R6
In-phase (+) analog input signal of the differential Sample & Hold preamplifier Inverted phase (-) analog input signal of the differential Sample & Hold preamplifier
E1 F1
In-phase (+) clock input Inverted phase (-) clock input
D16, E16, F16, G16, J16, K16, L16, M16, N16, P16 D15, E15, F15, G15, J15, K15, L15, M15, N15, P15 C16 C15 H16 H15
In-phase (+) digital outputs D0 is the LSB, D7 is the MSB Inverted phase (-) digital outputs In-phase (+) out-of-range output Inverted phase (-) out-of-range output In-phase (+) data ready signal output Inverted phase (-) data ready signal output
B/GB
A11
Binary or gray select output format control - Binary output format if B/GB is floating or connected to GND - Gray output format if B/GB is connected to VEE
14
TS83102G0B
2101D-BDC-06/04
TS83102G0B
Table 4. Pin Description (CBGA 152) (Continued)
Symbol Pin Number Function Decimation function enable or die junction temperature measurement: - Decimation active when connected to VEE (die junction temperature monitoring is not possible) - Normal mode when connected to Ground or left floating - Die junction temperature monitoring when current is applied Active low pattern generator enable - Digitized input delivered at outputs according to B/GB if PGEB is floating or connected to GND - Checker board pattern delivered at outputs if PGEB is connected to VEE Asynchronous data ready reset function (active at ECL low level) or when connected to VEE Gain adjust Sampling delay adjust Sampling delay adjust enable - Inactive if floating or connected to GND - Active if connected to VEE
DECB/DIODE
A10
PGEB
A9
DRRB GA SDA SDAEN
N1 R9 A6 P1
15
2101D-BDC-06/04
Figure 3. Pinout
OR ORB
DIODE DECB/ PGEB
TS83102G0BM CI-CGA 152 BOTTOM VIEW
Notes:
1. To simplify PCB routing, the 4 NC balls can be electrically connected to the GND balls. 2. The pinout is shown from the bottom. The columns and rows are defined differently from the JEDEC standard.
16
TS83102G0B
2101D-BDC-06/04
TS83102G0B
Thermal and Moisture Characteristics
Dissipation by Conduction and Convection
The thermal resistance from junction to ambient RTHJA is around 30 C/W. Therefore, to lower RTHJA, it is mandatory to use an external heat sink to improve dissipation by convection and conduction. The heat sink should be fixed in contact with the top side of the package (CuW heat spreader over Al2O3) which is at -5V. The heat sink needs to be electrically isolated, using adequate low RTH electrical isolation. Example: The thermal resistance from case to ambient RTHCA is typically 4.0 C/W (0 m/s air flow or still air) with the heat sink depicted in Figure 4 on page 18, of dimensions 50 mm x 50 mm x 22 mm (respectively L x l x H). The global junction to ambient thermal resistance RTHJA is: 4.35 C/W RTHJC + 2.0 C/W thermal grease resistance + 4.0 C/W RTHCA (case to ambient) = 10.35 C/W total (RTHJA). Assuming: A typical thermal resistance from the junction to the bottom of the case RTH JC of 4.35 C/W (finite element method thermal simulation results): this value does not include the thermal contact resistance between the package and the external heat sink (glue, paste, or thermal foil interface, for example). As an example, use a 2.0 C/W value for a 50 m thickness of thermal grease.
Note: Example of the calculation of the ambient temperature TA max to ensure TJ max = 110 C: assuming RTHJA = 10.35 C/W and power dissipation = 4.6 W, TA max = TJ - (RTHJA x 4.6 W) = 110 - (10.35 x 4.6) = 62.39 C. TA max can be increased by lowering RTHJA with an adequate air flow ( 2 m/s, for example).
17
2101D-BDC-06/04
Figure 4. Black Anodized Aluminium Heat Sink Glued on a Copper Base Screwed on Board (all dimensions in mm)
52 50
15 20 22 Circular Base (diam. 8.5 mm) 9 CuW Heat Spreader Tied to VEE = -5 V 0.5 7.4 8.5 40
Black Anodized Aluminium
Copper Base with Standoffs
AI203
Board
Holes for Screw (diam. 2 mm)
Note:
The cooling system efficiency can be monitored using the temperature sensing diodes, integrated in the device. Refer to "DECB/DIODE: Junction Temperature Monitoring and Output Decimation Enable" on page 45.
Thermal Dissipation by Conduction Only
When the external heat sink cannot be used, the relevant thermal resistance is the thermal resistance from the junction to the bottom of the balls: RTH J-Bottom-of-balls. The thermal path, in this case, is the junction, then the silicon, glue, CuW heat spreader, package Al2O3, and the balls (Sn63Pb37). The Finite Element Method (FEM) with the thermal simulator leads to RTHJ-bottom of balls = 12.3C/W. This value assumes pure conduction from the junction to the bottom of the balls (this is the worst case, no radiation and no convection is applied). With such an assumption, RTHJ- Bottom-of-balls is user-independent. To complete the thermal analysis, you must add the thermal resistance from the top of the board (on which the device is soldered) to the ambient resistance, whose values are userdependent (the type of board, thermal, routing, area covered by copper in each board layer, thickness, airflow or cold plate are all parameters to consider).
18
TS83102G0B
2101D-BDC-06/04
TS83102G0B
Typical Characterization Results
Nominal Conditions
VCC = 5V; 50% clock duty cycle; binary output data format; TJ = 80C; -1 dBFS, unless otherwise specified. Typical Full Power Input Bandwidth Vin = -1 dBFS Gain flatness at 0.15 dB from DC to 1.5 GHz Full power input bandwidth at -3 dB > 3.3 GHz Figure 5. Full Power Input Bandwidth at -3 dB
0.0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0 -3.5 -4.0 -4.5 -5.0 -5.5 -6.0
Gain Flatness (0.15 dB) -3 dB Bandwidth
dBFS
Typical VSWR Versus Input Frequency
Figure 6. VSWR Curve for VIN and CLK
1.7 1.6 1.5 1.4 VIN 1.3 CLK 1.2 1.1 1.0 0 500 1000 1500 2000 2500 3000 3500
VSWR
10 0 30 0 50 0 70 0 90 0 11 00 13 00 15 00 17 00 19 00 21 00 23 00 25 00 27 00 29 00 31 00 33 00 35 00
Fin (MHz) Frequency (MHz)
19
2101D-BDC-06/04
Typical Step Response
Tr measured = 90 ps = sqrt (TrPulseGenerator2+TrADC2) TrPulseGenerator = 41 ps (estimated) Actual TrADC = 80 ps Figure 7. Step Response (Random Interleaved Sampling Method Measure)
1000
800
600 LSB 400 200 0 4.00E-15
2.00E-10
4.00E-10
6.00E-10 Time (s)
8.00E-10
1.00E-09
1.20E-09
Figure 8. Zoom on Rise Time Step Response
800 +90% 700
600
TrADC = 80 ps
LSB
500
400 +10% 300
200 4.00E-10
5.00E-10
6.00E-10
7.00E-10 Time (s)
8.00E-10
9.00E-10
1.00E-09
Note:
Overshoot and ringback are not measurable (estimated by simulation at 4% and 2% respectively).
20
TS83102G0B
2101D-BDC-06/04
TS83102G0B
Typical Dynamic Performances Versus Sampling Frequency Figure 9. ENOB Versus Sampling Frequency in Nyquist Conditions (Fin = Fs/2)
ENOB (Bits) 9 8 7 6 5 4 3 2 1 0 400
600
800
1000
1200 Fs (Msps)
1400
1600
1800
2000
Figure 10. SFDR Versus Sampling Frequency in Nyquist Conditions (Fin = Fs/2)
SFDR (dBc)
-20 -25 -30 -35 -40 -45 -50 -55 -60 -65 -70 400
600
800
1000
1200 Fs (Msps)
1400
1600
1800
2000
Figure 11. THD Versus Sampling Frequency in Nyquist Conditions (Fin = Fs/2)
THD (dB)
-20 -25 -30 -35 -40 -45 -50 -55 -60 -65 -70 400
600
800
1000
1200 Fs (Msps)
1400
1600
1800
2000
Figure 12. SNR Versus Sampling Frequency in Nyquist Conditions (Fin = Fs/2)
SNR (dB)
60 55 50 45 40 35 30 25 20 400
600
800
1000
1200 Fs (Msps)
1400
1600
1800
2000
21
2101D-BDC-06/04
Typical Dynamic Performances Versus Fin
Figure 13. ENOB Versus Input Frequency at Fs = 1.4 Gsps and Fs = 1.7 Gsps
ENOB (Bits)
9 8 7 Fs = 1.7 Gsps 6 5 4 3 2 0 200 400 600 800 1000 1200 1400 1600 1800 2000 Fs = 1.4 Gsps
Fin (MHz)
Figure 14. THD Versus Input Frequency at Fs = 1.4 Gsps and Fs = 1.7 Gsps
THD (dB)
-40 -45 -50 -55 -60 -65 -70 0 200 400 600 800 1000 1200 1400 1600 1800 2000
Fs = 1.7 Gsps
Fs = 1.4 Gsps
Fin (MHz)
Figure 15. SFDR Versus Input Frequency at Fs = 1.4 Gsps and Fs = 1.7 Gsps
SFDR (dBc)
-20 -25 -30 -35 -40 -45 -50 -55 -60 -65 -70 -75 -80 0 200 400 600 800 1000 1200 1400 1600 1800 2000 Fs = 1.4 Gsps Fs = 1.7 Gsps
Fin (MHz)
Figure 16. SNR Versus Input Frequency at Fs = 1.4 Gsps and Fs = 1.7 Gsps
SNR (dB)
60 55 Fs = 1.4 Gsps 50 45 Fs = 1.7 Gsps 40 35 30 0 200 400 600 800 1000 1200 1400 1600 1800 2000
Fin (MHz)
22
TS83102G0B
2101D-BDC-06/04
TS83102G0B
Typical Reconstructed Signals and Signal Spectrum The ADC input signal is sampled at a full sampling rate, but the output data is 8 or 16 times decimated so as to relax the acquisition system data rate. As a consequence, the calculation software sees an effective frequency divided by 8 or 16, compared to the ADC clock frequency used (Fs). The spectrum is thus displayed from DC to Fs/2 divided by the decimation factor. Decimation only folds all spectral components between DC and Fs/2 divided by the decimation factor but does not change their amplitude. This does not have any impact on the FFT spectral characteristics because of the ergodicity of the samples (time average = statistic average). The input frequency is chosen to respect the coherence of the acquisition. Figure 17. Fs = 1.4 Gsps and Fin = 702 MHz, -1 dBFS; Decimation Factor = 16, 32 kpoints FFT
Figure 18. Fs = 1.4 Gsps and Fin = 1399 MHz, -1 dBFS; Decimation Factor = 16, 32 kpoints FFT
23
2101D-BDC-06/04
Figure 19. Fs = 1.7 Gsps and Fin = 898 MHz, -1 dBFS; Decimation Factor = 16, 32 kpoints FFT
Figure 20. Fs = 1.7 Gsps and Fin = 1699 MHz, -1 dBFS; Decimation Factor = 8, 32 kpoints FFT
Figure 21. Fs = 2 Gsps and Fin = 1998 MHz, -1 dBFS; Decimation Factor = 8, 32 kpoints FFT
24
TS83102G0B
2101D-BDC-06/04
TS83102G0B
SFDR Performance with/without External Dither Figure 22. SFDR (in dBC) With and Without Dither (-23 dBm DC to 5 MHz Out of Band Dither) Fs = 1.4 Gsps and Fin = 710 MHz
An increase in SFDR up to >10 dB with an addition of -23 dBrms DC to 5 MHz out-of-band dither is noted. The dither profile has to be defined according to the ADC's INL pattern as well as the trade-off to be reached between the increase in SFDR and the loss in SNR. Please refer to the Application Note on dither for more information on adding dither to an ADC.
Typical Dual Tone Dynamic Performance
Figure 23. Dual Tone Reconstructed Signal Spectrum at Fs = 1.2 Gsps, Fin1 = 995 MHz, Fin2 = 1005 MHz (-7 dBFS), IMD3 = 64 dBFS
0 F2 = Fs - Fin2 = 195 MHz -7 dBFS IMD3 -40 F1 - F2 10 MHz -75 dBFS 2F2 - F1 185 MHz -64 dBFS 2F1 - F2 215 MHz -65 dBFS F1 + F2 400 MHz -73 dBFS 2F2 + F1 595 MHz -63 dBFS F1 = Fs - Fin1 =205 MHz -7 dBFS
-20
dBFS
-60
-80
-100
-120 0 50 100 150 200 250 300 Fs (MHz) 350 400 450 500 550 600 Fs/2
Note:
The output data is not decimated. The spectrum is displayed from DC to 600 MHz.
25
2101D-BDC-06/04
Figure 24. Dual Tone Reconstructed Signal Spectrum at Fs = 1.4 Gsps, Fin1 = 745 MHz, Fin2 = 755 MHz (-7 dBFS), IMD3 = 65 dBFS
0 -10 -20 -30 -40 dBFS -50 -60 -70 -80 -90 -100 -110 -120 0 5 10 15 20 25 30 35 40 45 MHz 50 55 60 65 70 75 80 85 87.5 = Fs/16 F1 - F2 = 10 MHz -78 dBFS 2F2 + F1 = 20 MHz -72 dBFS 2F1 - F2 = 35 MHz -68 dBFS IMD3 2F2 - F1 = 65 MHz F1 + F2 = 75 MHz -65 dBFS -68 dBFS F1 = -4 x (Fs/8) + Fin1 = 45 MHz -7 dBFS F2 = - 4 x (Fs/8) + Fin2 = 55 MHz -7 dBFS
Note:
The ADC input signal is sampled at 1.4 Gsps but the data acquisition is 8 times decimated. Thus, the spectrum is displayed from DC to Fs/2 divided by the decimation factor [(Fs/2)/8 = 87.5 MHz].
Figure 25. Dual Tone Reconstructed Signal Spectrum at Fs = 1.4 Gsps, Fin1 = 995 MHz, Fin2 = 1005 MHz (-7 dBFS), IMD3 = 64 dBFS
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 87.5 = Fs/16
2F2 + F1 = 20 MHz -70 dBFS IMD3 F1 - F2 = 10 MHz -70 dBFS 2F2 - F1 = 35 MHz -64 dBFS 2F1 - F2 = 65 MHz -65 dB F1 + F2 = 75 MHz -62 dBFS F2 = 6 x (Fs/8) - Fin2 = 45 MHz -7 dBFS F1 = 6 x (Fs/8) - Fin1 = 55 MHz -7 dBFS
dBFS
Fs/8 (MHz)
Note:
The ADC input signal is sampled at 1.4 Gsps but the data acquisition is 8 times decimated. Thus, the spectrum is displayed from DC to Fs/2 divided by the decimation factor [(Fs/2)/8 = 87.5 MHz].
26
TS83102G0B
2101D-BDC-06/04
TS83102G0B
Figure 26. Dual Tone Reconstructed Signal Spectrum at Fs = 1.4 Gsps, Fin1 = 1244 MHz, Fin2 = 1255 MHz (-7 dBFS), IMD3 = 65 dBFS
10 0 -10 -20 -30
2F1 - F2 = 8 MHz -68 dBFS F1 = -7 x (FS/8) + Fin = 19 MHz -7dBFS
IMD3
F2 = - 7 x (FS/8) + Fin2 = 30 MHz -7dBFS 2F2 + F1 = 79 MHz -60 dBFS 2F2 - F1 = 41 MHz -65 dBFS F1 + F2 = 49 MHz -68 dBFS 2F1 + F2 = 68 MHz -62 dBFS
dBFS
-40 -50 -60 -70 -80 -90
F1 - F2 = 11 MHz -66 dBFS
-100 -110 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 87.5 = Fs/16
MHz
Note:
The ADC input signal is sampled at 1.4 Gsps but data acquisition is 8 times decimated. Thus, the spectrum is displayed from DC to Fs/2 divided by the decimation factor [(Fs/2)/8 = 87.5 MHz]. The dual tone IMD3 at 1.4 Gsps is around -65 dBFS for Fin = 1 GHz 250 MHz (Fin range is from 750 MHz to 1250 MHz).
27
2101D-BDC-06/04
Typical Performance Sensitivity Versus Power Supply and Temperature
Figure 27. ENOB Versus Junction Temperature (Fs = 1.4 Gsps, Fin = 698 MHz, -1 dBFS)
8 7.5 7 6.5 6 Bits 5.5 5 4.5 4 3.5 3 10 20 30 40 50 60 Tj (C) 70 80 90 100 110
Figure 28. SFDR Versus Junction Temperature (Fs = 1.4 Gsps, Fin = 698 MHz, -1 dBFS)
0 -10 -20 -30
dBc
-40 -50 -60 -70 10 20 30 40 50 60 Tj (C) 70 80 90 100 110
Figure 29. SNR Versus Junction Temperature (Fs = 1.4 Gsps, Fin = 698 MHz, -1 dBFS)
60 55 50 dB 45 40 35 30 10 20 30 40 50 60 Tj (C) 70 80 90 100 110
28
TS83102G0B
2101D-BDC-06/04
TS83102G0B
Figure 30. ENOB Versus VCC and VEE; Fs = 1.4 Gsps Versus Fin (VCC = IVEEI = 4.75V, 5V and 5.25V)
8.00
7.50 ENOB (Bits)
7.00
6.50
6.00
Fin (MHz) 5 V 5.25 V 4.75 V
Figure 31. SFDR Versus VCC and VEE; Fs = 1.4 Gsps Versus Fin (VCC = IVEEI = 4.75V, 5V and 5.25V)
-40.00 -45.00 SFDR (dBc) -50.00 -55.00 -60.00 -65.00 -70.00 Fin (MHz) 5 V 5.25 V 4.75 V
Figure 32. SNR Versus VCC and VEE; Fs = 1.4 Gsps Versus Fin (VCC = |VEE| = 4.75V, 5V and 5.25V)
SNR (dB)
Fin (MHz) 5 V 5.25 V 4.75 V
29
2101D-BDC-06/04
Considerations on ENOB: Linearity and Noise Contribution
Figure 33. Example of a 16-kpoint FFT Computation at Fs = 1.4 Gsps, Fin = 702 MHz, -1dBFS, TJ = 80C; Bin Spacing = (Fs/2) / 16384 = 2.67 kHz
Fin = -8 x (fs/16) + 702 MHz = 2 MHz
SFDR = -63 dBc
1 2 3 4
This is a 16384 points FFT. It is 16 times decimated since a DEMUX 1:8 is used to relax the acquisition system data rate, and data is captured on the rising edge of the data ready signal. The spectrum is computed over the first Nyquist zone from DC to Fs/2 divided by the decimation factor, which equals Fs/32 = 43.75 MHz.
Legend: 1. Ideal 10-bit quantization noise spectral density, peak value = -84 dB 2. Average SNR noise floor: 47 dB + 10 log (NFFTpoint/2) = 86 dB including thermal noise 3. Average SNR noise floor: 57 dB + 10 log (NFFTpoint/2) = 96 dB without thermal noise 4. Ideal 10-bit averaged SNR noise floor 6.02 x (N = 10) + 1.76 + 10 log (NFFTpoint/2) = 101 dB
Note: The thermal noise floor is expressed in dBm/Hz (at T = 300 K, B = 1 Hz): 10 log (kTB/1 mW) = -174 dBm/Hz or -139.75 dBm/2.67 kHz. THD is calculated over the 25 first harmonics.
With ADC input referred thermal noise: * * * * * ENOB = 7.6 bits SINAD = 47 dB THD = -55.7 dB (over 25 harmonics) SFDR = -62.6 dBc SNR = 47.3 dB
30
TS83102G0B
2101D-BDC-06/04
TS83102G0B
Without ADC input referred thermal noise: * * * * * ENOB = 9.2 bits SINAD = 57 dB THD = -55.7 dB (over 25 harmonics) SFDR = -62.6 dBc SNR = 57.3 dB
Conclusion: Though the ENOB is 7.6 bits (in this example at 1.4 Gsps Nyquist conditions), the ADC features a 10-bit linearity regarding the 60 dB typical SFDR performance. However, it has to be pointed out that the ENOB is actually limited by the ADC's input referred thermal noise, which dominates the rms quantization noise. For certain applications (using a spread spectrum) the signal may be recovered below the thermal noise floor (by cross correlation since it is white noise). Therefore, the thermal noise can be extracted from the ENOB: the ENOB without a referred input thermal noise is 9.2 instead of 7.6 in this example, only limited by the quantization noise and clock induced jitter.
31
2101D-BDC-06/04
Equivalent Input/Output Schematics
Figure 34. Equivalent Analog Input Circuit and ESD Protections
VEE = -5V 50 Controlled Transmission Line (Bonding + Package + Ball) ESD 120 fF 1 mA
2% 50
VIN
Double Pad 260 fF
Die Pads GND
2%
50
1 mA VINB Double Pad 50 Controlled 260 fF Transmission Line (Bonding + Package + Ball) VEE = -5V
ESD 120 fF
Note:
100 termination midpoint is located inside the package cavity and is DC coupled to ground.
Figure 35. Equivalent Clock Input Circuit and ESD Protections
150 CLK Double Pad 260 fF VEE = -5V 40 pF MID Double Pad 260 fF VEE = -5V CLKB Double Pad 260 fF VEE = -5V ESD 120 fF 150 ESD 215 fF 50 400 A ESD 120 fF
50
VEE = 5V 2101D-BDC-06/04
VEE = -5V
1.5V
Package Pins
Terminati n o Resistors Soldered into the Package Cavity
400 A
Note:
100 termination midpoint is on-chip and AC coupled to ground through a 40 pF capacitor.
32
TS83102G0B
TS83102G0B
Figure 36. Equivalent Data Output Buffer Circuit and ESD Protections
VPLUSD ESD 100 fF OUT Pad 130 fF ESD 60 fF + ESD 60 fF 10.5 mA VPLUSD VPLUSD ESD 100 fF OUTB
50
50
Pad 130 fF
DVEE = -5V
Figure 37. ADC Gain Adjust Equivalent Input Circuits and Protections
VCC = 5V
ESD 65 fF
1 k
0.9V
0V
GA PAD 130 fF ESD 75 fF 20 10 pF VEE = -5V GND
100 A
100 A
VEE = -5V
33
2101D-BDC-06/04
Figure 38. B/GB and PGEB Equivalent Input Schematics and ESD Protections
GND GND ESD 65 fF 5 k B/GB PAD 130 fF ESD 75 fF 250 VEE = -5V -1.3V 250 A 1 k 2 k GND
VEE = -5V
Figure 39. DRRB Equivalent Input Schematics and ESD Protections
GND ESD 65 fF GND GND
10 k
DRRB 200 PAD 130 fF ESD 75 fF
-2.6V
-1.3V
VEE = -5V 200 VEE = -5V 200 A
34
TS83102G0B
2101D-BDC-06/04
TS83102G0B
Definition of Terms
Table 5. Definitions of Terms
Term BER Bit Error Rate Full-power Input Bandwidth Differential Gain Description Probability to exceed a specified error threshold for a sample. An error code is a code that differs by more than 4 LSB from the correct code The analog input frequency at which the fundamental component in the digitally reconstructed output has fallen by 3 dB with respect to its low frequency value (determined by FFT analysis) for input at full-scale The peak gain variation (in percent) at five different DC levels for an AC signal of 20% fullscale peak to peak amplitude. FIN = 5 MHz (TBC) The differential non-linearity for an output code (i) is the difference between the measured step size of code (i) and the ideal LSB step size. DNL (i) is expressed in LSBs. DNL is the maximum value of all DNL (i). DNL error specification of less than 1 LSB guarantees that there are no missing output codes and that the transfer function is monotonic The peak phase variation (in degrees) at five different DC levels for an AC signal of 20% fullscale peak to peak amplitude. FIN = 5 MHz (TBC) Sampling frequency for which ENOB < 6 bits Sampling frequency for which the ADC gain has fallen by 0.5 dB with respect to the gain reference value. Performances are not guaranteed below this frequency Analog input frequency at which the fundamental component in the digitally reconstructed output waveform has fallen by 3 dB with respect to its low frequency value (determined by FFT analysis) for input at full-scale -1 dB (-1 dBFS) A SINAD - 1.76 + 20 log ---------------Fs 2 ENOB = -------------------------------------------------------------------------6.02 Where A is the actual input amplitude and V is the full-scale range of the ADC under test
BW
DG
DNL
Differential Nonlinearity
DP FS MAX FS MIN
Differential Phase Maximum Sampling Frequency Minimum Sampling Frequency Full Power Input Bandwidth Effective Number of Bits Inter Modulation Distortion Integral Non-linearity
FPBW
ENOB
IMD3
The two tones third order intermodulation distortion (IMD3) rejection is the ratio of either input tone to the worst third order intermodulation products The integral non-linearity for an output code (i) is the difference between the measured input voltage at which the transition occurs and the ideal value of this transition. INL (i) is expressed in LSBs, and is the maximum value of all INL (i) The sample to sample variation in aperture delay. The voltage error due to jitter depends on the slew rate of the signal at the sampling point The NPR is measured to characterize the ADC's performance in response to broad bandwidth signals. When using a notch-filtered broadband white-noise generator as the input to the ADC under test, the Noise-to-Power Ratio is defined as the ratio of the average out-of-notch to the average in-notch power spectral density magnitudes for the FFT spectrum of the ADC output sample test When the input signal is larger than the upper bound of the ADC input range, the output code is identical to the maximum code and the out-of-range bit is set to logic one. When the input signal is smaller than the lower bound of the ADC input range, the output code is identical to the minimum code, and the out-of-range bit is set to logic one (it is assumed that the input signal amplitude remains within the absolute maximum ratings) Time to recover 0.2% accuracy at the output, after a 150% full-scale step applied on the input is reduced to midscale
INL
JITTER
Aperture Uncertainty
NPR
Noise Power Ratio
NRZ
Non Return to Zero
ORT
Overvoltage Recovery Time
35
2101D-BDC-06/04
Table 5. Definitions of Terms (Continued)
PSRR Power Supply Rejection Ratio PSRR is the ratio of input offset variation to a change in power supply voltage The ratio expressed in dB of the RMS signal amplitude, set at 1 dB below full-scale, to the RMS value of the next highest spectral component (peak spurious spectral component). SFDR is the key parameter for selecting a converter to be used in a frequency domain application (radar systems, digital receiver, network analyzer...). It may be reported in dBc (i.e., degrades as signal level is lowered), or in dBFS (i.e. always related back to converter full-scale) The ratio expressed in dB of the RMS signal amplitude, set to 1 dB below full-scale, to the RMS sum of all other spectral components, including the harmonics except DC The ratio expressed in dB of the RMS signal amplitude, set to 1 dB below full-scale, to the RMS sum of all other spectral components excluding the first five harmonics Analog input frequency at which the fundamental component in the digitally reconstructed output waveform has fallen by 3 dB with respect to its low frequency value (determined by FFT analysis) for input at full-scale -10 dB (-10 dBFS) The delay between the rising edge of the differential clock inputs (CLK,CLKB) (zero crossing point), and the time at which (VIN, VINB) is sampled TC1 = minimum clock pulse width (high) TC = TC1 + TC2 TC2 = minimum clock pulse width (low) General expression is TD1 = TC1 + TDR - TOD with TC = TC1 + TC2 = 1 encoding clock period General expression is TD1 = TC1 + TDR - TOD with TC = TC1 + TC2 = 1 encoding clock period Time delay for the output data signals to fall from 80% to 20% of delta between low level and high level The ratio expressed in dBc of the RMS sum of the first five harmonic components, to the RMS value of the measured fundamental spectral component The delay from the falling edge of the differential clock inputs (CLK, CLKB) (zero crossing point) to the next point of change in the differential output data (zero crossing) with a specified load The number of clock cycles between the sampling edge of an input data and the associated output data being made available (not taking in account the TOD). For the JTS8388B the TPD is 4 clock periods Time delay for the output data signals to rise from 20% to 80% of delta between the low level and high level Delay between the falling edge of the Data Ready output asynchronous Reset signal (DDRB) and the reset to digital zero transition of the Data Ready output signal (DR) Time delay to achieve 0.2% accuracy at the converter output when an 80% full-scale step function is applied to the differential analog input Where S11 is the reflection coefficient of the scattering matrix. The VSWR over frequency measures the degree of mismatching between the packaged ADC input impedance (ideally 50 or so) and the transmission line's impedance. The packaged ADC input impedance (transmission line and termination) is controlled so as to ensure VSWR < 1.2 :1 from DC up to 2.5 GHz. A VSWR of 1.2 :1 corresponds to a 0.039 dB insertion loss (20 dB return loss) - i.e. 99% power transmitted and 1% reflected VSWR = ( 1 + S 11 ) / ( 1 - S 11 )
SFDR
Spurious Free Dynamic Range
SINAD SNR
Signal to Noise and Distortion Ratio Signal to Noise Ratio Small Signal Input Bandwidth Aperture Delay Encoding Clock Period Time Delay from Data to Data Ready Time Delay from Data Ready to Data Fall Time Total Harmonic Distortion Digital Data Output Delay
SSBW
TA TC TD1 TD2 TF THD
TOD
TPD
Pipeline Delay
TR TRDR TS
Rise Time Data Ready Reset Delay Settling Time
VSWR
Voltage Standing Wave
36
TS83102G0B
2101D-BDC-06/04
TS83102G0B
TS83102G0B Operating Features
Timing Information
Timing Value for TS83102G0B The timing values are defined in the "Electrical Operating Characteristics" on page 4. The timing values are given at the package inputs/outputs, taking into account the package's transmission line, bond wire, pad and ESD protections capacitance, as well as specified termination loads. The evaluation board propagation delays in 50 controlled impedance traces are not taken into account. You should apply proper derating values corresponding to termination topology. The TOD and TDR timing values are given from the package pin to pin and do not include the additional propagation times between the device pins and input/output termination loads. For the evaluation board, the propagation time delay is 6.1 ps/mm (155 ps/inch) corresponding to a 3.4 dielectric constant (at 10 GHz) of the RO4003 used for the board. If a different dielectric layer is used (for instance Teflon), you should use appropriate propagation time values. TD1 and TD2 do not depend on propagation times because they are differential data (see "Definition of Terms" on page 35). TD1 and TD2 are also the most straightforward data to measure, because they are differential: TD can be measured directly on the termination loads, with matching oscilloscope probes.
Propagation Time Considerations
TOD-TDR Variation Over Temperature
Values for TOD and TDR track each other over the temperature (there is a 1% variation for TOD and TDR per 100 C temperature variation). Therefore the TOD and TDR variation over temperature is negligible. Moreover, the internal (on-chip) skews between each TOD and TDR data effect can be considered negligible. Consequently, the minimum values for TOD and TDR are never more than 100 ps apart. The same is true for their maximum values. However, the external TOD and TDR values can be dictated by the total digital data skews between each TOD and TDR. These digital skews can include the MCM board, bonding wires and output line length differences, as well as output termination impedance mismatches. The external (on-board) skew effect has not been taken into account for the specification of TOD and TDR minimum and maximum values.
Principle of Operation
The analog input is sampled on the rising edge of the external clock's input (CLK/CLKB) after TA (aperture delay). The digitized data is available after 4 clock periods' latency (pipeline delay [TPD]) on the clock's rising edge, after a typical propagation delay TOD. The Data Ready differential output signal frequency (DR/DRB) is half the external clock's frequency. It switches at the same rate as the digital outputs. The Data Ready output signal (DR/DRB) switches on the external clock's falling edge after a propagation delay TDR. If TOD equals TDR, the rising edge (True-False) of the differential Data Ready signal is placed in the middle of the Output Data Valid window. This gives maximum setup and hold times for external data acquisition. A Master Asynchronous Reset input command DRRB (ECL compatible single-ended input) is available for initializing the differential Data Ready output signal (DR/DRB). This feature is mandatory in certain applications using interleaved ADCs or using a single ADC with demultiplexed outputs. Without Data Ready signal initialization, it is impossible to store the output digital data in a defined order.
37
2101D-BDC-06/04
When used with Atmel's TS81102G0 1:4/8 8/10 bit DMUX, it is not necessary to initialize Data Ready, as this device can start on either clock edge.
Principle of Data Ready Signal Control by DRRB Input Command
Data Ready Output Signal Reset The Data Ready signal is reset on the DRRB input command's falling edge, on the ECL logical low level (-1.8V). DRRB may also be tied to VEE = - 5V for the Data Ready output signal master reset. As long as DRRB remains at a logical low level, (or tied to VEE = - 5V), the Data Ready output remains at a logical zero and is independent of the external free-running encoding clock. The Data Ready output signal (DR/DRB) is reset to a logical zero after TRDR. TRDR is measured between the -1.3V point of the DRRB input command's falling edge and the zero crossing point of the differential Data Ready output signal (DR/DRB).The Data Ready Reset command may be a pulse of 1 ns minimum time width. Data Ready Output Signal Restart The Data Ready output signal restarts on the DRRB command's rising edge, on the ECL logical high level (-0.8V). DRRB may also be grounded, or may float, for normal free-running of the Data Ready output signal. The Data Ready signal's restart sequence depends on the logical level of the external encoding clock, at a DRRB rising edge instant: * The DRRB's rising edge occurs when the external encoding clock input (CLK/CLKB) is LOW : the Data Ready output's first rising edge occurs after half a clock period on the clock's falling edge, and a TDR delay time of 410 ps, as defined above. The DRRB's rising edge occurs when the external encoding clock input (CLK/CLKB) is HIGH : the Data Ready output's first rising edge occurs after one clock period on the clock's falling edge, and a TDR delay time of 410 ps.
*
Consequently, as the analog input is sampled on the clock's rising edge, the first digitized data corresponding to the first acquisition (N), after a Data Ready signal restart (rising edge), is always strobed by the third rising edge of the Data Ready signal. The time delay (TD1) is specified between the last point of a change in the differential output data (zero crossing point) to the rising or falling edge of the differential Data Ready signal (DR/DRB) [zero crossing point].
Note: For normal initialization of the Data Ready output signal, the external encoding clock signal frequency and level must be controlled. The minimum encoding clock sampling rate for the ADC is 150 Msps, due to the internal Sample and Hold drop rate. Consequently the clock cannot be stopped.
38
TS83102G0B
2101D-BDC-06/04
TS83102G0B
Timing Diagram Figure 40. TS83102G0B Timing Diagram (2 Gsps Clock Rate) - Data Ready Reset Clock Held at LOW Level
TA = 160 ps VIN/VINB CLK/CLKB
TOD = 360 ps
N+2 N+1
N+3
N
TC = 500 ps
TC1 TC2
TPD = 4.0 Clock Period N-5 N-4
TDR = 410 ps
TOD = 360 ps
Digital Outputs Data Ready DR/DRB Data Ready Reset
N-3
N-2
500 ps
N-1
N
N+1
TDR = 410 ps
TD1 = TC1 + TDR - TOD = TC1 + 50 ps = 300 ps
TRDR = 1000 ps 1 ns
TD2 = TC2 + TOD - TDR = TC2 - 50 ps = 200 ps
Figure 41. TS83102G0B Timing Diagram (2 Gsps Clock Rate) - Data Ready Reset Clock Held at HIGH Level
TA = 160 ps VIN/VINB CLK/CLKB Digital Outputs
TDR = 410 ps TOD = 360 ps
N+2
N+3
N
N+1
TC = 500 ps
TC1
TC2 TOD = 360 ps
TPD = 4.0 Clock Periods N-5 N-4 N-3 N-2
500 ps
N-1
N
N+1
TDR = 410 ps
TD1 = TC1 + TDR - TOD = TC1 + 50 ps = 300 ps
Data Ready DR/DRB Data Ready Reset TRDR = 1000 ps 1 ns
TD2 = TC2 + TOD - TDR = TC2 - 50 ps = 200 ps
39
2101D-BDC-06/04
Analog Inputs (VIN/VINB)
Static Issues: Differential Versus Single-ended (Fullscale Inputs) The ADC's front-end Track and Hold differential preamplifier has been designed to be entered either in differential or single-ended mode, up to the maximum operating speed of 2.2 Gsps, without affecting dynamic performances (it does not require a single to differential balun). In a single-ended input configuration, the in-phase full-scale input amplitude is 0.5V peak-topeak, centered on 0V (or -2 dBm into 50 ). Figure 42. Typical Single-ended Analog Input Configuration (Full-scale)
mV VIN +250 +250 mV VINB = 0V
500 mV Full-scale Analog Input
-250 t
The analog full-scale input range is 0.5V peak-to-peak (Vpp), or -2 dBm into the 50 (100 differential) termination resistor. In the differential mode input configuration, this means 0.25V on each input, or 125 mV around 0V. The input common mode is ground. Figure 43. Differential Inputs Voltage Span (Full-scale)
mV +125 +250 mV -250 mV VIN VINB
500 mV Full-scale Analog Input
0V
-125 t
Dynamic Issues: Input Impedance and VSWR
The TS83102G0B analog input features a 100 (2%) differential input impedance (2 x 50 // 0.3 pF). Each analog input (VIN,VINB) is terminated by 50 single-ended (100 differential) resistors (2% matching) soldered into the package cavity. The transmission lines of the ADC package's analog inputs feature a 50 controlled impedance. Each single-ended die input pad capacitance (taking into account the ESD protection) is 0.3 pF. This leads to a global input VSWR (including ball, package and bounding) of less than 1.2 from DC up to 2.5 GHz.
40
TS83102G0B
2101D-BDC-06/04
TS83102G0B
Clock Inputs (CLK/CLKB)
The TS83102G0B clock inputs are designed for either single-ended or differential operation. The device's clock inputs are on-chip 100 (2 x 50 ) differentially terminated. The termination mid point is AC coupled to ground through a 40 pF on-chip capacitor. Therefore, either ground or different common modes can be used (ECL, LVDS).
Note: As long as VIH remains below the 1V peak, the ADC clock can be DC coupled. If VIH is higher than the 1V peak, it is necessary to AC couple the signal via 100 pF capacitors, for example, and to bias CLK and CLKB: - CLK biased to ground via a 10 k resistor - CLKB biased to ground via a 10 k resistor and to VEE via a 100 k resistor.
However, logic ECL or LVDS square wave clock generators are not recommended because of poor jitter performances. Furthermore, the propagation times of the biasing tees used to offset the common mode voltage to ECL or LVDS levels may not match. A very low-phase noise (low jitter) sinewave input signal should be used for enhanced SNR performance, when digitizing high frequency analog inputs. Typically, when using a sinewave oscillator featuring a -135 dBc/Hz phase noise, at 20 KHz from the carrier, a global jitter value (including the ADC and the generator) of less than 200 fs RMS has been measured. If the clock signal frequency is at fixed rates, it is recommended to narrow-band filter the signal to improve jitter performance.
Note: The clock input buffer's 100 termination load is on-chip and mid-point AC coupled (40 pF) to the chip's ground plane, whereas the analog input buffer's 100 termination is soldered inside the package cavity and mid-point DC coupled to the package ground plane.Therefore, driving the analog input in single-ended mode does not perturb the chip's ground plane (since the termination mid-point is connected to the package ground plane). However, driving the clock input in single-ended mode does perturb the chip's ground plane (since the termination mid-point is AC coupled to the chip's ground plane). Therefore, it is required to drive the clock input in differential mode for minimum chip ground plane perturbation (a 4 dBm maximum operation is recommended). The typical clock input power is 0 dBm. The minimum operating clock input power is -4 dBm (equivalent to a 250 mV minimum swing amplitude), to avoid SNR performance degradations linked to the clock signal's slew rate.
A single to differential balun with sqrt (2) ratio may be used (featuring a 50 input impedance with 100 differential termination). For instance: 4 dBm is equivalent to 1 Vpp into 50 and 1.4 Vpp into 100 termination (secondary). 0 dBm is equivalent to 0.632 Vpp into 50 and 0.632 x sqrt (2) = 0.894 Vpp into 100 termination (secondary), 0.226V at each clock input. The recommended clock input's common mode is ground. Differential Clock Inputs Voltage Levels (0 dBm Typical) Figure 44. Differential Clock Inputs - Ground Common Mode (Recommended)
V CLK +0.23 0V CLKB
-0.23 t
41
2101D-BDC-06/04
Equivalent Singleended Clock Input Voltage Levels (0 dBm Typical)
Figure 45. Single-ended Clock Inputs - Ground Common Mode
V +0.32 CLKB 0V CLK
-0.32 t
Noise Immunity Information
The circuit's noise immunity performance begins at the design level. Efforts have been made on the design to make the device as insensitive as possible to chip environment perturbations, which may result from the circuit itself or be induced by external circuitry (cascode stage's isolation, internal damping resistors, clamps, internal on-chip decoupling capacitors.) Furthermore, the fully differential operation from the analog input up to the digital output provides enhanced noise immunity by common mode noise rejection. The common mode noise voltage induced on the differential analog and clock inputs is cancelled out by these balanced differential amplifiers. Moreover, proper active signal shielding has been provided on the chip to reduce the amount of coupled noise on the active inputs. The analog and clock inputs of the TS83102G0B device have been surrounded by ground pins, which must be directly connected to the external ground plane.
Digital Outputs: Termination and Logic Compatibility
Each single-ended output of the TS83102G0B's differential output buffers are internally 50 terminated, and feature a 100 differential output impedance. The 50 resistors are connected to the VPLUSD digital power supply. The TS83102G0B output buffers are designed to drive 50 controlled impedance lines properly terminated by a 50 resistor. A 10.5 mA bias current flowing alternately into one of the 50 resistors when switching, ensures a 0.25V single-ended voltage drop across the resistor (0.5V differential). Each single-ended output transmission line length must be kept identical (< 3 mm). Mismatches in the differential line lengths may cause variations in the output differential common mode. It is recommended to bypass the midpoint of the differential 100 termination with a 47 pF capacitor, so as to avoid common mode perturbations in case of a slight mismatch in the differential output line lengths.
42
TS83102G0B
2101D-BDC-06/04
TS83102G0B
See the recommended termination scenarios in Figures 46. and 47. below.
Note: Since the output buffers feature a 100 differential output impedance, it is possible to directly drive high the input impedance storing registers without terminating the 50 transmission lines. Timewise, this means that the incident wave reflects at the 50 transmission line output and travels back to the 50 data output buffer. Since the buffer output impedance is 50 , no back reflection occurs and the output swing is doubled.
VPLUSD Digital Power Supply Settings
* *
For differential ECL digital output levels: VPLUSD should be supplied with -0.8V (or connected to ground via a 5 resistor to ensure the -0.8 voltage drop). For the LVDS digital output logic compatibility: VPLUSD should be tied to 1.45V (75 mV).
If used with the TS81102G0 DMUX, VPLUSD can be set to ground.
ECL Differential Output Termination Configurations
Figure 46. 50 Terminated Differential Outputs (Recommended)
VPLUSD = -0.8V
50
50
Zc = 50
OUT OUTB
VOL typ = -1.17V VOH typ = -0.94V Differential Output Swing: 0.23V = 0.46 Vpp Common Mode Level = -1.05V
Zc = 50
50
50
47 pF
10.5 mA
Figure 47. Unterminated Differential Outputs (Optional)
VPLUSD = -0.8V
50
50
Zc = 50 OUT OUTB Zc = 50
VOL typ = -1.4V VOH typ = -0.94V Differential Output Swing: 0.46V = 0.92 Vpp Common Mode Level = -1.17V
10.5 mA
43
2101D-BDC-06/04
LVDS Differential Output Loading Configurations
Figure 48. 50 Terminated Differential Outputs (Recommended)
VPLUSD = 1.45V
50
50
Zc = 50
OUT OUTB
VOL typ = 1.09V VOH typ = 1.31V Differential Output Swing: 0.23 Vp = 0.46 Vpp Common Mode Level = 1.20V
Zc = 50
50
50 47 pF
10.5 mA
Figure 49. Unterminated Differential Outputs (Optional)
VPLUSD = 1.45V
50
50
Zc=50 OUT OUTB Zc=50
VOL typ = 0.85V VOH typ = 1.31V Differential Output Swing: 0.46V = 0.92 Vpp Common Mode Level = -1.08V
10.5 mA
LVDS Logic Compatibility
Figure 50. LVDS Format (Refer to the IEEE Standards 1596.3 - 1994): 1125 mV < Common Mode <1275 mV and 250 mV < Output Swing < 400 mV
Common Mode Each Single-ended Output
Swing Max
Voh Max = 1.575V
Swing Max Swing Min
CM Max = 1275 mV CM Min = 1125 mV False-True Output Vol Min = 0.825V True-False Output
Output Swing Max = 300 mVp Output Swing Min = 200 mVp
Voh Min = 1.575V
Vol Max = 1.075V
0V
44
TS83102G0B
2101D-BDC-06/04
TS83102G0B
Main Functions of the ADC
Out-of-range Bit (OR/ORB) The out-of-range bit reaches a logical high state when the input exceeds the positive full-scale or falls below the negative full-scale. When the analog input exceeds the positive full-scale, the digital outputs remain at a logical high state with OR/ORB at a logical one. When the analog input falls below the negative full-scale, the digital outputs remain at a logical low state, with OR/ORB at a logical one again. The TS83102G0B's internal regeneration latches indecisions (for inputs very close to the latches' threshold). This may produce errors in the logic encoding circuitry, leading to large amplitude output errors. This is because the latches regenerate the internal analog residues into logical states with a finite voltage gain value (Av) within a given positive amount of time D(t): Av = exp (D (t)/t), with t being the positive regeneration time constant feedback. The TS83102G0B has been designed to reduce the probability of such errors occuring to 10-12 (measured for the converter at 2 Gsps). A standard technique for reducing the amplitude of such errors down to 1 LSB consists in setting the digital output data to gray code format. However, the TS83102G0B has been designed to feature a Bit Error Rate of 10-12 with a binary output format. Gray or Binary Output Data Format Selection To reduce the amplitude of such errors when they occur, it is possible to choose between the binary or gray output data format by storing gray output codes. Digital data format selection: * * Pattern Generator Function BINARY output format if B/GB is floating or GND. GRAY output format if B/GB is connected to VEE.
Bit Error Rate (BER)
The pattern generator function (enabled by connecting pin A9 PGEB to VEE = -5V) allows you to rapidly check the ADC's operation thanks to a checker board pattern delivered internally to the ADC. Each of the ADC's output bits should toggle from 0 to 1 successively, giving sequences such as 0101010101 and 1010101010 every 2 cycles. This function is disabled when PGEB is left floating or connected to Ground.
DECB/DIODE: Junction Temperature Monitoring and Output Decimation Enable
The DECB/DIODE pin is provided to enable the decimation function and monitor the die junction temperature. When VEE = -5V, the ADC runs in "decimation by 32" mode (1 out of 32 data is output from the ADC, thus reducing the data rate by 32). When the DECB/DIODE pin is left floating or connected to Ground, then the ADC is said to be in a "normal" mode of operation (the output data is not decimated) and can be used for die junction temperature monitoring only. If you do not intend to use the die junction temperature monitoring function, the DECB/DIODE pin (A10) has to be left either floating or connected to ground. The decimation function can be used to debug the ADC at initial stages. This function enables you to reduce the ADC output rate by 32, thus reducing the time of the ADC's debug phase at the maximum speed rate, and is compatible with industrial testing environments.
45
2101D-BDC-06/04
When this function is active, the ADC outputs only 1 out of 32 bits of data, resulting in a data rate 32 times slower than the clock rate.
Note: The ADC decimation test mode is different from the pattern generator function, which is used to check the ADC's outputs.
External Configuration Description
Because of the use of one internal diode-mounted transistor (used for junction temperature monitoring), you have to implement external head-to-tail protection diodes so as to avoid potential reverse current flows, which can damage the internal diode component. Two external configurations are possible: * * Configuration 1: allows both junction temperature monitoring and output data decimation. Configuration 2: allows junction temperature monitoring only.
Configuration 1
This external configuration allows you to apply the requested levels to activate output data decimation (VEE = -5V) and at the same time monitor the junction temperature diode (this explains why 7 protection diodes are needed in the other direction, as shown in Figure 51). Figure 51. Recommended Diode Pin Implementation Allowing for Both Die Junction Temperature Monitoring Function and Decimation Mode
IGND
1 mA
ADC Pin A10 Idiode
Vdiode
V
Gnd
VGND
Figure 52. Diode Pin Implementation for Decimation Activation
ADC Pin A10 VEE = -5 V
Gnd
46
TS83102G0B
2101D-BDC-06/04
TS83102G0B
Configuration 2:
Note: In the preliminary specification, Atmel recommends the use of 2 x 3 head-to-tail protection diodes.
Figure 53. Diode Pin Implementation of Die Junction Temperature Monitoring Function Only
IGND ADC Pin A10 1mA Idiode Vdiode V GND VGND
Junction Temperature Diode Transfer Function
The forward voltage drop (VDIODE), across the diode component, versus the junction temperature (including the chip's parasitic resistance) is given in the following graph (IDIODE = 1 mA). Figure 54. Junction Temperature Versus Diode Voltage for l = 1 mA
9 50 940 930 920 9 10 900 Diode Voltage (mV) 890 880 8 70 860 8 50 840 830 820 8 10 800 79 0 -10 0 10 20 30 40 50 60 70 80 90 10 0 110
Jonction Temperature (C)
47
2101D-BDC-06/04
ADC Gain Control
The ADC gain is adjustable by using pin R9 of the CBGA package. The gain adjust transfer function is shown below. Figure 55. Gain Adjust Transfer Function
1.30 1.20 1.10 1.00 ADC Gain 0.90
Min Typical
0.80 0.70 0.60 0.50 -0.5 -0.4 -0.3 -0.2 -0.1 0 0.1 0.2 0.3 0.4 0.5
VGA Gain Adjust Voltage (V)
Sampling Delay Adjust
The sampling delay adjust (SDA pin) enables you to fine-tune the sampling ADC aperture delay TAD around its nominal value (160 ps). This functionality is enabled with the SDAEN signal, which is active when tied to VEE and inactive when tied to GND. This feature is particularly interesting for interleaving ADCs to increase the sampling rate. The variation of the delay around its nominal value as a function of the SDA voltage is shown in Figure 56 (simulation result).
Figure 56. Typical Tuning Range (120 ps for Applied Control Voltage Varying Between -0.5V and 0.5V on the SDA Pin)
400 p
Delay in the Variable Delay Cell at 60 C
300 p
Delay(s)
200 p 100 p -500 m -400 m -300 m -200 m -100 m 0.00 100 m 200 m 300 m 400 m 500
SDA Voltage
48
TS83102G0B
2101D-BDC-06/04
TS83102G0B
TSEV83102G0B Evaluation Board
Figure 57. Schematic Board View
150.00 mm
Differential data outputs including data ready
2 x 48 pins connector 2.54 mm pitch
48
1
ADC 10 bits 2 Gsps Packaged Evaluation Board General Design Without Drivers
2 mm banana
VDD
48
GND D9 D9b GND GND D8 D8b GND GND D7 Db7 GND GND D6 D6b GND GND D5 D5b GND GND D4 D4b GND GND DR DRb GND GND D3 D3b GND GND D2 D2b GND GND D1 D1b GND GND D0 D0b GND GND PC PCb GND
GND GND GND GND GND GND GND GND GND GND GND GND GND
50 ohm termination resistor
54.00mm
48
GND VEET
66 mm +/- 5 mm
-5
m m
66
m
m
+/
72 mm
m
+/
5
m m
bo
GAIN ADC Gain Adjust
66
ut d
ep
ist e
B/GB GND I-GND I-Diode V-Diode V-GND
m
Diode
71.0 mm
Package Axe
. 5.00 mm
50 ohm microstrip lines
GND
25.00mm
TEST
VCC B/GB GND VPLUSD COMPONENT SIDE COPYRIGHT MADE IN FRANCE THOMSON/TCS 2GSPS ADC 2000-xx-A 1
SDA
VINb
Differential analog inputs
61.60 mm
GND
GND
Same length +/- 0.2mm
TEST
3.00 mm
DVEE GND VCC
VIN
50.00 mm
VIN single 42.0 mm length
3.00 mm
42.0 +/- 0.2mm Same length =
50 ohm microstrip lines
GND
34.50 mm
CIBEL 2000.xx
10.00 mm GND
GND VEE
CAL2
17.40 mm
length 50 +/- 0.2 mm
Adjust Sampling Delay
Offset Adjust
50 ohm microstrip lines
Control Line
SDA
. 5.00 mm
CAL1
17.40 mm
DRRB
CLKb
CLK
Differential clock inputs
. 37.60 mm
Board Size : 12.0 x 15.0 cm
4 holes on 44.0 mm square, diam 2.2 for heatsink mounting / centered on packaged device
. 50.80 mm . 66.30 mm 78.00 mm
Note:
For more details, refer to the TSEV83102G0BGL Evaluation Board datasheet.
120.0 mm
49
2101D-BDC-06/04
Applying the TS83102G0B with the TS81102G0 Demultiplexer
The TS83102G0B output data rate can be demultiplexed 4 or 8 times by using the TS81102G0 (8/10-bit parallel channel 2 Gsps 1:4/1:8 demultiplexer). The ADC's evaluation of static and dynamic performances can be done using the TSEV83102G0BGL ADC evaluation board, coupled with the TS81102G0 DMUX evaluation board and an acquisition system. The following block diagram shows a typical characterization set-up. Figure 58. Characterization Setup
Data Ready Data In Vin Synchronization 1 GHz ADC Clk ADC Board DEMUX Board Data Out 8 ClkIn Data Out High Speed Acquisition System
2 GHz
HF Oscillo
A separate technical specification of the TS81102G0 demultiplexer is available. Refer to this document for further information on the device.
Note: For more information, refer to the "DEMUX and ADCs Application Notes".
50
TS83102G0B
2101D-BDC-06/04
TS83102G0B
Package Description
Hermetic CBGA 152 Outline Dimensions
Figure 59. Mechanical Description Bottom View
Chamfer 0.4 (x 4)
Metalic Cap 9.27 x 9.27 mm
21.00 mm 0.20
1 A 21.00 mm 0.20
-A-
Pin A1 Index (no ball)
152 x O D = 0.80 0.10 mm 0.20 T A B (Position of array of columns/ref A and B) 0.15 T (Position of balls within array)
Ceramic body size : 21 x 21 mm Ball pitch : 1.27 mm Cofired : Al2O3 Optional: discrete capacitor mounting lands on the top side of the package for extra decoupling.
1.27 mm pitch
-B-
51
2101D-BDC-06/04
Figure 60. Isometric View
Figure 61. Package Top View
21.00 mm sq
2.50 mm
4.335 mm 9.085 mm
4.335 mm
7.20 mm sq 9.00 mm sq
10.685 mm
2.50 mm
These lands are designed for discrete capacitor device 0603 size (1.6 x 0.8 mm)
2.50 mm
9.270 mm
Marking Area 2
6.815 mm 2.50 mm
Marking Area 1
CuW 7.2 mm sq is brazed on 9.0 mm sq metallization
CuW is connected to VEE
5.605 mm
Pin A1 Index (0.50 mm Full Circle)
52
TS83102G0B
2101D-BDC-06/04
TS83102G0B
Figure 62. Package Top View with Optional Discrete Capacitors
21.00 mm sq
2.50 mm
4.335 mm 9.085 mm 10.685 mm
4.335 mm
7.20 mm sq 9.00 mm sq
2.50 mm
2.50 mm
9.270 mm
Capacitor discrete devices are 0603 size (1.6 x 0.8 mm) Thickness 0.8 mm Weight 3 - 4 mg each
Marking Area 1
2.50 mm
6.815 mm
CuW 7.2 mm sq is brazed on 9.0 mm sq metalization
CuW is connected to VEE
5.605 mm
Marking Area 2
Pin A1 Index (0.50 mm Full Circle)
Note:
For additional decoupling of power supplies, extra land capacitors can be used, as shown in Figure 62. They are not required if following the evaluation board's decoupling recommendations or if using standard power supply sources (performance results of the device have proven to be equivalent without these capacitors).
53
2101D-BDC-06/04
Figure 63. Cross Section
CBGA 152 21x21 mm Cross Section 10 bits/2 Gsps ADC. External heatsink required
0.25
Al2O3 ceramic
Low T Solder balls Diam 0.76 mm on 1.27 mm grid
0.15
Combo Lid soldered 9.27 mm SQ 0.254 mm thick Grounded
CuW Heat Spreader brazed on Al2O3 at VEE=-5 Volt potential
Location for external heatsink
1.25 +/- 0.12 mm
0.65 mm
0.50 +/- 0.05 mm
54
TS83102G0B
2101D-BDC-06/04
1.27 mm
0.80 mm
TS83102G0B
Ordering Information
Part Number
TS83102G0BCGL
Package
CBGA 152
Temperature Range
"C" 0C Screening Level
Standard product
Comments
TS83102G0BVGL
CBGA 152
Standard product Evaluation Board (delivered with a heat sink) UPON REQUEST ONLY
TSEV83102G0BGL
CBGA 152
Prototype
JTS83102G0-1V1B
Die
Ambient
Visual inspection
(please contact your local Atmel sales office)
55
2101D-BDC-06/04
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature For more information, please contact: hotline-bdc@gfo.atmel.com
Disclaimer: Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems.
(c) Atmel Corporation 2004. All rights reserved. Atmel (R) and combinations thereof, are the registered trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be the trademarks of others.
Printed on recycled paper.
2101D-BDC-06/04


▲Up To Search▲   

 
Price & Availability of TS83102G0B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X