Part Number Hot Search : 
MUR1030D MMBT2907 SSD2025 MAX85 0F1TR P6KE22CA SC101 AD8618AR
Product Description
Full Text Search
 

To Download TS122 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS122
Single Pole OptoMOS(R) Relay
Load Voltage Load Current Max RON
TS122 250 170 20
Units V mA
Description TS122 is a 250V, 170mA, 20 1-Form-A relay with an optocoupler in a single package. It features enhanced peak load current handling capability for specific telecom applications.
Features * Small 8 Pin DIP Package * Low Drive Power Requirements (TTL/CMOS Compatible) * No Moving Parts * High Reliability * Arc-Free With No Snubbing Circuits * 3750VRMS Input/Output Isolation * FCC Compatible * VDE Compatible * No EMI/RFI Generation * Machine Insertable, Wave Solderable * Surface Mount and Tape & Reel Versions Available
Approvals * UL Recognized: File Number E76270 * CSA Certified: File Number LR 43639-10 * BSI Certified: * BS EN 60950:1992 (BS7002:1992) Certificate #: 7344 * BS EN 41003:1993 Certificate #: 7344
Ordering Information Applications * Telecommunications * Telecom Switching * Tip/Ring Circuits * Modem Switching (Laptop, Notebook, Pocket Size) * Hookswitch * Dial Pulsing * Ground Start * Ringer Injection * Instrumentation * Multiplexers * Data Acquisition * Electronic Switching * I/O Subsystems * Meters (Watt-Hour, Water, Gas) * Medical Equipment-Patient/Equipment Isolation * Security * Aerospace * Industrial Controls Part # TS122 TS122P TS122PTR TS122S TS122STR Description 8 Pin DIP (50/Tube) 8 Pin Flatpack (50/Tube) 8 Pin Flatpack (1000/Reel) 8 Pin Surface Mount (50/Tube) 8 Pin Surface Mount (1000/Reel)
Pin Configuration
TS122 Pinout
+ LED - Relay - LED - Relay Collector - Phototransistor Emitter - Phototransistor 1 2 3 4 8 7 6 5 Load - Relay (MOSFET Output) Load - Relay (MOSFET Output) LED - Phototransistor -/+ LED - Phototransistor +/-
DS-TS122-R7
www.clare.com
1
TS122
Absolute Maximum Ratings (@ 25 C)
Parameter Input Power Dissipation Input Control Current Peak (10ms) Reverse Input Voltage Total Power Dissipation Isolation Voltage Input to Output Operational Temperature Storage Temperature Soldering Temperature DIP Package Flatpack/Surface Mount Package (10 Seconds Max.)
1 2
Min 3750 -40 -40 -
Typ Max Units - 1501 mW 50 mA 1 A 5 V - 8002 mW VRMS +85 C +125 C +260 +220 C C
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this data sheet is not implied. Exposure of the device to the absolute maximum ratings for an extended period may degrade the device and effect its reliability.
Derate Linearly 1.33 mw/C Derate Linearly 6.67 mw/C
Electrical Characteristics
Parameter Relay Portion (Pins 7, 8) Output Characteristics @ 25C Load Voltage (Peak) Load Current (Continuous) Peak Load Current On-Resistance Off-State Leakage Current Switching Speeds Turn-On Turn-Off Output Capacitance Relay Portion (Pins 1, 2) Input Characteristics @ 25C Input Control Current Input Dropout Current Input Voltage Drop Reverse Input Voltage Reverse Input Current Conditions Symbol Min Typ Max Units
10ms IL=170mA VL=250V IF=5mA, VL=10V IF=5mA, VL=10V 50V; f=1MHz
VL IL ILPK RON ILEAK TON TOFF COUT
-
12 50
250 170 400 20 1 5.0 5.0 -
V mA mA A ms ms pF
IL=170mA IF=5mA VR=5V
IF IF VF VR IR
5 0.4 0.9 -
0.7 1.2 -
50 1.4 5 10
mA mA V V A
2
www.clare.com
Rev. 7
TS122
Electrical Characteristics (Continued)
Parameter Detector Portion (Pins 3, 4) Output Characteristics @ 25C Phototransistor Blocking Voltage Phototransistor Output Current Saturation Voltage Current Transfer Ratio Detector Portion (Pins 5, 6) Input Characteristics @ 25C Input Control Current Input Voltage Drop Input Current (Detector must be off) Input to Output Capacitance (Relay Only) Capacitance Input to Output Input to Output Isolation Conditions Symbol Min Typ Max Units
IC=10A VCE=5V, IF=0mA IC=2mA, IF=16mA IF=6mA, VCE=0.5V
BVCEO ICEO VSAT CTR
20 33
50 50 0.3 100
500 0.5 -
V nA V %
IC=2mA, VCE=0.5V IF=5mA IC=1A, VCE=5V
IF VF IF
6 0.9 5
2 1.2 25
100 1.4 -
mA V A
-
CI/O VI/O
3750
3 3 -
-
pF pF VRMS
Rev. 7
www.clare.com
3
TS122
PERFORMANCE DATA*
TS122 Typical LED Forward Voltage Drop (N=50 Ambient Temperature = 25C; IF = 5mADC)
35 30 Device Count (N)
TS122 Typical On-Resistance Distribution (N=50 Ambient Temperature = 25C) (Load: Voltage = 250VDC; Current = 170mADC; IF = 5mADC)
35 30 35 30 Device Count (N) 5.5 6.5 7.5 8.5 9.5 10.5 11.5 25 20 15 10 5 0
TS122 Typical Blocking Voltage Distribution (N=50 Ambient Temperature = 25C)
Device Count (N)
1.17 1.19 1.21 1.23 1.25
25 20 15 10 5 0 LED Forward Voltage Drop (V)
25 20 15 10 5 0 On-Resistance ()
305
315
325
335
345
355
365
Blocking Voltage (V)
TS122 Typical IF for Switch Operation (N=50 Ambient Temperature = 25C) (Load Current = 170mADC)
25 20 15 10 5 0 0.3 0.5 0.7 0.9 1.1 1.3 1.5 LED Current (mA) 25 20 15 10 5 0
TS122 Typical IF for Switch Dropout (N=50 Ambient Temperature = 25C) (Load Current = 170mADC)
25 20 15 10
TS122 Typical Turn-On Time (N=50 Ambient Temperature = 25C) (Load Current = 170mADC; IF = 5mADC)
Device Count (N)
Device Count (N)
Device Count (N) 0.15 0.45 0.75 1.05 1.35 1.65 1.95
5 0 0.625 0.875 1.125 1.375 1.625 1.875 2.125 Turn-On (ms)
LED Current (mA)
25 20 15 10
TS122 Typical Turn-Off Time (N=50 Ambient Temperature = 25C) (Load Current = 170mADC; IF = 5mADC)
TS122 Typical Load Current vs. Temperature
250 Load Current (mA) 200 150 100 50 0 0.025 0.020
TS122 Typical Leakage vs. Temperature (Measured across Pins 7 & 8)
Device Count (N)
20mA 10mA 5mA
Leakage (A)
0.015 0.010 0.005 0
5 0 0.335 0.525 0.715 0.905 1.095 1.285 1.475 Turn-Off (ms)
-40
-20
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
Temperature (C)
Temperature (C)
TS122 Typical Blocking Voltage vs. Temperature
350 Blocking Voltage (VRMS) 345 Turn-On (ms) 340 335 330 325 320 315 -40 -20 0 20 40 60 80 100 Temperature (C) 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -40
TS122 Typical Turn-On vs. Temperature (Load Current = 170mADC)
0.700
5mA
TS122 Typical Turn-Off vs. Temperature (Load Current = 170mADC)
0.600 Turn-Off (ms) 0.500 0.400 0.300 0.200 0.100 0 -40 -20 0 20 40 60 80 100
5mA
10mA
20mA
-20
0
20
40
60
80
100
Temperature (C)
Temperature (C)
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
4
www.clare.com
Rev. 7
TS122
PERFORMANCE DATA*
TS122 Typical LED Forward Voltage Drop vs. Temperature
LED Forward Voltage Drop (V) 1.8 1.6
Turn-On (ms)
TS122 Typical Turn-On vs. LED Forward Current (Load Current = 170mADC)
1.4 1.2 Trun-Off (ms) 0 5 10 15 20 25 30 35 40 45 50 1.0 0.8 0.6 0.4 0.2
TS122 Typical Turn-Off vs. LED Forward Current (Load Current = 170mADC)
0.41 0.40 0.39 0.38 0.37 0.36 0.35 0.34 0 5 10 15 20 25 30 35 40 45 50
1.4 1.2 1.0 0.8 -40 -20 0 20 40 60 80 100 120 Temperature (C)
50mA 30mA 20mA 10mA 5mA
LED Forward Current (mA)
LED Forward Current (mA)
60
On-Resistance ()
TS122 Typical On-Resistance vs. Temperature (Load Current = 170mADC; IF = 5mADC)
TS122 Typical IF for Switch Operation vs. Temperature (Load Current = 170mADC)
3.000 2.500 LED Current (mA) 2.000 1.500 1.000 0.500 0 -40 -20 0 20 40 60 80 100 LED Current (mA)
TS122 Typical IF for Switch Dropout vs. Temperature (Load Current = 170mADC)
3.000 2.500 2.000 1.500 1.000 0.500 0 -40 -20 0 20 40 60 80 100
50 40 30 20 10 0 -40 -20 0 20 40 60 80 100 Temperature (C)
Temperature (C)
Temperature (C)
200 150 Load Current (mA)
TS122 Typical Load Current vs. Load Voltage (Ambient Temperature = 25C; IF = 5mADC)
TS122 Energy Rating Curve
1.2 Normalized CTR (%) 1.0 Load Current (A) 0.8 0.6 0.4 0.2
TS122 Typical Normalized CTR vs Forward Current (VCE = 0.5V)
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0
100 50 0 -50 -100 -150 -200 -2.5 -2 -1.5 -1 -0.5 0 0.5 1 1.5 2 2.5
0 10s 100s 1ms 10ms 100ms Time
1s
10s 100s
0
2
4
6
8
10
12
14
16
18
20
Load Voltage (V)
IF (mA)
TS122 Typical Normalized CTR vs. Temperature (VCE = 0.5V)
8 Normalized CTR (%) 7 6 IC (mA) 5 4 3 2 1 0 -40 -20 0 20 40 60
TS122 Typical Collector Current vs. Forward Current (VCE = 0.5V)
12 10 8 6 4 2 0 0 2 4 6 8 10 12 14 16 18 20
1mA 2mA 5mA 10mA 15mA 20mA 80 100 120
Temperature (C)
IF (mA)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
Rev. 7
www.clare.com
5
TS122
Mechanical Dimensions
8 Pin DIP Through Hole (Standard)
7.620 .254 (.300 .010) 3.302 (.130) 9.144 TYP. (.360) 6.350 .127 (.250 .005)
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
PC Board Pattern (Top View)
2.540 .127 8-.800 DIA. (.100 .005) (8-.031 DIA.) 7.620 .127 (.300 .005)
7.239 TYP. (.285)
9.144 .508 (.360 .020)
6.350 .127 (.250 .005)
.457 .076 (.018 .003) 8.077 .127 (.318 .005 )
7.620 .127 (.300 .005)
8 Pin DIP Surface Mount ("S" Suffix)
7.620 .254 (.300 .010) 4.445 .127 (.175 .005) 3.302 (.130) .635 TYP. (.025) .254 TYP. (.010) 6.350 .127 (.250 .005)
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
PC Board Pattern (Top View) 2.540 .127
(.100 .005)
9.525 .254 (.375 .010) 1.905 .127 (.075 .005) .457 .076 (.018 .003) 8.077 .127 (.318 .005) 1.498 .127 (.059 .005)
8.305 .127 (.327 .005)
8 Pin Flatpack ("P" Suffix)
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
PC Board Pattern (Top View)
2.540 .127 (.100 .005) 9.398 .127 (.370 .005)
2.159 TYP. (.085)
7.620 .254 (.300 .010) 6.350 .127 (.250 .005) .203 (.008) .457 .076 (.018 .003) 8.077 .127 (.318 .005) 1.193 (.047)
2.286 MAX. .635 .127 (.090) (.025)
8.763 .127 (.345 .005)
.787 (.031)
Dimensions mm (inches)
6
www.clare.com
Rev. 7
TS122
Mechanical Dimensions
Tape and Reel Packaging for 8 Pin Surface Mount Package
330.2 DIA. (13.00) Top Cover Tape Thickness .102 MAX. (.004) 2.007 .102 1.498 .102 3.987 .102 (.079 .004) (.059 .004) (.157 .004)
6.731 MAX. 1.753 .102 (.265) (.069 .004) .406 MAX. (.016) 7.493 .102 (.295 .004) 12.090 (.476) 4.877 (.192)
1
8
16.002 .305 (.630 .012) 10.300 (.405)
Embossed Carrier
Top Cover Tape
.050R TYP.
11.989 .102 (.472 .004) User Direction of Feed
10.300 .102 (.405 .004)
1.549 .102 (.061 .004)
Embossment
Tape and Reel Packaging for 8 Pin Flatpack Package
330.2 DIA. (13.00) 2.007 .102 1.498 .102 3.987 .102 (.079 .004) (.059 .004) (.157 .004)
Top Cover Tape Thickness .102 MAX. (.004)
6.731 MAX. 1.753 0.102 (.265) (.069 .004) .406 MAX. (.016) 7.493 .102 (.295 .004)
1
8
16.002 .305 (.630 .012) 10.287 (.405)
12.090 (.476) 4.877 (.192)
Embossed Carrier
Top Cover Tape
.050R TYP.
11.988 .102 (.472 .004) User Direction of Feed
10.287 .102 (.405 .004)
1.549 .102 (.061 .004)
Embossment
Dimensions mm (inches)
Rev. 7
www.clare.com
7
Worldwide Sales Offices
CLARE LOCATIONS
Clare Headquarters 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Clare Micronix Division 145 Columbia Aliso Viejo, CA 92656-1490 Tel: 1-949-831-4622 Fax: 1-949-831-4628
EUROPE
European Headquarters CP Clare nv Bampslaan 17 B-3500 Hasselt (Belgium) Tel: 32-11-300868 Fax: 32-11-300890 France Clare France Sales Lead Rep 99 route de Versailles 91160 Champlan France Tel: 33 1 69 79 93 50 Fax: 33 1 69 79 93 59 Germany Clare Germany Sales ActiveComp Electronic GmbH Mitterstrasse 12 85077 Manching Germany Tel: 49 8459 3214 10 Fax: 49 8459 3214 29 Italy C.L.A.R.E.s.a.s. Via C. Colombo 10/A I-20066 Melzo (Milano) Tel: 39-02-95737160 Fax: 39-02-95738829 Sweden Clare Sales Comptronic AB Box 167 S-16329 Spanga Tel: 46-862-10370 Fax: 46-862-10371 United Kingdom Clare UK Sales Marco Polo House Cook Way Bindon Road Taunton UK-Somerset TA2 6BG Tel: 44-1-823 352541 Fax: 44-1-823 352797
ASIA/PACIFIC
Asian Headquarters Clare Room N1016, Chia-Hsin, Bldg II, 10F, No. 96, Sec. 2 Chung Shan North Road Taipei, Taiwan R.O.C. Tel: 886-2-2523-6368 Fax: 886-2-2523-6369
SALES OFFICES AMERICAS
Americas Headquarters Clare 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Eastern Region Clare P.O. Box 856 Mahwah, NJ 07430 Tel: 1-201-236-0101 Fax: 1-201-236-8685 Toll Free: 1-800-27-CLARE Central Region Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824 Western Region Clare 1852 West 11th Street, #348 Tracy, CA 95376 Tel: 1-209-832-4367 Fax: 1-209-832-4732 Toll Free: 1-800-27-CLARE Canada Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824
http://www.clare.com
Clare cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in this Clare product. No circuit patent licenses nor indemnity are expressed or implied. Clare reserves the right to change the specification and circuitry, without notice at any time. The products described in this document are not intended for use in medical implantation or other direct life support applications where malfunction may result in direct physical harm, injury or death to a person.
Specification: DS-TS122-R7 (c)Copyright 2000, Clare, Inc. All rights reserved. Printed in USA. 2/27/01


▲Up To Search▲   

 
Price & Availability of TS122

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X