Part Number Hot Search : 
P6KE47 P6KE5 00110 A1103KUA LCFS1055 68332 L6585D 1N4758
Product Description
Full Text Search
 

To Download TS120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS120
Multifunction Telecom Switches
Load Voltage Load Current Max RON
TS120 350 120 35
Units V mA
Description TS120 is a 350V, 120mA, 35 1-Form-A relay with an optocoupler in a single package. It is a more cost effective solution for telecom applications that do not require a high sensitivity relay.
Features * Small 8 Pin DIP Package * Low Drive Power Requirements (TTL/CMOS Compatible) * No Moving Parts * High Reliability * Arc-Free With No Snubbing Circuits * 3750VRMS Input/Output Isolation * FCC Compatible * VDE Compatible * No EMI/RFI Generation * Machine Insertable, Wave Solderable * Surface Mount and Tape & Reel Versions Available
Approvals * UL Recognized: File Number E76270 * CSA Certified: File Number LR 43639-10 * BSI Certified: * BS EN 60950:1992 (BS7002:1992) Certificate #: 7344 * BS EN 41003:1993 Certificate #: 7344
Applications * Telecommunications * Telecom Switching * Tip/Ring Circuits * Modem Switching (Laptop, Notebook, Pocket Size) * Hookswitch * Dial Pulsing * Ground Start * Ringer Injection * Instrumentation * Multiplexers * Data Acquisition * Electronic Switching * I/O Subsystems * Meters (Watt-Hour, Water, Gas) * Medical Equipment-Patient/Equipment Isolation * Security * Aerospace * Industrial Controls
Ordering Information Part # TS120 TS120P TS120PTR TS120S TS120STR Description 8 Pin DIP (50/Tube) 8 Pin Flatpack (50/Tube) 8 Pin Flatpack (1000/Reel) 8 Pin Surface Mount (50/Tube) 8 Pin Surface Mount (1000/Reel)
Pin Configuration
TS120 Pinout
+ LED - Relay - LED - Relay Collector - Phototransistor Emitter - Phototransistor 1 2 3 4 8 7 6 5 Load - Relay (MOSFET Output) Load - Relay (MOSFET Output) LED - Phototransistor -/+ LED - Phototransistor +/-
DS-TS120-R10
www.clare.com
1
TS120
Absolute Maximum Ratings (@ 25 C)
Parameter Input Power Dissipation Input Control Current Peak (10ms) Reverse Input Voltage Total Power Dissipation Isolation Voltage Input to Output Operational Temperature Storage Temperature Soldering Temperature DIP Package Flatpack/Surface Mount Package (10 Seconds Max.)
1 2
Min 3750 -40 -40 -
Typ Max Units - 1501 mW 50 mA 1 A 5 V - 8002 mW VRMS +85 C +125 C +260 +220 C C
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this data sheet is not implied. Exposure of the device to the absolute maximum ratings for an extended period may degrade the device and effect its reliability.
Derate Linearly 1.33 mw/C Derate Linearly 6.67 mw/C
Electrical Characteristics
Parameter Relay Portion (Pins 7, 8) Output Characteristics @ 25C Load Voltage (Peak) Load Current (Continuous) Peak Load Current On-Resistance Off-State Leakage Current Switching Speeds Turn-On Turn-Off Output Capacitance Relay Portion (Pins 1, 2) Input Characteristics @ 25C Input Control Current Input Dropout Current Input Voltage Drop Reverse Input Voltage Reverse Input Current Conditions Symbol Min Typ Max Units
10ms IL=120mA VL=350V IF=5mA, VL=10V IF=5mA, VL=10V 50V; f=1MHz
VL IL ILPK RON ILEAK TON TOFF COUT
-
23 25
350 120 350 35 1 3.0 3.0 -
V mA mA A ms ms pF
IL=120mA IF=5mA VR=5V
IF IF VF VR IR
5 0.4 0.9 -
0.7 1.2 -
50 1.4 5 10
mA mA V V A
2
www.clare.com
Rev. 10
TS120
Electrical Characteristics (Continued)
Parameter Detector Portion (Pins 3, 4) Output Characteristics @ 25C Phototransistor Blocking Voltage Phototransistor Output Current Saturation Voltage Current Transfer Ratio Detector Portion (Pins 5, 6) Input Characteristics @ 25C Input Control Current Input Voltage Drop Input to Output Capacitance (Relay Only) Capacitance Input to Output Input to Output Isolation Conditions Symbol Min Typ Max Units
IC=10A VCE=5V, IF=0mA IC=0.15mA, IF=.05mA IF=0.05mA, VCE=0.8V
BVCEO ICEO VSAT CTR
20 300
50 100 0.5 1000
1000 0.8 -
V nA V %
IC=2mA, VCE=0.5V IF=5mA -
IF VF CI/O VI/O
2 0.9 3750
1 1.2 3 3 -
100 1.4 -
mA V pF pF VRM
Rev. 10
www.clare.com
3
TS120
PERFORMANCE DATA*
TS120 Typical LED Forward Voltage Drop (N=50 Ambient Temperature = 25C; IF = 5mADC)
35 30 Device Count (N) Device Count (N) 25 20 15 10 5 0 1.17 1.19 1.21 1.23 1.25 LED Forward Voltage Drop (V)
35 30
TS120 Typical On-Resistance Distribution (N=50 Ambient Temperature = 25C) (Load Current = 120mADC, IF = 5mADC)
TS120 Typical Blocking Voltage Distribution (N=50 Ambient Temperature = 25C)
35 30 Device Count (N) 25 20 15 10 5 0
25 20 15 10 5 0 18.75 19.85 20.95 22.05 23.15 24.25 25.35 On-Resistance ()
377.5 388.5 399.5 410.5 421.5 432.5 443.5 Blocking Voltage (V)
TS120 Typical IF for Switch Operation (N=50 Ambient Temperature = 25C) (Load Current = 120mADC)
25 20 15 10 5 0 0.39 0.65 0.91 1.17 1.43 1.69 1.95 LED Current (mA)
25 20 15 10 5 0
TS120 Typical IF for Switch Dropout (N=50 Ambient Temperature = 25C) (Load Current = 120mADC)
25 20 15 10
TS120 Typical Turn-On Time (N=50 Ambient Temperature = 25C) (Load Current = 120mADC; IF = 5mADC)
Device Count (N)
Device Count (N)
0.39 0.65 0.91 1.17 1.43 1.69 1.95
Device Count (N)
5 0 0.3 0.9 1.5 2.1 2.7 3.3 3.9
LED Current (mA)
Turn-On (ms)
25 20 15 10
TS120 Typical Turn-Off Time (N=50 Ambient Temperature = 25C) (Load Current = 120mADC; IF = 5mADC)
Load Current (mA)
TS120 Typical Load Current vs. Temperature
180 160 140 120 100 80 60 40 20 0 Leakage (A) 0.016 0.014 0.012 0.010 0.008 0.006 0.004 0.002 0 -40 -20 0 20 40 60 80 100 120 -40
TS120 Typical Leakage vs. Temperature (Measured across Pins 7 & 8)
Device Count (N)
20mA 10mA 5mA
5 0 0.05 0.15 0.25 0.35 0.45 0.55 0.65 Turn-Off (ms)
-20
0
20
40
60
80
100
Temperature (C)
Temperature (C)
TS120 Typical Blocking Voltage vs. Temperature
430 Blocking Voltage (VRMS) 425 Turn-On (ms) 420 415 410 405 400 395 -40 -20 0 20 40 60 80 100 Temperature (C) 5.000 4.500 4.000 3.500 3.000 2.500 2.000 1.500 1.000 0.500 0 -40
TS120 Typical Turn-On vs. Temperature (Load Current = 120mADC)
1.000 0.900 0.800 0.700 0.600 0.500 0.400 0.300 0.200 0.100 0 -40
TS120 Typical Turn-Off vs. Temperature (Load Current = 120mADC)
5mA 10mA 20mA -20 0 20 40 60 80 100
Turn-Off (ms)
5mA -20 0 20 40 60 80 100
Temperature (C)
Temperature (C)
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
4
www.clare.com
Rev. 10
TS120
PERFORMANCE DATA*
TS120 Typical LED Forward Voltage Drop vs. Temperature (Load Current = 120mADC)
LED Forward Voltage Drop (V)
1.8 1.6 1.4 1.2 1.0 0.8 -40 -20 0 20 40 60 80 100 120 Temperature (C)
TS120 Typical Turn-On vs. LED Forward Current (Load Current = 120mADC)
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 5 10 15 20 25 30 35 40 45 50 LED Forward Current (mA) 0.7 0.6 Turn-Off (ms) 0.5 0.4 0.3 0.2 0.1 0 0 5
TS120 Typical Turn-Off vs. LED Forward Current (Load Current = 120mADC)
50mA 30mA 20mA 10mA 5mA
Turn-On (ms)
10
15
20
25
30
35
40
45
50
LED Forward Current (mA)
60 On-Resistance () 50
TS120 Typical On-Resistance vs. Temperature (Load Current = 120mADC; IF = 5mADC)
TS120 Typical IF for Switch Operation vs. Temperature (Load Current = 120mADC)
3.000 2.500 LED Current (mA) 2.000 1.500 1.000 0.500 LED Current (mA)
TS120 Typical IF for Switch Dropout vs. Temperature (Load Current = 120mADC)
3.000 2.500 2.000 1.500 1.000 0.500 0
40 30 20 10 0 -40 -20 0 20 40 60 80 100 Temperature (C)
0 -40 -20 0 20 40 60 80 100 Temperature (C)
-40
-20
0
20
40
60
80
100
Temperature (C)
150 Load Current (mA) 100
TS120 Typical Load Current vs. Load Voltage (Ambient Temperature = 25C; IF = 5mA)
TS120 Energy Rating Curve
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 10s 100s 1ms 10ms 100ms Time Normalized CTR (%) 1s 10s 100s
TS120 Typical Normalized CTR vs. Forward Current (VCE = 0.8V)
2.5 2.0 1.5 1.0 0.5 0 0 2 4 6 8 10 12 14 16 18 20 IF (mA)
50 0 -50 -100 -150 -3 -2 -1 0 1 2 3 Load Voltage (V)
TS120 Typical Normalized CTR vs. Temperature (VCE = 0.8V)
3.0 1mA 2mA
IC (mA)
Load Current (A)
5mA 10mA 15mA 20mA
TS120 Typical Collector Current vs. Forward Current (VCE = 0.8V)
16 14 12 10 8 6 4
Normalized CTR (%)
2.5 2.0 1.5 1.0 0.5 0 -40 -20 0 20 40 60 80 100 Temperature (C)
2 0 0 2 4 6 8 10 12 14 16 18 20
IF (mA)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
Rev. 10
www.clare.com
5
TS120
Mechanical Dimensions
8 Pin DIP Through Hole (Standard)
7.620 .254 (.300 .010) 3.302 (.130) 9.144 TYP. (.360) 6.350 .127 (.250 .005)
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
PC Board Pattern (Top View)
2.540 .127 8-.800 DIA. (.100 .005) (8-.031 DIA.) 7.620 .127 (.300 .005)
7.239 TYP. (.285)
9.144 .508 (.360 .020)
6.350 .127 (.250 .005)
.457 .076 (.018 .003) 8.077 .127 (.318 .005 )
7.620 .127 (.300 .005)
8 Pin DIP Surface Mount ("S" Suffix)
7.620 .254 (.300 .010) 4.445 .127 (.175 .005) 3.302 (.130) .635 TYP. (.025) .254 TYP. (.010) 6.350 .127 (.250 .005)
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
PC Board Pattern (Top View) 2.540 .127
(.100 .005)
9.525 .254 (.375 .010) 1.905 .127 (.075 .005) .457 .076 (.018 .003) 8.077 .127 (.318 .005) 1.498 .127 (.059 .005)
8.305 .127 (.327 .005)
8 Pin Flatpack ("P" Suffix)
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
PC Board Pattern (Top View)
2.540 .127 (.100 .005) 9.398 .127 (.370 .005)
2.159 TYP. (.085)
7.620 .254 (.300 .010) 6.350 .127 (.250 .005) .203 (.008) .457 .076 (.018 .003) 8.077 .127 (.318 .005) 1.193 (.047)
2.286 MAX. .635 .127 (.090) (.025)
8.763 .127 (.345 .005)
.787 (.031)
Dimensions mm (inches)
6
www.clare.com
Rev. 10
TS120
Mechanical Dimensions
Tape and Reel Packaging for 8 Pin Surface Mount Package
330.2 DIA. (13.00) Top Cover Tape Thickness .102 MAX. (.004) 2.007 .102 1.498 .102 3.987 .102 (.079 .004) (.059 .004) (.157 .004)
6.731 MAX. 1.753 .102 (.265) (.069 .004) .406 MAX. (.016) 7.493 .102 (.295 .004) 12.090 (.476) 4.877 (.192)
1
8
16.002 .305 (.630 .012) 10.300 (.405)
Embossed Carrier
Top Cover Tape
.050R TYP.
11.989 .102 (.472 .004) User Direction of Feed
10.300 .102 (.405 .004)
1.549 .102 (.061 .004)
Embossment
Tape and Reel Packaging for 8 Pin Flatpack Package
330.2 DIA. (13.00) 2.007 .102 1.498 .102 3.987 .102 (.079 .004) (.059 .004) (.157 .004)
Top Cover Tape Thickness .102 MAX. (.004)
6.731 MAX. 1.753 0.102 (.265) (.069 .004) .406 MAX. (.016) 7.493 .102 (.295 .004)
1
8
16.002 .305 (.630 .012) 10.287 (.405)
12.090 (.476) 4.877 (.192)
Embossed Carrier
Top Cover Tape
.050R TYP.
11.988 .102 (.472 .004) User Direction of Feed
10.287 .102 (.405 .004)
1.549 .102 (.061 .004)
Embossment
Dimensions mm (inches)
Rev. 10
www.clare.com
7
Worldwide Sales Offices
CLARE LOCATIONS
Clare Headquarters 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Clare Micronix Division 145 Columbia Aliso Viejo, CA 92656-1490 Tel: 1-949-831-4622 Fax: 1-949-831-4628
EUROPE
European Headquarters CP Clare nv Bampslaan 17 B-3500 Hasselt (Belgium) Tel: 32-11-300868 Fax: 32-11-300890 France Clare France Sales Lead Rep 99 route de Versailles 91160 Champlan France Tel: 33 1 69 79 93 50 Fax: 33 1 69 79 93 59 Germany Clare Germany Sales ActiveComp Electronic GmbH Mitterstrasse 12 85077 Manching Germany Tel: 49 8459 3214 10 Fax: 49 8459 3214 29 Italy C.L.A.R.E.s.a.s. Via C. Colombo 10/A I-20066 Melzo (Milano) Tel: 39-02-95737160 Fax: 39-02-95738829 Sweden Clare Sales Comptronic AB Box 167 S-16329 Spanga Tel: 46-862-10370 Fax: 46-862-10371 United Kingdom Clare UK Sales Marco Polo House Cook Way Bindon Road Taunton UK-Somerset TA2 6BG Tel: 44-1-823 352541 Fax: 44-1-823 352797
ASIA/PACIFIC
Asian Headquarters Clare Room N1016, Chia-Hsin, Bldg II, 10F, No. 96, Sec. 2 Chung Shan North Road Taipei, Taiwan R.O.C. Tel: 886-2-2523-6368 Fax: 886-2-2523-6369
SALES OFFICES AMERICAS
Americas Headquarters Clare 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Eastern Region Clare P.O. Box 856 Mahwah, NJ 07430 Tel: 1-201-236-0101 Fax: 1-201-236-8685 Toll Free: 1-800-27-CLARE Central Region Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824 Western Region Clare 1852 West 11th Street, #348 Tracy, CA 95376 Tel: 1-209-832-4367 Fax: 1-209-832-4732 Toll Free: 1-800-27-CLARE Canada Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824
http://www.clare.com
Clare cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in this Clare product. No circuit patent licenses nor indemnity are expressed or implied. Clare reserves the right to change the specification and circuitry, without notice at any time. The products described in this document are not intended for use in medical implantation or other direct life support applications where malfunction may result in direct physical harm, injury or death to a person.
Specification: DS-TS120-R10 (c)Copyright 2000, Clare, Inc. OptoMOS(R) is a registered trademark of Clare, Inc. All rights reserved. Printed in USA. 2/22/01


▲Up To Search▲   

 
Price & Availability of TS120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X