Part Number Hot Search : 
CPD32X 9536XL U101RWHF 2SK2485 2SK2485 527S303T AS3024 6152A30
Product Description
Full Text Search
 

To Download TLP750 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP750
TOSHIBA Photocoupler GaAAs Ired + Photo IC
TLP750
Degital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Analog Signal Isolation
The TOSHIBA TLP750 consists of GaAAs high-output light emitting diode and a high speed detector of one chip photo diode-transistor. This unit is 8-lead DIP. TLP750 has no internal base connection, and is suitable for application in noisy environmental conditions. * * * * Switching speed: tpHL=0.3s(typ.) Switching speed: tpLH=0.5s(typ.)(RL=1.9k) UL recognized: UL1577, file No. E67349 BSI approved: BS EN60065: 1994, Certificate No.7613 BS EN60950: 1992, Certificate No.7614 * * Isolation voltage: 5000Vrms(min.) Option(d4)type VDE approved: DIN VDE0884/06.92, Certificate No.68384 Maximum operating insulation voltage: 890VPK Highest permissible over voltage: 8000VPK (Note) When a VDE0884 approved type is needed, please designate the "Option(D4)"
3 4 6 5 1 2 1 8 7 3 4 5 6 7 8 : N.C. : Cathode : N.C. : Emitter : Collector : N.C. : Cathode 2 : Anode
Unit in mm
TOSHIBA Weight: 0.54g
11-10C4
Pin Configuration (top view)
*
Creepage distance: 6.4mm(min.) Clearance: 6.4mm(min.) Insulation thickness: 0.4mm(min.)
Schematic
ICC IF 2 VF 3 IO 6 GND 5 VO 8 VCC
1
2002-09-25
TLP750
Maximum Ratings (Ta = 25C)
Characteristic Forward current Pulse forward current LED Peak transient forward current Reverse voltage Diode power dissipation (Note 4) Output current Peak output current Detector Output voltage Supply voltage Output power dissipation (Note 5) Operating temperature range Storage temperature range Lead solder temperature(10s) (Note 6) Isolation voltage (AC, 1min., R.H=60%) (Note 7) (Note 1) (Note 2) (Note 3) Symbol IF IFP IFPT VR PD IO IOP VO VCC PO Topr Tstg Tsol BVS Rating 25 50 1 5 45 8 16 -0.5~15 -0.5~15 100 -55~100 -55~125 260 5000 Unit mA mA A V mW mA mA V V mW C C C Vrms
(Note 1) Derate 0.8mA / C above 70C. (Note 2) 50% duty cycle, 1ms pulse width. Derate 1.6mA / C above 70C. (Note 3) Pulse width 1s, 300pps. (Note 4) Derate 0.9mW / C above 70C. (Note 5) Derate 2mW / C above 70C. (Note 6) Soldering portion of lead: Up to 2mm from the body of the device. (Note 7) Device considered a two terminal device: Pins 1, 2, 3 and 4 shorted together and pins 5, 6, 7 and 8 shorted together.
2
2002-09-25
TLP750
Electrical Characteristics (Ta = 25C)
Characteristic Forward voltage LED Forward voltage temperature coefficient Reverse current Capacitance between terminal Symbol VF VF / Ta IR CT IOH(1) Detector High level output current IOH(2) IOH High level supply voltage ICCH IF=16mA IF=16mA VR=5V VF=0, f=1MHz IF=0mA, VCC=VO=5.5V IF=0mA, VCC=VO=15V IF=0mA, VCC=VO=15V Ta=70C IF=0mA, VCC=15V Ta=25C Current transfer ratio IO/IF IF=16mA VCC=4.5V VO=0.4V Rank: 0 Ta=0~70C Rank: 0 Low level output voltage Isolation resistance Capacitance between input to output VOL RS CS IF=16mA, VCC=4.5V, IO=1.1mA (rank 0: IO=2.4mA) R.H.=60%, V=5000VDC VS=0, f=1MHz (Note 7) (Note 8) Test Condition Min. 10 19 5 15 1x1012 Typ. 1.65 -2 45 3 0.01 30 30 1014 0.8 Max. 1.85 10 500 5 50 1 0.4 V % Unit V mV / C A pF nA A A A
Coupled

pF
Switching Characteristics (Ta = 25C, VCC = 5V)
Characteristic Propagation delay time (HL) Propagation delay time (LH) Common mode transient immunity at logic high output Common mode transient immunity at logic low output Symbol tpHL 1 tpLH Test Circuit Test Condition IF=016mA, VCC=5V, RL=4.1k Rank 0: RL=1.9k IF=160mA, VCC=5V, RL=4.1k Rank 0: RL=1.9k Min. Typ. 0.2 0.3 1.0 0.5 1500 Max. 0.8 0.8 2.0 1.2 Unit s
s
(Note 8)
CMH 2 CML
IF=0mA, VCM=200Vp-p RL=4.1k (Rank 0: RL=1.9k) IF=16mA, VCM=200Vp-p RL=4.1k (Rank 0: RL=1.9k)
V / s
(Note 8)
-1500
V / s
3
2002-09-25
TLP750
(Note 8) CML is the maximum rate of fall of the common mode voltage that can be sustained with the output voltage in the logic low state(VO < 0.8V). CMH is the maximum rate of rise of the common mode voltage that can be sustained with the output voltage in the logic high state(VO > 2.0V). (Note 9) Maximum electrostatic discharge voltage for any pins: 100V(C=200pF, R=0)
Test Circuit 1: Switching Time Test Circuit
Pulse Input PW=100s Duty ratio=1/10 IF Monitor 51 IF 1 2 3 4 8 7 6 5 RL VO Output Monitor VO 1.5V tpHL tpLH 5V 1.5V VOL VCC=5V IF 0
Test Circuit 2: Common Mode Noise Immunity Test Circuit
VCC=5V 1 IF 2 3 4 8 7 6 5 VCM Pulse generator ZO=50
160( V ) 160( V ) ,CML = tr (s ) t f (s )
VCM RL VO Output Monitor VO (IF=0mA) VO (IF=16mA) tr
90% 10% tf
200V
0V
5V 2V 0.8V VOL
CMH =
4
2002-09-25
TLP750
100 30
IF - VF
Ta = 25 -2.6
VF/Ta - IF
10 3 1 0.3 0.1 0.03 0.01 1.0
Forward voltage temperature coefficient VF/Ta (mV/C)
1.2 1.4 1.6 1.8 2.0
-2.4
(mA)
Forward current IF
-2.2
-2.0
-1.8
-1.6
-1.4 0.1
0.3
0.5
1
3
5
10
30
Forward voltage
VF
(V)
Forward current
IF
(mA)
300
IOH(1) - Ta
10 5
IO - IF
VCC = 5 V VO = 0.4 V Ta = 25
(nA)
100 50 30
3
High level output current IOH
(mA) Output current IO
1 0.5 0.3 0.1 0.05 0.03
10 5 3
1 0.6 0 40 80 120 160 0.01 0.1 0.3 1 3 10 30 100 300
Ambient temperature Ta (C)
Forward current
IF
(mA)
IO/IF - IF
100 50 VCC = 5 V VO = 0.4 V
1.2
IO/IF - Ta
1.0
Current transfer ratio IO/IF (%)
30
IO/IF
100
Ta = -25 25 10 5 3
0.8
Normalized
0.6 Normalized to: IF = 16mA VCC = 4.5V 0.2 VO = 0.4V Ta = 25C -20 0 20 40 60 80 100
0.4
1 0.3 0.5 1 3 5 10 30 50
0 -40
Forward current
IF
(mA)
Ambient temperature Ta (C)
5
2002-09-25
TLP750
IO - VO
10 30 mA 25 mA 8 20 mA 15 mA VCC = 5 V Ta = 25
5
VO - IF IF VCC=5V RL VO
Output current IO (mA)
Output voltage VO (V)
4
3
6
4
10 mA
2
RL = 2 K 3.9 k
Ta=25C
2
IF = 5 mA
1
10 k
0
0
1
2
3
4
5
6
7
0
0
4
8
12
16
20
24
Output voltage VO
(V)
Forward current
IF
(mA)
5 3
tpHL, tpLH - RL
IF = 16 mA VCC = 5 V Ta = 25
Propagation delay time tpLH, tpHL (s)
tpLH
1
0.5 0.3 tpHL
0.1 1
3
5
10
30
50
100
Load resistance RL
(k)
6
2002-09-25
TLP750
RESTRICTIONS ON PRODUCT USE
000707EBC
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * Gallium arsenide (GaAs) is a substance used in the products described in this document. GaAs dust and fumes are toxic. Do not break, cut or pulverize the product, or use chemicals to dissolve them. When disposing of the products, follow the appropriate regulations. Do not dispose of the products with other industrial waste or with domestic garbage. * The products described in this document are subject to the foreign exchange and foreign trade laws. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
7
2002-09-25


▲Up To Search▲   

 
Price & Availability of TLP750

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X