Part Number Hot Search : 
ECG99 FP800 CTQ08 HD66410 SMK0870F P1203 SRT50 2SC4624
Product Description
Full Text Search
 

To Download TLP559 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP559(IGM)
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
TLP559(IGM)
TRANSISTOR INVERTER INVERTER FOR AIR CONDITIONER LINE RECEIVER IPM INTERFACES
The TOSHIBA TLP559(IGM) consists of a GaAlAs high-output light emitting diode and a high speed detector of one chip photo diodetransistor. This unit is 8-lead DIP package. TLP559(IGM) has no internal base connection,and a Faraday shield integrated on the photodetector chip provides an effective common mode noise transient immunity. TLP559(IGM) guarantees minimum and maximum of propagation delay time,switching time dispersion,and high common mode transient immunity.There for TLP559(IGM) is suitable for isolation interface between IPM(Intelligent Power Module) and control IC circuits in motor control application. l Isolation Voltage : 2500 Vrms (Min) :10kV/s (Min) @VCM = 1500 V l Switching Time : tpHL , tpLH = 0.1s (Min) = 0.8s (Max) @IF = 10 mA , VCC = 15 V , RL = 20 k , Ta = 25C Unit: mm
l Common Mode Transient Immunity
JEDEC EIAJ TOSHIBA Weight: 0.54 g
11-10C4
l Switching Time Dispersion : 0.7s (Max) (|tpLH-tpHL|) l TTL Compatible l UL Recognized : UL1577, File No. E67349
PIN CONFIGURATION(Top view)
1:N.C. 2:ANODE 3:CATHODE 4:N.C. 5:EMITTER 6:COLLECTOR 7:N.C. 8:VCC
SCHEMATIC
SHIELD
1
2002-05-27
TLP559(IGM)
MAXIMUM RATINGS (Ta = 25C)
CHARACTERISTIC Forward Current Pulse Forward Current LED Peak Transient Forward Current Reverse Voltage Diode Power Dissipation Output Current DETECTOR Peak Output Current Output Voltage Supply Voltage Output Power Dissipation Operating Temperature Range Storage Temperature Range Lead Solder Temperature(10s) Isolation Voltage(AC,1min.,R.H.60%,Ta=25C) (Note 6) (Note 7) (Note 5) (Note 4) (Note 1) (Note 2) (Note 3) SYMBOL IF IFP IFPT VR PD IO IOP VO VCC PO Topr Tstg Tsol BVS RATING 25 50 1 5 45 8 16 -0.5~20 -0.5~30 100 -55~100 -55~125 260 2500 UNIT mA mA A V mW mA mA V V mW
C C C
Vrms
(Note 1) Derate 0.5mA above 70C. (Note 2) 50% duty cycle,1ms pulse width. Derate -1.0mA/C above 70C. (Note 3) Pulse width PW1s,300pps. (Note 4) Derate 0.9mW/C above 70C. (Note 5) Derate 2mW/C above 70C. (Note 6) Soldering portion of lead : up to 2mm from the body of the device. (Note 7) Device considerd a two terminal device : pins1,2,3 and 4 shorted together and pins5,6,7 and 8 shorted together.
ELECTRICAL CHARACTERISTICS (Ta = 25)
CHARACTERISTIC Forward Voltage LED Forward Voltage Temperature Coefficient Reverse Current Capacitance between Terminal SYMBOL VF VF /Ta IR CT IOH (1) High Level Output Current IOH (2) IOH High Level Supply Voltage Supply Voltage Output Voltage ICCH VCC VO TEST CONDITION IF = 16 mA IF = 16 mA VR = 5 V V = 0, f = 1 MHz IF = 0 mA, VCC = VO = 5.5 V IF = 0 mA, VCC = 30 V VO = 20 V IF = 0 mA, VCC = 30 V VO = 20 V, Ta = 70C IF = 0 mA, VCC = 30 V ICC = 0.01 mA IO = 0.5 mA MIN. TYP. 1.65 -2 45 3 MAX. 1.85 10 500 5 A 50 1 A V V UNIT V mV /C A pF nA

30 20

0.01
DETECTOR


2
2002-05-27
TLP559(IGM)
COUPLED ELECTRICAL CHARACTERISTICS (Ta = 25)
CHARACTERISTIC SYMBOL TEST CONDITION IF = 10 mA, VCC = 4.5 V VO = 0.4 V IF = 10 mA, VCC = 4.5 V VO = 0.4 V, Ta = -25~100C IF = 16 mA, VCC = 4.5 V IO = 2.4 mA MIN. 25 15 TYP. 35 MAX. 75 % UNIT
Current Transfer Ratio
I O / IF

0.4 V
Low Level Output Voltage
VOL
ISOLATION CHARACTERISTICS (Ta = 25)
CHARACTERISTIC Capacitance Input to Output Isolation Resistance SYMBOL CS RS TEST CONDITION V = 0, f = 1 MHz R.H.60%, VS = 500 V AC , 1minute Isolation Voltage BVS AC , 1second, in oil DC , 1minute,in oil MIN. 5x10
10
TYP. 0.8 10
14
MAX.
UNIT pF Vrms Vdc

2500
5000 5000

SWITCHING CHARACTERISTICS (Ta = 25 CC = 15 V) V
CHARACTERISTIC SYMBOL TEST CIRCUIT TEST CONDITION IF = 10 mA, RL = 20 k Propagation Delay Time (HL) Propagation Delay Time (LH) tpHL tpLH 1 Switching Time Dispersion between ON and OFF IF = 10 mA, RL = 20 k Ta = 0~85C IF = 10 mA, RL = 20 k Ta = -25~100C IF = 10 mA, RL = 20 k IF = 10 mA, RL = 20 k Ta = 0~85C IF = 20 mA, RL = 20 k Ta = -25~100C CMH 2 Common Mode Transient Immunity at Logic Low Output (Note 8) CML IF = 0 mA, VCM = 1500 Vp-p, RL = 20 k IF =10 mA, VCM = 1500 Vp-p, RL = 20 k MIN. 0.1 0.1 0.1 TYP. 0.45 0.45 0.45 0.15 0.25 0.25 MAX. 0.8 0.9 1.0 0.7 0.8 0.9 s s UNIT

10000
|tpLH-tpHL|
Common Mode Transient Immunity at Logic High Output
15000
(Note 8)
V /s
-10000 -15000
V /s
(Note 8) CML is the maximum rate of fall of the common mode voltage that can be sustained with the output voltage in the logic low state(Vo<1V). CMH is the maximum rate of rise of the common mode voltage that can be sustained with the output voltage in the logic high state(Vo>4V). (Note 9) Maximum electrostatic discharge voltage for any pins : 100V(C=200pF,R=0)
3
2002-05-27
TLP559(IGM)
TEST CIRCUIT 1 : Switching time test circuit
PULSE INPUT PW=100 DUTY RATIO=1/10 IF MONITOR OUTPUT MONITOR
TEST CIRCUIT 2 : Common mode noise immunity test circuit
OUTPUT MONITOR PULSE GENERATOR
10mA
CMH = 1200( V ) 1200( V ) CML = t r ( ms ) t f ( ms )
4
2002-05-27
TLP559(IGM)
RESTRICTIONS ON PRODUCT USE
*
000707EBC
TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. Gallium arsenide (GaAs) is a substance used in the products described in this document. GaAs dust and fumes are toxic. Do not break, cut or pulverize the product, or use chemicals to dissolve them. When disposing of the products, follow the appropriate regulations. Do not dispose of the products with other industrial waste or with domestic garbage. The products described in this document are subject to the foreign exchange and foreign trade laws. The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. The information contained herein is subject to change without notice.
*
*
* *
*
5
2002-05-27


▲Up To Search▲   

 
Price & Availability of TLP559

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X