Part Number Hot Search : 
T3150 D2118 N5551 C1327 GBJ10 C3105 TA79L12 5801Q
Product Description
Full Text Search
 

To Download TLP554 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP554
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
TLP554
ISOLATED LINE RECEIVER SIMPLEX/MULTIPLEX DATA TRANSMISSION COMPUTER-PERIPHERAL INTERFACE MICROPROCESSOR SYSTEM INTERFACES DIGITAL ISOLATION FOR A/D,D/A CONVERSION
The TOSHIBA TLP554 a photocoupler which combines a GaAlAsIRED as the emitter and an integrated high gain,high speed photodetector. The output of the detector circuit is an open collector,Schottky Clamped transistor. A Faraday shield integrated on the photodetector chip reduces the effects of capacitive coupling between the input LED emitter and the high gain stages of the detector. This provides an effective common mode transient immunity of 1000V/us. l l l l l l Input Current Threshold Switching Speed Common mode transient immunity Guaranteed PerformanceOverTemperature Isolation Voltage UL Recognized : IF=5mA(Max.) : 10MBd(TYP,@NRZ) : 1000V/us(Min) : 0~70C : 2500Vrms(Min) :UL1577,File No.E67349 Unit: mm
TRUTH TABLE(Positive Logic)
INPUT H L H L ENABLE H H L L OUTPUT L H H H
JEDEC TOSHIBA Weight: 0.54 g
11-10C4
SCHEMATIC IF 2 VF 3 ICC IO 8 6 SHIELD IE 5 VCC VO
PIN CONFIGURATION (TOP VIEW) 1:NC 8 1 V
CC
2 3
7 6 SHIELD GND 5
GND
4
7 VE
2:ANODE 3:CATHODE 4:N.C. 5:GND 6:VO(OUTPUT) 7:VE(ENABLE) 8:VCC
A 0.1mF bypass capacitor must be connected Between pins 8 and 5.(See Note 1)
1
2002-07-09
TLP554
RECOMMENDED OPERATING CONDITIONS
CHARACTERISTIC Low Level input Voltage High Level input current Supply Voltage High-Level Enable Voltage Low-Level Enable Voltage Fan Out(TTL Load) Operating Temperature SYMBOL
VFL IFH
MIN. -3 6.3* 4.5 2.0 0
TYP.
MAX. 1.0 20 5.5 VCC 0.8 8 70
UNIT V mA V V V 3/4 C
0 3/4 5 3/4 3/4 3/4 3/4
VCC VEH VEL N Topr
3/4
0
*6.3mA condition permits at least 20% CTR degradation Initial switching threshold is 5.0mA or less.
MAXIMUM RATINGS (Ta = 25C)
CHARACTERISTIC Forward Current Reverse Voltage Output Current DETECTOR Output Voltage Supply Voltage Enable Voltage Output Power Dissipation Storage Temperature Range Operating Temperature Range Lead Soldering Temperature (10 s) Isolation Voltage (AC, 1 minute, R.H. 60%) (Note 4) (Note 5) (Note 2) (Note 3) SYMBOL IF VR IO VO VCC VE PO Tstg Topr Tsol BVS RATING 20 5 25 -0.5~7 7 5.5 40 -55~125 -40~85 260 2500 UNIT mA V mA V V V mW C C C Vrms
(Note 1) The VCC supply voltage to each TLP554 isolator must be bypassed by a 0.1mF capacitor or larger.This can be either a ceramic or solid tantalum capacitor with good high frequency characteristic and should be connected as close as possible to the package VCC and GND pins each device. (Note 2) 1 Minute Maximum. (Note 3) Not to exceed VCC by more than 500mV. (Note 4) 2mm below seating plane. (Note 5) Device considered a two-terminal device :Pins 1,2,3 and 4 shorted together,and Pins 5, 6,7 and 8 shorted together.
LED
2
2002-07-09
TLP554
ELECTRICAL CHARACTERISTICS (Ta = 0~70C , VCC=4.5~5.5V , VFL1.0V)
CHARACTERISTIC Forward Voltage Temperature Coefficient of Forward Voltage Input Reverse Current Input Capacitance SYMBOL VF VF/Ta IR CT TEST CONDITION IF = 10 mA , Ta=25C IF = 10 mA , VR=5V, Ta=25C V = 0 , f = 1MHz , Ta=25C VF = 1.0V VO = 5.5V VE = 2.0V Ta=0~70C Ta=25C 3/4 3/4 3/4 MIN. TYP.* 1.65 -2.0 3/4 45 10 0.5 MAX. 1.80 3/4 10 3/4 250 mA 10 UNIT V mV/C mA pF
High-Level Output Current
IOH
3/4 3/4 3/4 3/4
3/4 3/4
Low-Level Output Voltage High Level input current High Level Supply Current Low Level High Level Enable Current Low Level High Level Enable Voltage Low Level Capacitance (Input-Output) Resistance (Input-Output) (*)All typ.values are at Ta=25C
VOL IFH ICCH ICCL IEH IEL VEH VEL CS RS
IF=5mA , VE=2.0V , IOL=13mA IOL=13mA , VE=2.0V , VOL=0.6V IF=0mA IF=10mA VE=2.0V VCC=5.5V VE=0.5V
0.4 3/4
7
0.6
5 15
V mA
VCC=5.5V VE=0.5V
mA
12 -1.0 -1.6 3/4 3/4 0.6
1014
19 3/4 -2.0 3/4 0.8 3/4 3/4
pF W V mA
3/4 3/4 (Note 6) 2.0 3/4
3/4 5x1010
3/4 3/4
VS=0 , f=1MHz , Ta=25
VS=500V , Ta=25 , R.H. 60%
(Note 6) No pull up resistor required as the device has an internal pull up resistor.
3
2002-07-09
TLP554
SWITCHING CHARACTERISTICS (Ta = 25C , VCC=5V)
CHARACTERISTIC Propagation Delay Time Output Rise Time(10-90%) Output Fall Time(10-90%) Enable Propagation Delay Time Common Mode Transient Immunity at Hight Level Outout Common Mode Transient Immunity at Low Level Outout L(R)H H(R)L SYMBOL tpLH tpHL tr tf tELH tEHL CMH TEST CIRCUIT TEST CONDITION RL=350W IF=7.5(R)0mA IF=0(R)7.5mA MIN. TYP. 60 60 30 30 25 25 10000 MAX. 120 120 UNIT ns
3/4 3/4 3/4 3/4 3/4 3/4
1000
1
CL=15pF
IF=7.5(R)0 / 0(R)7.5mA RL=350, CL=15pF
3/4 3/4 3/4 3/4 3/4
ns
2
RL=350W CL=15pF IF=7.5 mA VCM=400V
VE=0.5(R)3.0V VE=3.0(R)0.5V IF=0mA VO(Min)=2.0V
ns
3
CML
RL=350W IF=7.5mA (Note 7) VO(Max)=0.8V -1000 -10000
V/ms
3/4
(Note 7) CMHThe maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the high state(i.e.,VOUT>2.0V) CMLThe maximum tolerable rate of fall of the common mode voltage to ensure the output will remain in the low output state(i.e.,VOUT<0.8V) Measured in volts per microsecond(V/ms). (Note 8) Maximum electrostatic discharge voltage for any pins:180V(C=200pF,R=0)
4
2002-07-09
TLP554
IF=7.5mA
5
2002-07-09
TLP554
6
2002-07-09
TLP554
7
2002-07-09
TLP554
RESTRICTIONS ON PRODUCT USE
000707EBC
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * Gallium arsenide (GaAs) is a substance used in the products described in this document. GaAs dust and fumes are toxic. Do not break, cut or pulverize the product, or use chemicals to dissolve them. When disposing of the products, follow the appropriate regulations. Do not dispose of the products with other industrial waste or with domestic garbage. * The products described in this document are subject to the foreign exchange and foreign trade laws. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
8
2002-07-09


▲Up To Search▲   

 
Price & Availability of TLP554

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X