Part Number Hot Search : 
LN2803 0M75J 22002 GP12170 B37637 X1TCG Z1360A MN101
Product Description
Full Text Search
 

To Download TLP525G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP525G,TLP525G-2,TLP525G-4
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP525G,TLP525G-2,TLP525G-4
Triac Drive Programmable Controllers AC-Output Module Solid State Relay
The TOSHIBA TLP525G, -2 and -4 consist of a photo-triac optically coupled to a gallium arsenide infrared emitting diode. The TLP525G-2 offers two isolated channels in an eight lead plastic DIP package, while the TLP525G-4 provides four isolated channels in a sixteenn lead plastic DIP package. * * * * * Peak off-stage voltage: 400V (min.) Trigger LED current: 10mA (max.) Peak on-stage current: 2Apk (max.) Isolation voltage: 2500Vrms (min.) UL recognized: File no.E67349 TOSHIBA Weight: 0.26g 11-5B2 Unit in mm
Pin Configurations (top view)
TOSHIBA Weight: 0.54g
11-10C4
TOSHIBA Weight: 1.1g
11-20A3
1
2002-09-25
TLP525G,TLP525G-2,TLP525G-4
Maximum Ratings (Ta = 25C)
Rating Characteristic Forward current Forward current derating LED Pulse forward current Reverse voltage Junction temperature Off-state output terminal voltage On-state RMS current Detector On-state current derating (Ta25C) Peak on state current Peak nonrepetitive surge current (PW = 10ms, DC = 10%) Junction temperature Storage temperature range Operating temperature range Lead soldering temperature Isolation voltage (Note) Ta = 25C Ta = 70C Symbol IF IF / C IFP VR Tj VDRM IT (RMS) IT / C ITP ITSM Tj Tstg Topr Tsol BVS 100 50 -1.1 TLP525G 50 -0.7 (Ta 53C) TLP525G-2 TLP525G-4 50 -0.5 (Ta 25C) Unit mA mA / C A V C V 80 40 -0.9 mA mA / C A A C C C C V rms
1 (100s pulse, 100pps) 5 125 400
2 (100s pulse, 120pps) 1.2 115 -55~125 -40~100 260 (10s) 2500 (AC, 1min., R.H. 60%)
(Note) Device considered a two terminal device: LED side pins shorted together and detector side pins shorted together.
Recommended Operating Conditions
Characteristic Supply voltage Forward current Peak on-state current Operating temperature Symbol VAC IF ITP Topr Min. 15 -25 Typ. 20 Max. 120 25 1 85 Unit Vac mA A C
2
2002-09-25
TLP525G,TLP525G-2,TLP525G-4
Individual Electrical Characteristics (Ta = 25C)
Characteristic Forward voltage LED Reverse current Capacitance Peak off-state current Peak on-state voltage Detector Holding current Critical rate of rise of off-state voltage Critical rate of rise of commutating voltage Symbol VF IR CT IDRM VTM IH dv / dt dv / dt (c) Test Condition IF = 10mA VR = 5V V = 0, f = 1MHz VDRM = 400V ITM = 100mA 3/4 Vin = 120Vrms, Ta = 85C (Figure 1) Vin = 30Vrms, IT = 15mA (Figure 1) Min. 1.0 200 Typ. 1.15 30 10 1.7 0.2 500 0.2 Max. 1.3 10 100 3.0 Unit V A pF nA V mA V / s V / s
Coupled Electrical Characteristics (Ta = 25C)
Characteristic Trigger LED current Capacitance input to output Isolation resistance Symbol IFT CS RS Test Condition VT = 3V VS = 0, f = 1MHz VS = 500V, R.H. 60% AC, 1 minute Isolation voltage BVS AC, 1 second, in oil DC, 1 minute, in oil Min. 510
10
Typ. 5 0.8 10
14
Max. 10
Unit mA pF Vrms Vdc
2500
5000 5000
Fig.1 dv / dt Test Circuit
3
2002-09-25
TLP525G,TLP525G-2,TLP525G-4
4
2002-09-25
TLP525G,TLP525G-2,TLP525G-4
5
2002-09-25
TLP525G,TLP525G-2,TLP525G-4
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
6
2002-09-25


▲Up To Search▲   

 
Price & Availability of TLP525G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X