Part Number Hot Search : 
MA4E1338 24M05 1N2986D CQY80NG USBMOD1 Y7C680 1N5221A MAX21
Product Description
Full Text Search
 

To Download TLP280 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP280,TLP280-4
TENTATIVE
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP280,TLP280-4 -
Unit in mm
Programmable Controllers AC/DC-Input Module PC Card Modem (PCMCIA)
TLP280 and TLP280-4 is a very small and thin coupler, suitable for surface mount assembly in applications such as PCMCIA fax modem, programmable controllers. TLP280 and TLP280-4 consist of photo transistor, optically coupled to two gallium arsenide infrared emitting diode connected inverse parallel, and can operate directly by AC input current * * * * * Collector-emitter voltage: 80 V (min) Current transfer ratio: 50% (min) Rank GB: 100% (min) Isolation voltage: 2500 Vrms (min) UL recognized: UL1577, file No. E67349 BSI approved: BS EN 60065: 1994, BS EN 41003: 1997 Certificate No. 8143, 8144 TOSHIBA Weight: 0.05 g
TOSHIBA Weight: 0.19 g
1
2002-09-25
TLP280,TLP280-4
Pin Configuration (top view)
TLP280
1 2 4 3 1 2 3 4 5 6 7 8
TLP280-4
16 15 14 13 12 11 10 9
1 : Anode Cathode 2 : Cathode Anode 3 : Emitter 4 : Collector
1,3,5,7
: AnodeCathode 2,4,6,8 : Cathode Anode 9,11,13,15 : Emitter 10,12,14,16 : Collector
2
2002-09-25
TLP280,TLP280-4
Maximum Ratings (Ta = 25C)
Characteristic Forward current LED Forward current derating Pulse forward current Junction temperature Collector-emitter voltage Emitter-collector voltage Detector Collector current Collector power dissipation (1 circuit) Collector power dissipation derating (Ta 25C) (1 circuit) Junction temperature Storage temperature range Operating temperature range Lead soldering temperature Total package power dissipation (1 circuit) Total package power dissipation derating (Ta 25C) (1 circuit) Isolation voltage (Note) Symbol IF(RMS) IF /C IFP Tj VCEO VECO IC PC PC /C Tj Tstg Topr Tsol PT PT /C BVS 200 -2.0 150 -1.5 125 -55~125 -55~100 260 (10s) 170 -1.7 Rating TLP280 50 -0.7 (Ta 53C) -0.5 (Ta 25C) TLP280-4 Unit mA mA /C A C V V mA 100 -1.0 mW mW /C C C C C mW mW /C Vrms
1 (100s pulse, 100pps) 125 80 7 50
2500 (AC, 1min., R.H. 60%)
(Note): Device considered a two terminal device: LED side pins shorted together and detector side pins shorted together.
3
2002-09-25
TLP280,TLP280-4
Individual Electrical Characteristics (Ta = 25C)
Characteristic LED Forward voltage Capacitance Collector-emitter breakdown voltage Emitter-collector breakdown voltage Detector Symbol VF CT V(BR) CEO V(BR) ECO Test Condition IF = 10 mA V = 0, f = 1 MHz IC = 0.5 mA IE = 0.1 mA VCE = 48 V, Ambient light below (100 1x) VCE = 48 V, Ta = 85C Ambient light below (100 1x) V = 0, f = 1 MHz Min 1.0 80 7 Typ 1.15 60 0.01 (2) 2 (4) 10 Max 1.3 -- -- -- 0.1 (10) 50 (50) Unit V pF V V A A pF
Collector dark current (Note 1) Capacitance (collector to emitter)
ICEO
CCE
(Note 1): Because of the construction, leak current might be increased by ambient light. Please use photocoupler with less ambient light.
Coupled Electrical Characteristics (Ta = 25C)
Characteristic Current transfer ratio Symbol IC / IF Test Condition IF = 5 mA, VCE = 5 V Rank GB IF = 1 mA, VCE = 0.4 V Rank GB IC = 2.4 mA, IF = 8 mA Collector-emitter saturation voltage Off-state collector current CTR symmetry VCE (sat) IC = 0.2 mA, IF = 1 mA Rank GB VF = 0.7 V, VCE = 48 V IC (IF = -5 mA) / IC (IF = 5 mA) (Note 2) MIn 50 100 -- 30 -- -- -- -- 0.33 Typ. -- -- 60 -- -- 0.2 -- -- -- Max 600 600 -- -- 0.4 -- 0.4 10 3 A -- V Unit %
Saturated CTR
IC / IF (sat)
%
IC(off) IC (ratio)
(Note 2):
I (I = I , V = 5V) IC(ratio) = C2 F F2 CE IC1(IF = IF1, VCE = 5V)
IF1 IF2
IC1 IC2
VCE
4
2002-09-25
TLP280,TLP280-4
Isolation Characteristics (Ta = 25C)
Characteristic Capacitance input to output Isolation resistance Symbol CS RS Test Condition VS = 0V, f = 1 MHz VS = 500 V, R.H. 60% AC, 1 minute Isolation voltage BVS AC, 1 second, in oil DC, 1 minute, in oil Min -- 5x10
10
Typ. 0.8 10
14
Max -- -- -- -- --
Unit pF Vrms Vdc
2500 -- --
-- 5000 5000
Switching Characteristics (Ta = 25C)
Characteristic Rise time Fall time Turn-on time Turn-off time Turn-on time Storage time Turn-off time Symbol tr tf ton toff tON ts tOFF RL = 1.9 k VCC = 5 V, IF = 16 mA (Fig.1) VCC = 10 V, IC = 2 mA RL = 100 Test Condition Min -- -- -- -- -- -- -- Typ. 2 3 3 3 2 25 40 Max -- -- -- -- -- -- -- s s Unit
(Fig. 1): Switching time test circuit IF VCE tON
IF
RL
VCC VCE
tS
VCC 4.5V 0.5V tOFF
5
2002-09-25
TLP280,TLP280-4
100
IF - Ta
PC - Ta
200
80
160
TLP280
Allowable forward current IF (mA)
60 TLP280 40 TLP280-4 20
Allowable collector power Dissipation PC (mW)
120 TLP280-4 80
40
0 20
0
20
40
60
80
100
120
0 20
0
20
40
60
80
100
120
Ambient temperature Ta ()
Ambient temperature Ta ()
3000
IFP - DR
PULSE WIDTH 100s
IF - VF
100
(mA)
IFP
500 300
(mA) Forward current IF
1000
Ta=25
10 100 75 50 25 0 25 50
Pulse forward current
100 50 30
1
10 3 10-3 3 10-2 3 10-1 3
10
0
0.1 0.6
0.8
1.0
1.2
1.4
1.6
Duty cycle ratio DR
Forward voltage
VF
(V)
3.2
VF /Ta- IF
1000 500
IFP - VFP
Forward voltage temperature coefficient VF /Ta (mV/)
(mA) IFP Pulse forward current
2.8
300 100 50 30
2.4 2.0 1.6 1.2
10 5 3 1 0.6 Pulse width10s Repetitive Frequency=100Hz Ta=25 1.0 1.4 1.8 2.2 2.6 3.0
0.8
0.4 0.1
0.3 0.5
1
3
5
10
30
50
Forward current
IF
(mA)
Pulse forward voltage VFP (V)
6
2002-09-25
TLP280,TLP280-4
50
IC - VCE
Ta = 25
30
IC - VCE
Ta = 25
(mA)
40 50 30 30 20 15 20 10 PC(MAX.) 10 IF = 5mA 0
(mA)
25 50 20 40 30 20 10 5 5 0 IF = 2mA 0 0..5 1.0
IC
Collector current
Collector current
10
IC
5
15
10
0
Collector-emitter voltage
VCE
(V)
Collector-emitter voltage
VCE
(V)
100
IC - IF
101
ICEO - Ta
(mA)
100
Collector current
10
Sample A
Collector dark current ID (ICEO) (A)
IC
101 VCE = 48V 102 24V 10V 5 103
Sample B 1 VCE = 10V VCE = 5V VCE = 0.4V 0.1 0.1 1 10 100
104 0
20
40
60
80
100
Ambient temperature Ta ()
Forward current
IF
(mA)
1000 VCE = 10V
IC / IF - IF
VCE = 5V VCE = 0.4V Sample A
Current transfer ratio IC / IF (%)
100 Sample B
10 0.1
1
10
100
Forward current
IF
(mA)
7
2002-09-25
TLP280,TLP280-4
0.24
VCE(sat) - Ta
IC - Ta
100 25
0.20
collectorEmitter saturation Voltage VCE(sat) (V)
0.16
(mA)
10 10 5
Collector current
0.12
IC
0.08 1
1 IF = 0.5mA
0.04 0 40
IF = 8mA, IC = 2.4mA IF = 1mA, IC = 0.2mA 0 50 100 0.1 20 VCE = 5V 0 50
100
Ambient temperature Ta ()
Ambient temperature Ta ()
1000
Switching Time- RL
Ta IF = 25 = 16mA
Switching Time- Ta
100 tOFF
VCC = 5V tOFF
ts
(s) Switching time
10 tON
100
(s)
1 IF = 16mA VCC = 5V RL = 1.9 20 0 50 100
ts
Switching time
0.1
Ambient temperature Ta ()
10
tON 1 1 100
10
Load resistance RL (K)
8
2002-09-25
TLP280,TLP280-4
RESTRICTIONS ON PRODUCT USE
000707EBC
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * Gallium arsenide (GaAs) is a substance used in the products described in this document. GaAs dust and fumes are toxic. Do not break, cut or pulverize the product, or use chemicals to dissolve them. When disposing of the products, follow the appropriate regulations. Do not dispose of the products with other industrial waste or with domestic garbage. * The products described in this document are subject to the foreign exchange and foreign trade laws. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
9
2002-09-25
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of TLP280

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X