Part Number Hot Search : 
V602ME38 CMC7106Y U4056B1 4LVTH1 MCR8DCN TMP89 100166F UML500
Product Description
Full Text Search
 

To Download TLP222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP222A,TLP222A-2
TOSHIBA Photocoupler Photorelay
TLP222A, TLP222A-2
Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
The Toshiba TLP222A and TLP222A-2 consist of a gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET in a DIP package whose withstanding voltage is 60 V. These photorelays have higher output current rating than phototransistor-type photocoupler; hence, they are suitable for use as On/Off control for high current. * * * * * * * Normally open (1-form-A and 2-form-A) devices Peak off-state voltage: 60 V (min) Trigger LED current: 3 mA (max) On-state current: 500 mA (max) On-state resistance: 2 (max) Isolation voltage: 2500 Vrms (min) UL recognized: UL1557, File No.E67349 JEDEC 11-5B2 Unit: mm
TLP222A
Pin Configuration (top view)
TLP222A 1 4 1 TLP222A-2 8
JEITA TOSHIBA
Weight: 0.26 g (typ.)
TLP222A-2 2 2 1: Anode 2: Cathode 3: Drain 4: Drain 3 3 6 7
4
5
1, 3 2, 4 5 6 7 8
: Anode : Cathode : Drain D1 : Drain D2 : Drain D3 : Drain D4
JEDEC JEITA TOSHIBA
11-10C4
Weight: 0.54 g (typ.)
1
2002-04-25
TLP222A,TLP222A-2
Maximum Rating (Ta = 25C)
Characteristics Forward current Forward current derating (Ta > 25C) = LED Peak forward current Reverse voltage Junction temperature Off-state output terminal voltage TLP222A On-state current One channel operation Two channel operations Symbol IF DIF/C IFP VR Tj VOFF Rating 50 -0.5 1 5 125 60 Unit mA mA/C A V C V
TLP222A-2
ION
500
mA
Detector
TLP222A One Forward channel current operation derating TLP222A-2 (Ta > 25C) = Two channel operations Junction temperature
DION/C
-5.0
mA/C
Tj Tstg Topr Tsol BVS
125 -55 to 125 -40 to 85 260 2500
C C C C Vrms
Storage temperature Operating temperature Lead soldering temperature (10 s) Isolation voltage (AC, 1 min, R.H. < 60%) = (Note 1)
Note 1: LED pins are shorted together. Detector pins are also shorted together.
Recommended Operating Conditions
Characteristics Supply voltage Forward current On-state current Operating temperature Symbol VDD IF ION Topr Min 3/4 5 3/4 -20 Typ. 3/4 7.5 3/4 3/4 Max 48 25 500 65 Unit V mA mA C
Electrical Characteristics (Ta = 25C)
Characteristics Forward voltage LED Reverse current Capacitance Detector Off-state current Capacitance Symbol VF IR CT IOFF COFF Test Condition IF = 10 mA VR = 5 V V = 0, f = 1 MHz VOFF = 60 V V = 0, f = 1 MHz Min 1.0 3/4 3/4 3/4 3/4 Typ. 1.15 3/4 30 3/4 130 Max 1.3 10 3/4 1 3/4 Unit V mA pF mA pF
2
2002-04-25
TLP222A,TLP222A-2
Coupled Electrical Characteristics (Ta = 25C)
Characteristics Trigger LED current Return LED current On-state resistance Symbol IFT IFC RON Test Condition ION = 500 mA IOFF = 100 mA ION = 500 mA, IF= 5 mA Min 3/4 0.1 3/4 Typ. 1.6 3/4 1 Max 3 3/4 2 Unit mA mA W
Isolation Characteristics (Ta = 25C)
Characteristics Capacitance input to output Isolation resistance Symbol CS RS Test Condition VS = 0 V, f = 1 MHz VS = 500 V, R.H. < 60% = AC, 1 min Isolation voltage BVS AC, 1 s, in oil DC, 1 min, in oil Min 3/4 5 10
10
Typ. 0.8 10
14
Max 3/4 3/4 3/4 3/4 3/4
Unit pF W Vrms Vdc
2500 3/4 3/4
3/4 5000 5000
Switching Characteristics (Ta = 25C)
Characteristics Turn-on time Turn-off time Symbol tON tOFF Test Condition RL = 200 W VDD = 20 V, IF = 5 mA Min 3/4 (Note 2) 3/4 Typ. 0.8 0.1 Max 2 0.5 Unit ms
Note 2: Switching time test circuit
IF TLP222A 1 4 RL VDD IF VOUT 2 3 VOUT 10% tON 90% tOFF
IF
TLP222A-2 1 8 RL
VDD
VOUT 2 7
3
2002-04-25
TLP222A,TLP222A-2
IF - Ta
100 600
ION - Ta
(mA)
IF
(mA) ION On-sate current
0 20 40 60 80 100 120
80
500
Allowable forward current
400
60
300
40
200
20
100
0 -20
0 -20
0
20
40
60
80
100
120
Ambient temperature Ta (C)
Ambient temperature Ta (C)
IF - VF
100 Ta = 25C 600 Ta = 25C IF = 5 mA
ION - VON
(mA)
On-state current ION
10
(mA)
30
400
Forward current IF
200
3
0
1
-200
0.3
-400
0.1 0.6
0.8
1
1.2
1.4
1.6
1.8
-600 -0.6
-0.4
-0.2
0
0.2
0.4
0.6
Forward voltage
VF
(V)
On-state voltage
VON
(V)
RON - Ta
5 ION = 500 mA 4 IF = 5 mA 5 ION = 500 mA t<1s 4
IFT - Ta
RON
2
Trigger LED Current
3
IFT
3 2 1 1 0 -20 0 20 40 60 80 100 0 -20
On-state resistance
(mA)
(W)
0
20
40
60
80
100
Ambient temperature Ta (C)
Ambient temperature Ta (C)
4
2002-04-25
TLP222A,TLP222A-2
tON, tOFF - IF
5000 3000 Ta = 25C VDD = 20 V RL = 200 W 1000 500 300 tOFF 100 50 30 1 3 5 10 30 tON 50 100 300 10 -20 0
tON, tOFF - Ta
tON 1000
(ms)
3000
tON, tOFF
tON, tOFF
(ms)
300 tOFF 100
Switching time
Switching time
30
VDD = 20 V RL = 200 W IF = 5 mA 20 40 80 80 100
Input current
IF (mA)
Ambient temperature Ta (C)
IOFF - Ta
30 VOFF = 60 V
(nA) Off-state current IOFF
10
3
1
0.3
0.1 -20
0
20
40
80
80
100
Ambient temperature Ta (C)
5
2002-04-25
TLP222A,TLP222A-2
RESTRICTIONS ON PRODUCT USE
000707EAC
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * Gallium arsenide (GaAs) is a substance used in the products described in this document. GaAs dust and fumes are toxic. Do not break, cut or pulverize the product, or use chemicals to dissolve them. When disposing of the products, follow the appropriate regulations. Do not dispose of the products with other industrial waste or with domestic garbage. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
6
2002-04-25


▲Up To Search▲   

 
Price & Availability of TLP222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X