Part Number Hot Search : 
32213 02M10 1N6506 CDLL4623 FR153 SMAJ33 2SC4886 10A07
Product Description
Full Text Search
 

To Download TIL117-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL111 TIL111-M
WHITE PACKAGE (-M SUFFIX) SCHEMATIC
6 1 6
2 5 1 6
TIL117-M
MOC8100-M
1
3 NC 4
6 1
PIN 1. ANODE 2. CATHODE 3. NO CONNECTION 4. EMITTER 5. COLLECTOR 6. BASE
BLACK PACKAGE (NO -M SUFFIX)
6 1 6 1 6 1
DESCRIPTION
The MOC8100, TIL111 and TIL117 optocouplers consist of a gallium arsenide infrared emitting diode driving a silicon phototransistor in a 6-pin dual in-line package.
FEATURES
* The TIL111 is also available in both black and white packages by specifying -M suffix, e.g. TIL111-M for the white package and no suffix for the black package. * UL recognized (File # E90700) * VDE recognized (File # 94766); (File #102497 for white package) - Add option V for white package (e.g., TIL111V-M) - Add option 300 for black package (e.g., TIL111.300)
APPLICATIONS
* Power supply regulators * Digital logic inputs * Microprocessor inputs * Appliance sensor systems * Industrial controls
(c) 2003 Fairchild Semiconductor Corporation
Page 1 of 14
6/30/03
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL111 TIL111-M TIL117-M MOC8100-M
ABSOLUTE MAXIMUM RATINGS (TA = 25C unless otherwise specified)
Parameter TOTAL DEVICE Storage Temperature Operating Temperature Lead Solder Temperature Total Device Power Dissipation @ TA = 25C Derate above 25C EMITTER DC/Average Forward Input Current Reverse Input Voltage Forward Current - Peak (300s, 2% Duty Cycle) LED Power Dissipation @ TA = 25 C Derate above 25C DETECTOR Collector-Emitter Voltage Collector-Base Voltage Emitter-Collector Voltage Emitter-Base Voltage Detector Power Dissipation @ TA = 25 C Derate above 25C All All TIL111-M/TIL117-M All All VCEO VCBO VECO VEBO PD 30 70 7 7 150 2.0 (non-M), 1.76 (-M) V V V mW mW/C All TIL111/TIL111-M MOC8100-M/TIL117-M All All IF VR IF(pk) PD 100 (non-M), 60 (-M) 3 6 3 150 (non-M), 120 (-M) 2.0 (non-M), 1.41 (-M) mA V A mW mW/C All All All All TSTG TOPR TSOL PD -55 to +150 -55 to +100 260 for 10 sec 250 3.3 (non-M) 2.94 (-M) C C C mW mW/C Device Symbol Value Units
(c) 2003 Fairchild Semiconductor Corporation
Page 2 of 14
6/30/03
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL111 TIL111-M TIL117-M MOC8100-M
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise specified) INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter EMITTER Input Forward Voltage (IF = 16 mA) (TA = 25C) TIL111/TIL111-M MOC8100-M/ TIL117-M TIL111/TIL111-M/ TIL117-M MOC8100-M All All All TIL111-M TIL117-M TIL111/TIL111-M/ TIL117-M MOC8100-M TIL117-M/ MOC8100-M TIL111/TIL111-M/ TIL117-M MOC8100-M All BVCEO BVCBO BVEBO BVECO ICEO ICEO ICEO ICBO ICBO CCE 8 30 70 7 7 VF 1.2 1.2 1.32 1.10 IR 0.001 0.001 100 120 10 10 1 0.5 0.2 50 25 50 20 10 10 10 A A V V V V nA nA A nA nA pF 1.4 1.4 V (IF = 10 mA; for (TA = 0-70C) MOC8100-M) (T = -55C) A (IF = 16 mA; for TIL117-M) (TA = +100C) Reverse Leakage Current DETECTOR Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Emitter-Collector Breakdown Voltage (IC = 1.0 mA, IF = 0) (IC = 10 A, IF = 0) (IE = 10 A, IF = 0) (IF = 100A, IF = 0) (VCE = 10 V, IF = 0) Collector-Emitter Dark Current (VCE = 5V, TA = 25C) (VCE = 30 V, IF = 0, TA = 70C) (VCB = 10 V) (VCB = 5 V) Capacitance (VCE = 0 V, f = 1 MHz) (VR = 3.0 V) (VR = 6.0V) Test Conditions Device Symbol Min Typ* Max Unit
Collector-Base Dark Current
ISOLATION CHARACTERISTICS
Characteristic Input-Output Isolation Voltage Isolation Resistance Isolation Capacitance Note * Typical values at TA = 25C unless otherwise noted Test Conditions Symbol (Non `-M', Black Package) (f = 60 Hz, t = 1 min) (`-M', White Package) (f = 60 Hz, t = 1 sec) (VI-O = 500 VDC) (VI-O = 0, f = 1 MHz) VISO RISO CISO Min 5300 7500 1011 2 Typ* Max Units Vac(rms) Vac(pk) pF
(c) 2003 Fairchild Semiconductor Corporation
Page 3 of 14
6/30/03
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL111 TIL111-M TIL117-M MOC8100-M
TRANSFER CHARACTERISTICS (TA = 25C Unless otherwise specified.)
DC Characteristic Current Transfer Ratio, Collector to Emitter On-State Collector Current (Phototransistor Operation) On-State Collector Current (Photodiode Operation) Collector-Emitter Saturation Voltage Test Conditions (IF = 10 mA, VCE = 10 V) (IF = 1 mA, VCE = 5 V) (IF = 1 mA, VCE = 5 V, TA = 0 to +70C) (IF = 16 mA, VCE = 0.4 V) IC(ON) (IF = 16 mA, VCB = 0.4V) (IC = 500 A, IF = 10 mA) (IC = 2 mA, IF = 16 mA) (IC = 100 A, IF = 1 mA) AC Characteristic Turn-On Time Turn-Off Time Rise Time Fall Time Rise Time (Phototransistor Operation) Fall Time (Phototransistor Operation) * Typical values at TA = 25C (IC(ON) = 2 mA, VCC = 10 V, RL = 100) (Fig. 20) (IC = 2 mA, VCC = 10 V, RL = 100) (Fig. 20) TON TOFF tr tf tr tf MOC8100-M TIL117-M MOC8100-M TIL117-M MOC8100-M TIL117-M TIL111 TIL111-M 2 2 20 10 20 10 s s s VCE (SAT) CTRCE Symbol Device TIL117-M MOC8100-M Min 50 50 30 2 7 0.4 0.4 0.5 V Typ* Max Unit % % mA A
TIL111 TIL111-M TIL117-M TIL111 TIL111-M MOC8100-M
10
s
(c) 2003 Fairchild Semiconductor Corporation
Page 4 of 14
6/30/03
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL111 TIL111-M TIL117-M MOC8100-M
TYPICAL PERFORMANCE CURVES
Fig. 1 LED Forward Voltage vs. Forward Current (Black Package)
1.8 1.8
Fig. 2 LED Forward Voltage vs. Forward Current (White Package)
1.7
1.7
VF - FORWARD VOLTAGE (V)
1.6
VF - FORWARD VOLTAGE (V)
1.6
1.5
1.5
1.4 TA = -55C 1.3 TA = 25C
1.4 TA = -55C 1.3 TA = 25C 1.2 TA = 100C
1.2
1.1
TA = 100C
1.1
1.0 1 10 100
1.0 1 10 100
IF - LED FORWARD CURRENT (mA)
IF - LED FORWARD CURRENT (mA)
Fig.3 Normalized CTR vs. Forward Current (Black Package)
1.4 VCE = 5.0V TA = 25C 1.2 Normalized to IF = 10 mA 1.6
Fig.4 Normalized CTR vs. Forward Current (White Package)
VCE = 5.0V TA = 25C Normalized to IF = 10 mA
1.4
1.2 1.0
NORMALIZED CTR
NORMALIZED CTR
0 5 10 15 20
1.0
0.8
0.8
0.6
0.6
0.4
0.4 0.2
0.2
0.0
0.0 0 2 4 6 8 10 12 14 16 18 20
IF - FORWARD CURRENT (mA)
IF - FORWARD CURRENT (mA)
Fig. 5 Normalized CTR vs. Ambient Temperature (Black Package)
1.6 1.4
Fig. 6 Normalized CTR vs. Ambient Temperature (White Package)
1.4
IF = 5 mA
1.2 IF = 5 mA
NORMALIZED CTR
1.2 IF = 10 mA 1.0
NORMALIZED CTR
1.0 IF = 10 mA 0.8
0.8
0.6
IF = 20 mA
0.6
Normalized to IF = 10 mA TA = 25C
0.4 IF = 20 mA
Normalized to IF = 10 mA TA = 25C
0.4 -75 -50 -25 0 25 50 75 100 125
0.2 -60 -40 -20 0 20 40 60 80 100
TA - AMBIENT TEMPERATURE (C)
TA - AMBIENT TEMPERATURE (C)
(c) 2003 Fairchild Semiconductor Corporation
Page 5 of 14
6/30/03
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL111 TIL111-M
Fig. 7 CTR vs. RBE (Unsaturated) (Black Package)
1.0 1.0
TIL117-M
MOC8100-M
Fig. 8 CTR vs. RBE (Unsaturated) (White Package)
NORMALIZED CTR ( CTRRBE / CTRRBE(OPEN))
0.9 0.8 IF = 10 mA 0.7 IF = 5 mA 0.6 0.5 0.4 0.3 0.2 VCE= 5.0 V 0.1 0.0
NORMALIZED CTR ( CTRRBE / CTRRBE(OPEN))
0.9 0.8 IF = 20 mA 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 10 100 1000 IF = 5 mA IF = 10 mA VCE= 5.0 V
IF = 20 mA
10
100
1000
RBE- BASE RESISTANCE (k)
RBE- BASE RESISTANCE (k)
Fig. 9 CTR vs. RBE (Saturated) (Black Package)
1.0 1.0
Fig. 10 CTR vs. RBE (Saturated) (White Package)
NORMALIZED CTR ( CTRRBE / CTRRBE(OPEN))
NORMALIZED CTR ( CTRRBE / CTRRBE(OPEN))
0.9 VCE= 0.3 V 0.8 IF = 20 mA 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 10 100 1000 IF = 5 mA IF = 10 mA
0.9 VCE= 0.3 V 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 10 100 1000 IF = 5 mA IF = 10 mA IF = 20 mA
RBE- BASE RESISTANCE (k )
RBE- BASE RESISTANCE (k )
Fig. 11 Collector-Emitter Saturation Voltage vs Collector Current (Black Package)
VCE (SAT) - COLLECTOR-EMITTER SATURATION VOLTAGE (V)
100
Fig. 12 Collector-Emitter Saturation Voltage vs Collector Current (White Package)
VCE (SAT) - COLLECTOR-EMITTER SATURATION VOLTAGE (V)
100
TA = 25C 10
10
1
1 IF = 2.5 mA 0.1
IF = 2.5 mA 0.1
0.01
IF = 10 mA IF = 5 mA
IF = 20 mA
0.01 IF = 5 mA IF = 10 mA
IF = 20 mA
TA = 25C 0.1 1 10
0.001 0.01
0.001 0.01
0.1
1
10
IC - COLLECTOR CURRENT (mA)
IC - COLLECTOR CURRENT (mA)
(c) 2003 Fairchild Semiconductor Corporation
Page 6 of 14
6/30/03
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL111 TIL111-M
Fig. 13 Switching Speed vs. Load Resistor (Black Package)
1000 IF = 10 mA VCC = 10 V TA = 25C 1000 IF = 10 mA VCC = 10 V TA = 25C
TIL117-M
MOC8100-M
Fig. 14 Switching Speed vs. Load Resistor (White Package)
SWITCHING SPEED - (s)
Toff 10 Tf Ton
SWITCHING SPEED - (s)
100
100
10
Toff
Tf
Ton
1
1
Tr
Tr
0.1 0.1 1 10 100
0.1 0.1 1 10 100
R-LOAD RESISTOR (k)
R-LOAD RESISTOR (k)
Fig. 15 Normalized ton vs. RBE (Black Package)
5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 10 100 1000 10000 100000 VCC = 10 V IC = 2 mA RL = 100 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 10
Fig. 16 Normalized ton vs. RBE (White Package)
NORMALIZED ton - (ton(RBE) / ton(open))
NORMALIZED ton - (ton(RBE) / ton(open))
VCC = 10 V IC = 2 mA RL = 100
100
1000
10000
100000
RBE- BASE RESISTANCE (k )
RBE- BASE RESISTANCE (k )
Fig. 17 Normalized toff vs. RBE (Black Package)
1.4 1.3 1.4 1.3
Fig. 18 Normalized toff vs. RBE (White Package)
NORMALIZED toff - (toff(RBE) / toff(open))
NORMALIZED toff - (toff(RBE) / toff(open))
1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 10 100 1000 10000 100000 VCC = 10 V IC = 2 mA RL = 100
1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 10 100 1000 10000 100000 VCC = 10 V IC = 2 mA RL = 100
RBE- BASE RESISTANCE (k )
RBE- BASE RESISTANCE (k )
(c) 2003 Fairchild Semiconductor Corporation
Page 7 of 14
6/30/03
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL111 TIL111-M TIL117-M MOC8100-M
Fig. 19 Dark Current vs. Ambient Temperature
10000
ICEO - COLLECTOR -EMITTER DARK CURRENT (nA)
VCE = 10 V TA = 25C 1000
100
10
1
0.1
0.01
0.001 0 20 40 60 80 100
TA - AMBIENT TEMPERATURE (C)
TEST CIRCUIT
VCC = 10V
WAVE FORMS
INPUT PULSE
IF INPUT RBE
IC
RL
10% 90% tr ton Adjust IF to produce IC = 2 mA tf toff OUTPUT PULSE
OUTPUT
Figure 20. Switching Time Test Circuit and Waveforms
(c) 2003 Fairchild Semiconductor Corporation
Page 8 of 14
6/30/03
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL111 TIL111-M TIL117-M MOC8100-M
White Package (-M Suffix) Package Dimensions (Through Hole)
0.350 (8.89) 0.320 (8.13) Pin 1 ID
Package Dimensions (Surface Mount)
0.350 (8.89) 0.320 (8.13) PIN 1 ID
0.260 (6.60) 0.240 (6.10)
0.260 (6.60) 0.240 (6.10)
0.390 (9.90) 0.332 (8.43)
SEATING PLANE
SEATING PLANE
0.070 (1.77) 0.040 (1.02)
0.070 (1.77) 0.040 (1.02)
0.014 (0.36) 0.010 (0.25) 0.320 (8.13)
0.320 (8.13) 0.014 (0.36) 0.010 (0.25)
0.200 (5.08) 0.115 (2.93)
0.200 (5.08) 0.115 (2.93)
0.012 (0.30) 0.008 (0.20)
0.100 (2.54) 0.015 (0.38) 0.020 (0.50) 0.016 (0.41) 0.100 (2.54) 15 0.012 (0.30)
0.025 (0.63) 0.020 (0.51) 0.020 (0.50) 0.016 (0.41)
0.100 [2.54] 0.035 (0.88) 0.006 (0.16)
Package Dimensions (0.4" Lead Spacing)
0.350 (8.89) 0.320 (8.13) PIN 1 ID
Recommended Pad Layout for Surface Mount Leadform
0.070 (1.78)
0.260 (6.60) 0.240 (6.10)
0.060 (1.52)
0.070 (1.77) 0.040 (1.02) SEATING PLANE
0.014 (0.36) 0.010 (0.25)
0.425 (10.79)
0.100 (2.54) 0.305 (7.75) 0.030 (0.76)
0.200 (5.08) 0.115 (2.93)
0.100 (2.54) 0.015 (0.38) 0.020 (0.50) 0.016 (0.41) 0.100 [2.54] 0.012 (0.30) 0.008 (0.21) 0.425 (10.80) 0.400 (10.16)
NOTE All dimensions are in inches (millimeters)
(c) 2003 Fairchild Semiconductor Corporation
Page 9 of 14
6/30/03
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL111 TIL111-M TIL117-M MOC8100-M
Black Package (No -M Suffix) Package Dimensions (Through Hole)
PIN 1 ID.
Package Dimensions (Surface Mount)
0.350 (8.89) 0.330 (8.38)
0.270 (6.86) 0.240 (6.10)
3
2
1
PIN 1 ID.
0.270 (6.86) 0.240 (6.10)
SEATING PLANE
0.350 (8.89) 0.330 (8.38) 0.070 (1.78) 0.045 (1.14)
4
5
6
0.070 (1.78) 0.045 (1.14)
0.300 (7.62) TYP
0.200 (5.08) 0.115 (2.92)
0.200 (5.08) 0.165 (4.18) 0.020 (0.51) MIN 0.100 (2.54) TYP
0.016 (0.41) 0.008 (0.20)
0.154 (3.90) 0.100 (2.54)
0.020 (0.51) MIN 0.016 (0.40) 0.008 (0.20)
0.022 (0.56) 0.016 (0.41)
0.016 (0.40) MIN 0.315 (8.00) MIN 0.405 (10.30) MAX
0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP
0 to 15
0.300 (7.62) TYP
Lead Coplanarity : 0.004 (0.10) MAX
Package Dimensions (0.4" Lead Spacing)
PIN 1 ID
Recommended Pad Layout for Surface Mount Leadform
0.070 (1.78)
0.270 (6.86) 0.240 (6.10)
0.060 (1.52)
0.350 (8.89) 0.330 (8.38)
0.415 (10.54)
SEATING PLANE
0.070 (1.78) 0.045 (1.14)
0.100 (2.54) 0.295 (7.49) 0.030 (0.76)
0.200 (5.08) 0.135 (3.43)
0.154 (3.90) 0.100 (2.54)
0.004 (0.10) MIN
0.016 (0.40) 0.008 (0.20)
0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP
0 to 15 0.400 (10.16) TYP
NOTE All dimensions are in inches (millimeters)
(c) 2003 Fairchild Semiconductor Corporation
Page 10 of 14
6/30/03
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL111 TIL111-M TIL117-M MOC8100-M
ORDERING INFORMATION Order Entry Identifier
Black Package (No Suffix) .S .SD .W .300 .300W .3S .3SD White Package (-M Suffix) S SR2 T V TV SV SR2V Option Surface Mount Lead Bend Surface Mount; Tape and reel 0.4" Lead Spacing VDE 0884 VDE 0884, 0.4" Lead Spacing VDE 0884, Surface Mount VDE 0884, Surface Mount, Tape & Reel
MARKING INFORMATION
1
1
TIL111 V XX YY K
3 4 5
2 6
TIL111 V
3 4
2 6
X YY Q
5
Black Package, No Suffix Definitions
1 2 3 Fairchild logo Device number
White Package, -M Suffix
VDE mark (Note: Only appears on parts ordered with VDE option - See order entry table) One or two digit year code * Two digits for black package parts, e.g., `03' * One digit for white package parts, e.g., `3' Two digit work week ranging from `01' to `53' Assembly package code
4 5 6
*Note - Parts built in the white package (M suffix) that do not have the `V' option (see definition 3 above) that are marked with date code `325' or earlier are marked in the portrait format.
(c) 2003 Fairchild Semiconductor Corporation
Page 11 of 14
6/30/03
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL111 TIL111-M TIL117-M MOC8100-M
Carrier Tape Specifications (Black Package, No Suffix)
12.0 0.1 4.85 0.20 0.30 0.05 4.0 0.1 4.0 0.1 O1.55 0.05 1.75 0.10
7.5 0.1 13.2 0.2 9.55 0.20 16.0 0.3
0.1 MAX
10.30 0.20
O1.6 0.1
User Direction of Feed
Carrier Tape Specifications (White Package, -M Suffix)
12.0 0.1 4.5 0.20 2.0 0.05 0.30 0.05 4.0 0.1 O1.5 MIN 1.75 0.10
11.5 1.0 21.0 0.1 9.1 0.20 24.0 0.3
0.1 MAX
10.1 0.20
O1.5 0.1/-0
User Direction of Feed
(c) 2003 Fairchild Semiconductor Corporation
Page 12 of 14
6/30/03
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL111 TIL111-M TIL117-M MOC8100-M
Reflow Profile (White Package, -M Suffix)
300 Temperature (C) 250 200 150 100 50 0 0 0.5 1 1.5 2 2.5 245C peak
230C, 10-30 s
Time above 183C, 120-180 sec Ramp up = 2-10C/sec * Peak reflow temperature: 245C (package surface temperature) * Time of temperature higher than 183C for 120-180 seconds * One time soldering reflow is recommended 3.5 4 4.5
3
Time (Minute)
Reflow Profile (Black Package, No Suffix)
300 Temperature (C) 250 200 150 100 50 0 0 0.5 1 1.5 2 2.5 3 225 C peak
215C, 10-30 s
Time above 183C, 60-150 sec
Ramp up = 3C/sec 3.5 4 4.5
* Peak reflow temperature: 225C (package surface temperature) * Time of temperature higher than 183C for 60-150 seconds * One time soldering reflow is recommended
Time (Minute)
(c) 2003 Fairchild Semiconductor Corporation
Page 13 of 14
6/30/03
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL111 TIL111-M TIL117-M MOC8100-M
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
(c) 2003 Fairchild Semiconductor Corporation
Page 14 of 14
6/30/03


▲Up To Search▲   

 
Price & Availability of TIL117-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X