Part Number Hot Search : 
CS1694 KTA1204D MDW1031 KTA1046 M50179P M50179P 2SC40 12EZS
Product Description
Full Text Search
 

To Download STW8NB100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STW8NB100
N - CHANNEL 1000V - 1.2 - 8A - TO-247 PowerMESHTM MOSFET
PRELIMINARY DATA
TYPE STW8NB100
s s s s s s s
V DSS 1000 V
R DS(on) < 1.5
ID 8A
TYPICAL RDS(on) = 1.2 EXTREMELY HIGH dv/dt CAPABILITY 30V GATE TO SOURCE VOLTAGE RATING 100% AVALANCHE TESTED LOW INTRINSIC CAPACITANCE GATE CHARGE MINIMIZED REDUCED VOLTAGE SPREAD TO-247
3 2 1
DESCRIPTION Using the latest high voltage MESH OVERLAYTM process, STMicroelectronics has designed an advanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company's proprietary edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics. APPLICATIONS HIGH CURRENT, HIGH SPEED SWITCHING s SWITCH MODE POWER SUPPLY (SMPS) s DC-AC CONVERTER FOR WELDING EQUIPMENT AND UNINTERRUPTABLE POWER SUPPLY AND MOTOR DRIVE
s
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol VDS V DGR V GS ID ID IDM (*) P tot dv/dt(1) T stg Tj March 1999 Parameter Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage Drain Current (continuous) at T c = 25 C Drain Current (continuous) at T c = 100 o C Drain Current (pulsed) Total Dissipation at T c = 25 C Derating Factor Peak Diode Recovery voltage slope Storage Temperature Max. Operating Junction Temperature
o o
Value 1000 1000 30 8 5 32 190 1.52 4 -65 to 150 150
(1) ISD 8 , di/dt 200 A/s, VDD V(BR)DSS, Tj TJMAX
Unit V V V A A A W W/ o C V/ns
o o
C C 1/5
(*) Pulse width limited by safe operating area
STW8NB100
THERMAL DATA
R thj-case R thj-amb R thc-sink Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink Typ Maximum Lead Temperature For Soldering Purpose 0.66 30 0.1 300
o o
C/W C/W o C/W o C
AVALANCHE CHARACTERISTICS
Symbol IAR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by T j max) Single Pulse Avalanche Energy (starting T j = 25 o C, I D = I AR , V DD = 50 V) Max Value 8 600 Unit A mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbol V (BR)DSS I DSS Parameter Drain-source Breakdown Voltage Test Conditions I D = 250 A V GS = 0 Min. 1000 1 50 100 Typ. Max. Unit V A A nA
Zero Gate Voltage V DS = Max Rating Drain Current (V GS = 0) V DS = Max Rating o C Gate-body Leakage Current (V DS = 0) V GS = 30 V
T c = 125
IGSS
ON ()
Symbol V GS(th) R DS(on) I D(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance V DS = V GS V GS = 10 V Test Conditions I D = 250 A ID = 4 A 8 Min. 3 Typ. 4 1.2 Max. 5 1.5 Unit V A
On State Drain Current V DS > I D(on) x R DS(on)max V GS = 10 V
DYNAMIC
Symbol g fs () C iss C oss C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions V DS > I D(on) x R DS(on)max V DS = 25 V f = 1 MHz ID = 4 A V GS = 0 Min. Typ. 8.9 2900 275 27 Max. Unit S pF pF pF
2/5
STW8NB100
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbol t d(on) tr Qg Q gs Q gd Parameter Turn-on Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions V DD = 500 V R G = 4.7 I D = 3.5 A V GS = 10 V Min. Typ. 32 13 68 16 31 95 Max. Unit ns ns nC nC nC
V DD = 800 V I D = 7 A V GS = 10 V
SWITCHING OFF
Symbol tr(Voff) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Conditions V DD = 800 V R G = 4.7 ID = 7 A V GS = 10 V Min. Typ. 32 32 40 Max. Unit ns ns ns
SOURCE DRAIN DIODE
Symbol ISD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 8 A V GS = 0 di/dt = 100 A/s T j = 150 o C 1000 11 21 I SD = 8 A V DD = 100 V Test Conditions Min. Typ. Max. 8 32 1.6 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
3/5
STW8NB100
TO-247 MECHANICAL DATA
mm MIN. A D E F F3 F4 G H L L3 L4 L5 M Dia 2 3.55 15.3 19.7 14.2 34.6 5.5 3 3.65 0.079 0.140 4.7 2.2 0.4 1 2 3 10.9 15.9 20.3 14.8 0.602 0.776 0.559 0.413 1.362 0.217 0.118 0.144 TYP. MAX. 5.3 2.6 0.8 1.4 2.4 3.4 MIN. 0.185 0.087 0.016 0.039 0.079 0.118 0.429 0.626 0.779 0.582 inch TYP. MAX. 0.209 0.102 0.031 0.055 0.094 0.134
DIM.
P025P
4/5
STW8NB100
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com .
5/5
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of STW8NB100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X