Part Number Hot Search : 
32100 CWST460 BU2527DX 472M0 HMC44606 MAX4695 SB130 PCF8832
Product Description
Full Text Search
 

To Download ST232E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ST202E ST232E
15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
s
s s
s
ESD PROTECTION FOR RS-232 I/O PINS: 15 KV HUMAN BODY MODEL GUARANTEED 120 kbps DATE RATE GUARANTEED SLEW RATE RANGE 3 to 30V/s OPERATE FROM A SINGLE 5V POWER SUPPLY
DESCRIPTION The ST202E/ST232E are a 2 driver 2 receiver devices designed for RS-232 and V.28 communications in harsh enviroments. Each transmitter output and receiver input is protected against 15KV electrostatic discharge (ESD) shocks. The drivers meet all EIA/TIA-232E and CCITT V.28 specifications at data rates up to 120Kbps, when loaded in accordance with the EIA/TIA-232E specification. The ST202E/232E use a single 5V supply voltage. The ST232E operates with four 1F capacitors,
N (Plastic Package)
D (Micro Package)
W (Micro Package Large)
T (TSSOP Package)
while the ST202E operates with four 0.1F capacitors, further reducing cost and board space.
ORDER CODES
T ype ST202ECN ST202EBN ST202ECD ST202EBD ST202ECDR ST202EBDR ST202ECW ST202EBW ST202ECWR ST202EBWR ST202ECTR ST202EBTR April 2000 ST232ECN ST232EBN ST232ECD ST232EBD ST232ECDR ST232EBDR ST232ECW ST232EBW ST232ECWR ST232EBWR ST232ECTR ST232EBTR Temperature Rang e 0 to 70 C -40 to 85 oC 0 to 70 oC -40 to 85 oC 0 to 70 C -40 to 85 oC 0 to 70 oC -40 to 85 C 0 to 70 oC -40 to 85 oC 0 to 70 C -40 to 85 oC
o o o o
Packag e DIP-16 DIP-16 SO-16 (Tube) SO-16 (Tube) SO-16 (Tape & Reel) SO-16 (Tape & Reel) SO-16 Large (Tube) SO-16 Large (Tube) SO-16 Large (Tape & Reel) SO-16 Large (Tape & Reel) TSSOP16 (Tape & Reel) TSSOP16 (Tape & Reel)
Co mmen ts 25 parts per tube / 40 tube per box 25 parts per tube / 40 tube per box 50 parts per tube / 20 tube per box 50 parts per tube / 20 tube per box 2500 parts per reel 2500 parts per reel 50 parts per tube / 20 tube per box 50 parts per tube / 20 tube per box 1000 parts per reel 1000 parts per reel 2500 parts per reel 2500 parts per reel 1/12
ST202E/ST232E
PIN CONFIGURATION
PIN DESCRIPTION
PIN No 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 SYMBOL C1+ V+ C1C2+ C2VT2OUT R2IN R2OUT T2IN T1IN R1OUT R1IN T1OUT GND VCC NAME AND F UNCTION Positive Terminal for the first Charge Pump Capacitor Doubled Voltage Terminal Negative Terminal for the first Charge Pump Capacitor Positive Terminal for the second Charge Pump Capacitor Negative Terminal for the second Charge Pump Capacitor Inverted Voltage Terminal Second Transmitter Output Voltage Second Receiver Input Voltage Second Receiver Output Voltage Second Transmitter Input Voltage First Transmitter Input Voltage First Receiver Output Voltage First Receiver Input Voltage First Transmitter Output Voltage Ground Supply Voltage
2/12
ST202E/ST232E
ABSOLUTE MAXIMUM RATINGS (Note 1)
Symbol VCC V+ VTIN RIN TOUT R OUT TSCTOUT Tstg Supply Voltage Extra Positive Voltage Extra Negative Voltage Transmitter Input Voltage Range Receiver Input Voltage Range Transmitter Output Voltage Range Receiver Output Voltage Range Short Circuit Duration on TOUT Storage Temperature Range Parameter Value -0.3 to 6 (VCC - 0.3) to 14 -14 to 0.3 -0.3 to (V+ + 0.3) 30 (V- - 0.3) to (V+ + 0.3) -0.3 to (VCC + 0.3) infinite -65 to +150
o
Unit V V V V V V V C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
ELECTRICAL CHARACTERISTICS (C1 -C4 = 0.1F for ST202E, C1 -C4 = 1F for ST232E, VCC = 5V 10% TA = -40 to 85 oC, unless otherwise specified. Typical Valus are referred to TA = 25 oC)
Symb ol Parameter No Load, T est Con ditio ns Min. ISUPPLY VCC Power Supply Current TA = 25 oC Value T yp. 5 Max. 10 mA Un it
TRANSMITTER ELECTRICAL CHARACTERISTICS (C1 -C4 = 0.1F for ST202E, C1 -C4 = 1F for ST232, VCC = 5V 10%, TA = -40 to 85 oC, unless otherwise specified. Typical Valus are referred to TA = 25 oC)
Symb ol VTOUT ITIL VTIL VTIH SRT Parameter Output Voltage Swing Logic Pull-Up Current Input Logic Threshold Low Input Logic Threshold High Transition Slew Rate TA = 25 oC, VCC = 5 V, RL = 3 to 7 K, CL= 50 to 1000 pF (Note 1) RL = 3 to 7 K, CL= 50 to 1000 pF one trasmitter switching 3 6 T est Con ditio ns Min. All Transmitter outputs are loaded with 3K to GND TIN = 0 V to V CC 0.8 2 30 5 Value T yp. 9 10 Max. V A V V V/s Un it
DR R TOUT ISC tDT
Data Rate
230 300
400
Kbits/s
Transmitter Output Resistance VCC = V+ = V- = 0V VOUT = 2 V Transmitter Output Short Circuit Current Trasmitter Propagation Delay RL = 3 K, CL= 2500 pF All trasmitter loaded
10 2
60
mA A
Note 1: Measured from 3V to -3Vor from -3V to 3V. Note 2: One trasmitter output is loaded with RL = 3K to7K, CL = 50 to 1000pF
3/12
ST202E/ST232E
RECEIVER ELECTRICAL CHARACTERISTICS (C1 -C4 = 0.1F for ST202E, C1 -C4 = 1F for ST232E, VCC = 5V 10%, TA = -40 to 85 oC, unless otherwise specified. Typical Valus are referred to TA = 25 oC)
Symb ol VRIN R RIN VRIL VRIH VRIHYS VROL VROH tdR Parameter Receiver Input Voltage Operating Range RS-232 Input Resistance RS-232 Input Logic Threshold Low RS-232 Input Logic Threshold High RS-232 Input Hysteresis TTL/CMOS Output Voltage Low TTL/CMOS Output Voltage High Propagation Delay Time TA = 25 oC, VCC = 5 V TA = 25 oC, VCC = 5 V TA = 25 oC, VCC = 5 V VCC = 5 V IOUT = 3.2mA IOUT = -1mA CL=150pF 3.5 VCC-0.4 0.5 10 0.2 T est Con ditio ns Min. -30 3 0.8 5 1.2 1.7 0.5 2.4 1 0.4 Value T yp. Max. 30 7 V K V V V V V s Un it
4/12
ST202E/ST232E
APPLICATION CIRCUITS (note 1, note 2)
+5V INPUT C3 C5 1 C1 + 3 C14 C2 + 5 C2C2+ +10V TO -10V VOLTAGE INVERTER V6 C4 + 16 Vcc +5V TO +10V VOLTAGE DOUBLER -10V + 2 +
C1+
V+
+10V
11 T1IN
T1
T1 OUT 14
TTL / CMOS INPUTS
10 T2IN T2 T2OUT 7
RS 232 OUTPUTS
12 R1OUT
R1
R1IN 13 5K
TTL / CMOS OUTPUTS
9 R2OUT R2
RS 232 INPUTS
R2IN 8 5K
GND 15
Note 1: C1-4 capacitors can even be 1 F ones. Note 2: C1-4 canbe common or biased capacitors.
Capacitance Value (F)
DEVICES ST202E ST232E C1 0.1 1 C2 0.1 1 C3 0.1 1 C4 0.1 1 C5 0.1 1
5/12
ST202E/ST232E
Supply Current vs Temperature Data Rate vs Temperature
Receiver Propagation Delay
Driver Propagation Delay
High Level Output Voltage Swing vs Temperature
Low Level Output Voltage Swing vs Temperature
6/12
ST202E/ST232E
High Level Trasmitter Output Short Circuit Current vs Temperature Low Level Trasmitter Output Short Circuit Current vs Temperature
High Level Receiver Output Short Circuit Current vs Temperature
Low Level Receiver Output Short Circuit Current vs Temperature
7/12
ST202E/ST232E
Plastic DIP-16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
8/12
ST202E/ST232E
SO-16 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013H
9/12
ST202E/ST232E
SO16L MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F L M S 7.4 0.5 10.1 10.0 1.27 8.89 7.6 1.27 0.75 8 (max.) 0.291 0.020 10.5 10.65 0.35 0.23 0.5 45 (typ.) 0.397 0.3.93 0.050 0.350 0.300 0.050 0.029 0.413 0.419 0.1 mm TYP. MAX. 2.65 0.2 2.45 0.49 0.32 0.014 0.009 0.020 0.004 MIN. inch TYP. MAX. 0.104 0.008 0.096 0.019 0.012
P013I
10/12
ST202E/ST232E
TSSOP16 MECHANICAL DATA
mm MIN. A A1 A2 b c D E E1 e K L 0o 0.50 0.05 0.85 0.19 0.09 4.9 6.25 4.3 5 6.4 4.4 0.65 BSC 4o 0.60 8o 0.70 0o 0.020 0.10 0.9 TYP. MAX. 1.1 0.15 0.95 0.30 0.20 5.1 6.5 4.48 0.002 0.335 0.0075 0.0035 0.193 0.246 0.169 0.197 0.252 0.173 0.0256 BSC 4o 0.024 8o 0.028 0.004 0.354 MIN. inch TYP. MAX. 0.433 0.006 0.374 0.0118 0.0079 0.201 0.256 0.176
DIM.
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
11/12
ST202E/ST232E
Information furnished is believed to be accurate and reliable. However, STMicroelectronic s assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems withoutexpress written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 2000 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com .
12/12


▲Up To Search▲   

 
Price & Availability of ST232E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X