Part Number Hot Search : 
KL731JT EDZ16 01006 48D05 EDZ16 FSUSB GP1A71A1 4ALVCH1
Product Description
Full Text Search
 

To Download SPC817M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SPC817M
Mini Flat Photo Coupler
Features
* Office machine * AC/DC input module * Telecommunication * Programmable controller * Power supply UL recognized file No. E192807
l
Outline Dimensions
unit : mm
Anode Mark 0 0.43/4 .2
0 4.43/4 .2
0.2 2.543/4
0.2 3.63/4
AE 45
95AE
2.63/4 0.2
85.0AE
0 0.23/4 .05
0.13/40.05 0.5 MIN 7.0 TYP
1
4
2
3
PIN Connections 1.Anode 2.Cathode 3.Emitter 4.Collector
KPC-0007-000
1
SPC817M
Absolute maximum ratings
Characteristic
Continuous Forward Current IRED Reverse Voltage Power Dissipation Collector-Emitter Voltage Detector Emitter-Collector Voltage Collector Current Power Dissipation Operating Temperature Coupler Storage Temperature Soldering Temperature
*1
(Ta=25)
Symbol
IF VR PD VCEO VECO IC PD Topr Tstg Tsol Viso
Ratings
50 5 70 35 6 50 150 -30~100 -55~125 260E within 10 seconds 2,500
Unit
mA V mW V V mA mW E E
Isolation Voltage
Vrms
*1.Measured at RH = 40 ~60% for 1 min
Electrical Characteristics
Parameter
Forward Current IRED Reverse Current Capacitance Collector-Emitter Breakdown Voltage Detector Emitter-Collector Breakdown Voltage Collector Dark Current Capacitance Current Transfer Ratio Coupler Collector-Emitter Saturation Voltage Input-Output Capacitance Switching Time Rise Time Fall Time
Symbol
VF IR CT BVCEO BVECO ICEO C CE CTR VCE(sat) C I-O tr tf
Test Condition
IF=10mA VR=5V V=0V,f=1MHz IC=0.5mA IE =10uA IF=0mA,VC E=10V VCE=0,f=1MHz IF=5mA,VC E=5V IF=5mA,IC =1mA V=0V,f=1MHz VCC=5V,RL =100 IC=2mA
Min.
35 6 100 -
Typ.
1.15 30 10 0.15 0.8 4 4
Max.
1.3 10 100 600 0.4 -
Unit
V uA pF V V nA pF % V pF usec
KPC-0007-000
2
SPC817M
Characteristic Diagrams
Fig. 1 IF - VF Fig. 2 CTR - IF
Forward Voltage VF [V]
Current Transfer Ratio [%]
Forward Current IF [mA]
Forward Current IF [mA]
Fig. 3 IF - Ta
Fig.4 PD - Ta
Forward Current IF [mA]
Ambient Temperature Ta [E]
Power Dissipation P D [mW]
Ambient Temperature Ta [E]
Fig. 5 ICEO - Ta
Collector Dark Current ICEO [nA] Collector Dark Current ICEO [nA] Ambient Temperature Ta [E]
Fig. 5 IC - Ta
Forward Current IF [mA]
KPC-0007-000
3


▲Up To Search▲   

 
Price & Availability of SPC817M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X