Part Number Hot Search : 
FSA1257 FR301 B2068 270401B 2SC2620 00AXI K1462 U4275B
Product Description
Full Text Search
 

To Download SP8050A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
Advanced
SP8050A
8 Channel, 150MHz Fully Integrated PDIC Receiver with Gain Switching
Data channel bandwidth150MHz Settling Time: 8ns to 1% for 1.5V step Three selectable Gain Settings Group DelayError less than 2ns up to 70MHz Low Offset Drift of less than 20V/ C Low Offset Voltage of less than 10mV
VREF SW1 SW2 H+L G+K F+J E+I GND 1 2 3 4 5 6 7 8 16 VCC 15 D
SP8050A
16 Pin COB
14 C 13 RF+ 12 RF11 B 10 A 9 GND
DESCRIPTION The SP8050A is a high performance 8 channel PDIC with a fully integrated photo detector array ideally suited for high speed DVDRW, DVDRAM and CDRW systems. Responsivity is fully specified at wavelengths of 650nm and 780nm. The 8 channels consist of 4 high speed channels (A, B, C, D) for data detection as well as 4 tracking channels (E, F, G, H) for beam positioning requirements. Two additional outputs (RF+ and RF-) representing the sums of the high speed channels are also provided. The SP8050A is manufactured with an advanced, fully complementary proprietary BiCMOS process that enables integration of on-board multiple photo detector arrays
VCC A VA B VB C VC D VD E I F J G K GND H L V (E + I) V (F + J) V (G + K) V (H + L) VS
BIAS CIRCUIT-1
VRF + (A-D)
SW1 (GAIN)
VA VB VC VD
BIAS CIRCUIT - 1
SW2 (GAIN)
BIAS CIRCUIT - 2
VRF - (A-D)
SP8050A Functional Diagram
Rev. 4/30/03 SP8050A, 8 Channel, 150MHz PDIC Receiver with Gain Switching (c) Copyright 2003 Sipex Corporation
1
PIN DESCRIPTION
PIN NUMBER NAME DESCRIPTION
1 2 3 4 5 6 7 8, 9 10 11 12 13 14 15 16
VREF SW1 SW2 H+L G+K F+J E+I GND A B RFRF+ C D VCC
Reference Voltage Gain Select 1 Gain Select 2 Tracking Channel Sum Tracking Channel Sum Tracking Channel Sum Tracking Channel Sum Power Ground Data Channel Data Channel RF Sum Minus (A to D) RF Sum Plus (A to D) Data Channel Data Channel Supply Voltage
Rev. 4/30/03
SP8050A, 8 Channel, 150MHz PDIC Receiver with Gain Switching
(c) Copyright 2003 Sipex Corporation
2
PACKAGE: 16 PIN COB
PDIC (8ch + RF + GAIN - SW) (12-divided detector)
Package Size (Unit: mm)
1 16
Package Size (Unit: m) 150
0.1
L P0.5 x 7 = 3.5 72.5 150
21
72.5
5 K 5
4
4.9 0.1 3.9 0.1 3.7
0.1
16 - 0.25
I 64.75 21
J
Detected Surface 0.35 150
C D 5 A B 64.75 G
PIN NUMBER 1 2 3 4 5 6 7 8, 9 10 11 12 13 14 15 16
NAME VREF SW1 SW2 H+L G+K F+J E+I GND A B RFRF+ C D VCC
H 150 E
5
F
Rev. 4/30/03
SP8050A, 8 Channel, 150MHz PDIC Receiver with Gain Switching
(c) Copyright 2003 Sipex Corporation
3
ORDERING INFORMATION
PART NUMBER TEMPERATURE RANGE PACKAGE SP8050A .............................................................................. -30C to +80C ................................................................................. 16 lead COB
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation Headquarters and Sales Office 22 Linnell Circle Billerica, MA 01821 TEL: (978) 667-8700 FAX: (978) 670-9001 e-mail: sales@sipex.com Sales Office 233 South Hillview Drive Milpitas, CA 95035 TEL: (408) 934-7500 FAX: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. Rev. 4/30/03 SP8050A, 8 Channel, 150MHz PDIC Receiver with Gain Switching (c) Copyright 2003 Sipex Corporation
4


▲Up To Search▲   

 
Price & Availability of SP8050A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X