Part Number Hot Search : 
AS358 74LVC10A 00AXC 11006 52CANP ADT6752 TRRPB DM74ALS
Product Description
Full Text Search
 

To Download SI4835DY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI4835DY
January 2001
SI4835DY
P-Channel Logic Level PowerTrench MOSFET
General Description
This P-Channel Logic Level MOSFET is produced using Fairchild Semiconductor's advanced PowerTrench process that has been especially tailored to minimize on-state resistance and yet maintain superior switching performance. These devices are well suited for low voltage and battery powered applications where low in-line power loss and fast switching are required.
Features *
-8.8 A, -30 V. RDS(ON) = 0.020 @ VGS = -10 V RDS(ON) = 0.035 @ VGS = -4.5 V
* * * * *
Extended VGSS range (25V) for battery applications. Low gate charge (19nC typical). Fast switching speed. High performance trench technology for extremely low RDS(ON). High power and current handling capability.
Applications * * *
Battery protection Load switch Motor drives
D D
D
D
5 6 7
4 3 2 1
SO-8
Symbol
VDSS VGSS ID PD
S
S
S
G
8
Absolute Maximum Ratings
Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed
TA = 25C unless otherwise noted
Parameter
Ratings
-30 25
(Note 1a)
Units
V V A W
-8.8 -50 2.5 1.2 1 -55 to +150
Power Dissipation for Single Operation
(Note 1a) (Note 1b) (Note 1c)
T J, T stg
Operating and Storage Junction Temperature Range
C
Thermal Characteristics
RJA RJC Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case
(Note 1a) (Note 1)
50 25
C/W C/W
Package Outlines and Ordering Information
Device Marking
SI4835DY
Device
4835
Reel Size
13''
Tape Width
12mm
Quantity
2500 units
2001 Fairchild Semiconductor International
SI4835DY Rev. A
SI4835DY
Electrical Characteristics
Symbol
BVDSS BVDSS TJ IDSS IGSSF IGSSR
TA = 25C unless otherwise noted
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage Current, Forward Gate-Body Leakage Current, Reverse
(Note 2)
Test Conditions
VGS = 0 V, ID = -250 A ID = -250 A,Referenced to 25C VDS = -24 V, VGS = 0 V VGS = 25 V, VDS = 0 V VGS = -25 V, VDS = 0 V
Min
-30
Typ
Max Units
V
Off Characteristics
-24 -1 100 -100 mV/C A nA nA
On Characteristics
VGS(th) VGS(th) TJ RDS(on)
Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance On-State Drain Current Forward Transconductance
VDS = VGS, ID = -250 A ID = -250 A,Referenced to 25C VGS = -10 V, ID = -8.8 A VGS = -10 V, ID = -8.8 A,TJ=125C VGS = -4.5 V, ID = -6.7 A VGS = -10 V, VDS = -5 V VDS = -10 V, ID = -8.8 A
-1
-2 5 0.015 0.023 0.026
-3
V mV/C
0.020 0.032 0.035
ID(on) gFS
-25 20
A S
Dynamic Characteristics
Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance
(Note 2)
VDS = -15 V, VGS = 0 V, f = 1.0 MHz
1680 545 220
pF pF pF
Switching Characteristics
td(on) tr td(off) tf Qg Qgs Qgd Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
VDD = -15 V, ID = -1 A, VGS = -10 V, RGEN = 6
12 15 55 23
22 27 90 37 27
ns ns ns ns nC nC nC
VDS = -10 V, ID = -8.8 A, VGS = -5 V,
19 6.8 7.2
Drain-Source Diode Characteristics and Maximum Ratings
IS VSD Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage VGS = 0 V, IS = -2.1 A
(Note 2)
-2.1 -0.52 -1.2
A V
Notes: 1: RJA is the sum of the junction-to-case and case-to-ambient resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RJC is guaranteed by design while RJA is determined by the user's board design.
a) 50 C/W when mounted on a 1 in2 pad of 2 oz. copper.
b) 105 C/W when mounted on a 0.04 in2 pad of 2 oz. copper.
c) 125 C/W on a minimum mounting pad of 2 oz. copper.
Scale 1 : 1 on letter size paper 2: Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%
SI4835DY Rev. A
SI4835DY
Typical Characteristics
50
2.6 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
VGS = -10V -6.0V -5.0V -4.5V
2.4 2.2 2 1.8 1.6 1.4 1.2 1 0.8 -4.5V -5.0V -6.0V -7.0V -8.0V -10V VGS = -4.0V
-ID, DRAIN CURRENT (A)
40
-7.0V
30 -4.0V
20
10
-3.5V
0 0 1 2 3 4 5 -VDS, DRAIN-SOURCE VOLTAGE (V)
0
10
20
30
40
50
-ID, DIRAIN CURRENT (A)
Figure 1. On-Region Characteristics
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage
0.06 RDS(ON), ON-RESISTANCE (OHM)
1.6 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE ID = -8.8A VGS = -10V 1.4
ID = -4.4A 0.05 0.04 0.03 TA = 125 C 0.02 0.01 0 TA = 25 C
o o
1.2
1
0.8
0.6 -50 -25 0 25 50 75 100
o
125
150
3
4
5
6
7
8
9
10
TJ, JUNCTION TEMPERATURE ( C)
-VGS, GATE TO SOURCE VOLTAGE (V)
Figure 3. On-Resistance Variation with Temperature
50
-IS, REVERSE DRAIN CURRENT (A) 100
Figure 4. On-Resistance Variation with Gate-to-Source Voltage
VDS = -5V -ID, DRAIN CURRENT (A) 40
TA = -55oC
25oC 125oC
VGS = 0V 10 1 0.1 -55oC 0.01 0.001 0.0001 TA = 125oC 25oC
30
20
10
0 1 2 3 4 5 6 -VGS, GATE TO SOURCE VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-VSD, BODY DIODE FORWARD VOLTAGE (V)
Figure 5. Transfer Characteristics
Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature
SI4835DY Rev. A
SI4835DY
Typical Characteristics
10 -VGS, GATE-SOURCE VOLTAGE (V) ID = -8.8A
(continued)
2500
VDS = -5V -10V
f = 1 MHz VGS = 0 V 2000 CAPACITANCE (pF) CISS 1500
8
-15V
6
4
1000
2
500
COSS CRSS
0 0 5 10 15 20 25 30 35 Qg, GATE CHARGE (nC)
0 0 5 10 15 20 25 30 -VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 7. Gate-Charge Characteristics
Figure 8. Capacitance Characteristics
100 RDS(ON) LIMIT -ID, DRAIN CURRENT (A) 10 100s 1ms 10ms 100ms 1 DC VGS = -10V SINGLE PULSE o RJA = 125 C/W TA = 25 C 0.01 0.1 1 10 100 -VDS, DRAIN-SOURCE VOLTAGE (V)
o
50 SINGLE PULSE 40 POWER (W) RJA = 125 C/W TA = 25 C 30
o o
1s 10s
20
0.1
10
0 0.001 0.01 0.1 1 10 100 1000
SINGLE PULSE TIME (SEC)
Figure 9. Maximum Safe Operating Area
Figure 10. Single Pulse Maximum Power Dissipation
TR ANSI ENT T ER M H AL RESISTANC E
1 0.5 0.2 0.1 0 .05 0 .02 0 .01 0. 05 0 0. 02 0 0. 01 0 0.0 001 0. 01 0 0 .01 0.1 t 1, TI M E (s e c ) 1 10 100 300
D= 0 .5 0 .2 0 .1 005 . 0. 2 0 0 .01 S i n g le P ul s e
r(t), NORM AL IZED EFFECTIVE
R J A (t) = r(t) * R J A R J A= 125C /W
P(pk )
t1
t2
TJ - TA = P * RJ ( ) At D u t y C y c l e, D = t 1 /t2
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c. Transient themal response will change depending on the circuit board design.
SI4835DY Rev. A
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FAST
DISCLAIMER
FASTrTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM MICROWIRETM OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM
PowerTrench QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER SMART STARTTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8
SyncFETTM TinyLogicTM UHCTM VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. G


▲Up To Search▲   

 
Price & Availability of SI4835DY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X