Part Number Hot Search : 
EP8276 5KP45CA CBCX68 011TR S4327 8C547 FX315 2SK3755
Product Description
Full Text Search
 

To Download QTLP630 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT LED LAMP
STANDARD BRIGHT 0805
QTLP630C-2 HER QTLP630C-7 AlGaAs Red QTLP630C-3 Yellow QTLP630C-B Blue QTLP630C-4 Green
PACKAGE DIMENSIONS
0.087 (2.2) 0.071 (1.8) R0.008 (0.2) 0.057 (1.45) 0.041 (1.05)
TOP
POLARITY MARK (See Note 2) 0.012 (0.3) 2X
0.055 (1.4)
0.047 (1.2) 0.041 (1.05)
0.024 (0.6)
SIDE
0.016 (0.4) 2X 0.047 (1.2)
BOTTOM
+
POLARITY
-
for -2, -3, -4 and -B for -7
APPLICATIONS
* Keypad backlighting * Push-button backlighting * LCD backlighting
NOTE: 1. Dimensions for all drawings are in inches (mm). 2. Cathode for -2, -3, -4 and B. Anode for -7.
DESCRIPTION
These surface mount chip LEDs are designed to fit industry standard footprint. Low profile and wide viewing angle make these LEDs ideal choices for backlighting applications and panel illumination.
FEATURES
* Small footprint - 2.0(L) X 1.25(W) X 1.1(H) mm * Wide viewing angle of 140 * Water clear optics * Moisture-proof packaging * Available in 0.315" (8mm) width tape on 7" (178mm) diameter reel; 2,000 units per reel
(c) 2002 Fairchild Semiconductor Corporation
Page 1 of 7
2/13/02
SURFACE MOUNT LED LAMP
STANDARD BRIGHT 0805
QTLP630C-2 HER QTLP630C-7 AlGaAs Red QTLP630C-3 Yellow QTLP630C-B Blue QTLP630C-4 Green
ABSOLUTE MAXIMUM RATINGS (TA =25C Unless otherwise specified)
QTLP630C Parameter Continuous Forward Current Peak Forward Current (f = 1.0 KHz, Duty Factor = 1/10) Reverse Voltage (IR = 10 A) Power Dissipation Operating Temperature Storage Temperature Lead Soldering Time Symbol -2 IF IFM VR PD TOPR TSTG TSOL 30 160 5 84 -3 30 160 5 84 -4 30 160 5 84 -40 to +85 -40 to +90 260 for 5 sec -7 30 180 5 72 -B 30 100 5 135 mA mA V mW C C C Units
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25C)
QTLP630C Part Number Luminous Intensity (mcd) Minimum Typical Forward Voltage (V) Maximum Typical Wavelength (nm) Peak Dominant Spectral Line Half Width (nm) Viewing Angle () lP lD Dl 2U1/2 635 630 45 140 585 590 35 140 565 570 30 140 660 645 20 140 430 465 65 140 IF = 20mA IF = 20mA IF = 20mA VF 2.8 2.0 2.8 2.0 2.8 2.1 2.4 1.9 4.5 3.8 IF = 20mA IV 5 10 5 10 6 10 10 20 15 20 IF = 20mA Symbol -2 -3 -4 -7 -B Condition
(c) 2002 Fairchild Semiconductor Corporation
Page 2 of 7
2/13/02
SURFACE MOUNT LED LAMP
STANDARD BRIGHT 0805
QTLP630C-2 HER QTLP630C-7 AlGaAs Red
TYPICAL PERFORMANCE CURVES
Fig. 1 Forward Current vs. Forward Voltage
90 2.0
QTLP630C-3 Yellow QTLP630C-B Blue
QTLP630C-4 Green
Fig. 2 Relative Luminous Intensity vs. DC Forward Current
IF - FORWARD CURRENT (mA)
70 60 50 40 30 20 10 0 1.0 2.0 2.5 3.0 4.0 5.0 BLUE AlGaAs RED HER GREEN
RELATIVE LUMNOUS INTENSITY (NORMALIZED AT 20 mA)
80
1.5
AlGaAs RED
YELLOW
1.0 BLUE
0.5
HER YELLOW GREEN
0.0 0 5 10 15 20 25 30
VF - FORWARD VOLTAGE (V)
IF - DC FORWARD CURRENT (mA)
Fig. 3 Relative Intensity vs. Peak Wavelength
HER BLUE GREEN YELLOW AlGaAs RED
1.0
RELATIVE INTENSITY
0.5
0 300 350 400 450 500 550 600 650 700 750
WAVELENGTH (nm)
Fig.5 Maximum Forward Current vs. Ambient Temperature
50
Fig.4 Radiation Diagram
-20 -30 -40 -50 -60 -70 -80 -90 1.0 0.8 0.6 0.4 0.2 0 0.2 0.4 0.6 0.8 1.0 -10 0 10 20 30 40 50 60 70 80 90
IF - FORWARD CURRENT (mA)
40
30
20
10
0 0 20 40 60 80 100
REL. LUMINOUS INTENSITY (%)
TA - AMBIENT TEMPERATURE (C)
(c) 2002 Fairchild Semiconductor Corporation
Page 3 of 7
2/13/02
SURFACE MOUNT LED LAMP
STANDARD BRIGHT 0805
QTLP630C-2 HER QTLP630C-7 AlGaAs Red QTLP630C-3 Yellow QTLP630C-B Blue QTLP630C-4 Green
RECOMMENDED PRINTED CIRCUIT BOARD PATTERN
0.035 (0.9)
0.047 (1.2)
0.047 (1.2) 2X
RECOMMENDED IR REFLOW SOLDERING PROFILE
5 sec MAX soldering time
240 C MAX
+5 C/s MAX
-5 C/s MAX
60 - 120 sec Preheating
120 - 150 C MAX
(c) 2002 Fairchild Semiconductor Corporation
Page 4 of 7
2/13/02
SURFACE MOUNT LED LAMP
STANDARD BRIGHT 0805
QTLP630C-2 HER QTLP630C-7 AlGaAs Red
TAPE AND REEL DIMENSIONS
8.4
+1.5 -0.0
QTLP630C-3 Yellow QTLP630C-B Blue
QTLP630C-4 Green
11.0
5 0. 2.5
+0.5 -0.0
O12.75
+0.25 -0.0
Progressive direction
1.75
2.00.05 4.0 O1.55.05 0.250.1
2.5
0 0.5
O62.00.5
O1801
3.50.05
8.0
2.390.05
1.27 4.0 1.63
for -2, -3, -4 and -B
Polarity
Dimensional tolerance is 0.1mm unless otherwise specified Angle: 0.5 Unit: mm
(c) 2002 Fairchild Semiconductor Corporation
Page 5 of 7
2/13/02
SURFACE MOUNT LED LAMP
STANDARD BRIGHT 0805
QTLP630C-2 HER QTLP630C-7 AlGaAs Red
TAPE AND REEL DIMENSIONS
8.4
+1.5 -0.0
QTLP630C-3 Yellow QTLP630C-B Blue
QTLP630C-4 Green
11.0
5 0. 2.5
+0.5 -0.0
O12.75
+0.25 -0.0
Progressive direction
1.75
2.00.05 4.0 O1.55.05 0.250.1
2.5
0 0.5
O62.00.5
O1801
3.50.05
8.0
2.390.05
1.27 4.0 1.63
for -7
Polarity
Dimensional tolerance is 0.1mm unless otherwise specified Angle: 0.5 Unit: mm
(c) 2002 Fairchild Semiconductor Corporation
Page 6 of 7
2/13/02
SURFACE MOUNT LED LAMP
STANDARD BRIGHT 0805
QTLP630C-2 HER QTLP630C-7 AlGaAs Red QTLP630C-3 Yellow QTLP630C-B Blue QTLP630C-4 Green
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
(c) 2002 Fairchild Semiconductor Corporation
Page 7 of 7
2/13/02


▲Up To Search▲   

 
Price & Availability of QTLP630

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X