Part Number Hot Search : 
4SMAJ120 TPA1512S 30006 TDA2611 VN0104N3 30006 FBR3060 EGA16
Product Description
Full Text Search
 

To Download PS2732 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP PHOTOCOUPLER
FEATURES
* HIGH ISOLATION VOLTAGE BV: 2.5 k Vr.m.s. MIN * HIGH COLLECTOR TO EMITTER VOLTAGE VCEO: 300 V MIN: PS2732-1,-2,-4 VCEO: 350 V MIN: PS2733-1,-2,-4 * SOP (SMALL OUT-LINE PACKAGE) * ULTRA HIGH CURRENT TRANSFER RATIO CTR: 4000% TYP * TAPING PRODUCT NUMBER (Only -1 Type) PS2732-1-E3, F3 PS2733-1-E3, F3
PS2732-1, -2, -4 PS2733-1, -2, -4
DESCRIPTION
The PS2732 and PS2733 are optically coupled isolators containing a GaAs light emitting diode and an NPN silicon Darlington-connected phototransistor. Each is mounted in a plastic SOP (Small Out-line Package) for high density applications.
APPLICATIONS
Interface circuit for various instrumentations and control equipment. * REPLACEMENT FOR RELAY IN PULSE-DIAL CIRCUIT * HIGH CTR CIRCUIT APPLICATIONS
ELECTRICAL CHARACTERISTICS (TA = 25C)
PART NUMBER SYMBOLS VF PARAMETERS Forward Voltage, IF = 10 mA Reverse Current, VR = 5 V Junction Capacitance, V = 0, f = 1.0 MHz Collector to Emitter Dark Current, VCE = 300 V, IF = 0 Current Transfer Ratio, IF = 1 mA, VCE = 2 V Collector Saturation Voltage, IF = 1 mA, IC = 2 mA Isolation Resistance, VIN-OUT = 1.0 k VDC Isolation Capacitance, V = 0, f = 1.0 MHZ Rise Time1, VCC = 5 V, IC = 10 mA, RL = 100 Fall Time1, VCC = 5 V, IC = 10 mA, RL = 100 UNITS V A pF nA % V pF s s 1011 0.4 100 100 1500 4000 1.0 30 400 PS2732-1, -2, -4, PS2733-1, -2, -4 MIN TYP 1.15 MAX 1.4 5
Diode
IR Ct ICEO CTR VCE(sat)
Coupled
Transistor
R1-2 C1-2 tr tf
Note: 1. Test Circuit for Switching Time
PULSE INPUT
VCC
43
8 765
16 15 14 13 12 11 10 9
(
PW = 100 s Duty Cycle = 1/10
)
IF
1
5
2 50
4
VOUT
12
PS2732-1 PS2733-1
1234
PS2732-2 PS2733-2
12345
678
RL = 100
PS2732-4 PS2733-4
California Eastern Laboratories
PS2732-1,-2,-4, PS2733-1,-2,-4 ABSOLUTE MAXIMUM RATINGS1 (TA = 25C)
SYMBOLS PARAMETERS UNITS RATINGS PS2732-1 PS2732-2, -4 PS2733-1 PS2733-2, -4 6 50 80 1 6 50 80 1 Notes: 1. Operation in excess of any one of these parameters may result in permanent damage. 2. AC voltage for 1 minute at TA = 25 C, RH = 60 % between input and ouput.
Diode VR IF PD IF (PEAK) Transistor VCEO VEBO IC PC Coupled BV TOP TSTG
Reverse Voltage Forward Current
V mA
Power Dissipation mW/Ch Peak Forward Current A (PW = 100 s, Duty Cycle 1%) Collector to Emitter Voltage V (IC = ImA, IB = 0) Emitter to Base Breakdown Volt V (IE = 100A, IB = 0) Collector Current mA/Ch Power Dissipation mW/Ch Isolation Voltage2 Operating Temperature Storage Temperature Vr.m.s. C C
300/350 6 150 150
300/350 6 150 120
2500 -55 to +100 -55 to +150 C) TRANSISTOR POWER DISSIPATION vs. AMBIENT TEMPERATURE
200
TYPICAL PERFORMANCE CURVES (TA = 25
DIODE POWER DISSIPATION vs. AMBIENT TEMPERATURE
100
Transistor Power Dissipation, PC (mW)
Diode Power Dissipation, PD (mW)
75
150 PS2732-1 PS2733-1 1.5 mW/C 100 PS2732-2,-4 PS2733-2,-4 1.2 mW/C 50
50
25
0
25
50
75
100
0
25
50
75
100
Ambient Temperature, TA (C) FORWARD CURRENT vs. FORWARD VOLTAGE
100 TA = 100 C 75 C 50 C 10
25 C 0 C -25 C -55 C
Ambient Temperature, TA (C) COLLECTOR CURRENT vs. COLLECTOR TO EMITTER VOLTAGE
160 140
5 mA 4 mA
Collector Current, IC (mA)
Forward Current, IF (mA)
120 100
4.5 mA 3.5 mA 3 mA 2.5 mA 2 mA
1
80 60 40
1.5 mA
1 mA
0.1
IF = 0.5 mA 20
0.01 0.6
0.8
1
1.2
1.4
1.6
0
1
2
3
4
5
Forward Voltage, VF (V)
Collector to Emitter Voltage, VCE (V)
PS2732-1,-2,-4, PS2733-1,-2,-4 TYPICAL PERFORMANCE CURVES (TA = 25
COLLECTOR TO EMITTER DARK CURRENT vs. AMBIENT TEMPERATURE C)
COLLECTOR CURRENT vs. COLLECTOR SATURATION VOLTAGE
1000
Collector to Emitter Dark Current, ICEO (A)
10 VCE = 300 V 1
Collector Current, IC (mA)
100
IF = 5 mA IF = 2 mA IF = 1 mA
100 n
10
IF = 0.5 mA
10 n
1n
1
100 p -50 -25 0 25 50 75 100
0.1 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Ambient Temperature, TA (C) NORMALIZED OUTPUT CURRENT vs. AMBIENT TEMPERATURE
1.2
5000
Collector Saturation Voltage, VCE(sat) (V) CURRENT TRANSFER RATIO (CTR) vs. FORWARD CURRENT
VCE = 2 V
CTR, Normalized Output Current
Current Transfer Ratio, CTR (%)
1.0
Sample A 4000 Sample B
0.8
3000
0.6
2000
0.4 Normalized to 1.0 at TA = 25 C IF = 1 mA, VCE = 2 V
1000
0.2
0
-50
-25
0
25
50
75
100
0 0.1
0.5
1
5
10
20
Ambient Temperature, TA (C) SWITCHING TIME vs. LOAD RESISTANCE
300 VCC = 10 V, IC = 10 mA Pulse Width = 5 ms Duty Cycle = 1/2 tr
0
Forward Current, IF (mA)
FREQUENCY RESPONSE
100
50 td
Voltage Gain, AV (dB)
10 100
Switching Time,t (s)
-5 -10
tf 10
1 k -15 -20 -25 -30 0.01 VCE = 4 V, IC = 10 mA VIN = 0.1 Vp-p 1 k 1 F VIN 47 RL VOUT 0.1 1 10 100
5
ts 1 20 50 100 500 1k 2k
Load Resistance, RL ()
Frequency, f (kHz)
PS2732-1,-2,-4, PS2733-1,-2,-4 TYPICAL PERFORMANCE CURVES (TA = 25
C)
CTR DEGRADATION
1.2 IF = 1 mA 1.0 TA = 25 C
CTR Normalized
0.8 TA = 60 C 0.6
0.4
0.2
0 10
102
103
104
105
106
Time, Hr
OUTLINE DIMENSIONS (Units in mm)
PS2732-1, PS2733-1 PIN CONNECTION (Top View) 3
43
4
8
PS2732-2, PS2733-2 PIN CONNECTION 5 (Top View)
8 765
1. 2. 3. 4.
Anode Cathode Emitter Collecter
1 4 9.3 MAX
12
1. 3. 2. 4. 5. 7. 6. 8.
Anode Cathode Emitter Collecter
1234
1 2.0 2.3 MAX 0.1 0.1
2 7.0 0.3 4.4
+0.10 0.15 -0.05
4.5 MAX
1.3
2.3 MAX
2.0 0.15 -0.05 2.54 0.4 -0.05
+0.10 +0.10
7.0 0.3 4.4
1.3
2.54 1.2 MAX 0.4+0.10 -0.05
0.5 0.3
0.1 0.1
1.2 MAX
0.5 0.3
PS2732-4, PS2733-4
16 9
PIN CONNECTION (Top View)
16 15 14 13 12 11 10 9
12345
678
1, 3, 5, 7. Anode 2, 4, 6, 8. Cathode 9, 11, 13, 15. Emitter 10, 12, 14, 16. Collector
1 19.46 MAX 2.0 2.3 MAX 0.1 0.1 2.54 0.4 +0.10 -0.05
8 7.0 0.3 4.4 0.15 -0.05 1.2 MAX 0.5 0.3
+0.10
1.3
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES * Headquarters * 4590 Patrick Henry Drive * Santa Clara, CA 95054-1817 * (408) 988-3500 * Telex 34-6393 * FAX (408) 988-0279 24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) * Internet: http://WWW.CEL.COM 7/26/2000 DATA SUBJECT TO CHANGE WITHOUT NOTICE


▲Up To Search▲   

 
Price & Availability of PS2732

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X