Part Number Hot Search : 
BR206 XVT9003 3025CUR HM7550 98103A PSUT36 LC866428 JANTX2N
Product Description
Full Text Search
 

To Download P621 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VISIBLE DETECTOR
CdS photoconductive cell
Metal package type
Hermetically sealed for high reliability
CdS photoconductive cells utilize photoconductive effects in semiconductors that decrease their resistance when illuminated by light. These sensors are non-polar resistive elements with spectral response characteristics close to the human eye (luminous efficiency), thus making their operating circuits simple and small.
Features
Applications
l Variety of package size l Highly resistant to moisture and dust
l Sensor for office machine l Safety device for heating system and boiler l Night/day check sensor and sunlight sensor for air conditioner l Alarm and safety sensor
(flame monitor for oil burner)
I Absolute maximum ratings / Characteristics (Typ. Ta=25 C, unless otherwise noted)
Peak Power Ambient sensitivity Supply Dimensional dissipation temperature wavelength 10 lx, 2856 K voltage outline P Ta lp Min. Max. (Vdc) (mW) (C) (nm) (kW) (kW) 100 150 30 50 100 200 100 150 400 50 100 -30 to +50 -30 to +70 -30 to +50 -30 to +60 -30 to +50 -30 to +60 -30 to +80 -30 to +60 630 570 560 560 520 620 520 560 570 540 13 15 7 21 20 14 4.4 8 1.3 1.3 5 39 45 23 63 60 43 13 24 3.7 3.7 15 Absolute maximum ratings Characteristics * Resistance * 0 lx *! Min. (MW) 1 10 0.5 20 10 20 5 0.05 0.3 1.0 g *" Response time 10 lx *# Rise time Fall time tr tf (ms) 60 40 60 25 30 35 50 70 80 40 (ms) 25 20 90 20 10 20 20 100 40 30
Type No.
5M type (TO-18) P1114-01 P1114-04 6M type (f5.5) P930 8M type (TO-5) P201B P201D P368 P380 P467 P534 12M type (TO-8) P621 P3872
100 to 10 l x 0.80 0.68 0.85 0.90 0.85 0.90 0.55 0.75 0.80
300
*1: All characteristics are measured after exposure to light (100 to 500 lx) for one to two hours. *2: The light source is a standard tungsten lamp operated at a color temperature of 2856 K. *3: Measured 10 seconds after removal of light of 10 lx. *4: Typical gamma characteristics (within 0.10 variations) between 100lx to 10lx
100 = 10
log (R100) - log (R10) log (E100) - log (E10)
E, E: illuminance 100lx, 10lx x R, R: resistance at 100lx and 10l respectively *5: The rise time is the time required for the sensor resistance to reach 63 % of the saturated conductance level (resistance when fully illuminated). The fall time is the time required for the sensor resistance to decay from the saturated conductance level to 37 %.
1
CdS photoconductive cell
I Dimensional outlines (unit: mm) 5M type (TO-18)
5.35 0.2 4.75 0.1
Metal package type
8M type (TO-5)
6M type
6.5 0.3 5.5 0.1 WINDOW 3.5 0.2 PHOTOSENSITIVE SURFACE
9.1 0.3 8.1 0.1 WINDOW 5.9 0.2 PHOTOSENSITIVE SURFACE
3.5 0.3
3.9 0.2
3.6 0.2
PHOTOSENSITIVE SURFACE
WINDOW 3.0 0.2
30 MIN.
30 MIN.
0.3 LEAD 2.5
0.3 LEAD 3.4
0.4 LEAD 5.0
KCDSA0007EB
KCDSA0008EA
30 MIN.
KCDSA0009EB
12M type (TO-8)
13.9 0.3 12.4 0.2 WINDOW 10.9 0.3 PHOTOSENSITIVE SURFACE
I Resistance vs. illuminance
1000 (Typ. Ta=25 C, light source: 2856 K) P201B P1114-01/-04 100
5.0 0.3
RESISTANCE (k)
P368 P467
P201D P930
10
P3872 P621 P380
30 MIN.
1
0.45 LEAD 7.5
P534
0.1 0.1
1
10
100
ILLUMINANCE (lx)
KCDSB0022EB
KCDSA0010EA
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2003 Hamamatsu Photonics K.K.
HAMAMATSU PHOTONICS K.K., Solid State Division 1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658 France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777 North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
2
Cat. No. KCDS1004E03 Mar. 2003 DN


▲Up To Search▲   

 
Price & Availability of P621

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X