Part Number Hot Search : 
TM9316 31D60 T48R30A 1N287 SL887 AK5352 IDT72V03 BC860W
Product Description
Full Text Search
 

To Download MUR160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR140 - MUR160
1.0A SUPER-FAST RECTIFIER Features
* * * * * * Glass Passivated Die Construction Super-Fast Recovery Time For High Efficiency Low Forward Voltage Drop and High Current Capability Surge Overload Rating to 35A Peak Ideally Suited for Automated Assembly Plastic Material: UL Flammability Classification Rating 94V-0 Case: Molded Plastic Terminals: Solder Plated Terminal Solderable per MIL-STD-202, Method 208 Marking: MUR140: R140 MUR160: R160 Polarity: Cathode Band Weight: 0.35 grams (approx.) Mounting Position: Any
A
B
A
D
C
Mechanical Data
* * * * * *
Dim A B C D
DO-41 Plastic Min 25.40 4.06 0.71 2.00 Max 3/4 5.21 0.864 2.72
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TT = 120C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave Superimposed on Rated Load (JEDEC Method) Forward Voltage @ IF = 1.0A, TJ = 25C @ IF = 1.0A, TJ = 150C Peak Reverse Current at Rated DC Blocking Voltage Reverse Recovery Time (Note 2) Reverse Recovery Time (Note 3) Forward Recovery Time (Note 4) Typical Junction Capacitance (Note 1) Typical Thermal Resistance, Junction to Ambient Operating and Storage Temperature Range Notes: 1. 2. 3. 4. @ TA = 25C @ TA = 150C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM trr trr tfr Cj RqJA Tj, TSTG
@ TA = 25C unless otherwise specified
MUR140 400 283 1.0 35 1.25 1.05 5.0 150 50 75 50 45 72 -65 to +175
MUR160 600 424
Unit V V A A V mA ns ns ns pF K/W C
Measured at 1.0MHz and applied reverse voltage of 0V DC. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See Figure 5. Measured with IF = 1A, di/dt = 50A/us. Measured with IF = 1.0A, di/dt = 100A/ms, Duty Cycle 2.0%.
DS30112 Rev. B-2
1 of 2
MUR140 - MUR160
3
IO, AVERAGE FORWARD CURRENT (A)
IF, INSTANTANEOUS FORWARD CURRENT (A)
10.0 7.0 5.0 3.0 2.0 1.0 0.5
TC = 25 C
0
175 C
0
100 C
0
2
1
0.1 0.05
0 0 25 50 75 100 125 150 175 TT, TERMINAL TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.01 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 VF, INSTANTANEOUS VOLTAGE (V) Fig. 2 Typical Forward Current
IFSM, PEAK FORWARD SURGE CURRENT (A)
60
Single Half-Sine-Wave (JEDEC Method)
80 40 20
TJ = 175 C
0
IR, REVERSE CURRENT ()
50 40 30 20 10 0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Surge Current Derating Curve 100
8.0 4.0 2.0 0.8 0.4 0.2 0.08 0.04 0.02 0.008 0.004 0.002 0 50 100 150 200 250 300 350 400 450 500 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Reverse Current
trr
TJ = 100 C
0
TJ = 25 C
0
50 NI (Non-inductive) Device Under Test 50V DC Approx
10 NI
+0.5A
(-)
Pulse Generator (Note 2)
(+) (-)
0A -0.25A
1.0 NI
Oscilloscope (Note 1)
(+)
Notes: 1. Rise Time = 7.0ns max. Input Impedance = 1.0M, 22pF. 2. Rise Time = 10ns max. Input Impedance = 50.
-1.0A Set time base for 50/100 ns/cm
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
DS30112 Rev. B-2
2 of 2
MUR140 - MUR160


▲Up To Search▲   

 
Price & Availability of MUR160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X