Part Number Hot Search : 
05205GOC 9767AST IMP51115 74LVT TDA48 BF799W 1N3318R 10101
Product Description
Full Text Search
 

To Download MPS8050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
HIGH CURRENT APPLICATION. FEATURE
Complementary to MPS8550.
B
MPS8050
EPITAXIAL PLANAR NPN TRANSISTOR
C
A
N
MAXIMUM RATING (Ta=25
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Junction Temperature Storage Temperature Range
)
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg RATING 40 25 6 1.5 625 150 -55 150 UNIT V V V A
L
K D
E G
H
F
F
1
2
3
mW
M
C
DIM A B C D E F G H J K L M N
MILLIMETERS 4.70 MAX 4.80 MAX 3.70 MAX 0.45 1.00 1.27 0.85 0.45 _ 14.00 + 0.50 0.55 MAX 2.30 0.45 MAX 1.00
J
1. EMITTER 2. BASE 3. COLLECTOR
TO-92
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage
)
SYMBOL ICBO IEBO V(BR)CBO V(BR)CEO hFE(1) TEST CONDITION VCB=35V, IE=0 VEB=6V, IC=0 IC=100 A, IE=0 IC=2mA, IB=0 VCE=1V, IC=5mA VCE=1V, IC=100mA VCE=1V, IC=800mA IC=800mA, IB=80mA IC=800mA, IB=80mA VCE=1V, IC=10mA VCE=10V, IC=50mA VCB=10V, f=1MHz, IE=0 300 MIN. 40 25 45 85 40 100 TYP. 135 160 110 0.28 0.98 0.66 190 9 MAX. 100 100 300 0.5 1.2 1.0 V V V MHz pF UNIT nA nA V V
DC Current Gain
hFE(2) (Note) hFE(3)
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Voltage Transition Frequency Collector Output Capacitance Note : hFE(2) Classification
VCE(sat) VBE(sat) VBE fT Cob
B:85 160 , C : 120 200 , D : 160
1999. 10. 25
Revision No : 1
1/2
MPS8050
I C - V CE
0.5 COLLECTOR CURRENT I C (mA) 0.4 0.3 0.2 0.1
I B=0.5mA
h FE - I C
1k DC CURRENT GAIN hFE
I B=3.0mA I B=2.5mA I B=2.0mA I B=1.5mA I B=1.0mA VCE =1V
500 300
100 50 30
0
0
0.4
0.8
1.2
1.6
2.0
10 0.1
0.3
1
3
10
30
100
300
1K
COLLECTOR-EMITTER VOLTAGE V CE (V)
COLLECTOR CURRENT I C (mA)
I C - V BE
100 COLLECTOR CURRENT I C (mA) 50 30 10 5 3 1 0.5 0.3 0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 BASE-EMITTER VOLTAGE V BE (V)
VCE =1V
V BE(sat), VCE(sat) - I C
SATURATION VOLTAGE V BE(sat), V CE(sat) (mV) 5k 3k 1k 500 300 100 50 30 10 0.1 0.3 1 3 10 30 100 300 1K COLLECTOR CURRENT I C (mA)
VCE (sat) VBE (sat) IC =10I B
fT - IC
COLLECTOR OUTPUT CAPACITANCE C ob (pF) TRANSITION FREQUENCY f T (MHz) 300 100 50 30
VCE =10V
C ob - V CB
f=1MHz I E =0
100 50 30
10 5 3
10 1 3 5 10 30 50 100 300 COLLECTOR CURRENT I C (mA)
1 1 3 5 10 3 0 50 COLLECTOR-BASE VOLTAGE VCB (V)
1999. 10. 25
Revision No : 1
2/2


▲Up To Search▲   

 
Price & Availability of MPS8050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X