Part Number Hot Search : 
NMC27C64 MPX906 AUIRF7 R7222407 C1921P UG1001 TR0017 TC114E
Product Description
Full Text Search
 

To Download MOC8020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MOC8020/D
GlobalOptoisolatorTM
MOC8020
[CTR = 500% Min]
6-Pin DIP Optoisolators Darlington Output (No Base Connection)
The MOC8020 and MOC8021 devices consist of a gallium arsenide infrared emitting diode optically coupled to a monolithic silicon photodarlington detector. The chip to Pin 6 base connection has been eliminated to improve the device's output performance in higher noise environments. * No Base Connection for Improved Noise Immunity * Higher Sensitivity to Low Input Drive Current * To order devices that are tested and marked per VDE 0884 requirements, the suffix "V" must be included at end of part number. VDE 0884 is a test option. Applications * Appliances, Measuring Instruments * I/O Interfaces for Computers * Programmable Controllers * Portable Electronics * Interfacing and coupling systems of different potentials and impedances * Solid State Relays * Circuits Exposed to High Noise Environments MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Rating INPUT LED Reverse Voltage Forward Current -- Continuous LED Power Dissipation @ TA = 25C with Negligible Power in Output Detector Derate above 25C OUTPUT DETECTOR Collector-Emitter Voltage Collector Current Continuous Emitter-Collector Voltage Detector Power Dissipation @ TA = 25C with Negligible Power in Input LED Derate above 25C TOTAL DEVICE Isolation Surge Voltage(1) (Peak ac Voltage, 60 Hz, 1 sec Duration) Total Device Power Dissipation @ TA = 25C Derate above 25C Ambient Operating Temperature Range(2) Storage Temperature Range(2) Soldering Temperature (10 sec, 1/16 from case) VISO PD TA Tstg TL 7500 250 2.94 - 55 to +100 - 55 to +150 260 Vac(pk) mW mW/C C C C VCEO IC VECO PD 50 150 5 150 1.76 Volts mA Volts mW mW/C VR IF PD 3 60 120 1.41 Volts mA mW mW/C Symbol Value Unit
MOC8021
[CTR = 1000% Min]
STYLE 3 PLASTIC
6
1
STANDARD THRU HOLE CASE 730A-04
SCHEMATIC
1 2 3 6 5 4
PIN 1. 2. 3. 4. 5. 6.
LED ANODE LED CATHODE N.C. EMITTER COLLECTOR N.C.
1. Isolation surge voltage is an internal device dielectric breakdown rating. 1. For this test, Pins 1 and 2 are common, and Pins 4 and 5 are common. 2. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions. GlobalOptoisolator is a trademark of Motorola, Inc. REV 1
(c)MotorolaInc. 1995 Motorola, Optoelectronics Device Data
1
MOC8020 MOC8021
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)(1)
Characteristic INPUT LED Reverse Leakage Current (VR = 3 V) Forward Voltage (IF = 10 mA) Capacitance (V = 0 V, f = 1 MHz) PHOTODARLINGTON (TA = 25C and IF = 0, unless otherwise noted) Collector-Emitter Dark Current (VCE = 10 V) Collector-Emitter Base Breakdown Voltage (IC = 1 mA) Emitter-Collector Breakdown Voltage (IE = 100 A) COUPLED (TA = 25C unless otherwise noted) Collector Output Current (VCE = 5 V, IF = 10 mA) Isolation Surge Voltage(3,4), 60 Hz Peak ac, 1 Second Isolation Resistance(3) (V = 500 V) Isolation Capacitance(3) (V = 0, f = 1 MHz) SWITCHING Turn-On Time Turn-Off Time Rise Time Fall Time 1. 2. 3. 4. 5. VCC = 10 V, RL = 100 , IF = 5 mA(5) ton toff tr tf -- -- -- -- 3.5 95 1 2 -- -- -- -- s IC (CTR)(2) MOC8020 MOC8021 VISO RISO CISO 50 (500) 100 (1000) 7500 -- -- -- -- -- 1011 0.2 -- -- -- -- -- Vac(pk) Ohms pF mA (%) ICEO V(BR)CEO V(BR)ECO -- 50 5 -- -- -- 100 -- -- nA Volts Volts IR VF C -- -- -- 0.05 1.15 18 10 2 -- A Volts pF Symbol Min Typ(1) Max Unit
Always design to the specified minimum/maximum electrical limits (where applicable). Current Transfer Ratio (CTR) = IC/IF x 100%. For this test, LED Pins 1 and 2 are common and Phototransistor Pins 4 and 5 are common. Isolation Surge Voltage, VISO, is an internal device dielectric breakdown rating. For test circuit setup and waveforms, refer to Figure 9.
TYPICAL CHARACTERISTICS
2 VF, FORWARD VOLTAGE (VOLTS) 1.8 PULSE ONLY PULSE OR DC I C , OUTPUT COLLECTOR CURRENT (NORMALIZED) 10 NORMALIZED TO: IF = 10 mA TA = 25C 1
1.6 1.4 TA = -55C 25C 100C 1 10 100 IF, LED FORWARD CURRENT (mA) 1000 1.2 1
0.1 TA = -55C THRU +25C +70C +100C 0.01 0.5 1 2 5 10 20 IF, LED INPUT CURRENT (mA) 50
Figure 1. LED Forward Voltage versus Forward Current
Figure 2. Output Current versus Input Current
2
Motorola Optoelectronics Device Data
IC , OUTPUT COLLECTOR CURRENT (NORMALIZED)
MOC8020 MOC8021
10 7 5 2 1 0.7 0.5 0.2 0.1 - 60 - 40 - 20 0 20 40 60 80 TA, AMBIENT TEMPERATURE (C) 100 NORMALIZED TO TA = 25C
140 IC, COLLECTOR CURRENT (mA) 120 IF = 10 mA 100 80 5 mA 60 40 20 0 0 1 2 2 mA 1 mA 3 4 5 6 7 8 9 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS) 10
Figure 3. Collector Current versus Collector-Emitter Voltage
VCE , COLLECTOR-EMITTER VOLTAGE (NORMALIZED)
Figure 4. Output Current versus Ambient Temperature
ICEO, COLLECTOR-EMITTER DARK CURRENT (NORMALIZED)
105 104 103 102 10 1 NORMALIZED TO: VCE = 10 V TA = 25C
1.3 1.2 1.1 1 0.9 0.8 0.7 - 60 - 40 - 20 0 20 40 60 80 TA, AMBIENT TEMPERATURE (C) 100 NORMALIZED TO TA = 25C
VCE = 30 V 10 V
0
20
40 60 80 TA, AMBIENT TEMPERATURE (C)
100
Figure 5. Collector-Emitter Voltage versus Ambient Temperature
Figure 6. Collector-Emitter Dark Current versus Ambient Temperature
1000 VCC = 10 V RL = 1000 t, TIME (s)
1000 RL = 1000 100 100 10 10
10
100
10 1 0.1 0.2 0.5 1 2 5 10 20 IF, LED INPUT CURRENT (mA) 50 100 1 0.1 0.2 0.5
t, TIME (s)
100
VCC = 10 V 1 2 5 10 20 IF, LED INPUT CURRENT (mA) 50 100
Figure 7. Turn-On Switching Times (Typical Value)
Figure 8. Turn-Off Switching Times (Typical Value)
Motorola Optoelectronics Device Data
3
MOC8020 MOC8021
TEST CIRCUIT
VCC = 10 V RL = 100 IF = 5 mA INPUT OUTPUT 10% OUTPUT PULSE 90% tr ton tf toff
WAVEFORMS
INPUT PULSE
Figure 9. Switching Time Test Circuit and Waveforms
4
Motorola Optoelectronics Device Data
MOC8020 MOC8021
PACKAGE DIMENSIONS
-A-
6 4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. DIM A B C D E F G J K L M N INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.008 0.012 0.100 0.150 0.300 BSC 0_ 15 _ 0.015 0.100 STYLE 3: PIN 1. 2. 3. 4. 5. 6. MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.21 0.30 2.54 3.81 7.62 BSC 0_ 15 _ 0.38 2.54
-B-
1 3
F 4 PL
N
C
L
-T-
SEATING PLANE
K G J 6 PL 0.13 (0.005) TA
M M
E 6 PL D 6 PL 0.13 (0.005)
M
M
TB
M
A
M
B
M
ANODE CATHODE NC EMITTER COLLECTOR NC
CASE 730A-04 ISSUE G
-A-
6 1 4
-B-
3
S
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.020 0.025 0.008 0.012 0.006 0.035 0.320 BSC 0.332 0.390 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.51 0.63 0.20 0.30 0.16 0.88 8.13 BSC 8.43 9.90
F 4 PL
H C
L
-T- G E 6 PL D 6 PL 0.13 (0.005)
M
J K 6 PL 0.13 (0.005) TA
M M
SEATING PLANE
TB
M
A
M
B
M
DIM A B C D E F G H J K L S
CASE 730C-04 ISSUE D
*Consult factory for leadform option availability
Motorola Optoelectronics Device Data
5
MOC8020 MOC8021
-A-
6 4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. DIM A B C D E F G J K L N INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.008 0.012 0.100 0.150 0.400 0.425 0.015 0.040 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.21 0.30 2.54 3.81 10.16 10.80 0.38 1.02
-B-
1 3
F 4 PL
N C
L
-T-
SEATING PLANE
G D 6 PL
K 0.13 (0.005)
M
J TA
M
E 6 PL
B
M
*Consult factory for leadform option availability
CASE 730D-05 ISSUE D
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us: USA / EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
6
*MOC8020/D*
Motorola OptoelectronicsMOC8020/D Device Data


▲Up To Search▲   

 
Price & Availability of MOC8020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X