Part Number Hot Search : 
G2406 AN134 2SD1832 3SK45 40200 KY133 224J1000 HY57V
Product Description
Full Text Search
 

To Download MOC3051 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MOC3051/D
GlobalOptoisolatorTM
6-Pin DIP Random-Phase Optoisolators Triac Drivers
(600 Volts Peak)
The MOC3051 Series consists of a GaAs infrared LED optically coupled to a non-Zero-crossing silicon bilateral AC switch (triac). The MOC3051 Series isolates low voltage logic from 115 and 240 Vac lines to provide random phase control of high current triacs or thyristors. The MOC3051 Series features greatly enhanced static dv/dt capability to ensure stable switching performance of inductive loads. * To order devices that are tested and marked per VDE 0884 requirements, the suffix "V" must be included at end of part number. VDE 0884 is a test option. Recommended for 115/240 Vac(rms) Applications: * Solenoid/Valve Controls * Lamp Ballasts * Static AC Power Switch * Interfacing Microprocessors to 115 and 240 Vac Peripherals MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Rating INFRARED EMITTING DIODE Reverse Voltage Forward Current -- Continuous Total Power Dissipation @ TA = 25C Negligible Power in Triac Driver Derate above 25C OUTPUT DRIVER Off-State Output Terminal Voltage Peak Repetitive Surge Current (PW = 100 s, 120 pps) Total Power Dissipation @ TA = 25C Derate above 25C TOTAL DEVICE Isolation Surge Voltage (1) (Peak ac Voltage, 60 Hz, 1 Second Duration) Total Power Dissipation @ TA = 25C Derate above 25C Junction Temperature Range Ambient Operating Temperature Range (2) Storage Temperature Range(2) VISO PD TJ TA Tstg 7500 330 4.4 - 40 to +100 - 40 to +85 - 40 to +150 Vac(pk) mW mW/C C C C VDRM ITSM PD 600 1 300 4 Volts A mW mW/C VR IF PD 3 60 100 1.33 Volts mA mW mW/C Symbol Value Unit
MOC3051 MOC3052*
[IFT = 15 mA Max] [IFT = 10 mA Max] *Motorola Preferred Device
STYLE 6 PLASTIC
6
1
STANDARD THRU HOLE CASE 730A-04
* * * *
Solid State Relays Incandescent Lamp Dimmers Temperature Controls Motor Controls
2 3 1. 2. 3. 4. 5. 5 4
COUPLER SCHEMATIC
1 6
ANODE CATHODE NC MAIN TERMINAL SUBSTRATE DO NOT CONNECT 6. MAIN TERMINAL
Soldering Temperature (10 s) TL 260 C 1. Isolation surge voltage, VISO, is an internal device dielectric breakdown rating. 1. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common. 2. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions.
Preferred devices are Motorola recommended choices for future use and best overall value.
GlobalOptoisolator is a trademark of Motorola, Inc.
(Replaces MOC3050/D) (c)MotorolaInc. 1995 Motorola, Optoelectronics Device Data 1
MOC3051 MOC3052
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic INPUT LED Reverse Leakage Current (VR = 3 V) Forward Voltage (IF = 10 mA) OUTPUT DETECTOR (IF = 0 unless otherwise noted) Peak Blocking Current, Either Direction (Rated VDRM, Note 1) @ IFT per device Peak On-State Voltage, Either Direction (ITM = 100 mA Peak) Critical Rate of Rise of Off-State Voltage @ 400 V (Refer to test circuit, Figure 10) COUPLED LED Trigger Current, Either Direction, Current Required to Latch Output (Main Terminal Voltage = 3 V, Note 2) MOC3051 MOC3052 Holding Current, Either Direction IFT -- -- IH -- -- -- 280 15 10 -- A mA IDRM VTM dv/dt static -- -- 1000 10 1.7 -- 100 2.5 -- nA Volts V/s IR VF -- -- 0.05 1.15 100 1.5 A Volts Symbol Min Typ Max Unit
1. Test voltage must be applied within dv/dt rating. 2. All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating IF lies between max 2. 15 mA for MOC3051, 10 mA for 3052 and absolute max IF (60 mA).
TYPICAL ELECTRICAL CHARACTERISTICS TA = 25C
2 VF, FORWARD VOLTAGE (VOLTS) ITM, ON-STATE CURRENT (mA) 1000 800 1.8 PULSE ONLY PULSE OR DC 600 400 200 0 - 200 - 400 - 600 - 800 85C 1 10 100 IF, LED FORWARD CURRENT (mA) 1000 -1000 -6 -4 -2 0 2 VTM, ON-STATE VOLTAGE (VOLTS) 4 6
1.6
1.4 TA = - 40C 25C 1
1.2
Figure 1. LED Forward Voltage versus Forward Current
Figure 2. On-State Characteristics
2
Motorola Optoelectronics Device Data
MOC3051 MOC3052
TYPICAL ELECTRICAL CHARACTERISTICS TA = 25C
1.6 IFT, LED TRIGGER CURRENT (mA) NORMALIZED TO TA = 25C
1.4
IFT versus Temperature (normalized) This graph shows the increase of the trigger current when the device is expected to operate at an ambient temperature below 25C. Multiply the normalized IFT shown on this graph with the data sheet guaranteed IFT. Example: TA = - 40C, IFT = 10 mA IFT @ - 40C = 10 mA x 1.4 = 14 mA
1.2
1
0.8
0.6 - 40 - 30 - 20 -10 0 10 20 30 40 50 60 TA, AMBIENT TEMPERATURE (C)
70
80
Figure 3. Trigger Current versus Temperature
IFT, NORMALIZED LED TRIGGER CURRENT 25 NORMALIZED TO: PWin 100 s
Phase Control Considerations LED Trigger Current versus PW (normalized) Random Phase Triac drivers are designed to be phase controllable. They may be triggered at any phase angle within the AC sine wave. Phase control may be accomplished by an AC line zero cross detector and a variable pulse delay generator which is synchronized to the zero cross detector. The same task can be accomplished by a microprocessor which is synchronized to the AC zero crossing. The phase controlled trigger current may be a very short pulse which saves energy delivered to the input LED. LED trigger pulse currents shorter than 100 s must have an increased amplitude as shown on Figure 4. This graph shows the dependency of the trigger current IFT versus the pulse width t (PW). The reason for the IFT dependency on the pulse width can be seen on the chart delay t(d) versus the LED trigger current. IFT in the graph IFT versus (PW) is normalized in respect to the minimum specified IFT for static condition, which is specified in the device characteristic. The normalized IFT has to be multiplied with the devices guaranteed static trigger current. Example: Guaranteed IFT = 10 mA, Trigger pulse width PW = 3 s IFT (pulsed) = 10 mA x 5 = 50 mA
20
15
10
5
0
1
2
5 10 20 50 PWin, LED TRIGGER PULSE WIDTH (s)
100
Figure 4. LED Current Required to Trigger versus LED Pulse Width
AC SINE
0
180
LED PW LED CURRENT
LED TURN OFF MIN 200 s
Figure 5. Minimum Time for LED Turn-Off to Zero Cross of AC Trailing Edge
Minimum LED Off Time in Phase Control Applications In Phase control applications one intends to be able to control each AC sine half wave from 0 to 180 degrees. Turn on at zero degrees means full power and turn on at 180 degree means zero power. This is not quite possible in reality because triac driver and triac have a fixed turn on time when activated at zero degrees. At a phase control angle close to 180 degrees the driver's turn on pulse at the trailing edge of the AC sine wave must be limited to end 200 s before AC zero cross as shown in Figure 5. This assures that the triac driver has time to switch off. Shorter times may cause loss of control at the following half cycle.
Motorola Optoelectronics Device Data
3
MOC3051 MOC3052
TYPICAL ELECTRICAL CHARACTERISTICS TA = 25C
1 0.9 I H, HOLDING CURRENT (mA) 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 - 40 - 30 - 20 -10 0 10 20 30 40 50 60 TA, AMBIENT TEMPERATURE (C) 70 80 1 - 40 - 30 - 20 -10 0 10 20 30 40 50 60 TA, AMBIENT TEMPERATURE (C) 70 80 I DRM, LEAKAGE CURRENT (nA) 100
10
Figure 6. Holding Current, IH versus Temperature
Figure 7. Leakage Current, IDRM versus Temperature
IFT, LED TRIGGER CURRENT (NORMALIZED)
1.5 1.4 1.3 1.2 1.1 1 0.9 0.8 0.7 0.6 0.5 0.001 0.01 0.1 1 10 100 1000 10000 NORMALIZED TO: IFT at 3 V
dv/dt (V/s)
Figure 8. ED Trigger Current, IFT, versus dv/dt
IFT versus dv/dt Triac drivers with good noise immunity (dv/dt static) have internal noise rejection circuits which prevent false triggering of the device in the event of fast raising line voltage transients. Inductive loads generate a commutating dv/dt that may activate the triac drivers noise suppression circuits. This prevents the device from turning on at its specified trigger current. It will in this case go into the mode of "half waving" of the load. Half waving of the load may destroy the power triac and the load. Figure 8 shows the dependency of the triac drivers IFT versus the reapplied voltage rise with a Vp of 400 V. This dv/dt condition simulates a worst case commutating dv/dt amplitude. It can be seen that the IFT does not change until a commutating dv/dt reaches 1000 V/s. Practical loads generate a commutating dv/dt of less than 50 V/s. The data sheet specified IFT is therefore applicable for all practical inductive loads and load factors.
4
Motorola Optoelectronics Device Data
MOC3051 MOC3052
TYPICAL ELECTRICAL CHARACTERISTICS TA = 25C
100
10
t(d)
1
t(f)
t(delay), t(f) versus IFT The triac driver's turn on switching speed consists of a turn on delay time t(d) and a fall time t(f). Figure 9 shows that the delay time depends on the LED trigger current, while the actual trigger transition time t(f) stays constant with about one micro second. The delay time is important in very short pulsed operation because it demands a higher trigger current at very short trigger pulses. This dependency is shown in the graph IFT versus LED PW. The turn on transition time t(f) combined with the power triac's turn on time is important to the power dissipation of this device.
60
t(delay) AND t(fall) ( s)
0.1 10
20
30 40 50 IFT, LED TRIGGER CURRENT (mA)
Switching Time Test Circuit
SCOPE IFT VTM EXT. SYNC FUNCTION GENERATOR Vout ISOL. TRANSF. 10 k AC 100 VTM DUT IFT PHASE CTRL. PW CTRL. PERIOD CTRL. Vo AMPL. CTRL. ZERO CROSS DETECTOR 115 VAC
Figure 9. Delay Time, t(d), and Fall Time, t(f), versus LED Trigger Current
t(d) t(f)
+400 Vdc
RTEST
R = 1 k 1. The mercury wetted relay provides a high speed repeated pulse to the D.U.T. 2. 100x scope probes are used, to allow high speeds and X100 voltages. SCOPE 3. The worst-case condition for static dv/dt is established by PROBE triggering the D.U.T. with a normal LED input current, then removing the current. The variable RTEST allows the dv/dt to be gradually increased until the D.U.T. continues to trigger in response to the applied voltage pulse, even after the LED current has been removed. The dv/dt is then decreased until the D.U.T. stops triggering. RC is measured at this point and Vmax = 400 V recorded. 0.63 Vmax RC 252 RC
PULSE INPUT
MERCURY WETTED RELAY
CTEST D.U.T.
APPLIED VOLTAGE WAVEFORM 0 VOLTS
252 V
dv/dt = RC
=
Figure 10. Static dv/dt Test Circuit
Motorola Optoelectronics Device Data
5
MOC3051 MOC3052
APPLICATIONS GUIDE Basic Triac Driver Circuit The new random phase triac driver family MOC3052 and MOC3051 are very immune to static dv/dt which allows snubberless operations in all applications where external generated noise in the AC line is below its guaranteed dv/dt withstand capability. For these applications a snubber circuit is not necessary when a noise insensitive power triac is used. Figure 11 shows the circuit diagram. The triac driver is directly connected to the triac main terminal 2 and a series Resistor R which limits the current to the triac driver. Current limiting resistor R must have a minimum value which restricts the current into the driver to maximum 1A. R = Vp AC/ITM max rep. = Vp AC/1A The power dissipation of this current limiting resistor and the triac driver is very small because the power triac carries the load current as soon as the current through driver and current limiting resistor reaches the trigger current of the power triac. The switching transition times for the driver is only one micro second and for power triacs typical four micro seconds.
VCC RLED TRIAC DRIVER POWER TRIAC RS MOV CS LOAD RET. Typical Snubber values RS = 33 , CS = 0.01 F MOV (Metal Oxide Varistor) protects triac and driver from transient overvoltages >VDRM max. VCC RLED TRIAC DRIVER POWER TRIAC AC LINE R CONTROL RET. Q LOAD RLED = (VCC - VF LED - Vsat Q)/IFT R = Vp AC line/ITSM
Figure 11. Basic Driver Circuit
Triac Driver Circuit for Noisy Environments When the transient rate of rise and amplitude are expected to exceed the power triacs and triac drivers maximum ratings a snubber circuit as shown in Figure 12 is recommended. Fast transients are slowed by the R-C snubber and excessive amplitudes are clipped by the Metal Oxide Varistor MOV.
R CONTROL
AC LINE
Figure 12. Triac Driver Circuit for Noisy Environments
Triac Driver Circuit for Extremely Noisy Environments, as specified in the noise standards IEEE472 and IEC255-4. Industrial control applications do specify a maximum transient noise dv/dt and peak voltage which is superimposed onto the AC line voltage. In order to pass this environment noise test a modified snubber network as shown in Figure 13 is recommended.
POWER TRIAC VCC RLED TRIAC DRIVER R
RS MOV CS AC LINE
CONTROL LOAD RET. Recommended snubber to pass IEEE472 and IEC255-4 noise tests RS = 47 W, CS = 0.01 mF
Figure 13. Triac Driver Circuit for Extremely Noisy Environments
6
Motorola Optoelectronics Device Data
MOC3051 MOC3052
PACKAGE DIMENSIONS
-A-
6 4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. DIM A B C D E F G J K L M N INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.008 0.012 0.100 0.150 0.300 BSC 0_ 15 _ 0.015 0.100 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.21 0.30 2.54 3.81 7.62 BSC 0_ 15 _ 0.38 2.54
-B-
1 3
F 4 PL
N
C
L
-T-
SEATING PLANE
K G J 6 PL 0.13 (0.005) TA
M M
E 6 PL D 6 PL 0.13 (0.005)
M
M
TB
M
A
M
B
M
CASE 730A-04 ISSUE G
STYLE 6: PIN 1. 2. 3. 4. 5. 6.
ANODE CATHODE NC MAIN TERMINAL SUBSTRATE MAIN TERMINAL
-A-
6 1 4
-B-
3
S
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.020 0.025 0.008 0.012 0.006 0.035 0.320 BSC 0.332 0.390 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.51 0.63 0.20 0.30 0.16 0.88 8.13 BSC 8.43 9.90
F 4 PL
H C
L
-T- G E 6 PL D 6 PL 0.13 (0.005)
M
J K 6 PL 0.13 (0.005) TA
M M
SEATING PLANE
TB
M
A
M
B
M
DIM A B C D E F G H J K L S
CASE 730C-04 ISSUE D
*Consult factory for leadform option availability
Motorola Optoelectronics Device Data
7
MOC3051 MOC3052
-A-
6 4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. DIM A B C D E F G J K L N INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.008 0.012 0.100 0.150 0.400 0.425 0.015 0.040 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.21 0.30 2.54 3.81 10.16 10.80 0.38 1.02
-B-
1 3
F 4 PL
N C
L
-T-
SEATING PLANE
G D 6 PL
K 0.13 (0.005)
M
J TA
M
E 6 PL
B
M
*Consult factory for leadform option availability
CASE 730D-05 ISSUE D
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
8
*MOC3051/D*
Motorola OptoelectronicsMOC3051/D Device Data


▲Up To Search▲   

 
Price & Availability of MOC3051

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X