Part Number Hot Search : 
AX1668M MAX3905 CD4705 P9936M BZX85C82 1202E MM74C08 TICP107D
Product Description
Full Text Search
 

To Download MMBT5551LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MMBT5550LT1/D
High Voltage Transistors
NPN Silicon
1 BASE
COLLECTOR 3
MMBT5550LT1 MMBT5551LT1*
*Motorola Preferred Device
MAXIMUM RATINGS
Rating Collector - Emitter Voltage Collector - Base Voltage Emitter - Base Voltage Collector Current -- Continuous Symbol VCEO VCBO VEBO IC Value 140 160 6.0 600
2 EMITTER Unit Vdc Vdc Vdc mAdc
1 2
3
CASE 318 - 08, STYLE 6 SOT- 23 (TO - 236AB)
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board(1) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate,(2) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 RqJA PD 556 300 2.4 RqJA TJ, Tstg 417 - 55 to +150 Unit mW mW/C C/W mW mW/C C/W C
DEVICE MARKING
MMBT5550LT1 = M1F; MMBT5551LT1 = G1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Max Unit
OFF CHARACTERISTICS
Collector - Emitter Breakdown Voltage(3) (IC = 1.0 mAdc, IB = 0) Collector - Base Breakdown Voltage (IC = 100 mAdc, IE = 0) Emitter - Base Breakdown Voltage (IE = 10 mAdc, IC = 0) Collector Cutoff Current (VCB = 100 Vdc, IE = 0) (VCB = 120 Vdc, IE = 0) (VCB = 100 Vdc, IE = 0, TA = 100C) (VCB = 120 Vdc, IE = 0, TA = 100C) Emitter Cutoff Current (VEB = 4.0 Vdc, IC = 0) 1. FR- 5 = 1.0 0.75 0.062 in. 2. Alumina = 0.4 0.3 0.024 in. 99.5% alumina. 3. Pulse Test: Pulse Width = 300 ms, Duty Cycle = 2.0%. Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
V(BR)CEO MMBT5550 MMBT5551 V(BR)CBO MMBT5550 MMBT5551 V(BR)EBO 6.0 ICBO MMBT5550 MMBT5551 MMBT5550 MMBT5551 IEBO -- 50 -- -- -- -- 100 50 100 50 -- 160 180 -- -- 140 160 -- --
Vdc
Vdc
Vdc
nAdc Adc nAdc

Motorola Small-Signal Transistors, FETs and Diodes Device Data (c) Motorola, Inc. 1996
1
MMBT5550LT1 MMBT5551LT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (Continued)
Characteristic Symbol Min Max Unit
ON CHARACTERISTICS
DC Current Gain (IC = 1.0 mAdc, VCE = 5.0 Vdc) hFE MMBT5550 MMBT5551 MMBT5550 MMBT5551 MMBT5550 MMBT5551 VCE(sat) Both Types MMBT5550 MMBT5551 VBE(sat) Both Types MMBT5550 MMBT5551 -- -- -- 1.0 1.2 1.0 -- -- -- 0.15 0.25 0.20 Vdc 60 80 60 80 20 30 -- -- 250 250 -- -- Vdc --
(IC = 10 mAdc, VCE = 5.0 Vdc)
(IC = 50 mAdc, VCE = 5.0 Vdc) Collector - Emitter Saturation Voltage (IC = 10 mAdc, IB = 1.0 mAdc) (IC = 50 mAdc, IB = 5.0 mAdc) Base - Emitter Saturation Voltage (IC = 10 mAdc, IB = 1.0 mAdc) (IC = 50 mAdc, IB = 5.0 mAdc)
2
Motorola Small-Signal Transistors, FETs and Diodes Device Data
MMBT5550LT1 MMBT5551LT1
500 300 200 h FE, DC CURRENT GAIN 100 - 55C 50 30 20 10 7.0 5.0 0.1 TJ = 125C 25C VCE = 1.0 V VCE = 5.0 V
0.2
0.3
0.5
0.7
1.0
3.0 2.0 5.0 7.0 IC, COLLECTOR CURRENT (mA)
10
20
30
50
70
100
Figure 1. DC Current Gain
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 1.0 IB, BASE CURRENT (mA) 2.0 5.0 10 20 50 IC = 1.0 mA 10 mA 30 mA 100 mA
Figure 2. Collector Saturation Region
101 VCE = 30 V IC, COLLECTOR CURRENT ( A) 100 10-1 10-2 10-3 10-4 10-5 0.4 TJ = 125C V, VOLTAGE (VOLTS)
1.0
TJ = 25C
0.8 IC = ICES VBE(sat) @ IC/IB = 10 0.6
75C REVERSE 25C FORWARD
0.4
0.2 VCE(sat) @ IC/IB = 10 0
0.3
0.2 0.1 0 0.1 0.2 0.3 0.4 VBE, BASE-EMITTER VOLTAGE (VOLTS)
0.5
0.6
0.1
0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 IC, COLLECTOR CURRENT (mA)
50
100
Figure 3. Collector Cut-Off Region
Figure 4. "On" Voltages
Motorola Small-Signal Transistors, FETs and Diodes Device Data
3
MMBT5550LT1 MMBT5551LT1
2.5 V, TEMPERATURE COEFFICIENT (mV/ C) 2.0 1.5 1.0 0.5 0 - 0.5 - 1.0 - 1.5 - 2.0 - 2.5 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 IC, COLLECTOR CURRENT (mA) 50 100 10.2 V Vin 10 s INPUT PULSE tr, tf 10 ns DUTY CYCLE = 1.0% 0.25 F VBB - 8.8 V 100 RB 5.1 k Vin 100 1N914 VCC 30 V 3.0 k RC Vout TJ = - 55C to +135C
qVC for VCE(sat)
qVB for VBE(sat)
Values Shown are for IC @ 10 mA
Figure 5. Temperature Coefficients
Figure 6. Switching Time Test Circuit
100 70 50 30 C, CAPACITANCE (pF)
1000 TJ = 25C 500 300 t, TIME (ns) 200 100 50 Cobo 30 20 10 0.2 0.3 0.5 td @ VEB(off) = 1.0 V VCC = 120 V tr @ VCC = 30 V IC/IB = 10 TJ = 25C tr @ VCC = 120 V
20 10 7.0 5.0 3.0 2.0 1.0 0.2 Cibo
0.3
0.5 0.7 1.0
2.0
3.0
5.0 7.0
10
20
1.0
VR, REVERSE VOLTAGE (VOLTS)
20 30 50 2.0 3.0 5.0 10 IC, COLLECTOR CURRENT (mA)
100
200
Figure 7. Capacitances
Figure 8. Turn-On Time
5000 3000 2000 tf @ VCC = 30 V 1000 t, TIME (ns) 500 300 200 100 50 0.2 0.3 0.5 ts @ VCC = 120 V tf @ VCC = 120 V IC/IB = 10 TJ = 25C
20 30 50 1.0 2.0 3.0 5.0 10 IC, COLLECTOR CURRENT (mA)
100
200
Figure 9. Turn-Off Time
4
Motorola Small-Signal Transistors, FETs and Diodes Device Data
MMBT5550LT1 MMBT5551LT1
INFORMATION FOR USING THE SOT-23 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to insure proper solder connection interface between the board and the package. With the correct pad geometry, the packages will self align when subjected to a solder reflow process.
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
SOT-23 SOT-23 POWER DISSIPATION
The power dissipation of the SOT-23 is a function of the pad size. This can vary from the minimum pad size for soldering to a pad size given for maximum power dissipation. Power dissipation for a surface mount device is determined by T J(max), the maximum rated junction temperature of the die, RJA, the thermal resistance from the device junction to ambient, and the operating temperature, TA . Using the values provided on the data sheet for the SOT-23 package, PD can be calculated as follows: PD = TJ(max) - TA RJA
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated temperature of the device. When the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. Therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. * Always preheat the device. * The delta temperature between the preheat and soldering should be 100C or less.* * When preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. When using infrared heating with the reflow soldering method, the difference shall be a maximum of 10C. * The soldering temperature and time shall not exceed 260C for more than 10 seconds. * When shifting from preheating to soldering, the maximum temperature gradient shall be 5C or less. * After soldering has been completed, the device should be allowed to cool naturally for at least three minutes. Gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. * Mechanical stress or shock should not be applied during cooling. * Soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device.
The values for the equation are found in the maximum ratings table on the data sheet. Substituting these values into the equation for an ambient temperature TA of 25C, one can calculate the power dissipation of the device which in this case is 225 milliwatts. PD = 150C - 25C 556C/W = 225 milliwatts
The 556C/W for the SOT-23 package assumes the use of the recommended footprint on a glass epoxy printed circuit board to achieve a power dissipation of 225 milliwatts. There are other alternatives to achieving higher power dissipation from the SOT-23 package. Another alternative would be to use a ceramic substrate or an aluminum core board such as Thermal CladTM. Using a board material such as Thermal Clad, an aluminum core board, the power dissipation can be doubled using the same footprint.
Motorola Small-Signal Transistors, FETs and Diodes Device Data
5
MMBT5550LT1 MMBT5551LT1
PACKAGE DIMENSIONS
A L
3
BS
1 2
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0180 0.0236 0.0350 0.0401 0.0830 0.0984 0.0177 0.0236 MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.45 0.60 0.89 1.02 2.10 2.50 0.45 0.60
V
G
C D H K J
DIM A B C D G H J K L S V
CASE 318-08 SOT-23 (TO-236AB) ISSUE AE
STYLE 6: PIN 1. BASE 2. EMITTER 3. COLLECTOR
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us: USA/EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
6
Motorola Small-Signal Transistors, FETs and Diodes Device Data MMBT5550LT1/D
*MMBT5550LT1/D*


▲Up To Search▲   

 
Price & Availability of MMBT5551LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X