Part Number Hot Search : 
BC850C 2050CT SFRU9024 A1180EUA SFRU9024 BCWL120 1585A BTP955M3
Product Description
Full Text Search
 

To Download MC10117 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
The MC10117 is a dual 2-wide 2-3-input OR-AND/OR-AND-Invert gate. This general purpose logic element is designed for use in data control, such as digital multiplexing or data distribution. Pin 9 is common to both gates.
MC10117
PD = 100 mW typ/pkg (No Load) tpd = 2.3 ns typ tr, tf = 2.2 ns typ (20%-80%)
L SUFFIX CERAMIC PACKAGE CASE 620-10 P SUFFIX PLASTIC PACKAGE CASE 648-08 FN SUFFIX PLCC CASE 775-02
LOGIC DIAGRAM
4 5 3 6 7 9 10 11 12 13 14 15 A1IN A1IN A2IN A2IN VCC1 = PIN 1 VCC2 = PIN 16 VEE = PIN 8 VEE 4 5 6 7 8 13 12 11 10 9 B1IN B1IN B2IN B2IN A2IN, B2IN 2 VCC1 AOUT AOUT 1 2 3 16 15 14 VCC2 BOUT BOUT
DIP PIN ASSIGNMENT
Pin assignment is for Dual-in-Line Package. For PLCC pin assignment, see the Pin Conversion Tables on page 6-11 of the Motorola MECL Data Book (DL122/D).
3/93
(c) Motorola, Inc. 1996
3-68
REV 5
MC10117
ELECTRICAL CHARACTERISTICS
Test Limits Pin Pi Under Test 8 6 9 4 4 2 3 2 3 2 3 2 3 0.5 -1.060 -1.060 -1.890 -1.890 -1.080 -1.080 -1.655 -1.655 -0.890 -0.780 -1.675 -1.675 -30C Min Max 29 425 560 390 0.5 -0.960 -0.960 -1.850 -1.850 -0.980 -0.980 -1.630 -1.630 -0.810 -0.700 -1.650 -1.650 Min +25C Typ 20 Max 26 265 350 245 0.3 -0.890 -0.890 -1.825 -1.825 -0.910 -0.910 -1.595 -1.595 -0.700 -0.590 -1.615 -1.615 Min +85C Max 29 265 350 245 Unit mAdc Adc
Characteristic Power Supply Drain Current Input Current
Symbol IE IinH*
IinL Output Voltage Output Voltage Threshold Voltage Threshold Voltage Switching Times Propagation Delay Logic 1 Logic 0 Logic 1 Logic 0 (50 Load) t4+2+ t4-2- t4+3- t4-3+ t2+ t3+ t2- t3- VOH VOL VOHA VOLA
Adc Vdc Vdc Vdc Vdc ns
2 2 3 3 2 3 2 3
1.4 1.4 1.4 1.4 0.9 0.9 0.9 0.9
3.9 3.9 3.9 3.9 4.1 4.1 4.1 4.1
1.4 1.4 1.4 1.4 1.1 1.1 1.1 1.1
2.3 2.3 2.3 2.3 2.2 2.2 2.2 2.2
3.4 3.4 3.4 3.4 4.0 4.0 4.0 4.0
1.4 1.4 1.4 1.4 1.1 1.1 1.1 1.1
3.8 3.8 3.8 3.8 4.6 4.6 4.6 4.6
Rise Time Fall Time
(20 to 80%) (20 to 80%)
* Inputs 4, 5, 12 and 13 have same IinH limit. Inputs 6, 7, 10 and 11 have same IinH limit.
MECL Data DL122 -- Rev 6
3-69
MOTOROLA
MC10117
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts) @ Test Temperature -30C +25C +85C Pin Under Test 8 6 9 4 4 2 3 2 3 2 3 2 3 4, 9 4 9 4 9 VIHmax -0.890 -0.810 -0.700 VILmin -1.890 -1.850 -1.825 VIHAmin -1.205 -1.105 -1.035 VILAmax -1.500 -1.475 -1.440 VEE -5.2 -5.2 -5.2 (VCC) Gnd 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 +2.0 V 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16
TEST VOLTAGE APPLIED TO PINS LISTED BELOW VIHmax VILmin VIHAmin VILAmax VEE 8 8 8 8 8 8 8 8 8 4 4 4 9 +1.11V 4 Pulse In 4 4 4 4 4 4 4 4 Pulse Out 2 2 3 3 2 3 2 3 8 8 8 8 -3.2 V 8 8 8 8 8 8 8 8
Characteristic Power Supply Drain Current Input Current
Symbol IE IinH*
IinL Output Voltage Output Voltage Threshold Voltage Threshold Voltage Switching Times Propagation Delay Logic 1 Logic 0 Logic 1 Logic 0 (50 Load) t4+2+ t4-2- t4+3- t4-3+ (20 to 80%) (20 to 80%) t2+ t3+ t2- t3- VOH VOL VOHA VOLA
4, 9 9
2 2 3 3 2 3 2 3
9 9 9 9 9 9 9 9
Rise Time Fall Time
* Inputs 4, 5, 12 and 13 have same IinH limit. Inputs 6, 7, 10 and 11 have same IinH limit. Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained. Outputs are terminated through a 50-ohm resistor to -2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the same manner.
MOTOROLA
3-70
MECL Data DL122 -- Rev 6
MC10117
OUTLINE DIMENSIONS
FN SUFFIX PLASTIC PLCC PACKAGE CASE 775-02 ISSUE C
B -N- Y BRK D -L- -M- W D Z
0.007 (0.180) M T L-M U
S
N
S S
0.007 (0.180) M T L-M
N
S
20
1
X V VIEW D-D
G1
0.010 (0.250)
S
T L-M
S
N
S
A Z R
0.007 (0.180) M T L-M 0.007 (0.180) M T L-M
S
N N
S
S
S
H
0.007 (0.180) M T L-M
S
N
S
C
E 0.004 (0.100) G G1 0.010 (0.250) S T L-M J -T-
SEATING PLANE
K1 K F VIEW S 0.007 (0.180)
M
VIEW S
S
T L-M
S
N
S
N
S
NOTES: 1. DATUMS -L-, -M-, AND -N- DETERMINED WHERE TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD PARTING LINE. 2. DIMENSION G1, TRUE POSITION TO BE MEASURED AT DATUM -T-, SEATING PLANE. 3. DIMENSIONS R AND U DO NOT INCLUDE MOLD FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE. 4. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 5. CONTROLLING DIMENSION: INCH. 6. THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS R AND U ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE PLASTIC BODY. 7. DIMENSION H DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. THE DAMBAR PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE GREATER THAN 0.037 (0.940). THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE SMALLER THAN 0.025 (0.635).
DIM A B C E F G H J K R U V W X Y Z G1 K1
INCHES MIN MAX 0.385 0.395 0.385 0.395 0.165 0.180 0.090 0.110 0.013 0.019 0.050 BSC 0.026 0.032 0.020 --- 0.025 --- 0.350 0.356 0.350 0.356 0.042 0.048 0.042 0.048 0.042 0.056 --- 0.020 2_ 10 _ 0.310 0.330 0.040 ---
MILLIMETERS MIN MAX 9.78 10.03 9.78 10.03 4.20 4.57 2.29 2.79 0.33 0.48 1.27 BSC 0.66 0.81 0.51 --- 0.64 --- 8.89 9.04 8.89 9.04 1.07 1.21 1.07 1.21 1.07 1.42 --- 0.50 2_ 10 _ 7.88 8.38 1.02 ---
MECL Data DL122 -- Rev 6
3-71
MOTOROLA
MC10117
OUTLINE DIMENSIONS
L SUFFIX CERAMIC DIP PACKAGE CASE 620-10 ISSUE V
9
-A-
16
-B-
1 8
C
L
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY. DIM A B C D E F G H K L M N INCHES MIN MAX 0.750 0.785 0.240 0.295 --- 0.200 0.015 0.020 0.050 BSC 0.055 0.065 0.100 BSC 0.008 0.015 0.125 0.170 0.300 BSC 0_ 15 _ 0.020 0.040 MILLIMETERS MIN MAX 19.05 19.93 6.10 7.49 --- 5.08 0.39 0.50 1.27 BSC 1.40 1.65 2.54 BSC 0.21 0.38 3.18 4.31 7.62 BSC 0_ 15 _ 0.51 1.01
-T-
SEATING PLANE
N E F D G
16 PL
K M J
16 PL
0.25 (0.010)
M
M
TB
S
0.25 (0.010)
TA
S
-A-
16 9
P SUFFIX PLASTIC DIP PACKAGE CASE 648-08 ISSUE R
B
1 8
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040 MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
F S
C
L
-T- H G D
16 PL
SEATING PLANE
K
J TA
M
M
0.25 (0.010)
M
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MOTOROLA 3-72
*MC10117/D*
MC10117/D MECL Data DL122 -- Rev 6


▲Up To Search▲   

 
Price & Availability of MC10117

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X