Part Number Hot Search : 
57714 KTIR0811 H01N60SI E007411 E007411 UPC592 ON1825 MMSZ524
Product Description
Full Text Search
 

To Download MAX5003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-1555; Rev 0; 12/99
KIT ATION EVALU BLE AVAILA
High-Voltage PWM Power-Supply Controller
General Description Features
o Wide Input Range: 11V to 110V o Internal High-Voltage Startup Circuit o Externally Adjustable Settings Output Switch Current Limit Oscillator Frequency Soft-Start Undervoltage Lockout Maximum Duty Cycle o Low External Component Count o External Frequency Synchronization o Primary or Secondary Regulation o Input Feed-Forward for Fast Line-Transient Response o Precision 2.5% Reference over Rated Temperature Range
MAX5003
The MAX5003 high-voltage switching power-supply controller has all the features and building blocks needed for a cost-effective flyback and forward voltagemode control converter. This device can be used to design both isolated and nonisolated power supplies with multiple output voltages that operate from a wide range of voltage sources. It includes a high-voltage internal start-up circuit that operates from a wide 11V to 110V input range. The MAX5003 drives an external Nchannel power MOSFET and has a current-sense pin that detects overcurrent conditions and turns off the power switch when the current-limit threshold is exceeded. The choice of external power MOSFET and other external components determines output voltage and power. The MAX5003 offers some distinctive advantages: softstart, undervoltage lockout, external frequency synchronization, and fast input voltage feed-forward. The device is designed to operate at up to 300kHz switching frequency. This allows use of miniature magnetic components and low-profile capacitors. Undervoltage lockout, soft-start, switching frequency, maximum duty cycle, and overcurrent protection limit are all adjustable using a minimum number of external components. In systems with multiple controllers, the MAX5003 can be externally synchronized to operate from a common system clock. Warning: The MAX5003 is designed to operate with high voltages. Exercise caution. The MAX5003 is available in 16-pin SO and QSOP packages. An evaluation kit (MAX5003EVKIT) is also available.
Ordering Information
PART MAX5003CEE MAX5003CSE MAX5003C/D MAX5003EEE MAX5003ESE TEMP. RANGE 0C to +70C 0C to +70C (Note A) -40C to +85C -40C to +85C PIN-PACKAGE 16 QSOP 16 Narrow SO Dice 16 QSOP 16 Narrow SO
Note A: Dice are designed to operate over a -40C to +140C junction temperature (Tj) range, but are tested and guaranteed at TA = +25C.
Applications
Telecommunication Power Supplies ISDN Power Supplies +42V Automobile Systems High-Voltage Power-Supply Modules Industrial Power Supplies
TOP VIEW
V+ 1 INDIV 2 ES 3 FREQ 4 SS 5 REF 6 CON 7 COMP 8 16 VDD 15 VCC 14 NDRV
Pin Configuration
MAX5003
13 PGND 12 CS 11 AGND 10 MAXTON 9 FB
QSOP/Narrow SO ________________________________________________________________ Maxim Integrated Products 1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800. For small orders, phone 1-800-835-8769.
High-Voltage PWM Power-Supply Controller MAX5003
ABSOLUTE MAXIMUM RATINGS
V+ to GND ............................................................-0.3V to +120V ES to GND ..............................................................-0.3V to +40V VDD to GND ............................................................-0.3V to +19V VCC to GND .........................................................-0.3V to +12.5V MAXTON, COMP, CS, FB, CON to GND..................-0.3V to +8V NDRV, SS, FREQ to GND ...........................-0.3V to (VCC + 0.3V) INDIV, REF to GND.................................................-0.3V to +4.5V VCC, VDD, V+, ES Current ................................................20mA NDRV Current, Continuous...............................................25mA NDRV Current, 1s .............................................................1A CON and REF Current ......................................................20mA All Other Pins ....................................................................20mA Continuous Power Dissipation (TA = +70C) 16-Pin SO (derate 9.5mW/C above +70C)...............762mW 16-Pin QSOP (derate 8.3mW/C above +70C)..........667mW Maximum Junction Temperature (TJ) ..............................+150C Operating Temperature Ranges MAX5003C_E ....................................................0C to +70C MAX5003E_E ..................................................-40C to +85C Operating Junction Temperature (TJ) .............................+125C 16-Pin SO JA .................................................................105C/W 16-Pin QSOP JA............................................................120C/W Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(V+ = VES = VDD = +12V, VINDIV = 2V, VCON = 0, RFREQ = RMAXTON = 200k, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) PARAMETER SUPPLY CURRENT Shutdown Current Supply Current PREREGULATOR/START-UP V+ Input Voltage (Note 1) ES Input Voltage (Note 1) ES Output Voltage VDD Output Voltage VDD Input Voltage Range VDD Regulator Turn-Off Voltage CHIP SUPPLY (VCC) VCC Output Voltage VCC Undervoltage Lockout Voltage OUTPUT DRIVER Peak Source Current Peak Sink Current NDRV Resistance High NDRV Resistance Low REFERENCE REF Output Voltage REF Voltage Regulation 2 ROH ROL VREF VREF VNDRV = 0, VCC supported by VCC capacitor VNDRV = VCC INDRV = 50 mA INDRV = 50 mA No load IREF = 0 to 1mA 2.905 570 1000 4 1 3.000 5 12 mA mA V mV VCC VCCLO V+ = 36V, ES = unconnected, VDD = 18.75V VCC falling 7.4 6.3 12 V V V+ VESI VESO VDD VDD VTO ES = VDD = unconnected INDRV = 2mA INDRV = 5mA 10.8 25 110 36 36 9 10.75 10.75 9.75 10.5 18.75 V V V V V V V I+ IDD VINDIV = 0, V+ = 110V, VES = VDD = unconnected V+ = VES , VDD = 18.75 35 75 1.2 A mA SYMBOL CONDITIONS MIN TYP MAX UNITS
VDD = unconnected, V+ = VES, INDRV = 7.5mA V+ = 110V, VDD = unconnected V+ = 36V, IDD = 0 to 7.5mA, ES = unconnected V+ = VES = 36V, INDRV = 7.5mA V+ = 36V, IV+ < 75A, ES = unconnected
3.098 20
_______________________________________________________________________________________
High-Voltage PWM Power-Supply Controller
ELECTRICAL CHARACTERISTICS (continued)
(V+ = VES = VDD = +12V, VINDIV = 2V, VCON = 0, RFREQ = RMAXTON = 200k, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) PARAMETERS CURRENT LIMIT CS Threshold Voltage CS Input Bias Current Overcurrent Delay CS Blanking Time ERROR AMPLIFIER Voltage Gain Unity-Gain Bandwidth Phase Margin Output Clamp Low Output Clamp High FB Regulation Voltage FB Bias Current FB VSET Tempco UNDERVOLTAGE LOCKOUT INDIV Undervoltage Lockout INDIV Hysteresis INDIV Bias Current MAIN OSCILLATOR--EXTERNAL MODE FREQ Input Low FREQ Input High FREQ Output Low External Oscillator Maximum Low Time FREQ Range Frequency Range FREQ HI/LO Pulse Width MAIN OSCILLATOR--INTERNAL MODE FREQ Resistor Range Oscillator Frequency FREQ Output Current High FREQ Output Current Low MAXIMUM DUTY CYCLE (MAXTON) Maximum Programmable Duty Cycle VINDIV = 1.25V 75 % IOH IOL VFREQ = 0 VFREQ = 1.5V RFREQ 50 80 100 500 120 300 1 k kHz A A VIL VIH IOL tEXT fFREQ fS fS = 1/4 fFREQ VCON = 3.0V VCON = 3.0V VFREQ = 5V, VCON = 3.0V (Note 2) 8 200 50 150 13 1200 300 2.7 1 0.8 V V A s kHz kHz ns VINDIVLO VHYST VINDIV = 1.28V -1 V+ = VES = VDD = 10.8V and 18.75V VINDIV falling VINDIV rising 1.15 1.23 1.20 1.32 125 0.01 +1 1.25 1.45 V mV A AV BW VCOMPL VCOMPH VSET IFB TCFB ICOMP = 5A; VCOMP = 0.5V, 2.5V RLOAD = 200k, CLOAD = 100pF AVOL = 1V/V, CLOAD = 100pF At COMP At COMP FB = COMP, VCON = 1.5V VFB = 1.5V 1.448 -1 60 80 1.2 65 0.25 3.00 1.485 0.1 100 1.522 +1 dB MHz degrees V V V A ppm/C VCS ICS tD tB VCON = 1.25V 0 < VCS < 0.1V From end of blanking time 25mV overdrive 80 -1 240 70 100 120 +1 mV A ns ns SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX5003
FEEDBACK INPUT AND SET POINT
_______________________________________________________________________________________
3
High-Voltage PWM Power-Supply Controller MAX5003
ELECTRICAL CHARACTERISTICS (continued)
(V+ = VES = VDD = +12V, VINDIV = 2V, VCON = 0, RFREQ = RMAXTON = 200k, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) PARAMETERS PWM OSCILLATOR MAXTON Resistor Range Maximum On-Time Range Input Voltage Feed Forward Ratio RAMP Voltage Low RAMP Voltage High Minimum On-Time SOFT-START SS Source Current SS Sink Current SS Time PWM COMPARATOR CON Bias Current Note 1: Note 2: Note 3: Note 4: ICON VCON = 0.5V and 2.5V -1 0.01 1 A VSS = 0.5V, VDD = unconnected, VCON = 1.5V VSS = 0.4V (Note 4) 3.4 5.5 10 0.45 9 A mA s/F RMAXTON tON RMAXTON = 200k, VINDIV = 1.25V VINDIV stepped from 1.5V to 1.875V, VCON = 3.0V (Note 3) VINDIV = 1.875V 0.72 0.48 50 7.5 0.8 0.5 2.5 200 0.88 0.53 V V ns 500 k s SYMBOL CONDITIONS MIN TYP MAX UNITS
See the Typical Operating Characteristics for preregulator current-to-voltage characteristics. Maximum time FREQ can be held below VIL and still remain in external mode. Feed-forward Ratio = Duty cycle at (VINDIV = 1.5V)/Duty cycle at (VINDIV = 1.875V) Occurs at start-up and until VREF is valid.
Typical Operating Characteristics
(VDD = +12V, RFREQ = 200k, RMAXTON = 200k, TA = +25C, unless otherwise noted.)
FB SET-POINT VOLTAGE CHANGE vs. TEMPERATURE
MAX5003-01
FB SET-POINT VOLTAGE CHANGE vs. SUPPLY VOLTAGE
MAX5003-02
SWITCHING FREQUENCY CHANGE vs. TEMPERATURE
0.20 FREQUENCY CHANGE (%) 0 -0.20 -0.40 -0.60 -0.80 -1.00 -1.20
MAX5003-03
0.8 FB SET-POINT VOLTAGE CHANGE (%) 0.6 0.4 0.2 0 -0.2 -0.4 -0.6 0.8 -20 0 20 40 60 80
0.100 FB SET-POINT VOLTAGE CHANGE (%) 0.075 0.050 0.025 0 -0.025 -0.050 -0.075 -0.100
0.40
100
11
12
13
14
15
16
17
18
-40
-20
0
20
40
60
80
100
TEMPERATURE (C)
VDD (V)
TEMPERATURE (C)
4
_______________________________________________________________________________________
High-Voltage PWM Power-Supply Controller
Typical Operating Characteristics (continued)
(VDD = +12V, RFREQ = 200k, RMAXTON = 200k, TA = +25C, unless otherwise noted.)
MAX5003
V+ INPUT CURRENT vs. VOLTAGE
MAX5003-04
V+ INPUT CURRENT vs. TEMPERATURE
MAX5003-05
MAXIMUM DUTY CYCLE vs. VINDIV
70 60 DUTY CYCLE (%) 400k
MAX5003-06
3.0 2.5 2.0 IV+ (mA) 1.5 1.0 0.5 0 20 40 60 V+ (V) 80 100
2.50
80
2.00 50 40 30 20 10 0 -40 -20 0 20 40 60 80 100 1 2 3 VINDIV (V) TEMPERATURE (C) 100k VCON CLAMPED HIGH PARAMETER IS RMAXTON 4 5
IV+ (mA)
1.50
300k 200k
1.00 0.50 VCON = VCOMP = VFB SWITCHING 120 VCON = VCOMP = VFB SWITCHING V+ = 110V
0
ERROR AMP FREQUENCY RESPONSE
70 60 50 40 GAIN (dB) 30 20 10 0 -10 -20 0.1k 1k 10k 100k 1M 10M FREQUENCY (Hz) PHASE
MAX5003-07
SWITCHING FREQUENCY AND PERIOD vs. RFREQ
0 -20 -40 PHASE (degrees) -60 -80 -100 -120 -140 -160 -180 FREQUENCY (kHz) 400 350 FREQUENCY 300 250 PERIOD 200 150 100 50 0 0 100 200 300 400 500 RFREQ (k) 0 10 20 30 PERIOD (s)
MAX5003-08
V+ SHUTDOWN CURRENT vs. TEMPERATURE
39 38 37 IV+ (A) 36 35 34 33 32 31 30 -40 -20 0 20 40 60 80 100 TEMPERATURE (C) V+ = 110V VINDIV = 0 VDD = UNCONNECTED
MAX5003-09
GAIN
40
40
V+ CURRENT IN BOOTSTRAPPED OPERATION vs. TEMPERATURE
MAX5003-10
VCC LOAD REGULATION
9 8 7 VCC (V) 6 5 4 3 V+ = 12V V+ = 13V V+ = 14V V+ = 15V ES = UNCONNECTED VDD = UNCONNECTED 0 5 10 ICC (mA) 15 20 V+ = 50V TO 110V
MAX5003-11
28.0 V+ = 110V VINDIV = 1.5V 27.5 IV+ (A)
10
27.0
26.5
2 1
26.0 -50 0 50 100 TEMPERATURE (C)
0
_______________________________________________________________________________________
5
High-Voltage PWM Power-Supply Controller MAX5003
Typical Operating Characteristics (continued)
(VDD = +12V, RFREQ = 200k, RMAXTON = 200k, TA = +25C, unless otherwise noted.) MAXIMUM FREQUENCY vs. INPUT VOLTAGE AND FET TOTAL GATE-SWITCHING CHARGE
MAX5003-12 MAX5003-13
VCC LOAD REGULATION
10 9 8 7 VCC (V) 6 5 4 3 2 1 0 0 5 10 ICC (mA) 15 20 V+ = VES = 12V TO 36V VDD = UNCONNECTED
350 MAX SWITCHING FREQUENCY (kHz) 300 250 200 10nC 150 15nC 100 50 0 12 13 14 V+ (V) 15 20nC 25nC 30nC
16
Pin Description
PIN 1 NAME V+ FUNCTION Preregulator Input. Connect to the power line for use with 25V to 110V line voltages. Bypass V+ to ground with a 0.1F capacitor, close to the IC. Connects internally to the drain of a depletion FET preregulator. Undervoltage Sensing and Feed-Forward Input. Connect to the center point of an external resistive divider connected between the main power line and AGND. Undervoltage lockout takes over and shuts down the controller when VINDIV < 1.2V. INDIV bias is typically 0.01A. Preregulator Output. When V+ ranges above 36V, bypass ES to AGND with a 0.1F capacitor close to the IC. When V+ is always below 36V, connect ES to V+. Oscillator Frequency Adjust and Synchronization Input. In internal free-running mode, the voltage on this pin is internally regulated to 1.25V. Connect a resistor between this pin and AGND to set the PWM frequency. Drive between VIL and VIH at four times the desired frequency for external synchronization. Soft-Start Capacitor Connection. Ramp time to full current limit is approximately 0.5ms/nF. Limits duty cycle when VSS < VCON. Reference Voltage Output (3.0V). Bypass to AGND with a 0.1F capacitor. Control Input of the PWM Comparator Compensation Connection. Output of the error amplifier, available for compensation. Feedback Input. Regulates to VFB = VREF / 2 = 1.5V. Maximum On-Time Programming. A resistor from MAXTON to AGND sets the PWM gain and limits the maximum duty cycle. The voltage on MAXTON tracks the voltage on the INDIV pin. Maximum on-time is proportional to the value of the programming resistor. The maximum duty cycle is limited to 75%, regardless of the programming resistor.
2
INDIV
3
ES
4
FREQ
5 6 7 8 9
SS REF CON COMP FB
10
MAXTON
6
_______________________________________________________________________________________
High-Voltage PWM Power-Supply Controller
Pin Description (continued)
PIN 11 NAME AGND FUNCTION Analog Ground. Connect to PGND close to the IC. Current Sense with Blanking. Turns power switch off if VCS rises above 100mV (referenced to PGND). Connect a 100 resistor between CS and the current-sense resistor (Figure 2). Connect CS to PGND if not used. Power Ground. Connect to AGND. Gate Drive for External N-Channel Power FET Output Driver Power-Rail Decoupling Point. Connect a capacitor to PGND with half the value used for VDD bypass very close to the pin. If synchronizing several controllers, power the fan-out buffer driving the FREQ pins from this pin. 9.75V Internal Linear-Regulator Output. Drive VDD to a voltage higher than 10.75V to bootstrap the chip supply. VDD is also the supply voltage rail for the chip. Bypass to AGND with a 5F to 10F capacitor.
MAX5003
12
CS
13 14
PGND NDRV
15
VCC
16
VDD
Detailed Description
The MAX5003 is a PWM controller designed for use as the control and regulation core of voltage-mode control flyback converters or forward-voltage power converters. It provides the power-supply designer with maximum flexibility and ease of use. The device is specified up to 110V and will operate from as low as 11V. Its maximum operating frequency of 300kHz permits the use of miniature magnetic components to minimize board space. The range, polarity, and range of output voltages and power are limited only by design and by the external components used. This device works in isolated and nonisolated configurations, and in applications with single or multiple output voltages. All the building blocks of a PWM voltage-mode controller are present in the MAX5003 and its settings are adjustable. The functional diagram is shown on Figure 1.
Internal Power Regulators
The MAX5003's power stages operate over a wide range of supply voltages while maintaining low power consumption. For the high end of the range (+36V to +110V), power is fed to the V+ pin into a depletion junction FET preregulator. This input must be decoupled with a 0.1F capacitor to the power ground pin (PGND). To decouple the power line, other large-value capacitors must be placed next to the power transformer connection. The preregulator drops the input voltage to a level low enough to feed a first low-dropout regulator (LDO) (Figure 1). The input to the LDO is brought out at the ES pin. ES must also be decoupled with a 0.1F capacitor. In applications where the maximum input voltage is below 36V, connect ES and V+ together and decouple with a 0.1F capacitor. The first LDO generates the power for the VDD line. The VDD line is available at the VDD pin for decoupling. The bypass to AGND must be a 5F to 10F capacitor. When the maximum input voltage is always below 18.75V, power may also be supplied at VDD; in this case, connect V+, ES, and VDD together. Forcing voltages at VDD above 10.75V (see Electrical Characteristics) disables the first LDO, typically reducing current consumption below 50A (see Typical Operating Characteristics). Following the VDD LDO is another regulator that drives VCC: the power bus for the internal logic, analog circuitry, and external power MOSFET driver. This regulator is needed because the VDD voltage level would be too high for the external N-channel MOSFET gate. The
7
Modern Voltage-Mode Controllers
The MAX5003 offers a voltage-mode control topology and adds features such as fast input voltage feed forward, programmable maximum duty cycle, and high operating frequencies. It has all the advantages of current-mode control--good control loop bandwidth, same-cycle response to input voltage changes, and pulse-by-pulse current limiting. It eliminates disadvantages such as the need for ramp compensation, noise sensitivity, and the analytical and design difficulties of dealing with two nested feedback loops. In summary, voltage-mode control has inherent superior noise immunity and uses simpler compensation schemes.
_______________________________________________________________________________________
High-Voltage PWM Power-Supply Controller MAX5003
VFETBIAS V+ 1 HIGH-VOLTAGE EPIFET
MAX5003
LINEAR VES REGULATOR VDD AGND
16
VDD
AGND INDIV 2
VDD CC VINOK
LINEAR VDD REGULATOR VCC VINOK VCCOK AGND
15
VCC
1.2V
UV LOCKOUT VCC REF REFOK BANDGAP REFERENCE SDN AGND
ES
3
14
NDRV
"1" VCC FREQ 4 FREQ REFOK SDN INDIV SS 5 MAXTON AGND C LIMIT RAMP CLK D "D"FF CLK Q R
DRIVER
VCC NDRV 13 PGND
PGND
CURRENT SENSE
VCC 12 0.1V PGND 11 AGND CS
REF
6 CS BLANK VCC RAMP SS 100ns STRETCHING PGND VCC
CON
7
VCON PWM COMP
10 AGND
MAXTON
VREF SDN COMP 8 R
VCC
9 R ERROR AMP AGND
FB
Figure 1. Functional Diagram 8 _______________________________________________________________________________________
High-Voltage PWM Power-Supply Controller
VCC regulator has a lockout line that shorts the N-channel MOSFET driver output to ground if the VCC LDO is not regulating. VCC feeds all circuits except the VCC lockout logic, the undervoltage lockout, and the power regulators. The preferred method for powering the MAX5003 is to start with the high-voltage power source (at V+ or ES, depending on the application), then use a bootstrap source from the same converter with an output voltage higher than the VDD regulator turn-off voltage (10.75V) to power VDD. This will disable the power consumption of the V DD LDO. It is also possible to power the MAX5003 with no bootstrap source from ES or V+, but do not exceed the maximum allowable power dissipation. The current consumption of the part is mostly a function of the operating frequency and the type of external power switch used--in particular, the total charge to be supplied to the gate. A reference output of 3V nominal is externally available at the REF pin, with a current sourcing capability of 1mA. A lockout circuit shuts off the oscillator and the output driver if REF falls 200mV below its set value. Minimize loading at REF, since the REF voltage is the source for the FB voltage, which is the regulator set point when the error amplifier is used. Any changes in VREF will be proportionally reflected in the regulated output voltage of the converter. ground. The shutdown circuit must not affect the resistive divider during normal operation.
MAX5003
Current-Sense Comparator
The current-sense (CS) comparator and its associated logic limit the current through the power switch. Current is sensed at CS as a voltage across a sense resistor between the external MOSFET source and PGND. Connect CS to the external MOSFET source through a 100 resistor or RC lowpass filter (Figures 2 and 3). See CS Resistor in the Component Selection section. A blanking circuit shunts CS to ground when the power MOSFET switch is turned off, and keeps it there for 70ns after turn-on. This avoids false trips caused by the switching transients. The blanking circuit also resets the RC filter, if used. When VCS > 100mV, the power MOSFET is switched off. The propagation delay from the time the switch current reaches the trip level to the driver turn-off time is 240ns. If the current limit is not used, the CS pin must be connected to PGND.
Error Amplifier
The internal error amplifier is one of the building blocks that gives the MAX5003 its flexibility. Its noninverting input is biased at 1.5V, derived from the internal 3V reference. The inverting input is brought outside (FB pin) and is the regulation feedback connection point. If the error amplifier is not used, connect this pin to ground. The output is available for the frequency compensation network and for connection to the input of the PWM comparator (CON). Unity-gain frequency is 1.2MHz, open-circuit gain is 80dB, and the amplifier is unitygain stable. To eliminate long overload recovery times, there are clamps limiting the output excursions close to the range limits of the PWM ramp. The voltage at the noninverting input of the error amplifier is the regulator set point, but is not accessible. Set-point voltage can be measured, if needed, by connecting COMP and FB and measuring that node with respect to ground. The error amplifier is powered from the VCC rail.
Undervoltage Lockout, Feed Forward, and Shutdown
The undervoltage lockout feature disables the controller when the voltage at INDIV is below 1.2V (120mV hysteresis). When INDIV rises higher than 1.2V plus the hysteresis (typically 1.32V), it allows the controller to start. An external resistive divider connected between the power line and AGND generates the INDIV signal. INDIV is also used as the signal for the fast input voltage feed-forward circuit. Always connect INDIV to a voltage divider. It is not a "don't care" condition; the signal is used to set the fast feed-forward circuit (see the Oscillator and Ramp Generator section). Choose R2 (Figure 2) between 25k to 500k and calculate R1 to satisfy the following equation: VSUL R1 = R2 - 1 VINDIVLO where V SUL = system undervoltage lockout and VINDIVLO = INDIV undervoltage lockout. The undervoltage lockout function allows the use of the INDIV pin as a shutdown pin with an external switch to
PWM Comparator
The pulse-width modulator (PWM) comparator stage transforms the error signal into a duty cycle by comparing the error signal with a linear ramp. The ramp levels are 0.5V min and 2.5V max. The comparator has a typical hysteresis of 5.6mV and a propagation delay of 100ns. The output of the comparator controls the external FET.
Soft-Start
The soft-start feature allows converters built using the MAX5003 to apply power to the load in a controllable soft ramp, thus reducing start-up surges and stresses.
9
_______________________________________________________________________________________
High-Voltage PWM Power-Supply Controller MAX5003
It also determines power-up sequencing when several converters are used. Upon power turn-on, the SS pin acts as a current sink to reset any capacitance attached to it. Once REF has exceeded its lockout value, SS sources a current to the external capacitor, allowing the converter output voltage to ramp up. Full output voltage is reached in approximately 0.45s/F. The SS pin is an overriding extra input to the PWM comparator. As long as its voltage is lower than VCON, it overrides VCON and SS determines the level at which the duty cycle is decided by the PWM comparator. After exceeding VCON, SS no longer controls the duty cycle. Its voltage will keep rising up to VCC. The PWM ramp generated goes from 0.5V min to 2.5V max, and the maximum time on is the time it takes from low to high. MAXTON is internally driven to VINDIV and a resistor must be connected from MAXTON to AGND, to program the maximum on-time. The ramp slope is directly proportional to VINDIV and inversely proportional to RMAXTON. Since the ramp voltage limits are fixed, controlling the ramp slope sets the maximum time on. Changing the ramp slope while VCON remains constant also changes the duty cycle and the energy transferred to the load per cycle of the converter. The INDIV signal is a fraction of the input voltage, so the fast input voltage feedforward works by modifying the duty cycle in the same clock period, in response to an input voltage change. Calculate the maximum duty cycle as: DMAX = where: DMAX = Maximum duty cycle (%) MAXTON = Maximum on-time T = Switching period Then: R 1.25V SW DMAX = 0.75 100 MAXTON 200k VINDIV 100kHz where: RMAXTON = Resistor from the MAXTON pin to ground VINDIV = Voltage at the INDIV pin SW = Output switching frequency MAXTON can then be calculated as: MAXTON = 0.75 RMAXTON 1.25V 200k VINDIV 100kHz MAXTON T
Oscillator and Ramp Generator
The MAX5003 oscillator generates the ramp used by the comparator, which in turn generates the PWM digital signal. It also controls the maximum on-time feature of the controller. The oscillator can operate in two modes: free running and synchronized (sync). A single pin, FREQ, doubles as the attachment point for the frequency programming resistor and as the synchronization input. The mode recognition is automatic, based on the voltage level at the FREQ pin. In free-running mode, a 1.25V source is internally applied to the pin; the oscillator frequency is proportional to the current out of the pin through the programming resistor, with a proportionality constant of 16kHz/A. In sync mode, the signal from the external master generator must be a digital rectangular waveform running at four times the desired converter switching frequency. Minimum acceptable signal pulse width is 150ns, positive or negative, and the maximum frequency is 1.2MHz. When the voltage at FREQ is forced above 2.7V, the oscillator goes into sync mode. If left at or below 1.5V for more than 8s to 20s, it enters free-running mode. The master clock generator cannot be allowed to stop at logic zero. If the system design forces such a situation, an inverter must be used at the FREQ pin. In sync mode, the oscillator signal is divided by four and decoded. The output driver is blocked during the last phase of the division cycle, giving a hardwired maximum on-time of 75%. In free-running mode, the oscillator duty cycle is 75% on, and the off portion also blocks the output driver. The maximum on-time is then absolutely limited to 75% in either mode. Maximum on-time can be controlled to values lower than 75% by a programming resistor at the MAXTON pin.
10
100
N-Channel MOSFET Output Switch Driver
The MAX5003 output drives an N-channel MOSFET transistor. The output sources and sinks relatively large currents, supplying the gate with the charge the transistor needs to switch. These are current spikes only, since after the switching transient is completed the load is a high-value resistance. The current is supplied from the V CC rail and must be sourced by a large-value
______________________________________________________________________________________
High-Voltage PWM Power-Supply Controller
capacitor (5F to 10F) at the VCC pin, since the rail will not support such a load. It is this current, equivalent to the product of the total gate switching charge (from the N-channel MOSFET data sheet), times the operating frequency, that determines the bulk of the MAX5003 power dissipation. The driver can source up to 560mA and sink up to 1A transient current with a typical on source resistance of 4. The no-load output levels are VCC and PGND. good loop response, choose a design incorporating a discontinuous-conduction mode power stage To keep the converter in discontinuous mode at all times, the value of the power transformer's primary inductance must be calculated at minimum line voltage and maximum load, and the maximum duty cycle must be limited. The MAX5003 has a programmable duty-cycle limit function intended for this purpose.
MAX5003
Applications Information
Compensation and Loop Design Considerations
The circuit shown in Figure 2 is essentially an energy pump. It stores energy in the magnetic core and the air gap of the transformer while the power switch is on, and delivers it to the load during the off phase. It can operate in two modes: continuous and discontinuous. In discontinuous mode, all the energy is given to the load before the next cycle begins; in continuous mode, some energy is continuously stored in the core. The system has four operating parameters: input voltage, output voltage, load current, and duty cycle. The PWM controller senses the output voltage and the input voltage, and keeps the output voltage regulated by controlling the duty cycle. The output filter in this circuit consists of the load resistance and the capacitance on the output. To study the stability of the feedback system and design the compensation necessary for system stability under all operating conditions, first determine the transfer function. In discontinuous mode, since there is no energy stored in the inductor at the end of the cycle, the inductor and capacitor do not show the characteristic double pole, and there is only a dominant pole defined by the filter capacitor and the load resistance. There is a zero at a higher frequency, defined by the ESR of the output filter capacitor. Such a response is easy to stabilize for a wide range of operating conditions while retaining a reasonably fast loop response. In continuous mode, the situation is different. The inductor-capacitor combination creates a double pole, since energy is stored in the inductor at all times. In addition to the double pole, a right-half-plane zero appears in the frequency response curves. This response is not easy to compensate. It can result in conditional stability, a complicated compensation network, or very slow transient response. To avoid the analytical and design problems of the continuous-conduction mode flyback topology and maintain
Design Methodology
Following is a general procedure for developing a system: 1) Determine the requirements. 2) In free-running mode, choose the FREQ pin programming resistor. In synchronized mode, determine the clock frequency (fCLK). 3) Determine the transformer turns ratio, and check the maximum duty cycle. 4) Determine the transformer primary inductance. 5) Complete the transformer specifications by listing the primary maximum current, the secondary maximum current, and the minimum duty cycle at full power. 6) Choose the MAXTON pin programming resistor. 7) Choose a filter capacitor. 8) Determine the compensation network.
Design Example
1) 36V < V IN < 72V, V OUT = 5V, I OUT = 1A, ripple < 50mV, settling time 0.5ms. 2) Generally, the higher the frequency, the smaller the transformer. A higher frequency also gives higher system bandwidth and faster settling time. The trade-off is lower efficiency. In this example, 300kHz switching frequency is the choice to favor for a small transformer. If the converter will be free running (not externally synchronized), use the following formula to calculate the RFREQ programming resistor: 100kHz RFREQ = 200k = 66.7k SW where: RFREQ = Resistor between FREQ and ground SW = Switching frequency (300kHz) If the converter is synchronized to an external clock, the input frequency will be 1.2MHz. The external clock runs at four times the desired switching frequency.
11
______________________________________________________________________________________
High-Voltage PWM Power-Supply Controller MAX5003
+48V (36V TO 72V) VIN 2 LP 65H 5 7
IRFD620S
XFACOILTRCTX03
8 CMSD4448 4.7F
1M 1 2 3 4 0.1F 5 6 7 8 39k 62k 51k 0.1F 470nF 0.1F CF 390pF RF 200k 16 15
V+ INDIV ES FREQ SS REF CON COMP
VDD
VCC 14 NDRV 10F 13 12 11 10 9 100 33F 0.1F
11, 12 MBRS130L
+5V 1A
MAX5003 PGND CS AGND MAXTON FB
22F
22F RA 41.2k
9, 10
RCS 0.1
RB 17.4k
0V
Figure 2. Application Example 1: Nonisolated +48V to +5V Converter
3) The main factors influencing the choice of the turns ratio are the switch breakdown voltage and the duty cycle. With a smaller turns ratio, the secondary reflected voltage and the maximum voltage seen by the switch during flyback are reduced, which is favorable. On the other hand, a smaller turns ratio will shorten the duty cycle and increase the primary RMS current, which can impact efficiency. A good starting figure is the ratio of the input voltage to the output voltage, rounding to the nearest integer. To keep the flyback voltage under control, choose an 8to-1 ratio for the 48V to 5V system. The maximum duty cycle allowed without putting the device in continuous-conduction mode can be found using the following formula: DCMAX = 1 VMIN V +1 SEC N
VMIN = Minimum power-line voltage For a 48V to 5V system with an 8-to-1 turns ratio, the maximum duty cycle before putting the device in discontinuous mode is 55%. Assume that VIN min is 36V (minimum input voltage, neglecting drops in the power switch and in the resistance of the primary coil) and VSEC is 5.4V (5V plus a Schottky diode drop). The MAX5003 maximum duty cycle is internally limited to 75%. Generally this parameter must fall between 45% to 65% to obtain a balance between efficiency and flyback voltage while staying out of continuous conduction. If the value exceeds these bounds, adjust the turns ratio. 4) Assuming 80% efficiency, a 6.25W input is needed to produce a 5W output. Set an operating duty cycle around 12% below the maximum duty cycle to allow for component variation: 55% - 12% = 43%. Use the following formula to calculate the primary inductance: LPRI = 2 PWRIN SW
where: N = NP/NS = Turns ratio VSEC = Secondary voltage DCMAX = Maximum duty cycle
12
(DCVMIN )2
=
26.25W 300kHz
(0.4336V)2
65H
______________________________________________________________________________________
High-Voltage PWM Power-Supply Controller MAX5003
0V XFACOILTRCTX03 2 LP 65H R1 1M 1 2 3 0.1F 4 5 6 7 8 R2 39k 62k V+ INDIV ES FREQ SS REF CON COMP VDD 16 5 MBRS130L 11, 12 10F 13 12 11 10 9 680 6 7 1.3k 5 MDC217 0.1F VIN -48V -36V TO -72V 470nF 0.1F 51k RCS 0.1 TL431 24.9k 2 3900pF 24.9k 240k 1 0.01F 100 9, 10 33F 0.1F 22F 22F 51 +5V 1A IRFD620S 7 15 VCC 14 NDRV CMSD4448 8 4.7F
MAX5003 PGND CS AGND MAXTON FB
Figure 3. Application Example 2: Isolated -48V to +5V Converter
where: DC = Duty cycle. Set to calculated minimum duty cycle at VMIN. PWRIN = Input power, at maximum output power This gives an inductance value (LPRI) of approximately 65H. 5) The other parameter that defines the transformer is peak current. This is given by: IPRI = 2 PWRIN = LPRI SW 2 6.25W = 0.8A 65H 300kHz
The peak secondary current is the peak primary current multiplied by the turns ratio, or 0.8A * 8 = 6.4A. Calculating the minimum duty cycle: DC(MIN) = DC(MAX)
6) For this application, the MAX5003 must be programmed for a maximum duty cycle of 55% at 36V. The MAX5003 will automatically scale the limit with the reciprocal of the input voltage as it changes. The duty-cycle limit for an input voltage of 72V will be 27% (half of 55%). The duty cycle needed to stay out of continuous conduction at 72V is 37%, so there is a 10% margin. The maximum duty time scales with the voltage at the undervoltage lockout pin, VINDIV. The voltage at INDIV is set by selecting the power line undervoltage lockout trip point. The trip point for this system, running from 36V to 72V, is 32V. Then INDIV must be connected to the center point of a divider with a ratio of 32/1.25, connected between the power line and ground. Then RMAXTON is:
V 100kHz DCMAX (VMIN ) RMAXTON = MIN 200k 75% VUVL SW 36V 100kHz 55% = 200k = 55k 32V 300kHz 75%
VIN(MAX) VIN(MIN)
= 43%
36V = 21.5% 72V
With these numbers, the transformer manufacturer can choose a core.
______________________________________________________________________________________
13
High-Voltage PWM Power-Supply Controller
where: RMAXTON = Resistor between the MAXTON pin and ground VMIN = Minimum power-line voltage VUVL = Power-line trip voltage DCMAX(VMIN) = Maximum duty cycle at minimum power-line voltage For this application circuit, a 10% margin is reasonable, so the value used is 50k. This gives a maximum duty cycle of 50%. The maximum duty cycle can now be expressed as:
- 0.5V VMIN SW V DC(VCON,VIN ) = CON DCMAX(VMIN) VIN NOM 2.0V - 0.5V 36V SW V CON 50% VIN NOM 2.0V
MAX5003
the ripple will be a fraction of this depending on the duty cycle. For a 50% duty cycle, the ripple due to the capacitance is approximately 45mV. 8)The PWM gain can be calculated from:
APWM = dVOUT = dVCON = VMIN RL DCMAX( VMIN) 2 LPRI SW 2.0V 36V RL 50% 3 2 LPRI SW 2.0V
where: VCON = Voltage at the CON pin, input of the PWM comparator DC(VCON, VIN) = Duty cycle, function of VCON and VIN 0.5V and 2.5V are the values at the beginning and end of the PWM ramp. The term SW / NOM varies from 0.8 to 1.2 to allow for clock frequency variation. If the clock is running at 300kHz and the input voltage is fixed, then the duty cycle is a scaled portion of the maximum duty cycle, determined by VCON. - 0.5V V DC(VCON,VMIN ) = CON 50% 2.0V - 0.5V V DC(VCON,VMAX ) = CON 25% 2.0V DC(2.5V,VMIN ) = 50% DC(2.5V,VMAX ) = 25% DC(0.5V,VMIN ) = 0 DC(0.5V,VMAX ) = 0 7) Low-ESR/ESL ceramic capacitors were used in this application. The output filter is made by two 22F ceramic capacitors in parallel. Normally, the ESR of a capacitor is a dominant factor determining the ripple, but in this case it is the capacitor value. Calculating IOUT 1A = = 76mV SW C 300kHz 44F
14
Note that while the above formula incorporates the product of the maximum duty cycle and VIN, it is independent of VIN. For 1A output (RL = 5), the PWM gain is +3.0V/V. For a 10% load (RL = 50), the gain is multiplied by the square root of 10 and becomes +10V/V. The pole of the system due to the output filter is 1 / 2RC, where R is the load resistance and C the filter capacitor. Choosing a capacitor and calculating the pole frequency by: 1 1 P = = 2 5 44F 2 RL CL it is 723Hz at full load. At 10% load it will be 72Hz, since the load resistor is then 50 instead of 5. The total loop gain is equal to the PWM gain times the gain in the combination of the voltage divider and the error amplifier. The worst case for phase margin is at full load. For a phase margin of 60 degrees, this midband gain (G) must be set to be less than: G< tan(PM) APWM P UErrorAmp = 1 MHz 1.7 3 723Hz
where: U = Unity-gain frequency of error amplifier PM = Phase margin angle The DC accuracy of the regulator is a function of the DC gain. For 1% accuracy, a DC gain of 20 is required. Since the maximum midband gain for a stable response is 16, an integrator with a flat midband gain given by a zero is used. The midband gain is less than 16, to preserve stability, and the DC gain is much larger than 20, to achieve high DC accuracy. Optimization on the bench showed that a midband gain of 5 gave fast transient response and settling with no ringing. The zero was pushed as high in frequency as possible without losing stability. The zero must be a factor of two or so below the system unity-gain frequency (crossover frequency) at minimum load. With the
______________________________________________________________________________________
High-Voltage PWM Power-Supply Controller
zero at 2kHz, the crossover frequency is 4kHz and the phase margin is 50. Given the above considerations, RA, RB , RF, and CF can be chosen (Figure 2). The sum of RA and RB is chosen for low current drain. In the example, RA plus RB is 58k and draws 80A. The following ratio sets the output voltage: RB / (RA + RB) = VSET / VOUT Since VSET = 1.5V and VOUT = 5V, RA is set to 41.2k and RB to 17.4k. The midband gain is the ratio of RF/RA. RB does not affect the gain because it is connected to a virtual ground. For a midband gain of 5, the feedback resistor equals 200k. To set the zero at 2kHz, the capacitor value is: CF = 1 / (2 * RF * fz ) = 400pF desired value, the center-point voltage will be 1.5V. The Thevenin equivalent of the resistors must be low enough so the error amplifier bias current will not introduce a division error. The two resistors must have similar temperature coefficients (tempcos), so the dividing ratio will be constant with temperature.
MAX5003
Component Selection
CS Resistor The CS resistor is connected in series with the source of the N-channel MOSFET and ground, sensing the switch current. Its value can be calculated from the following equation: RCS = 100mV = ILIM(PRI) 100mV 2 PWROUT(MAX) LPRI SW
K TOL
Layout Recommendations
All connections carrying pulsed currents must be very short, be as wide as possible, and have a ground plane behind them whenever possible. The inductance of these connections must be kept to an absolute minimum due to the high di/dt of the currents in highfrequency switching power converters. In the development or prototyping process, multipurpose boards, wire wrap, and similar constructive practices are not suitable for these type of circuits; attempts to use them will fail. Instead, use milled PC boards with a ground plane, or equivalent techniques Current loops must be analyzed in any layout proposed, and the internal area kept to a minimum to reduce radiated EMI. The use of automatic routers is discouraged for PC board layout generation in the board area where the high-frequency switching converters are located. Designers should carefully review the layout. In particular, pay attention to the ground connections. Ground planes must be kept as intact as possible. The ground for the power-line filter capacitor and the ground return of the power switch or currentsensing resistor must be close. All ground connections must resemble a star system as much as practical. "Short" and "close" are dimensions on the order of 0.25in to 0.5in (0.5cm to about 1cm).
where = efficiency and 0.5 < KTOL < 0.75. KTOL includes the tolerance of the sensing resistor, the dispersion of the MAX5003 CS trip point, and the uncertainties in the calculation of the primary maximum current. The sensing resistor must be of the adequate power dissipation and low tempco. It must also be noninductive and physically short. Use standard surface-mount CS resistors. A 100 resistor is recommended between the CS resistor and the CS pin. If the current surge at the beginning of the conduction period is large and disrupts the MAX5003's operation, add a capacitor between the CS pin and PGND, to form an RC filter.
Power Switch
The MAX5003 will typically drive an N-channel MOSFET power switch. The maximum drain voltage, maximum RDS(ON), and total gate switching charge are the parameters involved in choosing the FET. The maximum gate switching charge is the most important factor defining the MAX5003 internal power consumption, since the product of the switching frequency and the total gate charge is the IC current consumption. RDS(ON) is the parameter that determines the total conduction power losses in the switch, and the choice depends on the expected efficiency and the cooling and mounting method. The maximum drain voltage requirements can be different depending on the topology used. In the flyback configuration, the maximum voltage is the maximum supply voltage plus the reflected secondary voltage, any ringing at the end of the conduction period, and the spike caused by the leakage inductance. In the case of the forward converter, the reset time of the core will set the maximum voltage
15
Setting the Output Voltage
The output voltage of the converter, if using the internal error amplifier, can easily be set by the value of the FB pin set voltage. This value is 1.5V. A resistive divider must be calculated from the output line to ground, with a dividing ratio such that when the output is at the
______________________________________________________________________________________
High-Voltage PWM Power-Supply Controller MAX5003
stress on the switch. A FET with the lowest total charge and the lowest RDS(ON) for the maximum drain voltage expected (plus some safety factor) is the best choice. The choice of package is a function of the application, the total power, and the cooling methods available. Transformer Transformer parameters, once calculated in the design process, can be used to find standard parts whenever possible. The most important factors are the saturation current, primary inductance, leakage inductance turns ratio, and losses. Packaging and EMI generation and susceptibility are closely connected, and must be considered. In general, parts with exposed air gaps (not contained inside the magnetic structure) will generate the most radiated EMI, and might need external shielding. If the design is in high-voltage power supplies, the insulation specifications are also important. Pay close attention if the circuitry is galvanically connected to the mains at any point, since serious safety and regulatory issues might exist. Capacitors As in any high-frequency power circuit, the capacitors used for filtering must meet very low ESR and ESL requirements. At the 300kHz frequency (of which the MAX5003 is capable), the most favorable technologies are ceramic capacitors and organic semiconductor (OS CON) capacitors. The temperature dependence of the capacitance value and the ESR specification is important, particularly if the ESR is used as part of the compensation network for the feedback loop. If using through-holemounted parts, keep lead length as short as practical. Components with specifications for switching power converters are preferred. Decoupling capacitors must be mounted close to the IC. Diodes The choice of rectifier diodes depends on the output voltage range of the particular application. For low-voltage converters, the diode drop is a significant portion of the total loss, and must be kept to a minimum. In those cases, Schottky diodes are the preferred component for the design. At higher voltages, ultra-fast recovery diodes must be used, since Schottky components will not satisfy the reverse voltage specification. For all cases, the specifications to be determined before choosing a diode are the peak current, the average current, the maximum reverse voltage, and the maximum acceptable rectification losses. Once a type is identified, a thermal analysis of the diode losses vs. total thermal resistance (from junction to ambient) must be carried out if the total power involved is significant. Industrial-frequency (60Hz) rectifiers are not recommended for any function in these converters, due to their high capacitance and recovery losses. If using overdimensioned rectifiers, the junction capacitance influence must be reviewed.
___________________Chip Information
TRANSISTOR COUNT: 1050 SUBSTRATE CONNECTED TO GND
Table 1. Component Manufacturers
DEVICE TYPE Power FETs Fairchild Current-Sense Resistors Diodes Central Semiconductor Transistors Central Semiconductor Sanyo Capacitors Taiyo Yuden AVX Coils Coiltronics 516-435-1110 516-435-1110 619-661-6835 408-573-4150 803-946-0690 561-241-7876 516-435-1824 516-435-1824 619-661-1055 408-573-4159 803-626-3123 561-241-9339 Dale-Vishay Motorola 408-822-2000 402-564-3131 303-675-2140 408-822-2102 402-563-6418 303-675-2150 MANUFACTURER International Rectifier PHONE 310-322-3333 FAX 310-322-3332
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 1999 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX5003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X