Part Number Hot Search : 
SA101 5R4FKR36 KJ04BB XC6SLX16 H11AAX 2SK2177 CTTD1 BOARD
Product Description
Full Text Search
 

To Download M74HCU04B1R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54HCU04
RAD HARD HEX INVERTER (SINGLE STATE)
s
s
s
s
s
s
s
s s
s
s
HIGH SPEED: tPD = 5ns (TYP.) at VCC = 6V LOW POWER DISSIPATION: ICC = 1A(MAX.) at TA=25C HIGH NOISE IMMUNITY: VNIH = VNIL = 10% VCC (MIN.) SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 4mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL WIDE OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 6V PIN AND FUNCTION COMPATIBLE WITH 54 SERIES 04 SPACE GRADE-1: ESA SCC QUALIFIED 50 krad QUALIFIED, 100 krad AVAILABLE ON REQUEST NO SEL UNDER HIGH LET HEAVY IONS IRRADIATION DEVICE FULLY COMPLIANT WITH SCC-9401-055
DILC-14
FPC-14
Table 1: Order Codes
PACKAGE DILC FPC FM M54HCU04D M54HCU04K EM M54HCU04D1 M54HCU04K1
As internal circuit is composed of a single stage inverter, it can be used in crystal oscillator. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
DESCRIPTION The M54HCU04 is an high speed CMOS HEX INVERTER (SINGLE STATE) fabricated with silicon gate C2MOS technology.
Figure 1: Pin Connection
July 2004
Rev. 1
1/8
M54HCU04
Figure 2: IEC Logic Symbols
Figure 3: Input And Output Equivalent Circuit
Table 2: Pin Description
PIN N 1, 3, 5, 9, 11, 13 2, 4, 6, 8, 10, 12 7 14 SYMBOL 1A to 6A 1Y to 6Y GND VCC NAME AND FUNCTION Data Inputs Data Outputs Ground (0V) Positive Supply Voltage
Table 3: Truth Table
A L H Y H L
Table 4: Absolute Maximum Ratings
Symbol VCC VI VO IIK IOK IO PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50 300 -65 to +150 265 Unit V V V mA mA mA mA mW C C
ICC or IGND DC VCC or Ground Current
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied
2/8
M54HCU04
Table 5: Recommended Operating Conditions
Symbol VCC VI VO Top tr, tf Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time VCC = 2.0V VCC = 4.5V VCC = 6.0V Parameter Value 2 to 6 0 to VCC 0 to VCC -55 to 125 0 to 1000 0 to 500 0 to 400 Unit V V V C ns ns ns
Table 6: DC Specifications
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage 2.0 4.5 6.0 4.5 6.0 II ICC Input Leakage Current Quiescent Supply Current 6.0 6.0 IO=-20 A IO=-20 A IO=-20 A IO=-4.0 mA IO=-5.2 mA IO=20 A IO=20 A IO=20 A IO=4.0 mA IO=5.2 mA VI = VCC or GND VI = VCC or GND TA = 25C Min. 1.7 3.6 4.8 0.3 0.9 1.2 1.8 4.0 5.5 4.18 5.68 2.0 4.5 5.9 4.31 5.8 0.0 0.0 0.1 0.17 0.18 0.2 0.5 0.5 0.26 0.26 0.1 1 1.8 4.0 5.5 4.13 5.63 0.2 0.5 0.5 0.33 0.33 1 10 Typ. Max. Value -40 to 85C Min. 1.7 3.6 4.8 0.3 0.9 1.2 1.8 4.0 5.5 4.10 5.60 0.2 0.5 0.5 0.40 0.40 1 20 A A V V Max. -55 to 125C Min. 1.7 3.6 4.8 0.3 0.9 1.2 Max. V Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
VIL
V
VOH
Table 7: AC Electrical Characteristics (CL = 50 pF, Input tr = tf = 6ns)
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 TA = 25C Min. Typ. 30 8 7 18 6 5 Max. 75 15 13 60 12 10 Value -40 to 85C Min. Max. 95 19 16 75 15 13 -55 to 125C Min. Max. 110 22 19 90 18 15 ns Unit
tTLH tTHL Output Transition Time tPLH tPHL Propagation Delay Time
ns
3/8
M54HCU04
Table 8: Capacitive Characteristics
Test Condition Symbol Parameter VCC (V) 5.0 5.0 TA = 25C Min. Typ. 5 13 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF Unit
CIN CPD
Input Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
Figure 4: Test Circuit
CL = 50pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50)
Figure 5: Waveform - Propagation Delay Time (f=1MHz; 50% duty cycle)
4/8
M54HCU04
DILC-14 MECHANICAL DATA
mm. DIM. MIN. A a1 a2 B b b1 D E e e1 e2 F I K L 10.90 1.14 1.27 15.11 7.62 7.11 2.1 3.00 0.63 1.82 0.40 0.20 18.79 7.36 0.88 2.03 0.45 0.254 19.00 7.62 2.54 15.24 7.87 15.37 8.12 7.75 3.70 12.1 1.5 0.429 0.045 0.050 0.595 0.300 0.280 TYP MAX. 2.54 3.70 1.14 2.39 0.50 0.30 19.20 7.87 MIN. 0.083 0.118 0.025 0.072 0.016 0.008 0.740 0.290 0.035 0.080 0.018 0.010 0.748 0.300 0.100 0.600 0.310 0.605 0.320 0.305 0.146 0.476 0.059 TYP. MAX. 0.100 0.146 0.045 0.094 0.020 0.012 0.756 0.310 inch
0016173H
5/8
M54HCU04
FPC-14 MECHANICAL DATA
mm. DIM. MIN. A B C D E F G H L M N 18.75 0.38 4.31 0.38 6.75 9.76 1.49 0.10 7.50 0.127 7.62 1.27 0.43 6.0 22.0 0.738 0.015 0.170 0.48 0.015 TYP 6.91 9.95 MAX. 7.06 10.14 1.95 0.15 7.75 MIN. 0.266 0.384 0.059 0.004 0.295 0.005 0.300 0.050 0.017 0.236 0.866 0.019 TYP. 0.272 0.392 MAX. 0.278 0.399 0.077 0.006 0.305 inch
F
G
D
H
14
8
A
N
L
1
7
H
E
B
M
C
016029E
6/8
M54HCU04
Table 9: Revision History
Date 27-Jun-2004 Revision 1 First Release Description of Changes
7/8
M54HCU04
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of M74HCU04B1R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X