|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
M54HC356 M74HC356 8 CHANNEL MULTIPLEXER/REGISTER WITH LATCHES (3-STATE) .HI .LOWPOWERDI .HI .OUTPUTDRI .SYMMETRI .BALANCEDPROPAGATI .WI .PI GH SPEED tPD = 25 ns (TYP.) AT VCC = 5 V SSIPATION ICC = 4 A (MAX.) AT TA = 25 C GH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.) VE CAPABILITY 15 LSTTL LOADS CAL OUTPUT IMPEDANCE |IOH| = IOL = 6 mA (MIN.) ON DELAYS tPLH = tPHL DE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V TO 6 V N AND FUNCTION COMPATIBLE WITH 54/74LS356 B1R (Plastic Package) F1R (Ceramic Package) M1R (Micro Package) C1R (Chip Carrier) ORDER CODES : M54HC356F1R M74HC356M1R M74HC356B1R M74HC356C1R PIN CONNECTIONS (top view) DESCRIPTION The M54/74HC356 is a high speed CMOS 8-CHANNEL MULTIPLEXER/REGISTER (3-State) fabricated in silicon gate C2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low consumption. This device contains an 8 channel digital multiplexer with an 8-bit input data register and a 3-bit address input register with 3-state outputs. The one of eight input data will be provided on the Y output pin (noninverted output) and W output pin (inverted output) is determineted by the address data. The information at the data inputs (D0 to D7) is stored in the 8-bit flip-flop at the positive going edge of clock input (CLOCK). The information at the address inputs (S0 to S2) is stored in the 3-bit latch at the negative pulse on SC input. These outputs are disabled to be high-impedance when input G1 is held high, input G2 is held high or input G3 is held low. This device is suitable for interfacing with bus lines in a bus organized system. The M54/74HC356 is similar in function to the M54/74HC354, which has an 8-bit latch as the data register instead of an 8-bit flip-flop. All inputs are equipped with protection circuits against static discharge and transient excess voltage. January 1993 NC = No Internal Connection 1/12 M54/M74HC356 LOGIC DIAGRAM TRUTH TABLE OF INTERNAL LATCH INPUTS D ST L H X H H L OUTPUTS Q Q L H Qn H L Qn TRUTH TABLE OF INTERNAL LATCH (FLIP FLOP) D L H X X: DON'T CARE Qn: NO CHANGE CK Q L H Qn X: DON'T CARE Qn: DATA STORED AT THE TRAILING EDGE OF THE MOST RECENT ST PULSE 2/12 M54/M74HC356 TRUTH TABLE INPUTS S2 X X X L L L L L L L L H H H H H H H H SELECT * S1 X X X L L L L H H H H L L L L H H H H S0 X X X L L H H L L H H L L H H L L H H CLOCK X X X G1 H X X L L L L L L L L L L L L L L L L OUTPUT ENABLES G2 G3 X H X L L L L L L L L L L L L L L L L X X L H H H H H H H H H H H H H H H H W Z Z Z D0 D0n D1 D1n D2 D2n D3 D3n D4 D4n D5 D5n D6 D6n D7 D7n Y Z Z Z D0 D0n D1 D1n D2 D2n D3 D3n D4 D4n D5 D5n D6 D6n D7 D7n X: DON'T CARE Z: HIGH IMPEDANCE *: This column shows the input adress setup with SC LOW. D1 ..... D7: The level of steady state inputs at input D1 througth D7, respectively, at the time of the LOW to HIGH transition of the clock. INPUT AND OUTPUT EQUIVALENT CIRCUIT 3/12 M54/M74HC356 PIN DESCRIPTION PIN No 8, 7,, 6, 5, 4, 3, 2, 1 9 11 14, 13, 12 15, 16 17 18 19 10 20 SYMBOL D0 to D7 CLOCK SC S0, S1, S2 G1, G2 G3 W Y GND V CC NAME AND FUNCTION Data Inputs Clock Input (LOW to HIGH, Edge-triggered) Latch Enable Input (Active LOW) Select Inputs Output Enable Inputs (Active LOW) Output Enable Inputs (Active HIGH) 3 State Multiplexer Output (Active LOW) 3 State Multiplexer Output (Active HIGH) Ground (0V) Positive Supply Voltage IEC LOGIC SYMBOL ABSOLUTE MAXIMUM RATING Symbol VCC VI VO IIK IOK IO ICC or IGND PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source Sink Current Per Output Pin DC VCC or Ground Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 35 70 500 (*) -65 to +150 300 Unit V V V mA mA mA mA mW o o C C Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition isnotimplied. (*) 500 mW: 65 oC derate to 300 mW by 10mW/oC: 65 oC to 85 oC RECOMMENDED OPERATING CONDITIONS Symbol VCC VI VO Top tr, tf Supply Voltage Input Voltage Output Voltage Operating Temperature: M54HC Series M74HC Series Input Rise and Fall Time Parameter Value 2 to 6 0 to VCC 0 to VCC -55 to +125 -40 to +85 0 to 1000 0 to 500 0 to 400 Unit V V V C C ns o o VCC = 2 V VCC = 4.5 V VCC = 6 V 4/12 M54/M74HC356 DC SPECIFICATIONS Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 V OH High Level Output Voltage 2.0 4.5 6.0 4.5 VOL Low Level Output Voltage 6.0 2.0 4.5 6.0 4.5 6.0 II IOZ ICC Input Leakage Current 3 State Output Off State Current Quiescent Supply Current 6.0 6.0 VI = IO=-20 A VIH or V IL IO=-6.0 mA IO=-7.8 mA VI = IO= 20 A VIH or V IL IO= 6.0 mA IO= 7.8 mA VI = VCC or GND 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 0.5 4 TA = 25 oC 54HC and 74HC Min. Typ. Max. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 1 5.0 40 Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 1 10 80 A A A V V 1.5 3.15 4.2 0.5 1.35 1.8 V V Unit VIH High Level Input Voltage Low Level Input Voltage V IL VI = VIH or VIL VO = VCC or GND 6.0 VI = VCC or GND AC ELECTRICAL CHARACTERISTICS (C L = 50 pF, Input t r = tf = 6 ns) Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 CL (pF) TA = 25 oC 54HC and 74HC Min. Typ. 25 7 6 99 28 22 117 33 26 Max. 60 12 10 240 48 41 280 56 48 Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. 75 15 13 300 60 51 350 70 60 Min. Max. 90 18 15 360 72 61 420 84 71 Unit tTLH tTHL tPLH tPHL Output Transition Time Propagation Delay Time (CLOCK - Y, W) 50 ns 50 ns 150 ns 5/12 M54/M74HC356 AC ELECTRICAL CHARACTERISTICS (C L = 50 pF, Input t r = tf = 6 ns) Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 tPLZ tPHZ fMAX 3 State Output Disable Time Maximum Clock Frequency Minimum Pulse Width (CLOCK) Minimum Pulse Width (SC) Minimum Set-up Time (Dn) Minimum Set-up Time (Sn) Minimum Hold Time (Dn) (Sn) Input Capacitance Power Dissipation Capacitance 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 50 CL (pF) TA = 25 C 54HC and 74HC Min. Typ. 111 32 24 128 37 28 115 33 25 132 38 29 48 14 11 65 19 15 43 18 6.2 31 37 16 20 80 82 25 6 6 13 6 6 21 4 3 9 2 2 75 15 13 75 15 13 50 10 9 50 10 9 5 5 5 10 Max. 260 52 44 300 60 51 270 54 46 310 62 53 125 25 21 165 33 28 155 31 26 5 25 30 95 19 16 95 19 16 65 113 11 65 13 11 5 5 5 10 o Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. 325 65 55 375 75 64 340 68 58 390 78 66 155 31 26 205 41 35 195 39 33 4.2 21 25 110 22 19 110 22 19 75 15 13 75 15 13 5 5 5 10 Min. Max. 390 78 66 450 90 77 405 81 69 465 93 79 190 38 32 250 50 43 235 47 40 Unit tPLH tPHL Propagation Delay Time (Sn - Y, W) 50 ns 150 ns tPLH tPHL Propagation Delay Time (SC - Y, W) 50 ns 150 ns tPZL tPZH 3 State Output Enable Time 50 RL = 1 K ns 150 RL = 1 K ns 50 RL = 1 K ns ns tW(L) tW(H) tW(L) 50 ns 50 ns ts 50 ns ts 50 ns th 50 5 59 ns pF pF CIN CPD (*) (*) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD *VCC *fIN + ICC 6/12 M54/M74HC356 SWITCHING CHARACTERISTICS TEST WAVEFORM TEST CIRCUIT WAVEFORM ICC (Opr.) 7/12 M54/M74HC356 Plastic DIP20 (0.25) MECHANICAL DATA mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.34 8.5 2.54 22.86 7.1 3.93 0.130 0.053 0.254 1.39 0.45 0.25 25.4 0.335 0.100 0.900 0.280 0.155 1.65 TYP. MAX. MIN. 0.010 0.055 0.018 0.010 1.000 0.065 inch TYP. MAX. DIM. P001J 8/12 M54/M74HC356 Ceramic DIP20 MECHANICAL DATA mm MIN. A B D E e3 F G I L M N1 P Q 7.9 2.29 0.4 1.27 0.22 0.51 0.5 22.86 2.79 0.55 1.52 0.31 1.27 0.090 0.016 0.050 0.009 0.020 3.3 1.78 0.020 0.900 0.110 0.022 0.060 0.012 0.050 TYP. MAX. 25 7.8 0.130 0.070 MIN. inch TYP. MAX. 0.984 0.307 DIM. 4 (min.), 15 (max.) 8.13 5.71 0.311 0.320 0.225 P057H 9/12 M54/M74HC356 SO20 MECHANICAL DATA DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F L M S 7.40 0.50 12.60 10.00 1.27 11.43 7.60 1.27 0.75 8 (max.) 0.291 0.19 13.00 10.65 0.35 0.23 0.50 45 (typ.) 0.496 0.393 0.050 0.450 0.299 0.050 0.029 0.512 0.419 0.10 mm TYP. MAX. 2.65 0.20 2.45 0.49 0.32 0.013 0.009 0.020 0.004 MIN. inch TYP. MAX. 0.104 0.007 0.096 0.019 0.012 P013L 10/12 M54/M74HC356 PLCC20 MECHANICAL DATA mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180 DIM. P027A 11/12 M54/M74HC356 Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A 12/12 |
Price & Availability of M74HC356B1R |