Part Number Hot Search : 
S3101 63D18 20100CT DUG14C 2SK81 LPT110B PI6C180B 4016506
Product Description
Full Text Search
 

To Download M62381FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI
M62381FP
8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
DESCRIPTION
The M62381FP is an integrated circuit semiconductor of CMOS structure with 8 channels of built-in 8-bit resolution multiplication type D-A converters. The input data is a easy-to-use 3-wire serial transfer method and it is able to cascading serial use with Do terminal. This device is capable of 4 quadrant multiplication because of built-in inverting type amplifier.
PIN CONFIGURATION (TOP VIEW)
Vo3 Vo2 Vo1 VIN2 VIN1 GND RESET VIN5 VIN6 Vo5 Vo6 Vo7
1 2 3 4 5 6 7 8 9 10 11 12
24 23 22 21 20 19 18 17 16 15 14 13
Vo4 VIN3 VIN4 VDD DI VSS Do CLK LD VIN8 VIN7 Vo8
FEATURES
*Digital data transfer method 3-wire 12-bit serial data transfer method(DI,CLK,LD) *High pressure proof(VDD5V) *Short setting time *Built-in reset terminal,all the buffer amplifier outputs forces zero volts.
APPLICATION
Signal gain control of DISPLAY-MONITOR or CTV. Conversion from digital control data analog control data for form-use and industrial equipment. Automatic adjustment by combination with EEPROM and micro-computer. (replacement of conventional half-fixed resistor.)
Outline 24P2V-A
BLOCK DIAGRAM
DI 20
VDD 21 12-BIT SHIFT RESISTER 18 DECODER 16 7 Do LD RESET
CLK 17
VIN1 GND
5 6 8-BIT D-A CONVERTER 3 Vo1
VIN2
4
CH2
2
Vo2
VIN3
23
CH3
1
Vo3
VIN4 VIN5
22 8
CH4
24 Vo4 Vo5
CH5
10
VIN6
9
CH6
11 Vo6
VIN7 14
CH7
12 Vo7 13 Vo8
VIN8
15
CH8 19 VSS
MITSUBISHI ELECTRIC
( 1/5)
MITSUBISHI
M62381FP
8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
EXPLANATION OF TERMINALS
Pin No. 20 18 17 16 3 2 1 24 10 11 12 13 21 19 6 5 4 23 22 8 9 14 15 7 Symbol DI Do CLK LD Vo1 Vo2 Vo3 Vo4 Vo5 Vo6 Vo7 Vo8 VDD VSS GND VIN1 VIN2 VIN3 VIN4 VIN5 VIN6 VIN7 VIN8 RESET
When RESET terminal level is "H",all D-A output terminal became "0V"
Function Serial data input terminal Serial data output terminal Serial clock input terminal When LD terminal level is "H",latch circuit data is load
8-bit resolution D-A converter output terminal
Analog and digital common power supply terminal Analog negative power supply terminal GND terminal
D-A converter reference input terminal
MITSUBISHI ELECTRIC
( 2/5)
MITSUBISHI
M62381FP
8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
DIGITAL DATA FORMAT
LAST LSB FIRST MSB
DAC DATA (1)DAC set up data MSB D7 0 0 0 1 1 1 1 D6 0 0 1 0 0 1 1 D5 0 0 1 0 0 1 1 D4 0 0 D3 0 0 1 0 0 1 1 D2 0 0 1 0 0 1 1 D1 0 0 1 0 0 1 1 LSB D0 0 1 1 0 1 0 1 -VIN
DAC SELECT DATA
D-A output (1/128-1) X VIN (127/128-1) X VIN (128/128-1) X VIN (129/128-1) X VIN (254/128-1) X VIN (255/128-1) X VIN
1 0 0 1 1
(2)DAC select data MSB D11 0 0 0 0 1 1 1 D10 0 0 0 1 0 0 1 D9 0 0 1 1 0 0 1 LSB D8 0 1 0 1 0 1 1 DAC selection Don`t care ch1 selection ch2 selection ch7 selection ch8 selection Don`t care Don`t care
TIMING CHART (MODEL)
MSB DI D11 D10 D9 D1
LSB D0
CLK
LD RESET D-A OUTPUT
MITSUBISHI ELECTRIC
( 3/5)
MITSUBISHI
M62381FP
8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
ABSOLUTE MAXIMUM RATINGS
Symbol VDD VIN Vss VIN Vo Topr Tstg Parameter Supply voltage Digital input voltage Analog negative supply voltage Input voltage Output voltage Operating temperature Storage temperature Conditions Ratings -0.3 to +6.0 -0.3 to +6.0 -6.0 to +3.0 Vss+0.3 to VDD-0.3 Vss+0.3 to VDD-0.3 -20 to +85 -40 to +125 Unit V V V V V C C
ELECTRICAL CHARACTERISTICS Digital part(VDD=+5V, VSS=-5V,VDDVINVss,GND=0V,Ta=-20 to +85C,unless otherwise noted)
Symbol VDD IILK VIL VIH VOL VOH Parameter Supply voltage Input leak current Input low voltage Input high voltage Output low voltage Output high voltage VIN=0 to Vcc Test conditions Min. 4.5 -10 0.8VDD IOL=2.5mA IOH=-400A VDD-0.4 0.4 Limits Typ. 5.0 Max. 5.5 10 0.2VDD Unit V A V V V V
Analog part(VDD=+5V, VSS=-5V,VDDVINVss,GND=0V,Ta=-20 to +85C,unless otherwise noted)
Symbol IIN VAO IAO RES DNL NL EG Parameter D-A converter reference input current Buffer amplifier output voltage range Buffer amplifier output current range Resolution Differential nonlinearity Nonlinearity Gain error IAO=500A IAO=1mA VAO=VAOZERO+0.3 to VAOFULL-0.3
VAOZERO +0.15 VAOZERO +0.3
Test conditions
Min.
Limits Typ. 0.2
Max. 0.4
VAOFULL -0.15 VAOFULL -0.3
Unit mA V mA bit LSB LSB %FS
VDD-0.5VINVSS+0.5
-1.0 8 -1.0 -1.5 -3
1.0 1.0 1.5 3
AC CHARACTERISTICS
Symbol tCXL tCXH tCR tCF tDCH tCHD tCHL tLDH tLDC tDo tLDD Parameter Clock "L"pulse width Clock "H"pulse width Clock rise time Clock fall time Data set up time Data hold time LD set up time LD hold time LD "H" pulse width Data output delay time D-A output setting time Test conditions Min 200 200 Limits Typ Max Unit ns ns ns ns ns ns ns ns ns ns ns
200 200 30 60 200 100 100 CL=100pF Without load 70 350
MITSUBISHI ELECTRIC
( 4/5)
MITSUBISHI
M62381FP
8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
TIMING CHART
tCR tCXH tCF
CLK tCXL
DI tDCH tCHD tLDH tCHL LD tLDC
tLDD D-A OUTPUT tDo Do OUTPUT
APPLICATION EXAMPLE
5V 21 VDD VDD VSS 5 4 VIN1 VIN2 Vo1 Vo2 3 2
23 VIN3 22 VIN4 8 9 VIN5 VIN6
Vo3 1 Vo4 24 ANALOG OUT Vo5 10 Vo6 11 Vo7 12
14 VIN7 15 VIN8 16 LD
Vo8 13
MICRO COMPUTER
17 CLK 20 7 DI RESET GND 6
VSS 19 -5V
MITSUBISHI ELECTRIC
( 5/5)


▲Up To Search▲   

 
Price & Availability of M62381FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X