Part Number Hot Search : 
WCP25C60 4HCT57 AX93221 GFG0675F 50224 07502 AN8007M HCM1812
Product Description
Full Text Search
 

To Download M62366GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI
M62366GP
3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
DESCRIPTION
The M62366GP is a CMOS semiconductor IC,containing 12 channels of 8-bit D-A converters,with a high-performance buffer operational amplifier provided in the output of each channel. It is operable with a low supply voltage between 2.7~3.6V,and is easy to use due to serial data input,and 3-pin(DI,CLK,LD)connection with microcomputer. The IC also contains Do pin terminal,enabling cascade connection.The built-in buffer operational amplifiers are of full-swing design with a wide operating supply voltage range for input/output voltage.In addition,this IC provides improved stability against a capacitive load,and therefore is suitable for application to electronic volume(VCA)control,substitute for adjustment semi-fixed resistor,etc.
PIN CONFIGURATION (TOP VIEW)
VSS 1 (VrefL) Ao3 2 Ao4 Ao5 Ao6 Ao7 Ao8 Ao9 Ao10
3 4 5 6 7 8 9 20 19 18 17 16 15 14 13 12 11
GND Ao2 Ao1 DI CLK LD Do Ao12 Ao11 Vcc
FEATURES
*Operable with a low voltage between 2.7~3.6V *12-bit serial data input(connected via 3 pins:DI,CLK,LD) *12 channels of R-2R and segment type high-performance 8-bit D-A converters *12 buffer operational amplifiers with full swing of output voltage between Vcc and GND. *High oscillation stability against the capacitive load of buffer operational amplifiers.
VDD 10 (VrefU) Outline 20P2E-A
APPLICATION
Adjustment/control of industrial or home-use electric equipment,such as VTR camera,VTR set,TV,and CRT display.
BLOCK DIAGRAM
GND 20 Ao2 19 Ao1 18 DI 17 CLK 16 LD 15 Do 14 Ao12 13 Ao11 12 Vcc 11
8-BIT R-2R + SEGMENT D-A CONVERTER
12-BIT SHIFT REGISTER D-A
1
D0 1 2 3 4 5 6 D7 D8 9 10 D11
D-A
12
D-A
11
Ch2
8-BIT LATCH
L (8) (12) ADDRESS DECODER .....
L
L
..... (12)
(12)
8-BIT LATCH
L
4 5
L
6
L
7
L
8
L
9
L
10
L D-A -
Ch3
8-BIT R-2R + SEGMENT D-A CONVERTER
D-A -
D-A -
D-A -
D-A -
D-A -
D-A -
BUFFER OPERATIONAL AMPLIFIER
-
1 Vss (VrefL)
2 Ao3
3 Ao4
4 Ao5
5 Ao6
6 Ao7
7 Ao8
8 Ao9
9 Ao10
10 VDD (VrefU)
MITSUBISHI ELECTRIC
( 1/5)
MITSUBISHI
M62366GP
3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
EXPLANATION OF TERMINALS
Pin No. 17 14 16 15 18 19 2 3 4 5 6 7 8 9 12 13 11 20 10 1 Symbol DI Do CLK LD Ao1 Ao2 Ao3 Ao4 Ao5 Ao6 Ao7 Ao8 Ao9 Ao10 Ao11 Ao12 VCC GND VDD VSS Power supply terminal GND terminal D-A converter upper reference voltage input terminal D-A converter lower reference voltage input terminal Function Serial data input terminal to input 12-bit long serial data Terminal to output MSB data of 12-bit shift register
Shift clock input terminal.Input signal at DI pin is input to 12-bit shift register at rise of shift clock pulse
When H-level signal is input to this terminal,the value stored in 12-bit shift register is loaded in decoder and D-A converter output register
8-bit D-A converter output terminal
BLOCK DIAGRAM FOR EXPLANATION OF TERMINALS
Vcc 11 DI 17 12-BIT SHIFT REGISTER CLK 16 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 14 Do GND 20
ADDRESS DECODER 8 12 ............... 1234 12
15 LD
D0 1
............ 8-BIT LATCH
8-BIT R-2R + SEGMENT D-A CONVERTER
D7 ..............................................12 ..............................................
D0
............ 8-BIT LATCH
8-BIT R-2R + SEGMENT D-A CONVERTER
D7
-
...................................................................................................
-
10 VDD (VrefU)
18 Ao1
13 Ao12
1 Vss (VrefL)
MITSUBISHI ELECTRIC
( 2/5)
MITSUBISHI
M62366GP
3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
DIGITAL DATA FORMAT
LAST LSB FIRST MSB
DAC DATA D0 0 1 0 1 D1 0 0 1 1 1 1 D9 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 D10 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 D2 0 0 0 0 1 1 D11 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 D3 0 0 0 0 1 1 D4 0 0 0 0 1 1 D5 0 0 0 0 1 1 D6 0 0 0 0 1 1 D7 0 0 0 0 1 1
DAC SELECT DATA D-A output (VrefU-VrefL) / 256 X 1 +VrefL (VrefU-VrefL) / 256 X 2 +VrefL (VrefU-VrefL) / 256 X 3 +VrefL (VrefU-VrefL) / 256 X 4 +VrefL (VrefU-VrefL) / 256 X 255 +VrefL VrefU
0 1 D8 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1
DAC selection Don`t care Ao1 selection Ao2 Ao3 Ao4 Ao5 Ao6 Ao7 Ao8 Ao9 Ao10 Ao11 Ao12 Don`t care Don`t care Don`t care
* VrefU=VDD VrefL=Vss
TIMING CHART (MODEL)
MSB DI D11 D10 D9 D8 D2 D1 LSB D0
CLK
LD
D-A OUTPUT
MITSUBISHI ELECTRIC
( 3/5)
MITSUBISHI
M62366GP
3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
ABSOLUTE MAXIMUM RATINGS
Symbol Vcc VDD VIN Vo Pd Topr Tstg Parameter Supply voltage Upper reference voltage of D-A converter Input voltage Output voltage Power dissipation Operating temperature Storage tempareture Conditions Ratings -0.3~+7.0 -0.3~+7.0 -0.3~VCC+0.3 -0.3~VCC+0.3 150 -20~+85 -55~+150 Unit V V V V mW C C
ELECTRICAL CHARACTERISTICS Digital part(VCC,VrefU=+3V10%, VCCVrefU,GND,VrefL=0V,Ta=-20 ~ +85C,unless otherwise noted)
Symbol VCC Icc IILK VIL VIH VOL VOH Parameter Supply voltage Circuit current Input leak current Input low voltage Input high voltage Output low voltage Output high voltage IOL=2.5mA IOH=-400A VCC-0.4 CLK=1MHz operation,Vcc=3V,IAO=0A VIN=0~VCC Test conditions Min. 2.7 -10 0.8VCC 0.4 Limits Typ. 3.0 Max. 3.6 3.5 10 0.2VCC Unit V mA A V V V V
Note:The standard values are obtaind at Ta=25C
Analog part(VCC,VrefU=+3V10%, VCCVrefU,Ta=-20 ~ +85C,unless otherwise noted)
Symbol IrefU VrefU VrefL VAO IAO SDL SL SZERO SFULL Co Ro Parameter Current dissipation D-A converter upper reference voltage range D-A converter lower reference voltage range Test conditions VrefU=3V,VrefL=0V Data condition:maximum current Reference voltage can not always be set to any value in this range,because it is restricted to the buffer amplifier output voltage range 0.7Vcc GND 0.1 0.2 -0.3 -1.0 -1.5 -2 -2 5 Min. Limits Typ. 1.4 Max. 2.5 Vcc 0.3Vcc Vcc-0.1 Vcc-0.2 1 1.0 1.5 2 2 0.1 V mA LSB LSB LSB LSB F Unit mA V V
Buffer amplifier output driver voltage IAO=100A IAO=+500A range -200A Upper saturation voltage=0.4V Buffer amplifier output voltage Lower saturation voltage=0.4V range Differential nonlinearity error Vcc=2.760V Nonlinearity error VrefU=2.610V Zero code error VrefL=0.050V(10mV/LSB) Without load(IAO=0) Full scale error Output capacitative load Buffer amplifier output impedance
MITSUBISHI ELECTRIC
( 4/5)
MITSUBISHI
M62366GP
3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
AC CHARACTERISTICS(VCC,VrefU=+5V10%, VCCVrefU,GND,VrefL=0V,Ta=-20 ~ +85C,unless otherwise noted)
Symbol tCKL tCKH tCR tCF tDCH tCHD tCHL tLDC tLDH tDo tLDD Parameter Clock "L"pulse width Clock "H"pulse width Clock rise time Clock fall time Data set up time Data hold time LD set up time LD hold time LD "H" pulse duration Data output delay time D-A output setting time CL=100pF
CL100pF,VAO:0.1 2.6V The time until the output becomes the final value of 1/2 LSB
Test conditions
Min 200 200
Limits Typ
Max
Unit ns ns ns ns ns ns ns ns ns
200 200 30 60 200 100 100 70 350 300
ns s
TIMING CHART
tCR tCKH tCF
CLK tCKL
DI tDCH tCHD tLDH tCHL LD tLDC
tLDD D-A OUTPUT tDo Do OUTPUT
MITSUBISHI ELECTRIC
( 5/5)


▲Up To Search▲   

 
Price & Availability of M62366GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X