Part Number Hot Search : 
MAX3969 MB1505G MB3829 AN4470 LA7629 SF5511 M3R23TAJ 60101
Product Description
Full Text Search
 

To Download M62362 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI
M62362P/FP
1280 RESOLUTION 3CH MULTIPLYING D-A CONVERTER
DESCRIPTION
The M62362P is an integrated circuit semiconductor of CMOS structure with 3 channels of built-in 1280 step resolution(equivalent 10.3-bit)multiplication type D-A converters. hod and it is able to cascading serial use with Do terminal. The device is suited for use in high accuracy automatic adjustment combination with microcomputer.
PIN CONFIGURATION (TOP VIEW)
VIN2 1 Vo2
2 14 13
VDAref Vo1 VIN1 RESET BS DI CLK
M62362P
VIN3 3 Vo3 Do GND VDD
4 5 6 7
12 11 10 9 8
FEATURES
*Digital data transfer method 3-wire serial data transfer method *High resolution Resolution is more over 10-bit and error is less than 1 LSB *Capable of 4 quadrant multiplication *Short setting time *With reset terminal
DD=5V10%
Outline 14P4
PIN CONFIGURATION (TOP VIEW)
VIN2 1 Vo2
2 16 15
VDAref Vo1 VIN1 RESET BS DI CLK N.C
M62362FP
APPLICATION
Signal gain control of DISPLAY-MONITOR or CTV. Conversion from digital control data to analog control data for home-use and industrial equipment. Automatic adjustment by combination with EEPROM and microcomputer.(replacement of conventional half-fixed
VIN3 3 Vo3 Do GND VDD N.C
4 5 6 7 8
14 13 12 11 10 9
Outline 16P2N
BLOCK DIAGRAM
VDAref Vo1 VIN1 RESET BS DI CLK
11-BIT DA CONVERTER
13-BIT SHIFT RESISTER
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 11-BIT LATCH
(11)
ADDRESS DECORDER
11-BIT LATCH 11-BIT D-A CONVERTER
11-BIT LATCH 11-BIT D-A CONVERTER
VIN2
Vo2
VIN3
Vo3
Do
GND
VDD
MITSUBISHI ELECTRIC
( 1/8)
resistor.) data is a easy-to-use 3-wire serial transfer met Recommend operation condition..........V The input
MITSUBISHI
M62362P/FP
1280 RESOLUTION 3CH MULTIPLYING D-A CONVERTER
EXPLANATION OF TERMINALS
Pin No. 9 11 5 8 10 11 13 10 12 13 15 Symbol DI Do CLK BS RESET Vo1 Vo2 Vo3 VDD GND VIN2 VIN3 VIN1 VDAref Function Serial data input terminal Serial data output terminal Serial clock input terminal When BS terminal level is "H" latch circuit data is load When RESET terminal level is "L",all D-A output terminal became "L" 1280 resolution D-A output Power supply terminal GND terminal D-A converter input terminal D-A converter reference voltage input terminal
2 4 7 6 1 3 12 14 14 16
BLOCK DIAGRAM FOR EXPLANATION OF TERMINALS
VDD
GND
DI 13-BIT SHIFT RESISTER CLK
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12
Do BS ADDRESS DECORDER
11
RESET
11-BIT LATCH 11-BIT D-A CONVERTER
11-BIT LATCH 11-BIT D-A CONVERTER
11-BIT LATCH 11-BIT D-A CONVERTER
VDAref
VIN1
Vo1
VIN2
Vo2
VIN3
Vo3
MITSUBISHI ELECTRIC
( 2/8)
MITSUBISHI
M62362P/FP
1280 RESOLUTION 3CH MULTIPLYING D-A CONVERTER
DIGITAL DATA FORMAT
LAST LSB FIRST MSB
D-A DATA
ADDRESS DATA
D0 0 1 0 1
D1 0 0 1 1
D2 0 0 0 0
D3 0 0 0 0
D4 0 0 0 0
D5 0 0 0 0
D6 0 0 0 0
D7 0 0 0 0
D8 0 0 0 0
D9 0 0 0 0
D10 0 0 0 0
D-A output VDAref (VIN-VDAref) / 1280 X 1 + VDAref (VIN-VDAref) / 1280 X 2 + VDAref (VIN-VDAref) / 1280 X 3 + VDAref
1 0
1 0
1 0
1 0
1 0
1 0
1 0
1 0
0 1
0 0
1 1
(VIN-VDAref) / 1280 X 1279 + VDAref VIN
1
1
1
1
1
1
1
1
1
1
1
VIN
D11 0 0 1 1
D12 0 1 0 1
DAC SELECTION Don't care ch1 ch2 ch3
TIMING CHART (MODEL)
MSB DI D12 D11 D10 D1
LSB D0
CLK
BS RESET D-A OUTPUT *Input data is carried out BS signal "L" besides CLK signal positive edge. CLK,BS,is keep generally "H" level.
MITSUBISHI ELECTRIC
( 3/8)
MITSUBISHI
M62362P/FP
1280 RESOLUTION 3CH MULTIPLYING D-A CONVERTER
ABSOLUTE MAXIMUM RATINGS
Symbol VDD VIND VIN Vo VDAref Topr Tstg Parameter Supply voltage Digital input voltage(DI,CLK,BS) Input voltage Output voltage D-A reference voltage Operating temperature Storage temperature Conditions Ratings -0.3~+7.0 -0.3~+7.0 -0.3~VDD+0.3 -0.3~VDD+0.3 -0.3~VDD+0.3 -20~+85 -40~+125 Unit V V V V V C C
ELECTRICAL CHARACTERISTICS Digital part(VDD,VIN=+5V10%, VDDVIN,GND=VDAref=0V,Ta=-20 ~ +85C,unless otherwise noted)
Symbol VDD IILK IIL IIH VOL VOH Parameter Supply voltage Input leak current Input low voltage Input high voltage Output low voltage Output high voltage 0.8VDD IOL=2.5mA IOH=-400A VDD-0.4 0.4 VIN=0~VDD Test conditions Min. 4.5 -10 Limits Typ. 5.0 Max. 5.5 10 0.2VDD Unit V A V V V V
Analog part(VDD,VIN=+5V10%, VDDVIN,GND=VDAref=0V,Ta=-20 ~ +85C,unless otherwise noted)
Symbol VIN VO IIN Parameter Input voltage Output voltage Input current VIN=0~VDD VIN=5V,VDAref=0V, Proportional to (VIN-VDAref) VIN1=VIN2=VIN3=5V, VDAref=0V, Proportional to (VIN-VDAref) Test conditions Min. 0 0 0.75 Limits Typ. Max. VDD VDD 1.5 Unit V V mA
IDAref
D-A reference source current D-A output sink or source current Output impedance Resolution
A C C U R A C Y
-4.5 -1.0
-2.25
mA
IO RO RES DNL NL NL
1.0 1.8 1280 3.6 1 0.6 0.4
A/LSB k STEP LSB %FS %FS
Constant for all D-A output mode -1 -0.6 -0.4
Differential nonlinearity Nonlinearity Nonlinearity for channels
*Polarity of current, (+) is sink into IC and (-) is source from IC.
MITSUBISHI ELECTRIC
( 4 /8)
MITSUBISHI
M62362P/FP
1280 RESOLUTION 3CH MULTIPLYING D-A CONVERTER
AC CHARACTERISTICS(VDD,VIN=+5V10%, VDDVIN,GND=VDAref=0V,Ta=-20 ~ +85C)
Symbol tCKL tCKH tCR tCF tDCH tCHD tCHL tLDC tLDH tDo tLDD Parameter Clock "L"pulse width Clock "H"pulse width Clock rise time Clock fall time Data set up time Data hold time LD set up time LD hold time LD "H" pulse width Data output delay time Data output setting time Input*Output response time CL100pF No Load f=10kHz Test conditions Min 200 200 Limits Typ Max Unit ns ns ns ns ns ns ns ns ns 350 20 5 ns s
200 200 60 100 200 100 100 70
TIMING CHART
tCR tCKH tCF
CLK tCKL
DI tDCH tCHD tLDH tCHL BS tLDC
tLDD D-A OUTPUT tDo Do OUTPUT
MITSUBISHI ELECTRIC
(
5/8)
MITSUBISHI
M62362P/FP
1280 RESOLUTION 3CH MULTIPLYING D-A CONVERTER
TYPICAL CHARACTERISTICS
M62362P DIFFERENTIAL NONLINEARITY
.5 .4 .3 .2 .1 -0.0 -.1 -.2 -.3 -.4 -.5
STEP NUMBER
M62362P NONLINEARITY
.5 .4 .3 .2 .1 -0.0 -.1 -.2 -.3 -.4 -.5
STEP NUMBER
MITSUBISHI ELECTRIC
( 6/8)
MITSUBISHI
M62362P/FP
1280 RESOLUTION 3CH MULTIPLYING D-A CONVERTER
M62362P OUTPUT RISE CHARACTERISTICS(SETTING TIME)
5V
OUTPUT
0V
5V 0V
BS
0
1s
2
3
4
M62362P OUTPUT FALL CHARACTERISTICS(SETTING TIME)
5V
OUTPUT
0V 5V 0V
BS
0
1s
2
3
4
MITSUBISHI ELECTRIC
( 7/8)
MITSUBISHI
M62362P/FP
1280 RESOLUTION 3CH MULTIPLYING D-A CONVERTER
NOTICE M62362 have 5 terminals these are input free voltage at use.(VDD, VIN1,VIN2,VIN3,VDAref)If Ripple and Spike is input to these terminals,accuracy of conversion is down .So,When use this device, please connect capacitor among to each terminals and GND for stable operation.
APPLICATION EXAMPLE
VDD 1F
VDD CLK DI BS
Do Vo1
M62362P/FP
R VIN1 0.1 VIN 0.1 VIN3 0.1 GND VIN2
Vo2
Vo
Vo3
VDAref
VDAref 0.1
MITSUBISHI ELECTRIC
( 8/8)


▲Up To Search▲   

 
Price & Availability of M62362

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X