Part Number Hot Search : 
AZ2280 HP6N1 CAT523WI C1315 57X00 W9412G6 SO445420 91000
Product Description
Full Text Search
 

To Download M62343FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI
M62343P,FP
8-BIT 3CH D-A CONVERTER WITH BUFFER AMPLIFIERS GENERAL DESCRIPTION The M62343P,FP is a CMOS 3 channel D-A converter with output buffer amplifiers. It can communicate with a microcontroller via few wiring thanks to the adoption of the three-line DI,CLK,LD. The output buffer amplifier employs AB class output with sinking and sourcing capability of more than 1.0mA , and an output voltage range is nearly between ground and Vcc.
PIN CONFIGURATION (TOP VIEW)
Ao1 1
8 LD
M62343
Ao2 2 Ao3 3
7 CLK 6 DI 5 GND
VCC 4
Outline
8P4 (P) 8P2S-A (FP)
FEATURES
* 10bit serial data input (3-wire serial transfer method) * Wide output voltage range
Nearly between ground and Vcc(0 to 5V)
* High output current drive capability
over 1.0mA
APPLICATION Conversion from digital data to analog control data for both consumer and industrial equipment. Gain control and automatic adjustment of DISPLAY-MONITOR or CTV.
BLOCK DIAGRAM
VCC LD CLK DI GND
4
8
7
6
5
10-BIT SHIFT REGISTER
ADDRESS DECODER 8
8bit Latch
8bit upper segment R-2R
8bit Latch
8bit upper segment R-2R
8bit Latch
8bit upper segment R-2R
1
Ao1
2
Ao2
3
Ao3
MITSUBISHI ELECTRIC
2000-8-31.revB ( 1 / 5 )
MITSUBISHI
M62343P,FP
8-BIT 3CH D-A CONVERTER WITH BUFFER AMPLIFIERS
EXPLANATION OF TERMINALS
PIN No.
6 7 8 1 2 3 4 5
Symbol DI CLK LD Ao1 Ao2 Ao3 Vcc GND Power supply terminal GND Serial data input terminal
Function
Shift clock input terminal. Input signal at DI pin is input to 10-bit shift register at rise of shift clock pulse. When H-level signal is input to this terminal,the value stored in 10-bit shift register is loaded in decoder and D-A converter output register.
8bit D-A converter output terminal
ABSOLUTE MAXIMUM RATING
Symbol Vcc Vin Vo Pd Topr Tstg Parameter Supply voltage Input voltage Output voltage Power dissipation Operating temperature Storage temperature Conditions Ratings Unit
-0.3 to 7.0 -0.3 to VCC+0.3 -0.3 to VCC+0.3 417 (DIP) / 272 (FP) -20 to +85 -55 to +125
V V V mW
C C
ELECTRICAL CHARACTERISTICS (VCC=+5V10%,GND=0V,Ta=-20 to 85C unless otherwise noted)
Symbol VCC ICC IILK VIL VIH VAO Parameter Supply voltage Supply current Input leak current Input low voltage Input high voltage Buffer amplifier output voltage range Buffer amplifier output drive range Differential nonlinearity Nonlinearity VCC=5.12V (20mV/LSB) without load (IAO=0) IAO=100A IAO=500A
Upper side saturation voltage=0.3V Lower side saturation voltage=0.2V
CLK=1MHz, IAO=0A DACdata:6Ah(at maximum current)
Test conditions
Ratings Min 2.7 0 0 -10 Typ 5.0 0.8 0.6 Max 5.5 2.7 1.8 10 0.2VCC 0.5VCC 0.1 0.2 -1.0 -1.0 -1.5 -2.0 -2.0 VCC-0.1 VCC-0.2 1.0 1.0 1.5 2.0 2.0 0.1 5.0
Unit V mA mA A V V V V mA LSB LSB LSB LSB F
DI=CLK=LD=GND,IAO=0A
VIN=0 to VCC
IAO SDL SL
SZERO Zero code error SFULL Full scale error Co Ro Output capacitive load Buffer amplifier output impedance
MITSUBISHI ELECTRIC
2000-8-31.revB ( 2 / 5 )
MITSUBISHI
M62343P,FP
8-BIT 3CH D-A CONVERTER WITH BUFFER AMPLIFIERS
AC CHARACTERISTICS (VCC=+5V10%,GND=0V,Ta=-20 to 85C unless otherwise noted)
Symbol tCKL tCKH tCR tCF tDCH tCHD tCHL tLDC tLDH tLDD Parameter Clock "L" pulse width Clock "H" pulse width Clock rise time Clock fall time Data setup time Data hold time LD setup time LD hold time LD "H" pulse time D-A output setting time
CL100pF VAO:0.5V<=>4.5V The time until the output becomes the final value of 1/2LSB
Test condition
Limits Min 200 200 200 30 60 200 100 100 300 Typ Max
Unit nS nS nS nS nS nS nS nS S
TIMING CHART
tCR tCKH tCF
CLK
tCKL
DI
tDCH tCHD tLDH tCHL tLDD D-A OUTPUT
tLDC
LD
MITSUBISHI ELECTRIC
2000-8-31.revB ( 3 / 5 )
MITSUBISHI
M62343P,FP
8-BIT 3CH D-A CONVERTER WITH BUFFER AMPLIFIERS
DIGITAL DATA FORMAT
Last LSB First MSB
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
DAC DATA
DAC SELECT DATA
(1) DAC SELECT DATA D8 0 1 0 1 D9 0 0 1 1 DAC selection AO1selection AO2selection AO3selection Don't care
(2) DAC DATA D0 0 1 0 1 : 0 1 D1 0 0 1 1 : 1 1 D2 0 0 0 0 : 1 1 D3 0 0 0 0 : 1 1 D4 0 0 0 0 : 1 1 D5 0 0 0 0 : 1 1 D6 0 0 0 0 : 1 1 D7 0 0 0 0 : 1 1 DAC output VCC/256 X1 VCC/256 X2 VCC/256 X3 VCC/256 X4 : VCC/256 X255 VCC/256 X256
TIMING CHART (MODEL)
DI CLK LD D-A OUTPUT D9 D8 D7 D6 D5 D2 D1 D0
MITSUBISHI ELECTRIC
2000-8-31.revB ( 4 / 5 )
MITSUBISHI
M62343P,FP
8-BIT 3CH D-A CONVERTER WITH BUFFER AMPLIFIERS
PRECAUTION FOR USE Supply voltage terminal(Vcc) is also used for D-A converter upper reference voltage setting. IF ripple or spike is input this terminal,accuracy of D-A conversion is down. So,when use this device,please connect capacitor among Vcc to GND for stable D-A conversion. This IC's output amplifier has an advantage to capacitive load.So it's no problem at device action when connect capacitor (0.1F MAX) among output to GND for every noise eliminate.
< Standard application circuit >
1 Ao1 LD 8
Analog output terminals
2 Ao2 CLK 7 3 Ao3 DI 6 MCU
4 VCC 5V
10F
GND 5
Keep safety first in your circuit designs!
* Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better andmore reliable, but there is always the possibility that trouble may occur with them. Trouble withsemiconductors may lead to personal injury,fire or property damage. Remember to give due considerationto safety when making your circuit design, in order to prevent fires from spreading, redundancy, malfunctionor other mishap.
MITSUBISHI ELECTRIC
2000-8-31.revB ( 5 / 5 )


▲Up To Search▲   

 
Price & Availability of M62343FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X