Part Number Hot Search : 
1200ARZ MAX475 80L188EA TSOP4833 1818M 78M05 00SXC82 015020
Product Description
Full Text Search
 

To Download M29W640D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FLASH NOR HIGH DENSITY & CONSUMER
M29DWxxx FAMILY Multiple Bank
May, 2004
HD & Cons. Division -VAM29DW.ppt - ptfl0402-504
STMicroelectronics
www.st.com/flash
Family Overview
Densities from 32Mb to 64Mb Wide application area covered 0.15m process technology
technology shrink on going
higher densities improved performances Increased reliability
HD & Cons. Division - May, 2004 M29DW.ppt - release 1.0 -ptfl0402-504-
www.st.com/flash
page 2
Main Features
M29DW323
32Mb (4Mbx8 / 2Mbx16), Boot Block Access Time 70, 90ns Supply Voltage Vcc = 2.7V to 3.6V for Program, Erase and Read Vpp = 12V for fast Program (optional) Programming Time 10s per Byte/Word typical Double Word / Quadruple Byte Program Low Power Consumption Standby and Automatic Standby Dual Operations: Read in one bank or group of banks while Program or Erase in the other
HD & Cons. Division - May, 2004 M29DW.ppt - release 1.0 -ptfl0402-504-
www.st.com/flash
page 3
Bank Architecture
M29DW323
DUAL BANK Memory Array 8Mb + 24Mb
While Programming or Erasing in Bank A, Read operations are possible in Bank B and viceversa
HD & Cons. Division - May, 2004 M29DW.ppt - release 1.0 -ptfl0402-504-
www.st.com/flash
page 4
Main Features
M29DW324
32Mb (4Mbx8 / 2Mbx16), Boot Block Access Time 70, 90ns Supply Voltage Vcc = 2.7V to 3.6V for Program, Erase and Read Vpp = 12V for fast Program (optional) Programming Time 10s per Byte/Word typical Double Word / Quadruple Byte Program Low Power Consumption Standby and Automatic Standby
HD & Cons. Division - May, 2004 M29DW.ppt - release 1.0 -ptfl0402-504-
www.st.com/flash
page 5
Bank Architecture
M29DW324
DUAL BANK Memory Array 16Mb + 16Mb
While Programming or Erasing in Bank A, Read operations are possible in Bank B and viceversa
HD & Cons. Division - May, 2004 M29DW.ppt - release 1.0 -ptfl0402-504-
www.st.com/flash
page 6
Main Features
M29DW640
64Mb (8Mbx8 / 4Mbx16), Page, Boot Block Access Time 70, 90ns Supply Voltage Vcc = 2.7V to 3.6V for Program, Erase and Read Vpp = 12V for fast Program (optional) Programming Time 10s per Byte/Word typical 4 word / 8Bytes at-a-time Program Asynchronous Page Read Mode Page Width 4 Words Page Access 25,30ns Random Access 70,90ns
HD & Cons. Division - May, 2004 M29DW.ppt - release 1.0 -ptfl0402-504-
www.st.com/flash
page 7
Bank Architecture
M29DW640
QUADRUPLE BANK Memory Array 8Mb + 24Mb + 24Mb + 8Mb
While Programming or Erasing in a group of Banks (from 1 to 3), Read operations are possible in any of the other banks
HD & Cons. Division - May, 2004 M29DW.ppt - release 1.0 -ptfl0402-504-
www.st.com/flash
page 8
Other Family Features
Temporary block unprotection mode Unlock bypass Program Command faster production/batch programming Extended memory block Extra block used as security block or to store additional information Common Flash Interface 64 bit security code M29DW323/324: Erase suspend and resume modes Read and program another block during erase suspend M29DW640: Program /Erase suspend and resume modes Read from any block during program suspend Read and program another block during erase suspend 100,000 program / erase cycles per block
HD & Cons. Division - May, 2004 M29DW.ppt - release 1.0 -ptfl0402-504-
www.st.com/flash
page 9
TSOP48 Package
Package connections Package Mechanical
TSOP48 Lead Plastic Thin Small Outline 12x20mm Bottom View Package Outline
M29DW323 M29DW324 M29DW640
HD & Cons. Division - May, 2004 M29DW.ppt - release 1.0 -ptfl0402-504-
www.st.com/flash
page 10
TFBGA48 Package
Package connections
Top view through package
Package Mechanical
6x8mm -6x8 Ball Array, 0.8mm pitch Bottom View Package Outline
M29DW323 M29DW324
HD & Cons. Division - May, 2004 M29DW.ppt - release 1.0 -ptfl0402-504-
www.st.com/flash
page 11
Part Numbering Scheme ex. M29DW640D
Speed Device Function
640D= 64Mb (x8/x16), Boot Block 8+24+24+8 partitioning 70 = 70ns 90 = 90ns
Package
N = TSOP48, 12x20mm ZA = TFBGA63, 7x11mm, 0.80mm pitch
M29
D
W
640D
70 N
1
T
Architecture
D = Dual Operations
Temperature Range
1 = 0 to 70 C 6 = -40 to + 85C
Device Type
M28
Option Operating Voltage
W = Vcc = 2.7V to 3.6V Blank = Standard Packing T = Tape & Reel Packing 24mm E = Lead Free Package, Standard Packing F = Lead Free Package, Tape & Reel Packing
HD & Cons. Division - May, 2004 M29DW.ppt - release 1.0 -ptfl0402-504-
www.st.com/flash
page 12
Main Applications
Mobile Phone Digital Video Disk Personal Digital Assistant Set-Top Box Digital Still Camera High Definition TV Personal Computer Game
HD & Cons. Division - May, 2004 M29DW.ppt - release 1.0 -ptfl0402-504-
www.st.com/flash
page 13
Future Developments
New State of the Art technology shrink on going Higher densities soon available Improved performances Stand Alone and Stacked solutions
HD & Cons. Division - May, 2004 M29DW.ppt - release 1.0 -ptfl0402-504-
www.st.com/flash
page 14
Additional Information
www.st.com/flash
Datasheets Application Notes Software Drivers Presentations Technical Articles ...and more...
ask.memory@st.com
HD & Cons. Division - May, 2004 M29DW.ppt - release 1.0 -ptfl0402-504-
www.st.com/flash
page 15


▲Up To Search▲   

 
Price & Availability of M29W640D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X