Part Number Hot Search : 
RG309 HDM32 N7151M OP777AR BCR146T EM322704 STM8450 SR10M
Product Description
Full Text Search
 

To Download M2732A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M2732A
NMOS 32K (4K x 8) UV EPROM
FAST ACCESS TIME: 200ns EXTENDED TEMPERATURE RANGE SINGLE 5V SUPPLY VOLTAGE LOW STANDBY CURRENT: 35mA max INPUTS and OUTPUTS TTL COMPATIBLE DURING READ and PROGRAM COMPLETELY STATIC
24
1
FDIP24W (F)
DESCRIPTION The M2732A is a 32,768 bit UV erasable and electrically programmable memory EPROM. It is organized as 4,096 words by 8 bits. The M2732A with its single 5V power supply and with an access time of 200 ns, is ideal suited for applications where fast turn around and pattern experimentation one important requirements. The M2732A is honsed in a 24 pin Window Ceramic Frit-Seal Dual-in-Line package. The transparent lid allows the user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can be then written to the clerice by following the programming procedure.
Figure 1. Logic Diagram
VCC
12 A0-A11
8 Q0-Q7
E
M2732A
Table 1. Signal Names
A0 - A11 Q0 - Q7 E GVPP VCC VSS Address Inputs Data Outputs Chip Enable Output Enable / Program Supply Supply Voltage Ground
GVPP
VSS
AI00780B
July 1994
1/9
M2732A
Table 2. Absolute Maximum Ratings
Symbol TA TBIAS TSTG VIO VCC VPP Parameter Ambient Operating Temperature Temperature Under Bias Storage Temperature Input or Output Voltages Supply Voltage Program Supply Voltage grade 1 grade 6 grade 1 grade 6 Value 0 to 70 -40 to 85 -10 to 80 -50 to 95 -65 to 125 -0.6 to 6 -0.6 to 6 -0.6 to 22 Unit C C C V V V
Note: Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Refer also to the SGS-THOMSON SURE Program and other relevant quality documents.
Figure 2. DIP Pin Connections
be used to gate data to the output pins, independent of device selection. Assuming that the addresses are stable, address access time (tAVAQ) is equal to the delay from E to output (tELQV). Data is available at the outputs after the falling edge of G, assuming that E has been low and the addresses have been stable for at least tAVQV-tGLQV. Standby Mode The M2732A has a standby mode which reduces the active power current by 70 %, from 125 mA to 35 mA. The M2732A is placed in the standby mode by applying a TTL high signal to E input. When in standby mode, the outputs are in a high impedance state, independent of the GVPP input. Two Line Output Control Because M2732A's are usually used in larger memory arrays, this product features a 2 line control function which accommodates the use of multiple memory connection. The two line control function allows: a. the lowest possible memory power dissipation, b. complete assurance that output bus contention will not occur. To most efficiently use these two control lines, it is recommended that E be decoded and used as the primary device selecting function, while G should be made a common connection to all devices in the array and connected to the READ line from the system control bus. This ensures that all deselected memory devices are in their low power standby mode and that the output pins are only active when data is required from a particular memory device.
A7 A6 A5 A4 A3 A2 A1 A0 Q0 Q1 Q2 VSS
24 1 2 23 3 22 4 21 20 5 6 M2732A 19 18 7 17 8 16 9 15 10 11 14 12 13
AI00781
VCC A8 A9 A11 GVPP A10 E Q7 Q6 Q5 Q4 Q3
DEVICE OPERATION The six modes of operation for the M2732A are listed in the Operating Modes Table. A single 5V power supply is required in the read mode. All inputs are TTL level except for VPP. Read Mode The M2732A has two control functions, both of which must be logically satisfied in order to obtain data at the outputs. Chip Enable (E) is the power control and should be used for device selection. Output Enable (G) is the output control and should
2/9
M2732A
Programming When delivered, and after each erasure, all bits of the M2732A are in the "1" state. Data is introduced by selectively programming "0's" into the desired bit locations. Although only "0's" will be programmed, both "1's" and "0's" can be presented in the data word. The only way to change a "0" to a "1" is by ultraviolet light erasure. The M2732A is in the programming mode when the GVPP input is at 21V. A 0.1F capacitor must be placed across GVPP and ground to suppress spurious voltage transients which may damage the device. The data to be programmed is applied, 8 bits in parallel, to the data output pins. The levels required for the address and data inputs are TTL. When the address and data are stable, a 50ms, active low, TTL program pulse is applied to the E input. A program pulse must be applied at each address location to be programmed. Any location can be programmed at any time - either individually, sequentially, or at random. The program pulse has a maximum width of 55ms. The M2732A must not be programmed with a DC signal applied to the E input. Programming of multiple M2732As in parallel with the same data can be easily accomplished due to the simplicity of the programming requirements. Inputs of the paralleled M2732As may be connected together when they are programmed with the same data. A low level TTL pulse applied to the E input programs the paralleled 2732As. Program Inhibit Programming of multiple M2732As in parallel with different data is also easily accomplished. Except for E, all like inputs (including GVPP) of the parallel M2732As may be common. A TTL level program pulse applied to a M2732A's E input with GVPP at 21V will program that M2732A. A high level E input inhibits the other M2732As from being programmed. Program Verify A verify should be performed on the programmed bits to determine that they were correctly programmed. The verify is carried out with GVPP and E at VIL. ERASURE OPERATION The erasure characteristics of the M2732A are such that erasure begins when the cells are exposed to light with wavelengths shorter than approximately 4000 A. It should be noted that sunlight and certain types of fluorescent lamps have wavelengths in the 3000-4000 A range. Research shows that constant exposure to room level fluorescent lighting could erase a typical M2732A in approximately 3 years, while it would take approximately 1 week to cause erasure when exposed to the direct sunlight. If the M2732A is to be exposed to these types of lighting conditions for extended periods of time, it is suggested that opaque labels be put over the M2732A window to prevent unintentional erasure. The recommended erasure procedure for the M2732A is exposure to shortwave ultraviolet light which has a wavelength of 2537 A. The integrated dose (i.e. UV intensity x exposure time) for erasure should be a minimum of 15 W-sec/cm2. The erasure time with this dosage is approximately 15 to 20 minutes using an ultraviolet lamp with 12000 W/cm2 power rating. The M2732A should be placed within 2.5 cm of the lamp tubes during erasure. Some lamps have a filter on their tubes which should be removed before erasure.
Table 3. Operating Modes
Mode Read Program Verify Program Inhibit Standby
Note: X = VIH or VIL.
E VIL VIL Pulse VIL VIH VIH
GVPP VIL VPP VIL VPP X
VCC VCC VCC VCC VCC VCC
Q0 - Q7 Data Out Data In Data Out Hi-Z Hi-Z
3/9
M2732A
AC MEASUREMENT CONDITIONS
Input Rise and Fall Times Input Pulse Voltages Input and Output Timing Ref. Voltages 20ns 0.45V to 2.4V 0.8V to 2.0V
Figure 4. AC Testing Load Circuit
1.3V
1N914
Note that Output Hi-Z is defined as the point where data is no longer driven.
3.3k
Figure 3. AC Testing Input Output Waveforms
DEVICE UNDER TEST
2.0V 0.8V
AI00827
OUT CL = 100pF
2.4V
0.45V
CL includes JIG capacitance
AI00828
Table 4. Capacitance (1) (TA = 25 C, f = 1 MHz )
Symbol CIN CIN1 COUT Parameter Input Capacitance (except GVPP) Input Capacitance (GVPP) Output Capacitance Test Condition VIN = 0V VIN = 0V VOUT = 0V Min Max 6 20 12 Unit pF pF pF
Note: 1. Sampled only, not 100% tested.
Figure 5. Read Mode AC Waveforms
A0-A11 tAVQV E tGLQV G tELQV Q0-Q7
VALID tAXQX
tEHQZ
tGHQZ Hi-Z DATA OUT
AI00782
4/9
M2732A
Table 5. Read Mode DC Characteristics (1) (TA = 0 to 70 C or -40 to 85 C; VCC = 5V 5% or 5V 10%; VPP = VCC)
Symbol ILI ILO ICC ICC1 VIL VIH VOL VOH Parameter Input Leakage Current Output Leakage Current Supply Current Supply Current (Standby) Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage IOL = 2.1mA IOH = -400A 2.4 Test Condition Min 0 VIN VCC VOUT = VCC E = VIL, G = VIL E = VIH, G = VIL -0.1 2 Value Max 10 10 125 35 0.8 VCC + 1 0.45 A A mA mA V V V V Unit
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Table 6. Read Mode AC Characteristics (1) (TA = 0 to 70 C or -40 to 85 C; VCC = 5V 5% or 5V 10%; VPP = VCC)
Symbol Alt Parameter Test Condition M2732A -2, -20 Min tAVQV tELQV tGLQV tEHQZ (2) tGHQZ
(2)
blank, -25 Min Max 250 250 100 0 0 0 60 60 0 0 0 Min
-3 Max 300 300 150 130 130 0 0 0 Min
-4 Max 450 450 150 130 130
Unit
Max 200 200 100
tACC tCE tOE tDF tDF tOH
Address Valid to Output Valid Chip Enable Low to Output Valid Output Enable Low to Output Valid Chip Enable High to Output Hi-Z Output Enable High to Output Hi-Z Address Transition to Output Transition
E = VIL, G = VIL G = VIL E = VIL G = VIL E = VIL E = VIL, G = VIL 0 0 0
ns ns ns ns ns ns
60 60
tAXQX
Notes: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. Sampled only, not 100% tested.
5/9
M2732A
Table 7. Programming Mode DC Characteristics (1) (TA = 25 C; VCC = 5V 5%; VPP = 21V 0.5V)
Symbol ILI ICC IPP VIL VIH VOL VOH Parameter Input Leakage Current Supply Current Program Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage IOL = 2.1mA IOH = -400A 2.4 Test Condition VIL VIN VIH E = VIL, G = VIL E = VIL, G = VPP -0.1 2 Min Max 10 125 30 0.8 VCC + 1 0.45 Units A mA mA V V V V
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Table 8. Programming Mode AC Characteristics (1) (TA = 25 C; VCC = 5V 5%; VPP = 21V 0.5V)
Symbol tAVEL tQVEL tVPHEL tVPL1VPL2 tELEH tEHQX tEHVPX tVPLEL tELQV tEHQZ tEHAX Alt tAS tDS tOES tPRT tPW tDH tOEH tVR tDV tDF tAH Parameter Address Valid to Chip Enable Low Input Valid to Chip Enable Low VPP High to Chip Enable Low VPP Rise Time Chip Enable Program Pulse Width Chip Enable High to Input Transition Chip Enable High to VPP Transition VPP Low to Chip Enable Low Chip Enable Low to Output Valid Chip Enable High to Output Hi-Z Chip Enable High to Address Transition E = VIL, G = VIL 0 0 Test Condition Min 2 2 2 50 45 2 2 2 1 130 55 Max Units s s s ns ms s s s s ns ns
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
6/9
M2732A
Figure 6. Programming and Verify Modes AC Waveforms
A0-A11 tAVEL Q0-Q7 tQVEL DATA IN
VALID tEHAX DATA OUT tEHQX tEHVPX tELQV tEHQZ
GVPP tVPHEL E tELEH PROGRAM VERIFY
AI00783
tVPLEL
ORDERING INFORMATION SCHEME Example: M2732A -2 F 1
Speed and VCC Tolerance -2 blank -3 -4 -20 -25 200 ns, 5V 5% 250 ns, 5V 5% 300 ns, 5V 5% 450 ns, 5V 5% 200 ns, 5V 10% 250 ns, 5V 10% F
Package FDIP24W
Temperature Range 1 6 0 to 70 C -40 to 85 C
For a list of available options (Speed, VCC Tolerance, Package, etc...) refer to the current Memory Shortform catalogue. For further information on any aspect of this device, please contact SGS-THOMSON Sales Office nearest to you.
7/9
M2732A
FDIP24W - 24 pin Ceramic Frit-seal DIP, with window
Symb Typ A A1 A2 B B1 C D E E1 e1 e3 eA L S N
FDIP24W
mm Min Max 5.71 0.50 3.90 0.40 1.17 0.22 1.78 5.08 0.55 1.42 0.31 32.30 15.40 13.05 2.54 27.94 - - 16.17 3.18 1.52 7.11 - 4 24 15.80 13.36 - - 18.32 4.10 2.49 - 15 0.280 0.100 1.100 Typ
inches Min Max 0.225 0.020 0.154 0.016 0.046 0.009 0.070 0.200 0.022 0.056 0.012 1.272 0.606 0.514 - - 0.637 0.125 0.060 - 4 24 0.622 0.526 - - 0.721 0.161 0.098 - 15
A2 A1 B1 B e3 D S
N 1
A L eA C
e1
E1
E
FDIPW-a
Drawing is not to scale
8/9
M2732A
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics.
(c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved
SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
9/9


▲Up To Search▲   

 
Price & Availability of M2732A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X