Part Number Hot Search : 
50010 MA46451 KBP206 SB104 319209A 2SD2209 HPR109WH IRN50
Product Description
Full Text Search
 

To Download LM339P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
LM139,A LM239,A-LM339,A
LOW POWER QUAD VOLTAGE COMPARATORS
.WI .VERY .LOWI .LOWI .LOWI .I .LOW .DI .TTL,
DE SINGLE SUPPLY VOLTAGE RANGE OR DUAL SUPPLIES FOR ALL DEVICES : +2V TO +36V OR 1V TO 18V LOW SUPPLY CURRENT (1.1mA) INDEPENDENT OF SUPPLY VOLTAGE (1.4mW/comparator at +5V) NPUT BIAS CURRENT : 25nA TYP NPUT OFFSET CURRENT : 5nA TYP NPUT OFFSET VOLTAGE : 1mV TYP NPUT COMMON-MODE VOLTAGE RANGE INCLUDES GROUND OUTPUT SATURATION VOLTAGE : 250mV TYP. (IO = 4mA) FFERENTIAL INPUT VOLTAGE RANGE EQUAL TO THE SUPPLY VOLTAGE DTL, ECL, MOS, CMOS COMPATIBLE OUTPUTS
N DIP14 (Plastic Package)
D SO14 (Plastic Micropackage)
DESCRIPTION These devices consist of fourindependentprecision voltage comparators with an offset voltage specifications as low as 2mV max for LM339A, LM239A and LM139A. All these comparators were designed specifically to operate from a single power supply over a wide range of voltages. Operation from split power supplies is also possible. These comparators also have a unique characteristic in that the input common-mode voltage range includes ground even thoughoperatedfrom a single power supply voltage. PIN CONNECTIONS (top view)
P TSSOP14 (Thin Shrink Small Outline Package)
ORDER CODES
Part Number LM139,A LM239,A LM339,A Example : LM139AN Temperature Range -55, +125oC -40, +105oC 0, +70 C
o
Package N * * * D * * * P * * *
Output 2 1 Output 1 2
14 13 12 11 10
9
8
Output 3 Output 4 VCC Non-inverting input 4 Inverting input 4 Non-inverting input 3 Inverting input 3
V +3 CC
Inverting input 1 4 Non-inverting input 1 5 Inverting input 2 6 Non-inverting input 2 7
June 1998
1/10
LM139,A - LM239,A - LM339,A
SCHEMATIC DIAGRAM (1/4 LM139)
VCC
3.5A
100A
3.5A
100A
Non-inverting Input VO Inverting Input
VCC
ABSOLUTE MAXIMUM RATINGS
Symbol VCC Vid VI Ptot Toper Tstg Supply Voltage Differential Input Voltage Input Voltage Output Short-circuit to Ground - (note 1) Power Dissipation Operating Free-air Temperature Range LM239,A Storage Temperature Range
+
Parameter
LM139,A LM239,A 18 to 36 36 -0.3 to +36 570 -55, +125 -40, +105 -65, +150 Infinite
LM339,A 18 to 36 36 -0.3 to +36 570 0, +70 -65, +150
Unit V V V mW
o
C C
o
Notes : 1. S hort- cir cui t f r om t he output t o V C C can cause excessive heat i ng and eventual dest r uct i on. T he maxi mum output cur r ent is appr oxi mat el y 20mA, i ndependent of t he magni tude of V CC + .
2/10
LM139,A - LM239,A - LM339,A
ELECTRICAL CHARACTERISTICS VCC+ = +5V, VCC- = GND, Tamb = 25oC (unless otherwise specified)
Symbol Vio Parameter Input Offset Voltage - (note 2) o Tamb = +25 C Tmin. Tamb Tmax. Input Offset Current o Tamb = +25 C Tmin. Tamb Tmax. Input Bias Current (II+ or II -) - (note 3) Tamb = +25oC Tmin. Tamb Tmax. Large Signal Voltage Gain (VCC = 15V, RL =15k, VO = 1 to 11V) Supply Current (all comparators) VCC = +5V, no load VCC = +30V, no load Input Common Mode Voltage Range - (note 4) (VCC = 30V) Tamb = +25oC Tmin. Tamb Tmax. Differential Input Voltage - (note 6) Low Level Output Voltage (Vid = -1V, Isink = 4mA) o Tamb = +25 C Tmin. Tamb Tmax. High Level Output Current ( Vid = 1V) (VCC = VO = 30V) o Tamb = +25 C Tmin. Tamb Tmax. Output Sink Current (Vid = -1V, VO = 1.5V) Response Time - (note 5) (RL = 5.1k connected to VCC+) Large Signal Response Time (RL = 5.1k connected to VCC+, eI = TTL, V(ref) = +1.4V) 6 50 LM139A - LM239A LM339A Min. Typ. 1 Max. 2 4 25 100 100 300 50 2 2.5 VCC+-1.5 VCC+ -2 + VCC LM139 - LM239 LM339 Min. Typ. 1 Max. mV 5 9 nA 3 5 50 150 nA 25 25 250 400 V/mV 200 1.1 1.3 200 mA 1.1 1.3 2 2.5 V 0 0 0 0 VCC+-1.5 VCC+ -2 + VCC Unit
Iio
Iib
Avd ICC
Vicm
Vid VOL
V mV
250
400 700
250
400 700
IOH
0.1 1 16 1.3 6
0.1 1 16 1.3
nA A mA s ns
Isink tre trel
300
300
Notes :
2. A t out put sw it ch poi nt, VO 1. 4V , RS = 0 wi th VC C + from 5V t o 30V, and over the full i nput common- mode r ange (0V t o V C C + -1.5V) . 3. The di rect ion of the i nput curr ent i s out of t he IC due t o t he P N P i nput stage. This cur r ent is essent i al ly constant , i ndependent of the st ate of t he out put , so no loading char ge exi st s on t he reference of input l ines. 4. The i nput common-mode vol t age of ei ther input si gnal volt age should not be al low ed t o go negati ve by more than 0.3V. T he upper end of the common- mode volt age r ange i s VC C + -1. 5V, but ei ther or both i nput s can go to +30V w i thout damage. 5. The r esponse t ime speci fi ed i s f or a 100mV input st ep w i th 5mV overdri ve. For lar ger over dri ve signal s 300ns can be obt ained. 6. P osi t i ve excur si ons of i nput vol tage may exceed the power suppl y level . As long as the ot her vol t age r emai ns wi t hi n the common- mode range, the comparat or w i ll provide a pr oper output st at e. T he low input vol tage stat e must not be l ess than -0.3V ( or 0.3V bel low t he negat ive pow er supply, i f used) .
3/10
LM139,A - LM239,A - LM339,A
SUPPLY CURRENT versus SUPPLY VOLTAGE
1 SUPPLYCURRENT (mA) 0.8 0.6
T amb = +70C
INPUT CURRENT versus SUPPLY VOLTAGE
80 Vi = 0V INPUT CURRENT (nA) 60 40 20 Tamb = +125C Tamb = +70C 40 0 10 20 30 SUPPLY VOLTAGE (V) 40 R i = 10 Tamb = 0C Tamb = +25C
9
Tamb = -55C Tamb = 0C
T = +25C
Tamb = -55C
0.4
Tamb = +125C
0.2
RL =
0
10 20 30 SUPPLY VOLTAGE (V)
OUTPUT SATURATION VOLTAGE versus OUTPUT CURRENT
10 10 10 10 10
1
RESPONSE TIME FOR VARIOUS INPUT OVERDRIVES - NEGATIVE TRANSITION
OUTPUT VOLTAGE (V)
SATURATION VOLTAGE(V)
Out of saturation
0
Tamb = +125C
-1
-2
Tamb = +25C
-3 -2 -1 0 1 2
INPUT VOLTAGE (mV)
Tamb = -55C
6 5 4 3 2 1 0 0 -50 -100
Input overdrive : 5mV 20mV
e
5V
5.1k
I
eo
100mV
T amb = +25C 0 0.5 1 1.5 TIME (s) 2
10
10
10
10
10
OUTPUT SINK CURRENT (mA)
RESPONSE TIME FOR VARIOUS INPUT OVERDRIVES - POSITIVE TRANSITION
OUTPUT VOLTAGE(V)
INPUT VOLTAGE(mV)
6 Input overdrive : 100mV 5 4 5mV 3 2 20mV 1 0 100 Tamb = +25C 50 0 0 0.5 1 1.5 TIME (s)
5V
5. 1k e
I
eo
2
4/10
LM139,A - LM239,A - LM339,A
TYPICAL APPLICATIONS BASIC COMPARATOR DRIVING CMOS
VCC
= 5V
5V
15k +V (ref) 1/4 LM139 -V (ref) VO
100k
+V(re f )
1/4 LM139
&
-V(re f )
DRIVING TTL
5V
LOW FREQUENCY OP AMP
5V
15k
10k
+V(re f )
1/4 LM139
1/4 LM139
~
e
I
&
100k
eo 0.5 F
-V(re f )
&
1k A V = 100
LOW FREQUENCY OP AMP
(eo = 0V for e I = 0V)
TRANSDUCER AMPLIFIER
5V
5V
Magnetic pick-up
15k
10k
3k
~
eI
1/4 LM139
0.5F
2N 2222
1/4 LM139
20M
eo
100k
1k
eo A V = 100
10k
5/10
LM139,A - LM239,A - LM339,A
TYPICAL APPLICATIONS (continued) TIME DELAY GENERATOR
VCC = +15V
10k
15k
200k 10M 10k 1/4 LM139
3k
V
VCC
O3
V3
t0
t3
3k 10k 51k 1/4 LM139 tA 10M 10k 1/4 LM139
V
VCC
0t O
VC1
V(ref.)
INPUT GATING SIGNAL
0.001F
V2
O2
VCC t0
t2
3k
VCC
10M 51k 10k
V3 VC1 V2 V1
0 t 0 t 1 t2 t 3
t4 t
1/4 LM139
V
O1
VCC t0 t1
V1
51k
LOW FREQUENCY OP AMP WITH OFFSET ADJUST
5V Offset Adjust
100k
ZERO CROSSING DETECTOR (single power supply)
5V
5V
100k
R2 Rs
RI 1M 1M
100k
5.1k
15k
1/4 LM139 0.5F
R1 100k 1k
5.1k
5.1k 1/2
eI
2N 2222
eI
~
1N4148
LM139
20M
eo
10k
6/10
LM139,A - LM239,A - LM339,A
TYPICAL APPLICATIONS (continued) TWO-DECADE HIGH-FREQUENCY VCO
VCC
100k 1/4 10k 100k
VCC
500pF LM139
3k 5.1k
3k
Frequency control voltage input vcontrol
0.1F
20k 50k 20k
0.01F
1/4
LM139
Output 1
VCC /2
Output 2
VCC /2
1/4
LM139
VCC = +30V
+250mV Vcontr ol +50V 700 Hz o 100kHz f
LIMIT COMPARATOR
V CC (12V)
CRYSTAL CONTROLLED OSCILLATOR
VCC = 15V
2R V (ref)
hig h
S
10k
1/4 LM139 Lamp
200k
2k
100k
VCC 0
eo
RS
0.1F
1/4
LM139
e
I
~
f = 100kHz
2R V (ref)
low S
1/4 LM139
2N 2222
200k
SPLIT-SUPPLY APPLICATIONS ZERO CROSSING DETECTOR
15V
COMPARATOR WITH A NEGATIVE REFERENCE
15V
5.1k 1/4 LM139
1/4 LM139 5V
5.1k
eo eI ~
eo
eI ~
15V
15V
7/10
LM139,A - LM239,A - LM339,A
PACKAGE MECHANICAL DATA 14 PINS - PLASTIC DIP
Dimensions a1 B b b1 D E e e3 F i L Z
Min. 0.51 1.39
Millimeters Typ.
Max. 1.65
Min. 0.020 0.055
Inches Typ.
Max. 0.065
0.5 0.25 20 8.5 2.54 15.24 7.1 5.1 3.3 1.27 2.54 0.050
0.020 0.010 0.787 0.335 0.100 0.600 0.280 0.201 0.130 0.100
DIP14.TBL
8/10
PM-DIP14.EPS
LM139,A - LM239,A - LM339,A
PACKAGE MECHANICAL DATA 14 PINS - PLASTIC MICROPACKAGE (SO)
Dimensions A a1 a2 b b1 C c1 D E e e3 F G L M S
Min. 0.1 0.35 0.19
Millimeters Typ.
Max. 1.75 0.2 1.6 0.46 0.25 45 (typ.)
o
Min. 0.004 0.014 0.007
Inches Typ.
Max. 0.069 0.008 0.063 0.018 0.010
0.5 8.55 5.8 1.27 7.62 3.8 4.6 0.5 4.0 5.3 1.27 0.68 8 (max.)
o
0.020 8.75 6.2 0.336 0.228 0.050 0.300 0.150 0.181 0.020 0.157 0.208 0.050 0.027 0.334 0.244
9/10
SO14.TBL
PM-SO14.EPS
LM139,A - LM239,A - LM339,A
PACKAGE MECHANICAL DATA 14 PINS - THIN SHRINK SMALL OUTLINE PACKAGE
Dim. A A1 A2 b c D E E1 e k l
Millimeters Min. 0.05 0.80 0.19 0.09 4.90 4.30 0
o
Inches Max. 1.20 0.15 0.01 0.031 0.007 0.003 0.192 0.169 0
o
Typ.
Min.
Typ.
Max. 0.05 0.006
1.00
1.05 0.30 0.20
0.039
0.041 0.15 0.012
5.00 6.40 4.40 0.65
5.10 4.50 8
o
0.196 0.252 0.173 0.025
0.20 0.177 8
o
0.50
0.60
0.75
0.09
0.0236
0.030
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this pub lication are subject to change without notice. Thi s publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST log o is a trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdo m - U.S.A.
ORDER CODE :
10/10


▲Up To Search▲   

 
Price & Availability of LM339P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X