Part Number Hot Search : 
UMH2N TS932BID XBXXX M300004 F1508 M62383FP 78L12 T500APA1
Product Description
Full Text Search
 

To Download L6932D1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 L6932
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
s s s s s s s s s s
2V TO 14V INPUT VOLTAGE RANGE 200m Rdson MAX. 200A QUIESCENT CURRENT AT ANY LOAD EXCELLENT LOAD AND LINE REGULATION 1.8V AND 2.5V FIXED VOLTAGE ADJUSTABLE FROM 1.2V TO 5V (L6932D1.2) 1% VOLTAGE REGULATION ACCURACY SHORT CIRCUIT PROTECTION THERMAL SHUT DOWN SO-8 (4+4) PACKAGE
SO-8 (4+4) ORDERING NUMBERS: L6932D1.2 (SO-8) L6932D1.2TR (T&R) L6932D1.8 (SO-8) L6932D1.8TR (T&R) L6932D2.5 (SO-8) L6932D2.5TR (T&R)
APPLICATIONS s MOTHERBOARDS
s s s s s
Mosfet, can be usefull for the DC-DC conversion between 2.5V and 1.8V at 2A in portable applications reducing the power dissipation. L6932 is available in 1.8V, 2.5V and adj version from 1.2V and ensure a voltage regulation accuracy of 1%. The current limit is fixed at 2.5A to control the current in short circuit condition within 8%. The current is sensed in the power mos in order to limit the power dissipation. The device is also provided of a thermal shut down that limits the internal temperature at 150C with an histeresys of 20C. L6932 provides the Enable and the Power good functions.
MOBILE PC HAND-HELD INSTRUMENTS PCMCIA CARDS PROCESSORS I/O CHIPSET AND RAM SUPPLY
DESCRIPTION The L6932 Ultra Low Drop Output linear regulator operates from 2V to 14V and is able to support 2A. Designed with an internal 50m N-channel TYPICAL OPERATING CIRCUIT
IN VIN 2V to 14V 2
OUT 3
L6932D
PGOOD 4 C1 5,6,7,8 GND EN 1
VOUT 1.8V or 2.5V
C2
IN VIN 2V to 14V 2 4
OUT
L6932D1.2
ADJ 3 C1 5,6,7,8 GND EN 1
VOUT 1.2V to 5V R1 C2
R2
February 2003
1/10
L6932
PIN CONNECTIONS
EN IN ADJ OUT
1 2 3 4
8 7 6 5
GND GND GND GND
EN IN OUT PGOOD
1 2 3 4
8 7 6 5
GND GND GND GND
L6932D1.2
L6932D1.8 L6932D2.5
PIN FUNCTION
N 1 2 ADJ 3 - OUT 4 - 5, 6, 7, 8 PGOOD GND Power good output. The pin is open drain and detects the output voltage. It is forced low if the output voltage is lower than 90% of the programmed voltage. Ground pin. OUT - Regulated output voltage. This pin is connected to the source of the internal N-mos. Connect this pin to a capacitor of 10F. Regulated output voltage. This pin is connected to the source of the internal N-mos. Connect this pin to a capacitor of 10F. L6232D 1.2 L6232D 1.8/2.5 Description Enables the device if connected to Vin and disables the device if forced to gnd. Supply voltage. This pin is connected to the drain of the internal N-mos. Connect this pin to a capacitor larger than 10F. - Connecting this pin to a voltage divider it is possible to programme the output voltage between 1.2V and 5V.
EN IN
ABSOLUTE MAXIMUM RATINGS
Symbol Vin VIN and Pgood EN, OUT and ADJ Parameter Value 14.5 -0.3 to (Vin +0.3) Unit V V
THERMAL DATA
Symbol Rth J-amb Tmax Parameter Thermal Resistance Junction to Ambient Maximum Junction Temperature Storage Temperature Range Value 62 (*) 150 -65 to 150 Unit C/W C C
Tstg
(*) Measured on Demoboard with about 4 cm2 of dissipating area 2 Oz.
2/10
L6932
BLOCK DIAGRAM (Referred to the Fixed Voltage version)
IN
CHARGE PUMP VREF REFERENCE VREF=1.25V DRIVER
CURRENT LIMIT
+ ERROR AMPL.
OUT
EN
ENABLE
THERMAL SENSOR 0.9 VREF + PG
GND
D99IN1100
ELECTRICAL CHARACTERISTCS (Tj = 25C, VIN = 5V unless otherwise specified) (*) Specification referred to Tj from -25C to 125C.
Symbol Vin Vo Parameter Operating Supply Voltage Output voltage L6932D1.2 Output voltage L6932D1.8 Output voltage L6932D2.5 L6932D1.2 Line Regulation Io = 0.1A; Vin = 3.3V Io = 0.1A; Vin = 3.3V Io = 0.1A; Vin = 3.3V Vin = 2.5V 10%; Io = 10mA Vin = 3.3V 10%; Io = 10mA Vin = 5V 10%; L6932D1.8 Line Regulation Io = 10mA Vin = 2.5V 10%; Io = 10mA Vin = 3.3V 10%; Io = 10mA Vin = 5V 10%; L6932D2.5 Line Regulation L6932D1.2 Load Regulation L6932D1.8 Load Regulation L6932D2.5 Load Regulation Rdson Iocc Iq Ish Drain Source ON resistance Current limiting Quiescent current Shutdown current Ripple Rejection Ven EN Input Threshold 2V < Vin < 14V f = 120Hz, Io = 1A Vin = 5V, Vin = 2Vpp * 60 0.5 75 0.65 0.8 2.3 2.5 0.2 Vin = 5V 10%; Io = 10mA Io = 10mA Vin = 3.3V 10%; Io = 10mA Vin = 3.3V; 0.1A < Io < 2A Vin = 3.3V; 0.1A < Io < 2A Vin = 3.3V; 0.1A < Io < 2A Test Condition Min. 2 1.188 1.782 2.475 1.2 1.8 2.5 Typ. Max. 14 1.212 1.818 2.525 5 5 5 5 5 5 5 5 15 15 15 200 2.7 0.4 25 Unit V V V V mV mV mV mV mV mV mV mV mV mV mV m A mA A dB V
3/10
L6932
ELECTRICAL CHARACTERISTCS (continued)
Symbol Parameter Pgood threshold Pgood Hysteresis Pgood saturation Ipgood =1mA Vo rise Test Condition Min. Typ. 90 10 0.2 0.4 Max. Unit %Vo %Vo V
Figure 1. Output Voltage vs. Junction Temperature (L6932D1.2)
1.213 1.212
Figure 4. Quiescent Current vs. Junction Temperature
310
300
1.212
290
Vin=5V
1.211 V 1.211 1.210 1.210 1.209 -60 -40 -20 0 20 40 60 80 Temp [C] 100 120 140 160
250 -40 -20 0 20 40 60 Temp [C ] 80 100 120 140 Iq 280 (uA) 270
260
Figure 2. Output Voltage vs. Junction Temperature (L6932D1.8)
1.808
Figure 5. Shutdown Current vs. Junction Temperature
7.5
1.804
7 6.5
1.800
V
Ishdn (uA) 6 5.5 5 4.5
Vin=5V
1.796
1.792
1.788 -60 -40 -20 0 20 40 60 80 Temp [C] 100 120 140 160
4 -40 -20 0 20 40 Temp [C ] 60 80 100 120 140
Figure 3. Output Voltage vs. Junction Temperature (L6932D2.5)
2.520
2.515
2.510 V 2.505
2.500
2.495 -60 -40 -20 0 20 40 60 80 100 120 140 160 Temp [C]
4/10
L6932
APPLICATION INFORMATIONS APPLICATION CIRCUIT In figure 6 the schematic circuit of the demoboards are shown. Figure 6. Demoboards Schematic Circuit
VIN IN OUT VOUT=2.5V/1.8V
2 L6932D2.5 L6932D1.8 6
GND
3
EN C1
1 5
7
4 8
PGOOD C2
VIN
IN
OUT
VOUT=1.2V TO 5V
2 L6932D1.2
EN C1
4
R1 ADJ
1 5
GND
6
7
3 8
R2
C2
1.2 V OUT = ------- ( R1 + R 2 ) R2
COMPONENT LIST Fixed version
Reference C1 C2 Part Number C34Y5U1E106Z C34Y5U1E106Z Description 10uF, 25V 10uF, 25V Manufacturer TOKIN TOKIN
Figure 7. Demoboard Layout (Fixed Version)
5/10
L6932
Adjustable version
Reference C1 C2 R1 R2 Part Number C34Y5U1E106Z C34Y5U1E106Z Description 10uF, 25V 10uF, 25V 5.6K, 1%, 0.25W 3.3K, 1%, 0.25W Manufacturer TOKIN TOKIN Neohm Neohm
Figure 8. Demoboard Layout (Adjustable Version)
COMPONENTS SELECTION Input Capacitor The input capacitor value depends on a lot of factors such as load transient requirements, input source (battery or DC/DC converter) and its distance from the input cap. Usually a 47F is enough for any application but a much lower value can be sufficient in many cases. Output Capacitor The output capacitor choice depends basically on the load transient requirements. Tantalum, Speciality Polimer, POSCAP and aluminum capacitors are good and offer very low ESR values. Multilayer ceramic caps have the lowest ESR and can be required for particular applications. Nevertheless in several applications they are ok, the loop stability issue has to be considered (see loop stability section). Below a list of some suggested capacitor manufacturers.
Manufacturer PANASONIC TAYO YUDEN TDK TOKIN SANYO PANASONIC KEMET Type CERAMIC CERAMIC CERAMIC CERAMIC POSCAP SP TANTALUM Cap Value (F) 1 to 47 1 to 47 1 to 47 1 to 47 1 to 47 1 to 47 1 to 47 4 to 16 4 to 16 4 to 16 4 to 16 4 to 16 4 to 16 4 to 16 Rated Voltage (V)
6/10
L6932
Loop Stability The stability of the loop is affected by the zero introduced by the output capacitor. The time constant of the zero is given by: T = ESR C OUT 1 F ZERO = -------------------------------------------2 ESR C OUT
This zero helps to increase the phase margin of the loop until the time constant is higher than some hundreds of nsec, depending also on the output voltage and current. So, using very low ESR ceramic capacitors could produce oscillations at the output, in particular when regulating high output voltages (adjustable version). To solve this issue is sufficient to add a small capacitor (e.g. 1nF to 10nF) in parallel to the high side resistor of the external divider, as shown in figure 9. Figure 9. Compensation Network
VIN=2V TO 14V IN OUT VOUT=1.2V TO 5V UP to 2A
2 L6932D1.2
EN C1
4
R1 ADJ C3
1 5
GND
6
7
3 8
R2
C2
Thermal Considerations Since the device is housed in a small SO(4+2+2) package the thermal issue can be the bottleneck of many applications. The power dissipated by the device is given by: PDISS = (VIN - VOUT) * IOUT The thermal resistance junction to ambient of the demoboard is approximately 62C/W. This mean that, considering an ambient temperature of 60C and a maximum junction temperature of 150C, the maximum power that the device can handle is 1.5W. This means that the device is able to deliver a DC output current of 2A only with a very low dropout. In many applications, high output current pulses are required. If their duration is shorter than the thermal constant time of the board, the thermal impedance (not the thermal resistance) has to be considered. In figure 10 the thermal impedance versus the duration of the current pulse for the SO(4+2+2) mounted on board is shown.
7/10
L6932
Figure 10. Thermal Impedance
Considering a pulse duration of 1sec, the thermal impedance is close to 20C/W, allowing much bigger power dissipated. Example: Vin = 3.3V Vout = 1.8V Iout = 2A Pulse Duration = 1sec The power dissipated by the device is: PDISS = (VIN - VOUT) * IOUT = 1.5 * 2 3W Considering a thermal impedance of 20C/W, the maximum junction temperature will be: TJ = TA + ZTHJA * PDISS = 60 + 60 = 120C Obviously, with pulse durations longer than approximately 10sec the thermal impedance is very close to the thermal resistance (60C/W to 70C/W).
8/10
L6932
DIM. MIN. A a1 a2 a3 b b1 C c1 D (1) E e e3 F (1) L M S 3.8 0.4 4.8 5.8 0.65 0.35 0.19 0.25 0.1
mm TYP. MAX. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 0.026 0.014 0.007 0.010 0.004 MIN.
inch TYP. MAX. 0.069 0.010 0.065 0.033 0.019 0.010 0.020
OUTLINE AND MECHANICAL DATA
45 (typ.) 5.0 6.2 1.27 3.81 4.0 1.27 0.6 8 (max.) 0.15 0.016 0.189 0.228 0.050 0.150 0.157 0.050 0.024 0.197 0.244
SO8
(1) D and F do not include mold flash or protrusions. Mold flash or potrusions shall not exceed 0.15mm (.006inch).
9/10
L6932
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics 2003 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
10/10
(R)


▲Up To Search▲   

 
Price & Availability of L6932D1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X