Part Number Hot Search : 
DD200GB BU606 B8050 0150CT TSG601 DTA114 T9G02212 LPB352
Product Description
Full Text Search
 

To Download IRF9540 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRF9540, RF1S9540SM
Data Sheet July 1999 File Number
2282.6
19A, 100V, 0.200 Ohm, P-Channel Power MOSFETs
These are P-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. They can be operated directly from integrated circuits. Formerly Developmental Type TA17521.
Features
* 19A, 100V * rDS(ON) = 0.200 * Single Pulse Avalanche Energy Rated * SOA is Power Dissipation Limited * Nanosecond Switching Speeds * Linear Transfer Characteristics * High Input Impedance * Related Literature - TB334 "Guidelines for Soldering Surface Mount Components to PC Boards"
Ordering Information
PART NUMBER IRF9540 RF1S9540SM PACKAGE TO-220AB TO-263AB BRAND IRF9540 RF1S9540
Symbol
D
G
NOTE: When ordering, use the entire part number. Add the suffix 9A to obtain the TO-263AB variant in the tape and reel, i.e., RF1S9540SM9A.
S
Packaging
JEDEC TO-220AB
SOURCE DRAIN GATE DRAIN (FLANGE) DRAIN (FLANGE) GATE SOURCE
JEDEC TO-263AB
4-15
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
IRF9540, RF1S9540SM
Absolute Maximum Ratings
TC = 25oC, Unless Otherwise Specified IRF9540, RF1S9540SM -100 -100 -19 -12 -76 20 150 1 960 -55 to 175 300 260 UNITS V V A A A V W W/oC mJ oC
oC oC
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS Drain to Gate Voltage (RGS = 20k) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID TC = 100oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS Maximum Power Dissipation (Figure 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD Linear Derating Factor (Figure 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Single Pulse Avalanche Energy Rating (Note 4). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG Maximum Temperature for Soldering Leads at 0.063in (1.6mm) from Case for 10s. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. TJ = 25oC to 150oC.
Electrical Specifications
PARAMETER Drain to Source Breakdown Voltage Gate to Threshold Voltage Zero Gate Voltage Drain Current On-State Drain Current (Note 2) Gate to Source Leakage Current
TC = 25oC, Unless Otherwise Specified SYMBOL BVDSS VGS(TH) IDSS ID(ON) IGSS rDS(ON) gfs td(ON) tr td(OFF) tf Qg(TOT) Qgs Qgd CISS COSS CRSS LD Measured From the Contact Screw on Tab to the Center of Die Measured From the Drain Lead, 6mm (0.25in) from Package to the Center of Die Modified MOSFET Symbol Showing the Internal Devices Inductances
D LD G LS S
TEST CONDITIONS ID = -250A, VGS = 0V (Figure 10) VGS = VDS, ID = -250A VDS = Rated BVDSS, VGS = 0V VDS = 0.8 x Rated BVDSS, VGS = 0V, TC = 125oC VDS > ID(ON) x rDS(ON) MAX, VGS = -10V VGS = 20V ID = -10A, VGS = -10V (Figures 8, 9) VDS > ID(ON) x rDS(ON) MAX, ID = -6A (Figure 12) VDD = -50V, ID 19A, RG = 9.1, RL = 2.3, VGS = -10V, (Figures 17, 18) MOSFET Switching Times are Essentially Independent of Operating Temperature VGS = -10V, ID = -19A, VDS = 0.8 x Rated BVDSS, Ig(REF) = -1.5mA (Figures 14, 19, 20) Gate Charge is Essentially Independent of Operating Temperature VDS = -25V, VGS = 0V, f = 1MHz (Figure 11)
MIN -100 -2 -19 5 -
TYP 0.150 7 16 65 47 28 70 14 56 1100 550 250 3.5
MAX -4 -25 -250 100 0.200 20 100 70 70 90 -
UNITS V V A A A nA S ns ns ns ns nC nC nC pF pF pF nH
Drain to Source On Resistance (Note 2) Forward Transconductance (Note 2) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge (Gate to Source + Gate to Drain) Gate to Source Charge Gate to Drain "Miller" Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Internal Drain Inductance
-
4.5
-
nH
Internal Source Inductance
LS
Measured From the Source Lead, 6mm (0.25in) From Package to Source Bonding Pad Typical Socket Mount
-
7.5
-
nH
Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient
RJC RJA
-
-
1 62.5
oC/W oC/W
4-16
IRF9540, RF1S9540SM
Source to Drain Diode Specifications
PARAMETER Continuous Source to Drain Current Pulse Source to Drain Current (Note 3) SYMBOL ISD ISDM TEST CONDITIONS Modified MOSFET Symbol Showing the Integral Reverse P-N Junction Diode
G D
MIN -
TYP -
MAX -19 -76
UNITS A A
S
Source to Drain Diode Voltage (Note 2) Reverse Recovery Time Reverse Recovery Charge NOTES:
VSD trr QRR
TC = 25oC, ISD = -19A, VGS = 0V (Figure 13) TJ = 150oC, ISD = 19A, dISD/dt = 100A/s TJ = 150oC, ISD = 19A, dISD/dt = 100A/s
-
170 0.8
-1.5 -
V ns C
2. Pulse test: pulse width 300s, duty cycle 2%. 3. Repetitive rating: pulse width limited by maximum junction temperature. See Transient Thermal Impedance curve (Figure 3). 4. VDD = 25V, starting TJ = 25oC, L = 4mH, RG = 25, peak IAS = 19A. (Figures 15, 16).
Typical Performance Curves
1.2 POWER DISSIPATION MULTIPLIER 1.0 0.8 0.6 0.4 0.2 0 0 25
Unless Otherwise Specified
-20
ID, DRAIN CURRENT (A)
-20
-15
-10
-5
125 50 75 100 TC , CASE TEMPERATURE (oC)
150
175
0 25
75
125
175
TC, CASE TEMPERATURE (oC)
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs CASE TEMPERATURE
1 ZJC, TRANSIENT THERMAL IMPEDANCE (oC/W) 0.5 0.2 0.1 0.1 0.05 0.02 0.01 SINGLE PULSE t1 t2 NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x RJC + TC 10-3 10-2 10-1 t1 , RECTANGULAR PULSE DURATION (s) 1 10 PDM
0.01 10-5
10-4
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
4-17
IRF9540, RF1S9540SM Typical Performance Curves
200 100 ID, DRAIN CURRENT (A) ID, DRAIN CURRENT (A) 10s 100s 10 1ms 10ms OPERATION IN THIS AREA IS LIMITED BY rDS(ON) TC = 25oC TJ = MAX RATED 0.1 SINGLE PULSE 1 10 100 VDS, DRAIN TO SOURCE VOLTAGE (V) 500 100ms DC -80
Unless Otherwise Specified (Continued)
-100
VGS = -16V
VGS = -14V PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VGS = -12V VGS = -10V
-60
-40 VGS = -9V VGS = -8V -20 VGS = -5V 0 0 -10 -20 VGS = -7V VGS = -6V -30 VGS = -4V -40 -50
1
VDS, DRAIN TO SOURCE VOLTAGE (V)
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
VGS = -16V PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VGS = -14V VGS = -10V
IDS(ON), DRAIN TO SOURCE CURRENT (A)
-50
VGS = -12V
-100
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
-40
-30
VGS = -9V VGS = -8V
-10
-20 VGS = -7V -10 VGS = -6V VGS = -5V VGS = -4V -6 -8
TJ = 125oC -1 TJ = 25oC TJ = -55oC -0.1
0
0
-2
-4
-10
0
-2
VDS, DRAIN TO SOURCE VOLTAGE (V)
-4 -6 -8 -10 -12 VGS, GATE TO SOURCE VOLTAGE (V)
-14
FIGURE 6. SATURATION CHARACTERISTICS
0.26 rDS(ON), DRAIN TO SOURCE ON
FIGURE 7. TRANSFER CHARACTERISTICS
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VGS = -10V NORMALIZED DRAIN TO SOURCE ON RESISTANCE
2.0 VGS = -10V, ID = 10A PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX
0.22 RESISTANCE ()
1.5
0.18
VGS = -20V
1.0
0.14
0.10
0.5
0
-20
-40 -60 ID, DRAIN CURRENT (A)
-80
-100
0.2 -40 0 40 80 120 TJ, JUNCTION TEMPERATURE (oC) 160
NOTE: Heating effect of 2s pulse is minimal. FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON RESISTANCE vs JUNCTION TEMPERATURE
4-18
IRF9540, RF1S9540SM Typical Performance Curves
1.15
Unless Otherwise Specified (Continued)
2000
ID = 250A
NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE 1600 1.05 C, CAPACITANCE (pF) CISS
VGS = 0V, f = 1MHz CISS = CGS + CGD CRSS = CGD COSS CDS + CGD
1200
0.95
800
COSS CRSS
0.85
400
0.75 -40 0 40 80 120 TJ, JUNCTION TEMPERATURE (oC) 160
0 0
-10
-20
-30
-40
-50
VDS, DRAIN TO SOURCE VOLTAGE (V)
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
15 ISD, SOURCE TO DRAIN CURRENT (A) gfs, TRANSCONDUCTANCE (S) PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX 12 TJ = -55oC
100 PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX TJ = 150oC 10 TJ = 25oC
9
TJ = 25oC TJ = 125oC
6
1
3
0 0 -20 -60 -40 ID, DRAIN CURRENT (A) -80 -100
0.1 0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VSD, SOURCE TO DRAIN VOLTAGE (V)
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
0
ID = -19A
VGS, GATE TO SOURCE (V)
-5
-10
VDS = -20V VDS = -50V VDS = -80V
0
20 40 60 Qg(TOT) , GATE CHARGE (nC)
80
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
4-19
IRF9540, RF1S9540SM Test Circuits and Waveforms
VDS tAV L VARY tP TO OBTAIN REQUIRED PEAK IAS RG 0
+
VDD VDD
0V VGS
DUT tP IAS 0.01
IAS tP BVDSS VDS
FIGURE 15. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 16. UNCLAMPED ENERGY WAVEFORMS
tON td(ON) tr RL 0 10%
tOFF td(OFF) tf 10%
DUT VGS RG
VDD
+
VDS VGS 0
90%
90%
10% 50% PULSE WIDTH 90% 50%
FIGURE 17. SWITCHING TIME TEST CIRCUIT
FIGURE 18. RESISTIVE SWITCHING WAVEFORMS
CURRENT REGULATOR
-VDS (ISOLATED SUPPLY)
0 VDS
DUT 12V BATTERY 0.2F 50k 0.3F Qgs D G 0 Ig(REF) IG CURRENT SAMPLING RESISTOR S +VDS ID CURRENT SAMPLING RESISTOR 0 DUT VDD Qgd
VGS
Qg(TOT)
Ig(REF)
FIGURE 19. GATE CHARGE TEST CIRCUIT
FIGURE 20. GATE CHARGE WAVEFORMS
4-20
IRF9540, RF1S9540SM
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (407) 724-7000 FAX: (407) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
4-21


▲Up To Search▲   

 
Price & Availability of IRF9540

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X