Part Number Hot Search : 
Z5237 2SK3070L 1A475 M5002 R5100 TS339CN 39SF512 SI91845D
Product Description
Full Text Search
 

To Download IRF9240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRF9240 IRF9240-SMD
MECHANICAL DATA
25.15 (0.99) 26.67 (1.05) 10.67 (0.42) 11.18 (0.44) 1.52 (0.06) 3.43 (0.135) 6.35 (0.25) 9.15 (0.36)
P-CHANNEL POWER MOSFET
D
38.61 (1.52) 39.12 (1.54)
0.97 (0.060) 1.10 (0.043)
29.9 (1.177) 30.4 (1.197)
22.23 (0.875) max.
16.64 (0.655) 17.15 (0.675)
1
2
G S
3 (case) 3.84 (0.151) 4.09 (0.161) 7.92 (0.312) 12.70 (0.50)
TO-3 Package
Pin 1 - Gate Pin 2 - Source
0 .8 9 (0 .0 3 5 ) m in . 3 .7 0 (0 .1 4 6 ) 3 .7 0 (0 .1 4 6 ) 3 .4 1 (0 .1 3 4 ) 3 .4 1 (0 .1 3 4 ) 4 .1 4 (0 .1 6 3 ) 3 .8 4 (0 .1 5 1 ) 3 .6 0 (0 .1 4 2 ) M ax.
FEATURES
Pin 3 - Drain
* P-CHANNEL POWER MOSFET * HIGH VOLTAGE * INTEGRAL PROTECTION DIODE * AVAILABLE IN TO-3 (TO-204AA) AND CERAMIC SURFACE MOUNT PACKAGES
1
3
0 .7 6 (0 .0 3 0 ) m in .
1 0 .6 9 (0 .4 2 1 ) 1 0 .3 9 (0 .4 0 9 )
2
9 .6 9 .3 1 1 .5 1 1 .2
7 (0 8 (0 8 (0 8 (0
.3 8 .3 6 .4 5 .4 4
1)
9) 6) 4)
1 6 .0 2 (0 .6 3 1 ) 1 5 .7 3 (0 .6 1 9 )
0 .5 0 (0 .0 2 0 ) 0 .2 6 (0 .0 1 0 )
SMD1
Pin 1 - Gate Pin 2 - Source Pin 3 - Drain
Note: IRFNxxxx also available with pins 1 and 3 reversed.
TO-3 -- TO-3 (TO-204AA) Metal Package TO-220 SM -- TO-220 Ceramic Surface Mount Package
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VDSS VDGR VGS ID IDM PD ILM Tj Tstg Semelab plc. Drain - Source Voltage Drain - Gate Voltage (RGS = 20KW) Gate - Source Voltage Continuous Drain Current @ Tcase = 25C @ Tcase = 100C Pulsed Drain Current Max. Power Dissipation @ Tcase = 25C Linear Derating Factor (TO 3 package only) Inductive Current , Clamped Operating Junction and (TO 3 package only) Storage Temperature Range
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
-200V -200V 20V -11A -7.0A -44A 125W 1W / C -44A -55 to 150C
Prelim. 7/00
IRF9240 IRF9240-SMD
ELECTRICAL RATINGS (Tcase = 25C unless otherwise stated)
BVDSS VGS(TH) IGSS Characteristic Drain - Source Breakdown Voltage Gate Threshold Voltage Gate - Source Leakage Current (forward) Gate - Source Leakage Current (reverse) Zero Gate Voltage Drain Current Test Conditions VGS = 0V , ID = -250mA VDS = VGS , ID = -250mA VGS = -20V VGS = 20V VDS = Max. Rating , VGS = 0V IDSS VDS = 0.8 x Max. Rating VGS = 0V , Tcase = 125C ID(ON) RDS(ON) gfs Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf LD LS On State Drain Current 1 Static Drain - Source On-State Resistance Forward Transconductance 1 Input capacitance Output capacitance Reverse transfer capacitance Total Gate Charge Gate - Source Charge Gate - Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Min. (TO-3 package only) (TO-3 package only) (TO-3 package only) Test Conditions Min. 0.1 30 300 Typ. Max. -11 -44 VGS = 0V , IS = - 11A Tcase = 25C IF = -11A , dlF / dt = 100A/ms Tj = 150C IF = -11A , dlF / dt = 100A/ms Tj = 150C 270 2.0 -4.6 VDS > ID(ON) x RDS(ON) Max VGS = -10V VGS = -10V , ID = -6A VDS > ID(ON) x RDS(ON) Max ID = -6A VGS = 0V VDS = -25V f = 1MHz VGS = -15V ID = -22A VDS = 0.8 x Max. Rating VDD = 0.5 x BVDSS ID = -6A ZO = 4.7W 4 -11 0.35 6 1100 375 150 70 55 15 20 10 12 8 5.0 12.5 Typ. 30 15 18 12 nH nH Max. Unit 1.0 C/W C/W C/W C Unit A V ns ns 1300 450 250 90 nC pF 0.5 Min. -200 -2 Typ. Max. -4 -100 100 -250 -1000 Unit V V nA nA
mA mA
A
W
S
THERMAL CHARACTERISTICS Characteristic RqJC Junction to Case RqCS RqJA TL Case to Sink Junction to Ambient Max. Lead Temperature 0.063 " from case for 10 sec.
SOURCE - DRAIN DIODE RATINGS AND CHARACTERISTICS Characteristic Continuous Source Current (Body Diode) IS I Pulsed Source Current1 (Body Diode)
SM
VSD trr Qrr
Diode Forward Voltage2 Reverse Recovery Time Reverse Recovery Charge
mC
1) Pulse Test: Pulse Width < 300mS , Duty Cycle 2% 2) Repetitive Rating: Pulse Width limited by maximum junction temperature.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 7/00


▲Up To Search▲   

 
Price & Availability of IRF9240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X