Part Number Hot Search : 
TK713 AD120 FN4F4N GLAR1020 MUR654CT CX77301 AA104 CSPU877A
Product Description
Full Text Search
 

To Download IRF840LCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 93766
IRF840LCS IRF840LCL
HEXFET(R) Power MOSFET
l l l l l l
Ultra Low Gate Charge Reduced Gate Drive Requirement Enhanced 30V VGS Rating Reduced CISS, COSS, CRSS Extremely High Frequency Operation Repetitive Avalanche Rated
D
VDSS = 500V
G S
RDS(on) = 0.85 ID = 8.0A
Description
This new series of low charge HEXFET(R) power MOSFETs achieve significant lower gate charge over conventional MOSFETs. Utilizing the new LCDMOS (low charge device MOSFETs) technology, the device improvements are achieved without added product cost, allowing for reduce gate drive requirements and total system savings. In addition, reduced switching losses and improved efficiency and achievable in a variety of high frequency applications. Frequencies of a few MHz at high current are possible using the new low charge MOSFETs. These device improvements combined with the proven ruggedness and reliability that characterize of HEXFET power MOSFETs offer the designer a new power transistor standard for switching applications.
D2Pak IRF840LCS
TO-262 IRF840LCL
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TA = 25C PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
8.0 5.1 28 3.1 125 1.0 30 510 8.0 13 3.5 -55 to + 150 300 (1.6mm from case)
Units
A W W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RJA Junction-to-Case Junction-to-Ambient (PCB Mounted,steady-state)**
Typ.
--- ---
Max.
1.0 40
Units
C/W
www.irf.com
1
1/3/2000
IRF840LCS/LCL
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter Min. Drain-to-Source Breakdown Voltage 500 V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient --- RDS(on) Static Drain-to-Source On-Resistance --- VGS(th) Gate Threshold Voltage 2.0 gfs Forward Transconductance 4.0 --- IDSS Drain-to-Source Leakage Current --- Gate-to-Source Forward Leakage --- IGSS Gate-to-Source Reverse Leakage --- Qg Total Gate Charge --- Q gs Gate-to-Source Charge --- Qgd Gate-to-Drain ("Miller") Charge --- td(on) Turn-On Delay Time --- tr Rise Time --- td(off) Turn-Off Delay Time --- tf Fall Time --- V(BR)DSS LS Ciss Coss Crss Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance --- --- --- --- Typ. --- 0.63 --- --- --- --- --- --- --- --- --- --- 12 25 27 19 Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 0.85 VGS = 10V, ID = 4.8A 4.0 V VDS = VGS, ID = 250A --- S VDS = 50V, ID = 4.8A 25 VDS = 500V, VGS = 0V A 250 VDS = 400V, VGS = 0V, TJ = 125C 100 VGS = 20V nA -100 VGS = -20V 39 ID = 8.0A 10 nC VDS = 400V 19 VGS = 10V, See Fig. 6 and 13 --- VDD = 250V --- ID = 8.0A ns --- RG = 9.1 --- RD = 30, See Fig. 10 Between lead, nH 7.5 --- and center of die contact 1100 --- VGS = 0V 170 --- pF VDS = 25V 18 --- = 1.0MHz, See Fig. 5
Source-Drain Ratings and Characteristics
IS
I SM
VSD t rr Q rr ton
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- 8.0 showing the A G integral reverse 28 --- --- S p-n junction diode. --- --- 2.0 V TJ = 25C, IS = 8.0A, VGS = 0V --- 490 740 ns TJ = 25C, IF = 8.0A --- 3.0 4.5 C di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes: Repetitive rating; pulse width limited by max. junction temperature. (See fig. 11)
Pulse width 300s; duty cycle 2%.
Uses IRF840LC data and test conditions
Starting TJ = 25C, L = 14mH
RG = 25, IAS = 8.0A. (See Figure 12)
ISD 8.0A, di/dt 100A/s, VDD V(BR)DSS,
TJ 150C ** When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended soldering techniques refer to application note #AN-994.
2
www.irf.com
IRF840LCS/LCL
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF840LCS/LCL
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
4
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
www.irf.com
IRF840LCS/LCL
VDS VGS RG RD
D.U.T.
+
-V DD
10V
Pulse Width 1 s Duty Factor 0.1 %
Fig 10a. Switching Time Test Circuit
VDS 90%
Fig 9. Maximum Drain Current Vs. Case Temperature
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRF840LCS/LCL
1 5V
VDS
L
D R IV E R
RG
20V tp
D .U .T
IA S
+ V - DD
A
0 .0 1
Fig 12a. Unclamped Inductive Test Circuit
V (B R )D SS tp
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
IAS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
10 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRF840LCS/LCL
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ V DD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFET(R) Power MOSFETs
www.irf.com
7
IRF840LCS/LCL
D2Pak Package Outline
1 0.54 (.4 15) 1 0.29 (.4 05) 1.4 0 (.055 ) M AX. -A2
4.69 (.1 85) 4.20 (.1 65)
-B 1.3 2 (.05 2) 1.2 2 (.04 8)
1 0.16 (.4 00 ) RE F.
6.47 (.2 55 ) 6.18 (.2 43 ) 15 .4 9 (.6 10) 14 .7 3 (.5 80) 5 .28 (.20 8) 4 .78 (.18 8) 2.7 9 (.110 ) 2.2 9 (.090 ) 2.61 (.1 03 ) 2.32 (.0 91 ) 1.3 9 (.0 5 5) 1.1 4 (.0 4 5) 8.8 9 (.3 50 ) R E F.
1.7 8 (.07 0) 1.2 7 (.05 0)
1
3
3X
1.40 (.0 55) 1.14 (.0 45) 5 .08 (.20 0)
0 .93 (.03 7 ) 3X 0 .69 (.02 7 ) 0 .25 (.01 0 ) M BAM
0.5 5 (.022 ) 0.4 6 (.018 )
M IN IM U M R E CO M M E ND E D F O O TP R IN T 1 1.43 (.4 50 )
NO TE S: 1 D IM EN S IO N S A FTER SO L D ER D IP. 2 D IM EN S IO N IN G & TO LE RA N C IN G PE R A N S I Y1 4.5M , 198 2. 3 C O N TRO L LIN G D IM EN SIO N : IN C H . 4 H E ATSINK & L EA D D IM EN S IO N S D O N O T IN C LU D E B UR R S.
LE A D A SS IG N M E N TS 1 - G A TE 2 - D R AIN 3 - S O U RC E
8.89 (.3 50 ) 17 .78 (.70 0)
3 .8 1 (.15 0) 2 .08 (.08 2) 2X 2.5 4 (.100 ) 2X
D2Pak Part Marking Information
IN TE R N A TIO N A L R E C T IF IE R LO G O A S S E M B LY LO T C O D E
PART NUM BER F530S 9 24 6 9B 1M
A
DATE CODE (Y YW W ) YY = Y E A R W W = W EEK
8
www.irf.com
IRF840LCS/LCL
TO-262 Package Outline
TO-262 Part Marking Information
www.irf.com
9
IRF840LCS/LCL
D2Pak Tape & Reel Information
TR R
1 .6 0 (.0 6 3 ) 1 .5 0 (.0 5 9 ) 4 .1 0 (.1 6 1 ) 3 .9 0 (.1 5 3 )
1 .60 (.06 3) 1 .50 (.05 9) 0 .3 68 (.0 1 4 5 ) 0 .3 42 (.0 1 3 5 )
F E E D D IRE CTIO N 1 .8 5 (.0 7 3 )
1 .6 5 (.0 6 5 )
1 1 .6 0 (.4 5 7 ) 1 1 .4 0 (.4 4 9 )
1 5 .4 2 (.6 0 9 ) 1 5 .2 2 (.6 0 1 )
2 4 .3 0 (.9 5 7 ) 2 3 .9 0 (.9 4 1 )
TR L
10 .9 0 (.42 9) 10 .7 0 (.42 1) 1 .75 (.06 9 ) 1 .25 (.04 9 ) 16 .10 (.63 4 ) 15 .90 (.62 6 ) 4 .7 2 (.1 3 6) 4 .5 2 (.1 7 8)
F E E D D IRE C TIO N
13.50 (.532 ) 12.80 (.504 )
2 7.4 0 (1.079) 2 3.9 0 (.9 41)
4
33 0.00 (1 4.1 73) MA X.
60.00 (2.3 62) MIN .
NO TES : 1. C O M F O R M S TO E IA -4 18. 2. C O N TR O LLIN G D IM E N S IO N : M ILL IM ET ER . 3. D IM E N S IO N ME A S U R E D @ H U B . 4. IN C LU D E S F LA N G E D IS TO R T IO N @ O U T E R E D G E .
26 .40 (1.03 9) 24 .40 (.961 ) 3
3 0.40 (1.1 97) MAX. 4
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105 IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936 Data and specifications subject to change without notice. 1/2000
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF840LCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X