Part Number Hot Search : 
DRD2412 1N4448 1N4448 MMSZ5V6 1N4448 2N3767 U2797B LH003
Product Description
Full Text Search
 

To Download IRF7811A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 93810 PD - 93811
IRF7809A/IRF7811A IRF7809A/IRF7811A
PROVISIONAL DATASHEET
* * * * * N-Channel Application-Specific MOSFETs Ideal for CPU Core DC-DC Converters Low Conduction Losses Low Switching Losses Minimizes Parallel MOSFETs for high current applications
HEXFET(R) Chipset for DC-DC Converters
S S S G
1 8 7
A A D D D D
2
Description These new devices employ advanced HEXFET(R) Power MOSFET technology to achieve an unprecedented balance of on-resistance and gate charge. The reduced conduction and switching losses make them ideal for high efficiency DC-DC converters that power the latest generation of microprocessors. Both the IRF7809A and IRF7811A have been optimized and are 100% tested for all parameters that are critical in synchronous buck converters including RDS(on), gate charge and Cdv/dt-induced turn-on immunity. The IRF7809A offers particulary low RDS(on) and high Cdv/dt immunity for synchronous FET applications. The IRF7811A offers an extremely low combination of Qsw & RDS(on) for reduced losses in control FET applications. The package is designed for vapor phase, infra-red, convection, or wave soldering techniques. Power dissipation of greater than 2W is possible in a typical PCB mount application.
3
6
4
5
SO-8
T o p V ie w
DEVICE RATINGS IRF7809A VDS RDS(on) QG Qsw Qoss 30V 8.5 m 73 nC 22.5 nC 30 nC IRF7811A 28V 12 m 23 nC 7 nC 31 nC
Absolute Maximum Ratings Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain or Source Current (VGS 4.5V) Pulsed Drain Current Power Dissipation TA = 25C TL = 90C Junction & Storage Temperature Range Continuous Source Current (Body Diode) Pulsed Source Current Thermal Resistance Parameter Maximum Junction-to-Ambient Maximum Junction-to-Lead RJA RJL Max. 50 25 Units C/W C/W TJ, TSTG IS ISM 2.5 50 TA = 25C TL = 90C IDM PD Symbol VDS VGS ID 14.5 14.2 100 2.5 2.4 -55 to 150 2.5 50 C A IRF7809A 30 12 11.4 11.2 100 W A IRF7811A 28 Units V
www.irf.com
1
01/19/00
IRF7809A/IRF7811A
Electrical Characteristics
Parameter Drain-to-Source Breakdown Voltage* Static Drain-Source on Resistance* Gate Threshold Voltage* Drain-Source Leakage Current* BVDSS RDS(on) VGS(th) IDSS 1.0 30 150 IGSS QG QG QGS1 QGS2 QGD Qsw Qoss RG td (on) tr td (off) tf Ciss Coss - - - 61 55 14 3.5 13.5 17 25 1.1 19 9 32 12 7300 900 350 - - - - - - 22.5 30 100 75 73 19 17 2.7 1.3 4.5 5.8 26 1.8 8 4 16 8 1800 900 60 - - - pF VDS = 16V, VGS = 0 ns 7.0 31 VDD = 16V, ID = 15A VGS = 5V Clamped Inductive Load VDS = 16V, VGS = 0 nC 30
IRF7809A
Min Typ - 7 Max - 8.5 28
IRF7811A
Min Typ - 10 1.0 30 150 100 23 20.5 nA Max Units - 12 V m V A Conditions VGS = 0V, ID = 250A VGS = 4.5V, I D = 15A VDS = VGS,ID = 250A VDS = 24V, VGS = 0 VDS = 24V, VGS = 0, Tj = 100C VGS = 12V VGS=5V, ID=15A, VDS=16V VGS = 5V, VDS< 100mV VDS = 16V, ID = 15A
Current*
Gate-Source Leakage Current* Total Gate Chg Cont FET* Total Gate Chg Sync FET* Pre-Vth Gate-Source Charge Post-Vth Gate-Source Charge Gate to Drain Charge Switch Chg(Qgs2 + Qgd)* Output Charge* Gate Resistance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance
Reverse Transfer Capacitance Crss
Source-Drain Rating & Characteristics
Parameter Diode Forward Voltage* Reverse Recovery Charge Reverse Recovery Charge (with Parallel Schottky)
*
Min VSD Qrr Qrr(s)
Typ
Max 1.0
Min
Typ
Max Units 1.0 V nC
Conditions IS = 15A, VGS = 0V di/dt ~ 700A/s VDS = 16V, VGS = 0V, IS = 15A
94
82
87
74
di/dt = 700A/s (with 10BQ040) VDS = 16V, VGS = 0V, IS = 15A
Notes:
Repetitive rating; pulse width limited by max. junction temperature. Pulse width 300 s; duty cycle 2%. When mounted on 1 inch square copper board, t < 10 sec. Typ = measured - Qoss Devices are 100% tested to these parameters.
2
www.irf.com
IRF7809A/IRF7811A
SO-8 Package Outline
Part Marking Information
www.irf.com
3
IRF7809A/IRF7811A
SO-8 Tape & Reel Information
Dimensions are shown in millimeters (inches)
T E R M IN A L N U M B E R 1
1 2.3 ( .4 84 ) 1 1.7 ( .4 61 )
8 .1 ( .31 8 ) 7 .9 ( .31 2 )
F E E D D IR E C T IO N
N O TE S : 1 . C O N T R O L L IN G D IM E N S IO N : M IL L IM E T E R . 2 . A L L D IM E N S IO N S A R E S H O W N IN M IL L IM E T E R S (IN C H E S ). 3 . O U T L IN E C O N F O R M S T O E IA -4 8 1 & E IA -5 4 1 .
33 0.0 0 (12 .9 92 ) MAX.
14 .4 0 ( .5 6 6 ) 12 .4 0 ( .4 8 8 ) NOTE S : 1 . C O N T R O L LIN G D IM E N S IO N : M IL L IM E T E R . 2 . O U T L IN E C O N FO R M S T O E IA -48 1 & E IA -54 1.
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105 IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T 3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR JAPAN: K&H Bldg., 2F, 3-30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171-0021 Japan Tel: 81 3 3983 0086 IR SOUTHEAST ASIA:1 Kim Seng Promenade,Great World City West Tower, 13-11,Singapore 237994 Tel:65 838 4630 IR TAIWAN : 16F, Suite B, 319, Sec.2, Tun Hwa South Road, Taipei 10673, Taiwan, R.O.C. Tel : 886-2-2739-4230 http://www.irf.com/ Data and specifications subject to change without notice. 1/00
4
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF7811A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X