Part Number Hot Search : 
BR1510 BY8210 2N2828 BA857 SE5561F SV992AIY 15700 MVCO1
Product Description
Full Text Search
 

To Download IRF4905L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 9.1478A
IRF4905S/L
HEXFET(R) Power MOSFET
Advanced Process Technology Surface Mount (IRF4905S) l Low-profile through-hole (IRF4905L) l 175C Operating Temperature l Fast Switching l P-Channel l Fully Avalanche Rated Description
l l
D
VDSS = -55V RDS(on) = 0.02
G
ID = -74A
S
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible onresistance in any existing surface mount package. The D2 Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application. The through-hole version (IRF4905L) is available for lowprofile applications.
D 2 Pak
T O -2 6 2
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TA = 25C PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, V GS @ -10V Continuous Drain Current, V GS @ -10V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
-74 -52 -260 3.8 200 1.3 20 930 -38 20 -5.0 -55 to + 175 300 (1.6mm from case )
Units
A W W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RJA Junction-to-Case Junction-to-Ambient ( PCB Mounted,steady-state)**
Typ.
--- ---
Max.
0.75 40
Units
C/W 8/25/97
IRF4905S/L
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(on) Static Drain-to-Source On-Resistance VGS(th) Gate Threshold Voltage gfs Forward Transconductance V(BR)DSS IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LS Ciss Coss Crss Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. -55 --- --- -2.0 21 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- -0.05 --- --- --- --- --- --- --- --- --- --- 18 99 61 96 7.5 3400 1400 640 Max. Units Conditions --- V VGS = 0V, ID = -250A --- V/C Reference to 25C, ID = -1mA 0.02 VGS = -10V, ID = -38A -4.0 V VDS = VGS, I D = -250A --- S VDS = -25V, ID = -38A -25 VDS = -55V, VGS = 0V A -250 VDS = -44V, VGS = 0V, TJ = 150C 100 VGS = 20V nA -100 VGS = -20V 180 ID = -38A 32 nC VDS = -44V 86 VGS = -10V, See Fig. 6 and 13 --- VDD = -28V --- ID = -38A ns --- RG = 2.5 --- RD = 0.72, See Fig. 10 Between lead, nH --- and center of die contact --- VGS = 0V --- pF VDS = -25V --- = 1.0MHz, See Fig. 5
Source-Drain Ratings and Characteristics
IS
I SM
V SD t rr Q rr ton
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- -74 showing the A G integral reverse --- --- -260 p-n junction diode. S --- --- -1.6 V TJ = 25C, IS = -38A, VGS = 0V --- 89 130 ns TJ = 25C, IF = -38A --- 230 350 nC di/dt = -100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Pulse width 300s; duty cycle 2%.
Uses IRF4905 data and test conditions
Starting TJ = 25C, L = 1.3mH
RG = 25, IAS = -38A. (See Figure 12)
TJ 175C ** When mounted on 1" square PCB (FR-4 or G-10 Material ). For recommended footprint and soldering techniques refer to application note #AN-994.
ISD -38A, di/dt -270A/s, VDD V(BR)DSS,
IRF4905S/L
1000
VGS - 15V - 10V - 8.0V - 7.0V - 6.0V - 5.5V - 5.0V BOTT OM - 4. 5V TOP
1000
-ID , D ra in -to -S o u rc e C u rre n t (A )
100
-ID , D ra in -to -S o u rc e C u rre n t (A )
VGS - 15V - 10V - 8.0V - 7.0V - 6.0V - 5.5V - 5.0V BOTT OM - 4. 5V TOP
100
10
-4.5 V
10
-4.5 V
1 0.1 1
2 0 s PU LS E W ID TH TJ = 2 5C T c = 25C A
10 100
1 0.1 1
20 s PU LSE W ID TH TJ 1 75C TC = 175C
10
100
A
-VD S , Drain-to-Source Voltage (V)
-VD S , Drain-to-Source V oltage (V )
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
2.0
R D S (o n ) , D ra in -to -S o u rc e O n R e si sta n ce (N o rm a li ze d )
I D = -64 A
-I D , D rain -to- S our ce C urr ent ( A )
TJ = 2 5 C
100
1.5
TJ = 1 7 5 C
1.0
10
0.5
1 4 5 6 7
V DS = -2 5 V 2 0 s P U L S E W ID T H
8 9 10
A
0.0 -60 -40 -20 0 20 40 60 80
VG S = -10 V
100 120 140 160 180
A
-VG S , Ga te-to-S o urce V oltage (V )
T J , Junction T emperature (C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
IRF4905S/L
7000 20
6000
-V G S , G a te -to -S o u rc e V o lta g e (V )
V GS C is s C rs s C o ss
= 0 V, f = 1M H z = C gs + C gd , Cds SH O RTE D = C gd = C ds + C g d
I D = -3 8A VDS = - 44V VDS = - 28V
16
C , C a p a c ita n c e (p F )
5000
C is s
4000
12
C o ss
3000
8
2000
C rs s
4
1000
0 1 10 100
A
0 0 40 80
FOR TE ST C IR C U IT SE E FIG U R E 1 3
120 160
A
200
-VD S , Drain-to-Source V oltage (V)
Q G , Total G ate C harge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
-IS D , R e ve rse D ra in C u rre n t (A )
OPE R ATIO N IN TH IS A RE A LIMITE D BY R D S(o n)
100
-I D , D ra in C u rre n t (A )
100 100 s
T J = 17 5C T J = 25 C
10
1m s 10 10m s
1 0.4 0.6 0.8 1.0 1.2 1.4
VG S = 0 V
1.6
A
1 1
T C = 2 5C T J = 1 75C Sin gle Pu lse
10 100
1.8
A
-VS D , S ource-to-Drain V oltage (V )
-VD S , Drain-to-Source V oltage (V )
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
IRF4905S/L
80
VDS VGS I D , Drain Current (A)
60
RD
D.U.T.
+
40
-10V
Pulse Width 1 s Duty Factor 0.1 %
20
Fig 10a. Switching Time Test Circuit
td(on) tr t d(off) tf
VGS
0 25 50 75 100 125 150 175
10%
TC , Case Temperature
( C)
Fig 9. Maximum Drain Current Vs. Case Temperature
90% VDS
Fig 10b. Switching Time Waveforms
1
(Z thJC )
D = 0.50
0.20
Thermal Response
0.1
0.10 0.05 0.02 0.01 PDM t1 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t1 / t 2 2. Peak T J = P DM x Z thJC + T C 0.0001 0.001 0.01 0.1 1 t2
0.01 0.00001
t1, Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
-
RG
V DD
IRF4905S/L
2500 VDS L
E A S , S in g le P u ls e A va la n c h e E n e rg y (m J)
TO P
2000
BOT TO M
ID -1 6A - 27A -38 A
RG
D .U .T IA S D R IV E R
0.01
VD D A
- 20V tp
1500
1000
15V
500
Fig 12a. Unclamped Inductive Test Circuit
0 25 50 75 100 125 150
A
175
I AS
Starting TJ , Junction T emperature (C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
tp V(BR)DSS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
VG
VGS
-3mA
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
+
QGS
QGD
D.U.T.
-
-10V
VDS
IRF4905S/L
Peak Diode Recovery dv/dt Test Circuit
+
D.U.T* Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
+
-
+
RG VGS * dv/dt controlled by RG * I SD controlled by Duty Factor "D" * D.U.T. - Device Under Test
+ VDD
*
Reverse Polarity of D.U.T for P-Channel
Driver Gate Drive P.W. Period D=
P.W. Period
[VGS=10V ] ***
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
[ VDD]
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
[ ISD]
*** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 14. For P-Channel HEXFETS
IRF4905S/L
D2Pak Package Outline
10.54 ( .415) 10.29 ( .405) 1.40 (.055) MAX. -A2
4.69 (.185) 4.20 (.165)
-B 1.32 (.052) 1.22 (.048)
10.16 (.400) RE F .
6.47 (.255) 6.18 (.243) 15.49 (.610) 14.73 (.580) 5.28 (.208) 4.78 (.188) 2.79 (.110) 2.29 (.090) 2.61 (.103) 2.32 (.091) 8.89 (.350) RE F.
1.78 (.070) 1.27 (.050)
1
3
3X
1.40 (.055) 1.14 (.045) 5.08 ( .200)
0.93 (.037) 3X 0.69 (.027) 0.25 (.010) M BAM
0.55 (.022) 0.46 (.018)
1.39 (.055) 1.14 (.045)
MINIMUM RECO MM ENDED F OO TP RINT 11.43 (.450)
NO TE S: 1 DIM ENS IO NS AF T ER S OLDE R DIP . 2 DIM ENS IO NING & TO LERA NCING PE R ANS I Y 14.5M, 1982. 3 CO NT RO LLING DIME NSIO N : INCH. 4 HE AT SINK & LEAD DIMEN SION S DO NO T INCLUDE BURRS.
LE AD ASS IG NM ENT S 1 - G AT E 2 - DRA IN 3 - S OU RC E
8.89 (.350) 17.78 (.700)
3.81 (.150) 2.08 (.082) 2X 2.54 (.100) 2X
Part Marking Information
D2Pak
IN TER NATION AL REC TIFIER L OGO AS SEMBLY LOT CODE
A
PART NU MBER F53 0S 9246 9B 1M
DATE CODE (YYW W ) YY = YEAR W W = W EE K
IRF4905S/L
Package Outline
TO-262 Outline
Part Marking Information
TO-262
IRF4905S/L
Tape & Reel Information
D2Pak
TR R
1 .6 0 (.0 6 3 ) 1 .5 0 (.0 5 9 ) 4 .1 0 (.1 6 1) 3 .9 0 (.1 5 3) 1 .6 0 (.0 6 3) 1 .5 0 (.0 5 9) 0 .3 68 (.0 14 5 ) 0 .3 42 (.0 13 5 )
F E E D D IR E C TIO N 1 .8 5 (.0 7 3 )
1 .6 5 (.0 6 5 )
11 .6 0 (. 45 7 ) 11 .4 0 (. 44 9 )
15 .4 2 (.60 9 ) 15 .2 2 (.60 1 )
2 4 .30 (.9 5 7) 2 3 .90 (.9 4 1)
TR L
1 0. 90 (.4 29 ) 1 0. 70 (.4 21 ) 1. 75 (.0 69 ) 1. 25 (.0 49 ) 1 6. 10 (.6 34 ) 1 5. 90 (.6 26 ) 4 .7 2 (.1 3 6) 4 .5 2 (.1 7 8)
FE E D D IR E C TIO N
1 3.5 0 (. 532 ) 1 2.8 0 (. 504 )
2 7.4 0 (1 .079 ) 2 3.9 0 (.9 41) 4
33 0.0 0 (14. 17 3) M AX .
6 0.0 0 (2 .36 2) M IN .
N O T ES : 1. C O M F O R M S T O EIA -418 . 2. C O N T R O LLIN G D IM EN SIO N : M ILLIM E T ER . 3. D IM E N S IO N M EA S U R E D @ H U B . 4. IN C LU D E S F L AN G E D IS T O R T IO N @ O U T E R ED G E.
26 .40 (1. 03 9) 24 .40 (.9 61 ) 3
3 0.4 0 (1 .19 7) MA X . 4
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371 http://www.irf.com/ Data and specifications subject to change without notice. 8/97


▲Up To Search▲   

 
Price & Availability of IRF4905L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X