Part Number Hot Search : 
4AC14 A1774 SRMB0 293T1 01544 2412E A1774 K4101
Product Description
Full Text Search
 

To Download IRF3808L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 94338A
AUTOMOTIVE MOSFET
Typical Applications
q q
IRF3808S IRF3808L
HEXFET(R) Power MOSFET
D
Integrated Starter Alternator 42 Volts Automotive Electrical Systems Advanced Process Technology Ultra Low On-Resistance Dynamic dv/dt Rating 175C Operating Temperature Fast Switching Repetitive Avalanche Allowed up to Tjmax
Benefits
q q q q q q
VDSS = 75V
G S
RDS(on) = 0.007 ID = 106AV
Description
Designed specifically for Automotive applications, this Advanced Planar Stripe HEXFET (R) Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of this HEXFET power MOSFET are a 175C junction operating temperature, low RJC, fast switching speed and improved repetitive avalanche rating. This combination makes the design an extremely efficient and reliable choice for use in higher power Automotive electronic systems and a wide variety of other applications.
D2Pak IRF3808S
TO-262 IRF3808L
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Q Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche EnergyR Avalanche CurrentQ Repetitive Avalanche EnergyW Peak Diode Recovery dv/dt S Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
106V 75V 550 200 1.3 20 430 82 See Fig.12a, 12b, 15, 16 5.5 -55 to + 175 300 (1.6mm from case )
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RJA Junction-to-Case Junction-to-Ambient (PCB Mounted, Steady State)**
Typ.
--- ---
Max.
0.75 40
Units
C/W
HEXFET(R) is a registered trademark of International Rectifier.
www.irf.com
1
03/08/02
IRF3808S/IRF3808L
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss Coss Coss Coss eff.
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance U
Min. 75 --- --- 2.0 100 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. --- 0.086 5.9 --- --- --- --- --- --- 150 31 50 16 140 68 120 4.5 7.5 5310 890 130 6010 570 1140
Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 7.0 m VGS = 10V, ID = 82A T 4.0 V VDS = 10V, ID = 250A --- S VDS = 25V, ID = 82A 20 VDS = 75V, VGS = 0V A 250 VDS = 60V, VGS = 0V, TJ = 150C 200 VGS = 20V nA -200 VGS = -20V 220 ID = 82A 47 nC VDS = 60V 76 VGS = 10VT --- VDD = 38V --- ID = 82A ns --- RG = 2.5 --- VGS = 10V T D Between lead, --- 6mm (0.25in.) nH G from package --- and center of die contact S --- VGS = 0V --- pF VDS = 25V --- = 1.0MHz, See Fig. 5 --- VGS = 0V, VDS = 1.0V, = 1.0MHz --- VGS = 0V, VDS = 60V, = 1.0MHz --- VGS = 0V, VDS = 0V to 60V
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton Notes: Q Repetitive rating; pulse width limited by max. junction temperature. (See fig. 11). R Starting TJ = 25C, L = 0.130mH RG = 25, IAS = 82A. (See Figure 12). S ISD 82A, di/dt 310A/s, VDD V(BR)DSS, TJ 175C T Pulse width 400s; duty cycle 2%.
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Q Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- 106V showing the A G integral reverse --- --- 550 S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 82A, VGS = 0VT --- 93 140 ns TJ = 25C, IF = 82A --- 340 510 nC di/dt = 100A/s T Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
U Coss eff. is a fixed capacitance that gives the same charging time V Calculated continuous current based on maximum allowable W Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive
avalanche performance. ** When mounted on 1" square PCB ( FR-4 or G-10 Material ). For recommended footprint and soldering techniques refer to application note #AN-994. junction temperature. Package limitation current is 75A. as Coss while VDS is rising from 0 to 80% VDSS .
2
www.irf.com
IRF3808S/IRF3808L
1000
I D, Drain-to-Source Current (A)
100
I D, Drain-to-Source Current (A)
TOP BOTTOM VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V 4.5V
1000
100
TOP BOTTOM VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V 4.5V
4.5V
4.5V
10
10
1 0.1 1
20s PULSE WIDTH T J= 25 C
10 100
1 0.1 1
20s PULSE WIDTH T J= 175 C
10 100
V DS, Drain-to-Source Voltage (V)
V DS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000.00
3.0
I D = 137A
ID, Drain-to-Source Current ( )
2.5
TJ = 175C
RDS(on) , Drain-to-Source On Resistance
2.0
(Normalized)
100.00
1.5
T J = 25C
1.0
0.5
10.00 1.0 3.0 5.0 7.0
VDS = 15V 20s PULSE WIDTH
9.0 11.0 13.0 15.0
0.0 -60 -40 -20 0 20 40 60 80
V GS = 10V
100 120 140 160 180
TJ , Junction Temperature
( C)
VGS, Gate-to-Source Voltage (V)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF3808S/IRF3808L
100000
12
VGS = 0V, f = 1 MHZ Ciss = C + Cgd, C gs ds SHORTED Crss = C gd Coss = C + Cgd ds
ID = 82A
10
V DS = 60V V DS = 37V V DS = 15V
C, Capacitance(pF)
VGS, Gate-to-Source Voltage (V)
10000
8
Ciss
6
1000
Coss
4
2
Crss
100 1 10 100
0 0 40 80 120 160
QG , Total Gate Charge (nC)
VDS, Drain-to-Source Voltage (V)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000.00
10000 OPERATION IN THIS AREA LIMITED BY R DS (on)
100.00
T J = 175C
10.00 T J = 25C 1.00 VGS = 0V 0.10 0.0 0.5 1.0 1.5 2.0 VSD , Source-toDrain Voltage (V)
ID, Drain-to-Source Current (A)
ISD, Reverse Drain Current (A)
1000
100 100sec
10 Tc = 25C Tj = 175C Single Pulse 1 1 10
1msec
10msec 100 1000
VDS , Drain-toSource Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF3808S/IRF3808L
120
LIMITED BY PACKAGE
100
VDS VGS RG
RD
D.U.T.
+
80
-VDD
I D , Drain Current (A)
10V
60
Pulse Width 1 s Duty Factor 0.1 %
40
Fig 10a. Switching Time Test Circuit
VDS 90%
20
0 25 50 75 100 125 150 175
TC , Case Temperature
( C)
Fig 9. Maximum Drain Current Vs. Case Temperature
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
1
(Z thJC )
D = 0.50
0.20
Thermal Response
0.1
0.10
0.05
0.02 0.01
SINGLE PULSE (THERMAL RESPONSE) 0.0001 0.001 0.01
0.01 0.00001
Notes: 1. Duty factor D = 2. Peak T 0.1 t1/ t
2 J = P DM x Z thJC
P DM t1 t2 +T C 1 10
t 1, Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRF3808S/IRF3808L
1 5V
800
VDS
L
D R IV E R E AS , Single Pulse Avalanche Energy (mJ)
640
ID TOP 34A 58A 82A BOTTOM
RG
20V tp
D .U .T
IA S
+ V - DD
480
A
0 .0 1
320
Fig 12a. Unclamped Inductive Test Circuit
V (B R )D SS tp
160
0 25 50 75 100 125 150
Starting Tj, Junction Temperature
( C)
IAS
Fig 12b. Unclamped Inductive Waveforms
QG
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
10 V
QGS VG QGD
VGS(th) Gate threshold Voltage (V)
3.5
3.0
Charge
2.5
ID = 250A
Fig 13a. Basic Gate Charge Waveform
Current Regulator Same Type as D.U.T.
2.0
50K 12V .2F .3F
1.5
D.U.T. VGS
3mA
+ V - DS
1.0 -75 -50 -25 0 25 50 75 100 125 150 175 200
T J , Temperature ( C )
IG ID
Current Sampling Resistors
Fig 13b. Gate Charge Test Circuit
Fig 14. Threshold Voltage Vs. Temperature
6
www.irf.com
IRF3808S/IRF3808L
10000
1000
Avalanche Current (A)
Duty Cycle = Single Pulse
100
0.01
10
0.05 0.10
Allowed avalanche Current vs avalanche pulsewidth, tav assuming Tj = 25C due to avalanche losses. Note: In no case should Tj be allowed to exceed Tjmax
1
0.1 1.0E-07 1.0E-06 1.0E-05 1.0E-04 1.0E-03 1.0E-02 1.0E-01
tav (sec)
Fig 15. Typical Avalanche Current Vs.Pulsewidth
500
EAR , Avalanche Energy (mJ)
400
TOP Single Pulse BOTTOM 10% Duty Cycle ID = 140A
300
200
100
0 25 50 75 100 125 150
Starting T J , Junction Temperature (C)
Notes on Repetitive Avalanche Curves , Figures 15, 16: (For further info, see AN-1005 at www.irf.com) 1. Avalanche failures assumption: Purely a thermal phenomenon and failure occurs at a temperature far in excess of Tjmax. This is validated for every part type. 2. Safe operation in Avalanche is allowed as long asTjmax is not exceeded. 3. Equation below based on circuit and waveforms shown in Figures 12a, 12b. 4. PD (ave) = Average power dissipation per single avalanche pulse. 5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. Iav = Allowable avalanche current. 7. T = Allowable rise in junction temperature, not to exceed Tjmax (assumed as 25C in Figure 15, 16). t av = Average time in avalanche. 175 D = Duty cycle in avalanche = t av *f ZthJC(D, tav) = Transient thermal resistance, see figure 11) PD (ave) = 1/2 ( 1.3*BV*Iav) = T/ ZthJC Iav = 2T/ [1.3*BV*Zth] EAS (AR) = PD (ave)*tav
Fig 16. Maximum Avalanche Energy Vs. Temperature
www.irf.com
7
IRF3808S/IRF3808L
Peak Diode Recovery dv/dt Test Circuit
+
D.U.T* Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
S
+
R
-
T
+
Q
RG VGS * dv/dt controlled by RG * ISD controlled by Duty Factor "D" * D.U.T. - Device Under Test
+ VDD
*
Reverse Polarity of D.U.T for P-Channel
Driver Gate Drive P.W. Period D=
P.W. Period
[VGS=10V ] ***
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
[VDD]
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
[ ISD ]
*** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 17. For N-channel HEXFET(R) power MOSFETs
8
www.irf.com
IRF3808S/IRF3808L
D2Pak Package Outline
1 0.54 (.4 15) 1 0.29 (.4 05) 1.4 0 (.055 ) M AX. -A2
4.69 (.1 85) 4.20 (.1 65)
-B 1.3 2 (.05 2) 1.2 2 (.04 8)
1 0.16 (.4 00 ) RE F.
6.47 (.2 55 ) 6.18 (.2 43 ) 15 .4 9 (.6 10) 14 .7 3 (.5 80) 5 .28 (.20 8) 4 .78 (.18 8) 2.7 9 (.110 ) 2.2 9 (.090 ) 2.61 (.1 03 ) 2.32 (.0 91 ) 1.3 9 (.0 5 5) 1.1 4 (.0 4 5) 8.8 9 (.3 50 ) R E F.
1.7 8 (.07 0) 1.2 7 (.05 0)
1
3
3X
1.40 (.0 55) 1.14 (.0 45) 3X 5 .08 (.20 0)
0 .93 (.03 7 ) 0 .69 (.02 7 ) 0 .25 (.01 0 ) M BAM
0.5 5 (.022 ) 0.4 6 (.018 )
M IN IM U M R E CO M M E ND E D F O O TP R IN T 1 1.43 (.4 50 )
NO TE S: 1 D IM EN S IO N S A FTER SO L D ER D IP. 2 D IM EN S IO N IN G & TO LE RA N C IN G PE R A N S I Y1 4.5M , 198 2. 3 C O N TRO L LIN G D IM EN SIO N : IN C H . 4 H E ATSINK & L EA D D IM EN S IO N S D O N O T IN C LU D E B UR R S.
LE A D A SS IG N M E N TS 1 - G A TE 2 - D R AIN 3 - S O U RC E
8.89 (.3 50 ) 17 .78 (.70 0)
3 .8 1 (.15 0) 2 .08 (.08 2) 2X 2.5 4 (.100 ) 2X
D2Pak Part Marking Information
THIS IS AN IRF530S WITH LOT CODE 8024 ASSEMBLED ON WW 02, 2000 IN THE ASSEMBLY LINE "L" PART NUMBER F530S DATE CODE YEAR 0 = 2000 WEEK 02 LINE L
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
www.irf.com
9
IRF3808S/IRF3808L
TO-262 Package Outline
TO-262 Part Marking Information
EXAMPLE: THIS IS AN IRL3103L LOT CODE 1789 ASSEMBLED ON WW 19, 1997 IN THE ASSEMBLY LINE "C" PART NUMBER
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
DATE CODE YEAR 7 = 1997 WEEK 19 LINE C
10
www.irf.com
IRF3808S/IRF3808L
D2Pak Tape & Reel Information
TRR
1 .6 0 (.0 6 3 ) 1 .5 0 (.0 5 9 ) 4 .10 (.1 6 1 ) 3 .90 (.1 5 3 )
1 .6 0 (.0 6 3 ) 1 .5 0 (.0 5 9 ) 0 .3 6 8 (.0 1 4 5 ) 0 .3 4 2 (.0 1 3 5 )
F E E D D I R E C T IO N
1 .8 5 (.0 73 ) 1 .6 5 (.0 65 )
1 1 .6 0 (.4 5 7 ) 1 1 .4 0 (.4 4 9 )
1 5 .4 2 (.6 0 9 ) 1 5 .2 2 (.6 0 1 )
2 4 .3 0 (.9 5 7 ) 2 3 .9 0 (.9 4 1 )
TRL
1 0 .9 0 (.4 2 9 ) 1 0 .7 0 (.4 2 1 ) 1 .7 5 (.0 6 9 ) 1 .2 5 (.0 4 9 ) 1 6 .1 0 ( .6 3 4 ) 1 5 .9 0 ( .6 2 6 ) 4 .7 2 (.1 3 6 ) 4 .5 2 (.1 7 8 )
F E E D D IR E C T IO N
1 3 .5 0 (.5 3 2 ) 1 2 .8 0 (.5 0 4 )
2 7 .4 0 (1 .0 7 9 ) 2 3 .9 0 (.9 4 1 ) 4
330.00 (14.1 73) MA X .
6 0 .0 0 (2 .3 6 2) M IN .
N O TE S : 1 . C O M F O R M S T O EIA-4 1 8 . 2 . C O N TR O L L IN G D IM EN SIO N : M IL L IM ET ER . 3 . D IM E NS IO N M E A SU R ED @ HU B . 4 . IN C L U D E S FL A N G E D IST O R T IO N @ O U TE R E D G E .
26 .40 (1.039) 24 .40 (.961) 3
3 0 .4 0 (1 .1 9 7 ) M A X. 4
Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.03/02
www.irf.com
11


▲Up To Search▲   

 
Price & Availability of IRF3808L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X