Part Number Hot Search : 
MIRO39A6 EDZ10B 1L323229 AD8801 5690F5 FX003QZS 100AXC CD8427CS
Product Description
Full Text Search
 

To Download IRF3717 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95843
IRF3717
HEXFET(R) Power MOSFET
Applications l Synchronous MOSFET for Notebook Processor Power l Synchronous Rectifier MOSFET for Isolated DC-DC Converters in Networking Systems
VDSS
20V
RDS(on) max
4.4m:@VGS = 10V
A A D D D D
ID
20A
S S
1 2 3 4
8 7
Benefits l Ultra-Low Gate Impedance l Very Low RDS(on) l Fully Characterized Avalanche Voltage and Current
S G
6 5
Top View
SO-8
Absolute Maximum Ratings
Parameter
VDS VGS ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 70C TJ TSTG Drain-to-Source Voltage Gate-to-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current
Max.
20 20 20 16 160 2.5 1.6 0.02 -55 to + 150
Units
V
c
A W W/C C
Power Dissipation Power Dissipation Linear Derating Factor Operating Junction and Storage Temperature Range
Thermal Resistance
Parameter
RJL RJA Junction-to-Drain Lead Junction-to-Ambient
Typ.
--- ---
Max.
20 50
Units
C/W
f
Notes through are on page 10
www.irf.com
2/20/04
1
IRF3717
Static @ TJ = 25C (unless otherwise specified)
Parameter
BVDSS VDSS/TJ RDS(on) VGS(th) VGS(th)/TJ IDSS IGSS gfs Qg Qgs1 Qgs2 Qgd Qgodr Qsw Qoss td(on) tr td(off) tf Ciss Coss Crss Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Gate Threshold Voltage Coefficient Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Forward Transconductance Total Gate Charge Pre-Vth Gate-to-Source Charge Post-Vth Gate-to-Source Charge Gate-to-Drain Charge Gate Charge Overdrive Switch Charge (Qgs2 + Qgd) Output Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Parameter Single Pulse Avalanche Energy Avalanche Current
Min. Typ. Max. Units
20 --- --- --- 1.55 --- --- --- --- --- 57 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 0.014 3.7 4.8 2.0 -5.4 --- --- --- --- --- 22 6.8 2.2 7.3 5.7 9.5 12 12 14 15 6.0 2890 930 430 --- --- 4.4 5.7 2.45 --- 1.0 150 100 -100 --- 33 --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- --- pF nC nC V
Conditions
VGS = 0V, ID = 250A
V/C Reference to 25C, ID = 1mA m VGS = 10V, ID = 20A V VGS = 4.5V, ID = 16A VDS = VGS, ID = 250A
e e
mV/C A VDS = 16V, VGS = 0V nA S VDS = 16V, VGS = 0V, TJ = 125C VGS = 20V VGS = -20V VDS = 10V, ID = 16A VDS = 10V VGS = 4.5V ID = 16A See Fig. 16 VDS = 10V, VGS = 0V VDD = 10V, VGS = 4.5V ID = 16A Clamped Inductive Load VGS = 0V VDS = 10V = 1.0MHz Max. 32 16 Units mJ A
ns
Avalanche Characteristics
EAS IAR
d
Diode Characteristics
Parameter
IS ISM VSD trr Qrr Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Min. Typ. Max. Units
--- --- --- --- --- --- --- --- 22 13 20 A 160 1.0 32 19 V ns nC
Conditions
MOSFET symbol showing the integral reverse
G S D
p-n junction diode. TJ = 25C, IS = 16A, VGS = 0V TJ = 25C, IF = 16A, VDD = 10V di/dt = 100A/s
e
e
2
www.irf.com
IRF3717
1000
TOP VGS 10V 4.5V 3.8V 3.5V 3.3V 3.0V 2.8V 2.5V
1000
TOP VGS 10V 4.5V 3.8V 3.5V 3.3V 3.0V 2.8V 2.5V
ID, Drain-to-Source Current (A)
100
BOTTOM
ID, Drain-to-Source Current (A)
100
BOTTOM
10
10 2.5V 20s PULSE WIDTH Tj = 150C 0.1 1 10 100
1
20s PULSE WIDTH Tj = 25C 2.5V
0.1 0.1 1 10 100 V DS, Drain-to-Source Voltage (V)
1
V DS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
1.5
100
10
T J = 150C
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID, Drain-to-Source Current ()
ID = 20A VGS = 10V
1.0
1
T J = 25C VDS = 10V 20s PULSE WIDTH 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
0.1
0.5 -60 -40 -20 0 20 40 60 80 100 120 140 160
VGS, Gate-to-Source Voltage (V)
T J , Junction Temperature (C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
www.irf.com
3
IRF3717
100000 VGS = 0V, f = 1 MHZ C iss = C gs + C gd, C ds SHORTED C rss = C gd C oss = C ds + C gd
6.0 ID=16A
VGS, Gate-to-Source Voltage (V)
5.0 4.0 3.0 2.0 1.0 0.0
VDS= 16V VDS= 10V
C, Capacitance(pF)
10000
Ciss
1000
Coss Crss
100 1 10 100
0
5
10
15
20
25
30
VDS, Drain-to-Source Voltage (V)
QG Total Gate Charge (nC)
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000.00
1000 OPERATION IN THIS AREA LIMITED BY R DS(on)
100.00
10.00
T J = 150C
ID, Drain-to-Source Current (A)
ISD, Reverse Drain Current (A)
100
T J = 25C 1.00
10 T A = 25C
100sec 1msec 10msec 1 10 100
0.10 0.0 0.2 0.4 0.6 0.8 1.0
VGS = 0V 1.2 1.4
Tj = 150C Single Pulse 1 0
VSD, Source-to-Drain Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF3717
20
VGS(th) Gate threshold Voltage (V)
2.5
ID, Drain Current (A)
15
2.0
10
ID = 250A
1.5
5
0 25 50 75 100 125 150 T A , Ambient Temperature (C)
1.0 -75 -50 -25 0 25 50 75 100 125 150
T J , Temperature ( C )
Fig 9. Maximum Drain Current vs. Ambient Temperature
Fig 10. Threshold Voltage vs. Temperature
100
D = 0.50
Thermal Response ( Z thJA )
10
0.20 0.10 0.05 0.02 0.01
J R1 R1 J 1 2 R2 R2 R3 R3 3 R4 R4 C 1 2 3 4 4
1
Ri (C/W)
1.4174 11.3607 21.8639 15.3721
P DM t1
0.000277 0.103855 1.362000 39.60000
i (sec)
0.1
0.01
SINGLE PULSE ( THERMAL RESPONSE )
Ci= i/Ri Ci i/Ri
t2 Notes: 1. Duty factor D = t1/ t 2 2. Peak T J = P DM x Z thJA
0.001 1E-006 1E-005 0.0001 0.001 0.01 0.1
+T A
1
10
100
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRF3717
150
EAS , Single Pulse Avalanche Energy (mJ)
15V
ID 6.5A 7.5A BOTTOM 16A TOP
100
VDS
L
DRIVER
RG
20V VGS
D.U.T
IAS tp
+ V - DD
A
0.01
50
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp
0 25 50 75 100 125 150
Starting T J , Junction Temperature (C)
Fig 12c. Maximum Avalanche Energy vs. Drain Current
I AS
LD VDS
Fig 12b. Unclamped Inductive Waveforms
+
VDD D.U.T
Current Regulator Same Type as D.U.T.
VGS Pulse Width < 1s Duty Factor < 0.1%
50K 12V .2F .3F
Fig 14a. Switching Time Test Circuit
D.U.T. + V - DS
90%
VDS
VGS
3mA
10%
IG ID
VGS
td(on) tr td(off) tf
Current Sampling Resistors
Fig 13. Gate Charge Test Circuit
Fig 14b. Switching Time Waveforms
6
www.irf.com
IRF3717
D.U.T
Driver Gate Drive
+
P.W.
Period
D=
P.W. Period VGS=10V
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
-
-
+
RG
* * * * dv/dt controlled by RG Driver same type as D.U.T. I SD controlled by Duty Factor "D" D.U.T. - Device Under Test
V DD
VDD
+ -
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 15. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET(R) Power MOSFETs
Id Vds Vgs
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 16. Gate Charge Waveform
www.irf.com
7
IRF3717
Power MOSFET Selection for Non-Isolated DC/DC Converters
Control FET Special attention has been given to the power losses in the switching elements of the circuit - Q1 and Q2. Power losses in the high side switch Q1, also called the Control FET, are impacted by the Rds(on) of the MOSFET, but these conduction losses are only about one half of the total losses. Power losses in the control switch Q1 are given by; Synchronous FET The power loss equation for Q2 is approximated by;
* Ploss = Pconduction + P + Poutput drive
Ploss = Irms x Rds(on)
+ ( g x Vg x f ) Q
(
2
)
Ploss = Pconduction+ Pswitching+ Pdrive+ Poutput
This can be expanded and approximated by;
Q + oss x Vin x f + (Qrr x Vin x f ) 2
*dissipated primarily in Q1. For the synchronous MOSFET Q2, Rds(on) is an important characteristic; however, once again the importance of gate charge must not be overlooked since it impacts three critical areas. Under light load the MOSFET must still be turned on and off by the control IC so the gate drive losses become much more significant. Secondly, the output charge Qoss and reverse recovery charge Qrr both generate losses that are transfered to Q1 and increase the dissipation in that device. Thirdly, gate charge will impact the MOSFETs' susceptibility to Cdv/dt turn on. The drain of Q2 is connected to the switching node of the converter and therefore sees transitions between ground and Vin. As Q1 turns on and off there is a rate of change of drain voltage dV/dt which is capacitively coupled to the gate of Q2 and can induce a voltage spike on the gate that is sufficient to turn the MOSFET on, resulting in shoot-through current . The ratio of Qgd/Qgs1 must be minimized to reduce the potential for Cdv/dt turn on.
Ploss = (Irms 2 x Rds(on ) ) Qgs 2 Qgd +I x x Vin x f + I x x Vin x f ig ig + (Qg x Vg x f ) + Qoss x Vin x f 2
This simplified loss equation includes the terms Qgs2 and Qoss which are new to Power MOSFET data sheets. Qgs2 is a sub element of traditional gate-source charge that is included in all MOSFET data sheets. The importance of splitting this gate-source charge into two sub elements, Qgs1 and Qgs2, can be seen from Fig 16. Qgs2 indicates the charge that must be supplied by the gate driver between the time that the threshold voltage has been reached and the time the drain current rises to Idmax at which time the drain voltage begins to change. Minimizing Qgs2 is a critical factor in reducing switching losses in Q1. Qoss is the charge that must be supplied to the output capacitance of the MOSFET during every switching cycle. Figure A shows how Qoss is formed by the parallel combination of the voltage dependant (nonlinear) capacitances Cds and Cdg when multiplied by the power supply input buss voltage.
8
Figure A: Qoss Characteristic
www.irf.com
IRF3717
SO-8 Package Details
Dimensions are shown in millimeters (inches)
D A 5 B
DIM A b INCHES MIN .0532 .013 .0075 .189 .1497 MAX .0688 .0098 .020 .0098 .1968 .1574 MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00
A1 .0040
6 E
8
7
6
5 H 0.25 [.010] A
c D E e e1 H
1
2
3
4
.050 BASIC .025 BASIC .2284 .0099 .016 0 .2440 .0196 .050 8
1.27 BASIC 0.635 BASIC 5.80 0.25 0.40 0 6.20 0.50 1.27 8
6X
e
K L y
e1
A
K x 45 C 0.10 [.004] y 8X c
8X b 0.25 [.010]
A1 CAB
8X L 7
NOT ES : 1. DIMENS IONING & TOLERANCING PER ASME Y14.5M-1994. 2. CONT ROLLING DIMENS ION: MILLIMET ER 3. DIMENS IONS ARE SHOWN IN MILLIMETERS [INCHES]. 4. OUTLINE CONFORMS TO JEDEC OUTLINE MS -012AA. 5 DIMENS ION DOES NOT INCLUDE MOLD PROT RUSIONS . MOLD PROTRUS IONS NOT TO EXCEED 0.15 [.006]. 6 DIMENS ION DOES NOT INCLUDE MOLD PROT RUSIONS . MOLD PROTRUS IONS NOT TO EXCEED 0.25 [.010]. 7 DIMENS ION IS T HE LENGT H OF LEAD FOR SOLDERING TO A S UBST RAT E. 3X 1.27 [.050] 6.46 [.255]
F OOTPRINT 8X 0.72 [.028]
8X 1.78 [.070]
SO-8 Part Marking
EXAMPLE: THIS IS AN IRF7101 (MOS FET ) DATE CODE (YWW) Y = LAS T DIGIT OF THE YEAR WW = WEEK LOT CODE PART NUMBER
9
INT ERNAT IONAL RECTIFIER LOGO
www.irf.com
YWW XXXX F7101
IRF3717
SO-8 Tape and Reel
Dimensions are shown in millimeters (inches)
TERMINAL NUMBER 1
12.3 ( .484 ) 11.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
330.00 (12.992) MAX.
14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Notes: Repetitive rating; pulse width limited by max. junction temperature. Starting TJ = 25C, L = 0.26mH, RG = 25, IAS = 16A. Pulse width 400s; duty cycle 2%. When mounted on 1 inch square copper board.
Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 2/04
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF3717

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X