Part Number Hot Search : 
CPT50060 BAR5001D IA181 CD5521B SSR2N60A CPT50060 200AA BL402
Product Description
Full Text Search
 

To Download IRF3704 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 93888B
SMPS MOSFET
Applications l High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
l
IRF3704 IRF3704S IRF3704L
HEXFET(R) Power MOSFET
VDSS
20V
RDS(on) max
9.0m
ID
77A
High Frequency Buck Converters for Computer Processor Power
Benefits l Ultra-Low Gate Impedance
l l
Very Low RDS(on) Fully Characterized Avalanche Voltage and Current
TO-220AB IRF3704 D2Pak IRF3704S TO-262 IRF3704L
Absolute Maximum Ratings
Symbol
VDS VGS ID @ TC = 25C ID @ TC = 70C IDM PD @TC = 25C PD @TC = 70C TJ , TSTG
Parameter
Drain-Source Voltage Gate-to-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Maximum Power Dissipation Maximum Power Dissipation Linear Derating Factor Junction and Storage Temperature Range
Max.
20 20 77 64 308 87 61 0.59 -55 to + 175
Units
V V A W W mW/C C
Thermal Resistance
Parameter
RJC RCS RJA RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient Junction-to-Ambient (PCB mount)*
Typ.
--- 0.50 --- ---
Max.
1.73 --- 62 40
Units
C/W
* When mounted on 1" square PCB (FR-4 or G-10 Material) . For recommended footprint and soldering techniques refer to application note #AN-994
Notes through are on page 10
www.irf.com
1
8/22/00
IRF3704/3704S/3704L
Static @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient V(BR)DSS RDS(on) VGS(th) IDSS IGSS Min. 20 --- --- Static Drain-to-Source On-Resistance --- Gate Threshold Voltage 1.0 --- Drain-to-Source Leakage Current --- Gate-to-Source Forward Leakage --- Gate-to-Source Reverse Leakage --- Typ. --- 0.021 6.3 9.8 --- --- --- --- --- Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 9.0 VGS = 10V, ID = 15A m 13.5 VGS = 4.5V, ID = 12A 3.0 V VDS = VGS, ID = 250A 20 VDS = 16V, VGS = 0V A 100 VDS = 16V, VGS = 0V, TJ = 125C 200 VGS = 16V nA -200 VGS = -16V
Dynamic @ TJ = 25C (unless otherwise specified)
Symbol
gfs Qg Qgs Qgd Qoss td(on) tr td(off) tf Ciss Coss Crss Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Output Gate Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. 42 --- --- --- --- --- --- --- --- --- --- --- Typ. --- 19 8.1 6.4 16 8.4 98 12 5.0 1996 1085 155 Max. Units Conditions --- S VDS = 10V, ID = 57A --- ID = 28.4A --- nC VDS = 10V --- VGS = 4.5V 24 VGS = 0V, VDS = 10V --- VDD = 10V --- ID = 28.4A ns --- RG = 1.8 --- VGS = 4.5V --- VGS = 0V --- VDS = 10V --- pF = 1.0MHz
Avalanche Characteristics
Symbol
EAS IAR
Parameter
Single Pulse Avalanche Energy Avalanche Current
Typ.
--- ---
Max.
216 71
Units
mJ A
Diode Characteristics
Symbol
IS
ISM
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Reverse Reverse Reverse Recovery Recovery Recovery Recovery Time Charge Time Charge
Min. Typ. Max. Units --- --- --- --- 77 A 308 1.3 --- 57 68 62 75 V ns nC ns nC
VSD trr Qrr trr Qrr
--- 0.88 --- 0.82 --- 38 --- 45 --- 41 --- 50
Conditions D MOSFET symbol showing the G integral reverse p-n junction diode. S TJ = 25C, IS = 35.5A, VGS = 0V TJ = 125C, IS = 35.5A, VGS = 0V TJ = 25C, IF = 35.5A, VR=20V di/dt = 100A/s TJ = 125C, IF = 35.5A, VR=20V di/dt = 100A/s
2
www.irf.com
IRF3704/3704S/3704L
1000
VGS TOP 10.0V 9.0V 8.0V 7.0V 6.0V 5.0V 4.5V BOTTOM 3.5V
1000
VGS 10.0V 9.00V 8.0V 7.0V 6.0V 5.0V 4.5V BOTTOM 3.5V TOP
ID, Drain-to-Source Current (A)
100
ID, Drain-to-Source Current (A)
100
3.5V
10
3.5V
10
20s PULSE WIDTH Tj = 25C
1 0.1 1 10 100 1 0.1 1
20s PULSE WIDTH Tj = 175C
10 100
VDS, Drain-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
2.0
R DS(on) , Drain-to-Source On Resistance (Normalized)
ID = 77A
I D , Drain-to-Source Current (A)
TJ = 25 C TJ = 175 C
1.5
100
1.0
0.5
10 3.0
V DS = 15V 20s PULSE WIDTH 6.0 7.0 4.0 5.0 8.0
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF3704/3704S/3704L
3000
2500
VGS, Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
10
ID = 28.4A
VDS = 10V
8
C, Capacitance (pF)
2000
Ciss
6
1500
C oss
4
1000
500
2
C rss
0 1 10 100 0 0 10 20 30 40
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY R
DS(on)
10us
100
I D , Drain Current (A)
TJ = 175 C
100
100us
10
TJ = 25 C
1ms
10
1
10ms
0.1 0.2
V GS = 0 V
0.5 0.8 1.1 1.4 1.7 2.0
1 0.1
TC = 25 C TJ = 175 C Single Pulse
1 10 100
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF3704/3704S/3704L
90
VDS
RD
LIMITED BY PACKAGE
75
VGS RG
D.U.T.
+
I D , Drain Current (A)
-VDD
60
10V
45
Pulse Width 1 s Duty Factor 0.1 %
30
Fig 10a. Switching Time Test Circuit
VDS
15
90%
0 25 50 75 100 125 150 175
TC , Case Temperature
( C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
1
D = 0.50 0.20 0.10 0.05
0.1
0.02 0.01
SINGLE PULSE (THERMAL RESPONSE)
0.01 0.00001
Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.1 0.0001 0.001 0.01 1
PDM t1 t2
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRF3704/3704S/3704L
R DS ( on ) , Drain-to-Source On Resistance ( )
RDS(on) , Drain-to -Source On Resistance ( )
0.020
0.010
VGS = 4.5V 0.015
0.009
0.008
ID = 35.5A
0.007
0.010 VGS = 10V
0.005 0 50 100 150 200 250 300 ID , Drain Current ( A )
0.006 4.0 5.0 6.0 7.0 8.0 9.0 10.0
VGS, Gate -to -Source Voltage (V)
Fig 12. On-Resistance Vs. Drain Current
Current Regulator Same Type as D.U.T.
Fig 13. On-Resistance Vs. Gate Voltage
50K 12V .2F .3F
VGS
QGS
D.U.T. + V - DS
QG QGD
VGS
3mA
EAS , Single Pulse Avalanche Energy (mJ)
VG
600
Charge
IG ID
500
Current Sampling Resistors
ID 11.6A 23.8A BOTTOM 28.4A TOP
400
Fig 14a&b. Basic Gate Charge Test circuit and Waveforms
300
200
15V
V (B R )D S S tp VD S L DRIVER
100
RG
20 V
D.U .T IA S
+ - VD D
0 25 50 75 100 125 150 175
A
IAS
tp
0.0 1
Starting TJ , Junction Temperature ( C)
Fig 15a&b. Unclamped Inductive Test circuit and Waveforms
Fig 15c. Maximum Avalanche Energy Vs. Drain Current
6
www.irf.com
IRF3704/3704S/3704L
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
2 .8 7 (.1 1 3 ) 2 .6 2 (.1 0 3 )
1 0 .5 4 (.4 1 5 ) 1 0 .2 9 (.4 0 5 )
3 .7 8 (.1 4 9 ) 3 .5 4 (.1 3 9 ) -A6 .4 7 (.2 5 5 ) 6 .1 0 (.2 4 0 )
-B4 .6 9 (.1 8 5 ) 4 .2 0 (.1 6 5 ) 1 .3 2 (.05 2 ) 1 .2 2 (.04 8 )
4 1 5 .2 4 (.6 0 0 ) 1 4 .8 4 (.5 8 4 )
1 .1 5 (.0 4 5 ) M IN 1 2 3
L E A D A S S IG N M E N T S 1 - GATE 2 - D R A IN 3 - S OU R CE 4 - D R A IN
1 4 .0 9 (.5 5 5 ) 1 3 .4 7 (.5 3 0 )
4 .0 6 (.1 6 0 ) 3 .5 5 (.1 4 0 )
3X 1 .4 0 (.0 5 5 ) 3X 1 .1 5 (.0 4 5 ) 2 .5 4 (.1 0 0 ) 2X N O TE S :
0 .93 (.0 3 7 ) 0 .69 (.0 2 7 ) M B AM
3X
0.5 5 (.0 2 2 ) 0.4 6 (.0 1 8 )
0 .3 6 (.0 1 4 )
2 .9 2 (.11 5 ) 2 .6 4 (.10 4 )
1 D IM E N S IO N IN G & T O L E R A N C IN G P E R A N S I Y 1 4 .5 M , 1 9 8 2 . 2 C O N T R O L L IN G D IM E N S IO N : IN C H
3 O U T L IN E C O N F O R M S T O J E D E C O U T L IN E T O -2 2 0 A B . 4 H E A T S IN K & L E A D M E A S U R E M E N T S D O N O T IN C L U D E B U R R S .
TO-220AB Part Marking Information
E X A M P L E : T H IS IS A N IR F 1 0 1 0 W IT H A S S E M B L Y LOT C ODE 9B1M
A
IN T E R N A T IO N A L R E C T IF IE R LOGO ASSEMBLY LOT CODE
PART NU M BER IR F 1 0 1 0 9246 9B 1M
D ATE CO DE (Y Y W W ) YY = YEAR W W = W EEK
www.irf.com
7
IRF3704/3704S/3704L
D2Pak Package Outline
Dimensions are shown in millimeters (inches)
1 0.54 (.415 ) 1 0.29 (.405 ) 1.4 0 (.055 ) M AX. -A2
4 .6 9 (.18 5) 4 .2 0 (.16 5)
-B1.3 2 (.05 2) 1.2 2 (.04 8)
10 .1 6 (.4 00 ) R E F.
6.47 (.2 55 ) 6.18 (.2 43 ) 1 5.49 (.6 10) 1 4.73 (.5 80) 5.28 (.2 08 ) 4.78 (.1 88 ) 2.7 9 (.110 ) 2.2 9 (.090 ) 2.61 (.1 03 ) 2.32 (.0 91 ) 1.3 9 (.0 55 ) 1.1 4 (.0 45 ) 8.8 9 (.3 50 ) R E F.
1.7 8 (.07 0) 1.2 7 (.05 0)
1
3
3X
1.40 (.0 55) 1.14 (.0 45) 5 .08 (.20 0)
0.9 3 (.0 37 ) 3X 0.6 9 (.0 27 ) 0.25 (.0 10 ) M BAM
0.55 (.0 22) 0.46 (.0 18)
M IN IM U M R EC O M M E ND E D F O O TP R IN T 1 1.43 (.4 50 )
NO TE S: 1 D IM EN S IO N S A FTER SO LD E R D IP . 2 D IM EN S IO N IN G & TO LE R AN C IN G P ER AN S I Y1 4.5M , 19 82 . 3 C O N TRO L LIN G D IM EN S IO N : IN C H. 4 H E ATSINK & L EA D D IM E N SIO N S DO N O T IN C LU D E B U R RS .
LE AD AS SIG N M E N TS 1 - G ATE 2 - D RA IN 3 - SO U R C E
8 .89 (.35 0) 17 .78 (.70 0)
3.81 (.1 5 0) 2.0 8 (.08 2) 2X 2.5 4 (.100 ) 2X
D2Pak Part Marking Information
IN TE R N A TIO N A L R E C T IF IE R LO G O A S S E M B LY LO T C O D E
PART NUM BER F530S 9 24 6 9B 1M
A
DATE CODE (Y YW W ) YY = Y E A R W W = W EEK
8
www.irf.com
IRF3704/3704S/3704L
TO-262 Package Outline
Dimensions are shown in millimeters (inches)
TO-262 Part Marking Information
www.irf.com
9
IRF3704/3704S/3704L
D2Pak Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR R
1 .6 0 (.0 63 ) 1 .5 0 (.0 59 ) 4 .1 0 ( .1 6 1) 3 .9 0 ( .1 5 3)
1.60 (.06 3) 1.50 (.05 9) 0 .3 68 (.0 145 ) 0 .3 42 (.0 135 )
F E ED D IRE C TIO N 1 .8 5 (.0 7 3 )
1 .6 5 (.0 6 5 )
1 1.60 (.457 ) 1 1.40 (.449 )
15 .4 2 (.60 9) 15 .2 2 (.60 1)
24.30 (.95 7) 23.90 (.94 1)
TR L
10 .9 0 (.42 9) 10 .7 0 (.42 1) 1.75 (.0 69 ) 1.25 (.0 49 ) 16 .1 0 (.63 4) 15 .9 0 (.62 6) 4 .7 2 (.13 6) 4 .5 2 (.17 8)
F E ED D IR E CT IO N
13.50 (.532) 12.80 (.504)
27.40 (1.079) 23.90 (.941) 4
33 0.00 (14.173) M AX .
60.00 (2.362) M IN.
NO TE S : 1. CO MF OR M S TO EIA-418. 2. CO N TRO LLIN G DIM ENSIO N : MILLIM ET ER . 3. DIM ENS ION MEAS URED @ HU B. 4. INC LUD ES FLAN GE DIS TO RTIO N @ OU TER ED G E.
30.40 (1.197) MA X. 26.40 (1.039) 24.40 (.961)
4
3
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Pulse width 300s; duty cycle 2%. This is only applied to TO-220AB package Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A.
Starting TJ = 25C, L = 0.5 mH
RG = 25, IAS = 28.4 A.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111 IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936 Data and specifications subject to change without notice. 8/00
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF3704

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X