Part Number Hot Search : 
170M1321 83627 KBJ1508 SM5S11A CM312 2N700 1222M0 55N1T
Product Description
Full Text Search
 

To Download IRF3205L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 94149
IRF3205S/L
HEXFET(R) Power MOSFET
l l l l l l
Advanced Process Technology Ultra Low On-Resistance Dynamic dv/dt Rating 175C Operating Temperature Fast Switching Fully Avalanche Rated
D
VDSS = 55V RDS(on) = 8.0m
G S
ID = 110A
Description
Advanced HEXFET(R) Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low onresistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The D 2 Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on-resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application. The through-hole version (IRF3205L) is available for low-profile applications.
D2Pak IRF3205S
TO-262 IRF3205L
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 srew
Max. 110
80 390 200 1.3 20 62 20 5.0 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m)
Units
A W W/C V A mJ V/ns C
Thermal Resistance
Parameter
RJC RJA Junction-to-Case Junction-to-Ambient (PCB mounted, steady-state)*
Typ.
--- ---
Max.
0.75 40
Units
C/W
www.irf.com
1
03/09/01
IRF3205S/L
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss EAS
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Single Pulse Avalanche Energy
Min. 55 --- --- 2.0 44 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 8.0 m VGS = 10V, ID = 62A 4.0 V VDS = VGS, ID = 250A --- S VDS = 25V, ID = 62A 25 VDS = 55V, VGS = 0V A 250 VDS = 44V, VGS = 0V, TJ = 150C 100 VGS = 20V nA -100 VGS = -20V 146 ID = 62A 35 nC VDS = 44V 54 VGS = 10V, See Fig. 6 and 13 --- VDD = 28V --- ID = 62A ns --- RG = 4.5 --- VGS = 10V, See Fig. 10 Between lead, 4.5 --- 6mm (0.25in.) nH G from package 7.5 --- and center of die contact 3247 --- VGS = 0V 781 --- VDS = 25V 211 --- pF = 1.0MHz, See Fig. 5 1050 264 mJ IAS = 62A, L = 138H
Typ. --- 0.057 --- --- --- --- --- --- --- --- --- --- 14 101 50 65
D
S
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- 110 showing the A G integral reverse --- --- 390 S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 62A, VGS = 0V --- 69 104 ns TJ = 25C, IF = 62A --- 143 215 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 ) Starting TJ = 25C, L = 138H RG = 25, IAS = 62A. (See Figure 12)
Pulse width 400s; duty cycle 2%. Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A.
ISD 62A, di/dt 207A/s, VDD V(BR)DSS,
TJ 175C
This is a typical value at device destruction and represents
operation outside rated limits.
This is a calculated value limited to TJ = 175C.
* When mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
2
www.irf.com
IRF3205S/L
1000
I D , Drain-to-Source Current (A)
100
I D , Drain-to-Source Current (A)
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1000
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
4.5V
10
10
4.5V
1 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
1 0.1
20s PULSE WIDTH TJ = 175C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
RDS(on) , Drain-to-Source On Resistance (Normalized)
1000
2.5
ID = 107A
I D , Drain-to-Source Current (A)
TJ = 25 C TJ = 175 C
2.0
100
1.5
1.0
10
0.5
1 4 6 8
V DS = 25V 20s PULSE WIDTH 10 12
0.0 -60 -40 -20 0
VGS = 10V
20 40 60 80 100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF3205S/L
6000
VGS , Gate-to-Source Voltage (V)
5000
VGS = 0V, f = 1 MHZ Ciss = Cgs + Cgd, Cds SHORTED Crss = Cgd Coss = Cds + Cgd
16 14 12 10 8 6 4 2 0
ID = 62A V DS= 44V V DS= 27V V DS= 11V
C, Capacitance(pF)
4000
Ciss
3000
2000
Coss
1000
Crss
0 1 10 100
0
20
40
60
80
100
120
VDS, Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
1000
10000
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on) TJ = 175 C
ID , Drain Current (A)
100
1000
10us
10
100 100us
TJ = 25 C
1
10
1ms
0.1 0.2
V GS = 0 V
0.8 1.4 2.0 2.6
1 1
TC = 25 C TJ = 175 C Single Pulse
10
10ms
100
1000
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
4
Fig 8. Maximum Safe Operating Area
www.irf.com
IRF3205S/L
RD
120
VDS
LIMITED BY PACKAGE
100
VGS RG
D.U.T.
+ VDD
ID , Drain Current (A)
-
80
10V
Pulse Width 1 s Duty Factor 0.1 %
60
Fig 10a. Switching Time Test Circuit
40
VDS
20
90%
0 25 50 75 100 125 150 175
TC , Case Temperature ( C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
1
Fig 10b. Switching Time Waveforms
Thermal Response(Z thJC )
D = 0.50
0.20 0.1 0.10 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x ZthJC + TC 0.0001 0.001 0.01 0.1 1
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com 5
IRF3205S/L
EAS , Single Pulse Avalanche Energy (mJ)
500
15V
400
ID 25A 44A BOTTOM 62A TOP
VDS
L
D R IV E R
RG
20V
D .U .T
IA S tp
300
+ - VD D
A
0 .0 1
200
Fig 12a. Unclamped Inductive Test Circuit
V (B R )D S S tp
100
0 25 50 75 100 125 150 175
Starting TJ , Junction Temperature ( C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
IAS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
10 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
IG
ID
Charge
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRF3205S/L
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFETS
www.irf.com 7
IRF3205S/L
D2Pak Package Outline
10.54 (.415) 10.29 (.405) 1.40 (.055) M A X. -A2
4.69 (.185) 4.20 (.165)
-B1.32 (.052) 1.22 (.048)
10.16 (.400) REF.
6.47 (.255) 6.18 (.243) 15.49 (.610) 14.73 (.580) 5.28 (.208) 4.78 (.188) 2.79 (.110) 2.29 (.090) 2.61 (.103) 2.32 (.091) 8.89 (.350) REF.
1.78 (.070) 1.27 (.050)
1
3
3X
1.40 (.055) 1.14 (.045) 5.08 (.200 )
0.93 (.037) 3X 0.69 (.027) 0.25 (.010) M BAM
0.55 (.022) 0.46 (.018)
1 .39 (.055) 1 .14 (.045)
M IN IM U M R E C O M M E N D E D F O O TP R IN T 11.43 (.4 50)
N O TE S : 1 D IM E N S IO N S A F T E R S O LD E R D IP . 2 D IM E N S IO N IN G & TO LE R A N C IN G P E R A N S I Y 14.5M , 1982. 3 C O N T R O LLIN G D IM E N S IO N : IN C H . 4 H E A TS IN K & LE A D D IM E N S IO N S D O N O T IN C LU D E B U R R S .
LE A D A S S IG N M E N TS 1 - G A TE 2 - D R A IN 3 - SOURCE
8.89 (.350) 17.78 (.700)
3.81 (.150) 2.08 (.082) 2X 2.54 (.100) 2X
D2Pak Part Marking Information
IN TE R N A T IO N A L R E C TIF IE R LOGO ASSEMBLY LOT CODE
8
PART NUMBER F530S 9246 9B 1M
A
D A TE C O D E (Y Y W W ) YY = YEAR W W = W EEK
www.irf.com
IRF3205S/L
TO-262 Package Outline
TO-262 Part Marking Information
www.irf.com
9
IRF3205S/L
D2Pak Tape & Reel Information
TRR
1 .6 0 (.0 6 3 ) 1 .5 0 (.0 5 9 ) 4 .1 0 (.1 6 1 ) 3 .9 0 (.1 5 3 )
1.60 (.06 3) 1.50 (.05 9) 0 .3 68 (.014 5 ) 0 .3 42 (.013 5 )
F E E D D IR E C T IO N 1 .8 5 (.0 7 3 )
1 .6 5 (.0 6 5 )
1 1 .6 0 (.4 57 ) 1 1 .4 0 (.4 49 )
15 .4 2 (.60 9 ) 15 .2 2 (.60 1 )
2 4.30 (.9 5 7) 2 3.90 (.9 4 1)
TR L
10 .9 0 (.42 9 ) 10 .7 0 (.42 1 ) 1.75 (.0 69 ) 1.25 (.0 49 ) 1 6 .10 (.6 3 4) 1 5 .90 (.6 2 6) 4.7 2 (.1 36 ) 4.5 2 (.1 78 )
F E E D D IR E C T IO N
13.50 (.532) 12.80 (.504)
27.40 (1.079) 23.90 (.941) 4
330.00 (14.1 73) M A X.
60.00 (2.362) M IN .
NOTES : 1. C O M F O R M S TO E IA-418. 2. C O N T R O LLIN G D IM EN S IO N : M ILLIM E T ER . 3. D IM E N S IO N M E A S U R E D @ H U B . 4. IN C LU D E S F LA N G E D IS T O R T IO N @ O U T E R E D G E .
26 .40 (1.039) 24 .40 (.961) 3
30.40 (1.197) M AX. 4
Data and specifications subject to change without notice. This product has been designed and qualified for the industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.3/01 10 www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF3205L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X