Part Number Hot Search : 
14N50 SD08H0SB TOP242PN PB1004 TP2N40 TP3D227 SDB5100D SD08H0SB
Product Description
Full Text Search
 

To Download IRF2907Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95872
AUTOMOTIVE MOSFET
IRF2907Z IRF2907ZS IRF2907ZL
HEXFET(R) Power MOSFET
D
Features
l l l l l
Advanced Process Technology Ultra Low On-Resistance 175C Operating Temperature Fast Switching Repetitive Avalanche Allowed up to Tjmax
VDSS = 75V RDS(on) = 4.5m
G S
Description
Specifically designed for Automotive applications, this HEXFET(R) Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of this design are a 175C junction operating temperature, fast switching speed and improved repetitive avalanche rating . These features combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications.
ID = 75A
TO-220AB IRF2907Z
D2Pak IRF2907ZS
TO-262 IRF2907ZL
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C ID @ TC = 25C IDM PD @TC = 25C VGS EAS EAS (tested) IAR EAR TJ TSTG Continuous Drain Current, VGS @ 10V (Silicon Limited) Continuous Drain Current, VGS @ 10V (See Fig. 9) Continuous Drain Current, VGS @ 10V (Package Limited) Pulsed Drain Current
Max.
170 120 75 680 330 2.2 20 300 690 See Fig.12a,12b,15,16 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m)
Units
A
c
Maximum Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy (Thermally Limited) Single Pulse Avalanche Energy Tested Value Avalanche Current
W W/C V mJ A mJ C
c
i
d
Repetitive Avalanche Energy Operating Junction and Storage Temperature Range
h
Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 screw
Thermal Resistance
RJC RCS RJA RJA Junction-to-Case
k
Parameter
Typ.
--- 0.50 --- ---
Max.
0.45 --- 62 40
Units
C/W
Case-to-Sink, Flat, Greased Surface Junction-to-Ambient
k
Junction-to-Ambient (PCB Mount, steady state)jk
HEXFET(R) is a registered trademark of International Rectifier.
www.irf.com
1
06/17/04
IRF2907Z/S/L
Static @ TJ = 25C (unless otherwise specified)
Parameter
V(BR)DSS VDSS/TJ RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss Coss Coss Coss eff. Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance
Min. Typ. Max. Units
75 --- --- 2.0 180 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 0.069 3.5 --- --- --- --- --- --- 180 46 65 19 140 97 100 5.0 13 7500 970 510 3640 650 1020 --- --- 4.5 4.0 --- 20 250 200 -200 270 --- --- --- --- --- --- --- --- --- --- --- --- --- --- pF
Conditions
V VGS = 0V, ID = 250A V/C Reference to 25C, ID = 1mA m VGS = 10V, ID = 75A V VDS = VGS, ID = 250A S VDS = 25V, ID = 75A A VDS = 75V, VGS = 0V VDS = 75V, VGS = 0V, TJ = 125C nA VGS = 20V VGS = -20V ID = 75A nC VDS = 60V VGS = 10V ns VDD = 38V ID = 75A RG = 2.5 VGS = 10V D nH Between lead,
f
f f
6mm (0.25in.) from package
G
Diode Characteristics
Parameter
IS ISM VSD trr Qrr ton Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
S and center of die contact VGS = 0V VDS = 25V = 1.0MHz, See Fig. 5 VGS = 0V, VDS = 1.0V, = 1.0MHz VGS = 0V, VDS = 60V, = 1.0MHz VGS = 0V, VDS = 0V to 60V
Min. Typ. Max. Units
--- --- --- --- --- --- --- --- 41 59 75 A 680 1.3 61 89 V ns nC
Conditions
MOSFET symbol showing the integral reverse
G D
p-n junction diode. TJ = 25C, IS = 75A, VGS = 0V TJ = 25C, IF = 75A, VDD = 38V di/dt = 100A/s
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
f
f
S
Notes: Repetitive rating; pulse width limited by max. junction temperature. (See fig. 11). Limited by TJmax, starting TJ = 25C, L=0.11mH, RG = 25, IAS = 75A, VGS =10V. Part not recommended for use above this value. ISD 75A, di/dt 340A/s, VDD V(BR)DSS, TJ 175C. Pulse width 1.0ms; duty cycle 2%.
Coss eff. is a fixed capacitance that gives the same
charging time as Coss while VDS is rising from 0 to 80% VDSS.
Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive
avalanche performance.
This value determined from sample failure population. 100%
tested to this value in production.
This is applied to D2Pak, when mounted on 1" square PCB
( FR-4 or G-10 Material ). For recommended footprint and soldering techniques refer to application note #AN-994. R is measured at TJ of approximately 90C.
2
www.irf.com
IRF2907Z/S/L
10000
TOP VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V 4.5V
1000
TOP VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V 4.5V
ID, Drain-to-Source Current (A)
1000
BOTTOM
ID, Drain-to-Source Current (A)
BOTTOM
100
100 4.5V
10
4.5V
60s PULSE WIDTH
1 0.1 1 Tj = 25C 10 100 0.1 1 10
60s PULSE WIDTH
Tj = 175C 10
100
V DS, Drain-to-Source Voltage (V)
V DS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
Gfs, Forward Transconductance (S)
200 T J = 25C 150
ID, Drain-to-Source Current ()
100
T J = 175C
10
T J = 25C
100
T J = 175C
1 VDS = 25V 60s PULSE WIDTH 0.1 2 4 6 8 10
50 V DS = 10V 380s PULSE WIDTH 0 0 25 50 75 100 125 150 ID,Drain-to-Source Current (A)
VGS, Gate-to-Source Voltage (V)
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Forward Transconductance vs. Drain Current
www.irf.com
3
IRF2907Z/S/L
100000 VGS = 0V, f = 1 MHZ C iss = C gs + C gd, C ds SHORTED C rss = C gd C oss = C ds + C gd
12.0 ID= 90A
VGS, Gate-to-Source Voltage (V)
10.0 8.0 6.0 4.0 2.0 0.0
VDS= 60V VDS= 38V VDS= 15V
C, Capacitance(pF)
10000
Ciss Coss
1000
Crss
100 1 10 100
0
50
100
150
200
VDS, Drain-to-Source Voltage (V)
QG Total Gate Charge (nC)
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage
1000
10000 OPERATION IN THIS AREA LIMITED BY R DS(on)
T J = 175C 100
ID, Drain-to-Source Current (A)
ISD, Reverse Drain Current (A)
1000
100 100sec 10 1msec 1 Tc = 25C Tj = 175C Single Pulse 1 10 10msec
10
TJ = 25C
VGS = 0V 1 0.0 0.5 1.0 1.5 2.0 2.5 VSD, Source-to-Drain Voltage (V) 0.1
100
1000
VDS, Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF2907Z/S/L
180 160 140
ID, Drain Current (A)
2.5
Limited By Package
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = 90A VGS = 10V
2.0
120 100 80 60 40 20 0 25 50 75 100 125 150 175 T C , Case Temperature (C)
1.5
1.0
0.5 -60 -40 -20 0 20 40 60 80 100 120 140 160 180
T J , Junction Temperature (C)
Fig 9. Maximum Drain Current vs. Case Temperature
Fig 10. Normalized On-Resistance vs. Temperature
1
D = 0.50
Thermal Response ( Z thJC )
0.1
0.20 0.10 0.05 0.02 0.01
R1 R1 J 1 2 R2 R2 C 1 2
0.01
J
Ri (C/W) i (sec) 0.251 0.000457 0.199 0.003019
0.001
SINGLE PULSE ( THERMAL RESPONSE )
Ci= i/Ri Ci i/Ri
Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthjc + Tc
0.001 0.01 0.1 1
0.0001 1E-006 1E-005 0.0001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRF2907Z/S/L
1200
EAS , Single Pulse Avalanche Energy (mJ)
15V
1000
VDS
L
DRIVER
ID TOP 10A 14A BOTTOM 75A
800
RG
VGS 20V
D.U.T
IAS tp
+ V - DD
A
600
0.01
400
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp
200
0 25 50 75 100 125 150 175
Starting T J , Junction Temperature (C)
I AS
Fig 12b. Unclamped Inductive Waveforms
QG
Fig 12c. Maximum Avalanche Energy vs. Drain Current
10 V
QGS VG
VGS(th) Gate threshold Voltage (V)
3.5
QGD
4.0
Charge
3.0
Fig 13a. Basic Gate Charge Waveform
2.5
ID = 250A
2.0
1.5
L
0
DUT 1K
VCC
1.0 -75 -50 -25 0 25 50 75 100 125 150 175 200
T J , Temperature ( C )
Fig 13b. Gate Charge Test Circuit
Fig 14. Threshold Voltage vs. Temperature
6
www.irf.com
IRF2907Z/S/L
100
Duty Cycle = Single Pulse 0.01
Avalanche Current (A)
0.05
10
Allowed avalanche Current vs avalanche pulsewidth, tav assuming Tj = 25C due to avalanche losses
0.10
1 1.0E-05 1.0E-04 1.0E-03 1.0E-02 1.0E-01
tav (sec)
Fig 15. Typical Avalanche Current Vs.Pulsewidth
350 300
EAR , Avalanche Energy (mJ)
TOP Single Pulse BOTTOM 1% Duty Cycle ID = 75A
250 200 150 100 50 0 25 50 75 100 125 150 175
Starting T J , Junction Temperature (C)
Notes on Repetitive Avalanche Curves , Figures 15, 16: (For further info, see AN-1005 at www.irf.com) 1. Avalanche failures assumption: Purely a thermal phenomenon and failure occurs at a temperature far in excess of T jmax. This is validated for every part type. 2. Safe operation in Avalanche is allowed as long asT jmax is not exceeded. 3. Equation below based on circuit and waveforms shown in Figures 12a, 12b. 4. PD (ave) = Average power dissipation per single avalanche pulse. 5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. Iav = Allowable avalanche current. 7. T = Allowable rise in junction temperature, not to exceed Tjmax (assumed as 25C in Figure 15, 16). tav = Average time in avalanche. D = Duty cycle in avalanche = tav *f ZthJC(D, tav ) = Transient thermal resistance, see figure 11) PD (ave) = 1/2 ( 1.3*BV*Iav) = DT/ ZthJC Iav = 2DT/ [1.3*BV*Zth] EAS (AR) = PD (ave)*tav
Fig 16. Maximum Avalanche Energy vs. Temperature
www.irf.com
7
IRF2907Z/S/L
D.U.T
Driver Gate Drive
+
P.W.
Period
D=
P.W. Period VGS=10V
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
-
-
+
RG
* dv/dt controlled by RG * Driver same type as D.U.T. * I SD controlled by Duty Factor "D" * D.U.T. - Device Under Test
V DD
VDD
+ -
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
*
VGS = 5V for Logic Level Devices
Fig 17. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET(R) Power MOSFETs
V DS V GS RG 10V
Pulse Width 1 s Duty Factor 0.1 %
RD
D.U.T.
+
-V DD
Fig 18a. Switching Time Test Circuit
VDS 90%
10% VGS
td(on) tr t d(off) tf
Fig 18b. Switching Time Waveforms
8
www.irf.com
IRF2907Z/S/L
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
2.87 (.113) 2.62 (.103)
10.54 (.415) 10.29 (.405)
3.78 (.149) 3.54 (.139) -A6.47 (.255) 6.10 (.240)
-B4.69 (.185) 4.20 (.165) 1.32 (.052) 1.22 (.048)
4 15.24 (.600) 14.84 (.584)
1.15 (.045) MIN 1 2 3
HEXFET GATE 1-
LEAD ASSIGNMENTS
LEAD ASSIGNMENTS IGBTs, CoPACK 1- GATE 2- COLLECTOR 3- EMITTER 4- COLLECTOR
14.09 (.555) 13.47 (.530)
2 1- GATE- DRAIN 32- DRAINSOURCE 3- SOURCE 4 - DRAIN 4- DRAIN 4.06 (.160) 3.55 (.140)
3X 1.40 (.055) 3X 1.15 (.045) 2.54 (.100)
0.93 (.037) 0.69 (.027) M BAM
3X
0.55 (.022) 0.46 (.018)
0.36 (.014)
2.92 (.115) 2.64 (.104)
2X NOTES: 1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION : INCH
3 OUTLINE CONFORMS TO JEDEC OUTLINE TO-220AB. 4 HEATSINK & LEAD MEASUREMENTS DO NOT INCLUDE BURRS.
TO-220AB Part Marking Information
@Y6HQG@) UCDTADTA6IADSA A GPUA8P9@A &'( 6TT@H7G@9APIAXXA (A ((& DIAUC@A6TT@H7GAGDI@AA8A
Note: "P" in assembly line position indicates "Lead-Free"
DIU@SI6UDPI6G S@8UDAD@S GPBP 6TT@H7G GPUA8P9@
Q6SUAIVH7@S 96U@A8P9@ @6SA&A2A ((& X@@FA ( GDI@A8
www.irf.com
9
IRF2907Z/S/L
D2Pak Package Outline
Dimensions are shown in millimeters (inches)
D2Pak Part Marking Information
UCDTADTA6IADSA$"TAXDUC GPUA8P9@A'!# 6TT@H7G@9APIAXXA!A! DIAUC@A6TT@H7GAGDI@AAGA Ir)AAQAAvAhriyAyvr vvAvqvphrAAGrhqArrA DIU@SI6UDPI6G S@8UDAD@S GPBP 6TT@H7G GPUA8P9@ Q6SUAIVH7@S A$"T 96U@A8P9@ @6SAA2A! X@@FA! GDI@AG
www.irf.com
10
IRF2907Z/S/L
2- COLLECTOR
S @ 7 H V I A U S 6 Q
3- EMITTER 1- GATE
@ 9 P 8 A @ U 6 9
& ( ( A 2 A & A S 6 @
IGBT
( A F @ @ X
8 A @ DI G
TO-262 Part Marking Information
G 6 I DP U 6 I S @ U DI
S D@ DA U 8 @ S
P B P G
G 7 H @ T T 6
@ 9 P 8 A U P G
Dimensions are shown in millimeters (inches)
TO-262 Package Outline
www.irf.com
G " " G DS A I 6 A T D A DT C U ) @ G Q H 6 Y @
( ' & A @ 9 P 8 A U P G
& ( ( A ( A X X A I P A 9 @ G 7 H @ T T 6
A 8 A A @ DI G A G 7 H @ T T 6 A @ C U A DI
11
IRF2907Z/S/L
D2Pak Tape & Reel Information
Dimensions are shown in millimeters (inches)
TRR
1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153)
1.60 (.063) 1.50 (.059)
0.368 (.0145) 0.342 (.0135)
FEED DIRECTION 1.85 (.073)
1.65 (.065)
11.60 (.457) 11.40 (.449)
15.42 (.609) 15.22 (.601)
24.30 (.957) 23.90 (.941)
TRL
10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178)
FEED DIRECTION
13.50 (.532) 12.80 (.504)
27.40 (1.079) 23.90 (.941)
4
330.00 (14.173) MAX.
60.00 (2.362) MIN.
NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
26.40 (1.039) 24.40 (.961) 3
30.40 (1.197) MAX. 4
TO-220AB package is not recommended for Surface Mount Application.
Data and specifications subject to change without notice. This product has been designed and qualified for the Automotive [Q101] market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 06/04
12
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF2907Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X