Part Number Hot Search : 
A6393 1652263 C3226 A6393 GU7806A M5267 A1504 05TZ51
Product Description
Full Text Search
 

To Download IRF1902 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 94282A
IRF1902
HEXFET(R) Power MOSFET
l l l l
Ultra Low On-Resistance N-Channel MOSFET Surface Mount Available in Tape & Reel
VDSS
20V
RDS(on) max (m) )
85@VGS = 4.5V 170@VGS = 2.7V
ID
4.0A 3.2A
These N-Channel HEXFET power MOSFETs from International Rectifier utilize advanced processing techniques to achieve the extremely low on-resistance per silicon area. This benefit provides the designer with an extremely efficient device for use in battery and load management applications.. The SO-8 has been modified through a customized leadframe for enhanced thermal characteristics and multiple-die capability making it ideal in a variety of power applications. With these improvements, multiple devices can be used in an application with dramatically reduced board space. The package is designed for vapor phase, infrared, or wave soldering techniques.
Description
S S S G
1
8
A A D D D D
2
7
3
6
4
5
T o p V ie w
SO-8
Absolute Maximum Ratings
Parameter
VDS ID @ TA = 25C ID @ TA= 70C IDM PD @TA = 25C PD @TA = 70C VGS TJ, TSTG Drain- Source Voltage Continuous Drain Current, VGS @ 4.5V Continuous Drain Current, VGS @ 4.5V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Junction and Storage Temperature Range
Max.
20 4.2 3.4 17 2.5 1.6 0.02 12 -55 to + 150
Units
V A W mW/C V C
Thermal Resistance
Symbol
RJL RJA
Parameter
Junction-to-Drain Lead Junction-to-Ambient
Typ.
--- ---
Max.
20 50
Units
C/W
www.irf.com
1
11/15/01
IRF1902
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Min. 20 --- --- --- 0.70 5.6 --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. --- 0.019 --- --- --- --- --- --- --- --- 5.0 1.2 1.8 5.9 13 23 19 310 130 55
Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, I D = 1mA 85 VGS = 4.5V, ID = 4.0A m 170 VGS = 2.7V, ID = 3.2A --- V VDS = V GS, ID = 250A --- S VDS = 10V, ID = 4.0A 1.0 VDS = 16V, VGS = 0V A 25 VDS = 16V, VGS = 0V, TJ = 70C 100 VGS = 12V nA -100 VGS = -12V 7.5 ID = 4.2A --- nC VDS = 10V --- VGS = 4.5V --- VDD = 10V --- ID = 1.0A ns --- RG = 53 --- VGS = 4.5V --- VGS = 0V --- pF VDS = 15V --- = 1.0MHz
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Min. Typ. Max. Units --- --- --- --- --- --- --- --- 38 42 4.2 A 17 1.2 57 63 V ns nC
Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = 2.5A, VGS = 0V TJ = 25C, I F = 2.5A di/dt = 100A/s
D
S
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Surface mounted on 1 in square Cu board
Pulse width 400s; duty cycle 2%.
2
www.irf.com
IRF1902
100
VGS 7.0V 5.0V 4.5V 3.5V 3.0V 2.7V 2.5V BOTTOM 2.25V TOP
100
ID , Drain-to-Source Current (A)
10
ID , Drain-to-Source Current (A)
10
VGS 7.0V 5.0V 4.5V 3.5V 3.0V 2.7V 2.5V BOTTOM 2.25V TOP
2.25V
1
2.25V
1
20s PULSE WIDTH Tj = 25C
0.1 0.1 1 10 100 0.1 0.1 1
20s PULSE WIDTH Tj = 150C
10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100.00
2.0
I D = 4.2A
ID , Drain-to-Source Current ( )
1.5
10.00
T J = 175C
(Normalized)
T J = 25C
RDS(on) , Drain-to-Source On Resistance
1.0
0.5
1.00 2.0 2.5 3.0
VDS = 15V 20s PULSE WIDTH
3.5 4.0 4.5 5.0
0.0 -60 -40 -20 0 20 40 60 80
V GS = 4.5V
100 120 140 160
VGS, Gate-to-Source Voltage (V)
TJ , Junction Temperature
( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF1902
10000
6
VGS = 0V, f = 1 MHZ Ciss = C + Cgd , C gs ds SHORTED Crss = C gd Coss = C + C ds gd
ID = 4.0A
5
VDS = 16V VDS = 10V
C, Capacitance(pF)
VGS, Gate-to-Source Voltage (V)
1000
4
Ciss Coss
100
2
Crss
1
10 1 10 100
0 0 1 2 4 5 6
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100.00
100 OPERATION IN THIS AREA LIMITED BY R DS (on)
10.00 T J = 150C T J = 25C
ID, Drain-to-Source Current (A)
ISD, Reverse Drain Current (A)
10 100sec
1msec 1 10msec Tc = 25C Tj = 150C Single Pulse 1 10 VDS , Drain-toSource Voltage (V) 100
1.00
VGS = 0V 0.10 0.0 0.5 1.0 1.5 VSD , Source-toDrain Voltage (V) 0.1
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF1902
5.0
VDS
4.0
RD
VGS RG
D.U.T.
+
ID , Drain Current (A)
3.0
- VDD
VGS
2.0
Pulse Width 1 s Duty Factor 0.1 %
1.0
Fig 10a. Switching Time Test Circuit
VDS
0.0 25 50 75 100 125 150
90%
TC , Case Temperature ( C)
Fig 9. Maximum Drain Current Vs. Case Temperature
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
100
(Z thJA)
D = 0.50
10
0.20 0.10
Thermal Response
0.05
0.02 1 0.01
SINGLE PULSE (THERMAL RESPONSE) 0.1 0.00001 0.0001 0.001 0.01
Notes: 1. Duty factor D = 2. Peak T 0.1 t1/ t
2 J = P DM x Z thJA
P DM t1 t2 +T A 1
10
t 1, Rectangular Pulse Duration (sec)
Fig 11. Typical Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRF1902
RDS(on) , Drain-to -Source On Resistance ( )
R DS (on) , Drain-to-Source On Resistance ( )
0.15 0.14 0.13 0.12 0.11 0.10 0.09 0.08 0.07 0.06 0.05 0.04 2.0 4.0 6.0 8.0
3.000
2.500
2.000
VGS = 2.7V
1.500
ID = 4.2A
1.000
0.500 VGS = 4.5V 0.000 0 5 10 15 20 ID , Drain Current (A)
VGS, Gate -to -Source Voltage (V)
Fig 12. Typical On-Resistance Vs. Gate Voltage
Fig 13. Typical On-Resistance Vs. Drain Current
Current Regulator Same Type as D.U.T.
QG
50K 12V .2F .3F
VGS
QGS VG
QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 14a. Basic Gate Charge Waveform
Fig 14b. Gate Charge Test Circuit
6
www.irf.com
IRF1902
2.0 50
VGS(th) Gate threshold Voltage (V)
40 1.5
Power (W)
100 125 150
ID = 250A
30
20
1.0 10
0.5 -75 -50 -25 0 25 50 75
0 1.00 10.00 100.00 1000.00
T J , Temperature ( C )
Time (sec)
Fig 15. Typical Threshold Voltage Vs. Junction Temperature
Fig 16. Typical Power Vs. Time
www.irf.com
7
IRF1902
SO-8 Package Details
D A 5 B
DIM A b INCHES MIN .0532 .013 .0075 .189 .1497 MAX .0688 .0098 .020 .0098 .1968 .1574 MILLIMET ERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00
A1 .0040
6 E
8
7
6
5 H 0.25 [.010] A
c D E e e1 H K L y
1
2
3
4
.050 BAS IC .025 BAS IC .2284 .0099 .016 0 .2440 .0196 .050 8
1.27 BAS IC 0.635 BAS IC 5.80 0.25 0.40 0 6.20 0.50 1.27 8
6X
e
e1 A C 0.10 [.004] 8X b 0.25 [.010] A1 CAB y
K x 45
8X L 7
8X c
NOT ES: 1. DIMENSIONING & T OLERANCING PER AS ME Y14.5M-1994. 2. CONT ROLLING DIMENSION: MILLIMET ER 3. DIMENSIONS ARE SHOWN IN MILLIMET ERS [INCHES ]. 4. OUT LINE CONFORMS T O JEDEC OUT LINE MS-012AA. 5 DIMENSION DOES NOT INCLUDE MOLD PROTRUS IONS . MOLD PROTRUS IONS NOT T O EXCEED 0.15 [.006]. 6 DIMENSION DOES NOT INCLUDE MOLD PROTRUS IONS . MOLD PROTRUS IONS NOT T O EXCEED 0.25 [.010]. 7 DIMENSION IS THE LENGTH OF LEAD F OR S OLDERING T O A S UBST RATE. 3X 1.27 [.050]
F OOTPRINT 8X 0.72 [.028]
6.46 [.255]
8X 1.78 [.070]
SO-8 Part Marking
EXAMPLE: T HIS IS AN IRF7101 (MOS FET ) DATE CODE (YWW) Y = LAS T DIGIT OF THE YEAR WW = WEEK LOT CODE PART NUMBER
www.irf.com
INTERNAT IONAL RECTIFIER LOGO
8
YWW XXXX F7101
IRF1902
SO-8 Tape and Reel
T E R M IN A L N U M B E R 1
1 2 .3 ( .48 4 ) 1 1 .7 ( .46 1 )
8 .1 ( .31 8 ) 7 .9 ( .31 2 )
F E E D D IR E C T IO N
N O TES: 1 . C O N T R O L L IN G D IM E N S IO N : M IL L IM E T E R . 2 . A L L D IM E N S IO N S A R E S H O W N IN M IL L IM E T E R S (IN C H E S ). 3 . O U T L IN E C O N F O R M S T O E IA -4 8 1 & E IA -5 4 1.
33 0.0 0 (1 2 .9 9 2 ) M AX .
1 4 .4 0 ( .5 66 ) 1 2 .4 0 ( .4 88 ) N O TE S : 1. C O N T R O L L IN G D IM E N S IO N : M IL L IM E T E R . 2. O U T L IN E C O N F O R M S T O E IA -4 8 1 & E IA -5 4 1 .
Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.11/01
www.irf.com
9


▲Up To Search▲   

 
Price & Availability of IRF1902

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X