Part Number Hot Search : 
FRF10A40 1N5530 AP4501SD SMA28 KA3843 15N65 KV1470 00130
Product Description
Full Text Search
 

To Download IDT54FCT162646AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Device Technology, Inc.
FAST CMOS 16-BIT BUS IDT54/74FCT16646T/AT/CT/ET IDT54/74FCT162646T/AT/CT/ET TRANSCEIVER/ REGISTERS (3-STATE)
74FCT162646T/AT/CT/ET 16-bit registered transceivers are built using advanced dual metal CMOS technology. These high-speed, low-power devices are organized as two independent 8-bit bus transceivers with 3-state D-type registers. The control circuitry is organized for multiplexed transmission of data between A bus and B bus either directly or from the internal storage registers. Each 8-bit transceiver/register features direction control (xDIR), over-riding Output Enable control (xOE) and Select lines (xSAB and xSBA) to select either real-time data or stored data. Separate clock inputs are provided for A and B port registers. Data on the A or B data bus, or both, can be stored in the internal registers by the LOW-to-HIGH transitions at the appropriate clock pins. Flowthrough organization of signal pins simplifies layout. All inputs are designed with hysteresis for improved noise margin. The IDT54/74FCT16646T/AT/CT/ET are ideally suited for driving high-capacitance loads and low-impedance backplanes. The output buffers are designed with power off disable capability to allow "live insertion" of boards when used as backplane drivers. The IDT54/74FCT162646T/AT/CT/ET have balanced output drive with current limiting resistors. This offers low ground bounce, minimal undershoot, and controlled output fall times-reducing the need for external series terminating resistors. The IDT54/74FCT162646T/AT/CT/ET are plug-in replacements for the IDT54/74FCT16646T/AT/CT/ET and 54/74ABT16646 for on-board bus interface applications.
FEATURES:
* Common features: - 0.5 MICRON CMOS Technology - High-speed, low-power CMOS replacement for ABT functions - Typical tSK(o) (Output Skew) < 250ps - Low input and output leakage 1A (max.) - ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) - Packages include 25 mil pitch SSOP, 19.6 mil pitch TSSOP, 15.7 mil pitch TVSOP and 25 mil pitch Cerpack - Extended commercial range of -40C to +85C - VCC = 5V 10% * Features for FCT16646T/AT/CT/ET: - High drive outputs (-32mA IOH, 64mA IOL) - Power off disable outputs permit "live insertion" - Typical VOLP (Output Ground Bounce) < 1.0V at VCC = 5V, TA = 25C * Features for FCT162646T/AT/CT/ET: - Balanced Output Drivers: 24mA (commercial), 16mA (military) - Reduced system switching noise - Typical VOLP (Output Ground Bounce) < 0.6V at VCC = 5V,TA = 25C
DESCRIPTION:
The IDT54/74FCT16646T/AT/CT/ET and IDT54/
FUNCTIONAL BLOCK DIAGRAM
1OE 1DIR 1CLKBA 1SBA 1CLKAB 1SAB B REG
2OE 2DIR 2CLKBA 2SBA 2CLKAB 2SAB B REG
D C
1A1 A REG 1B1
2A1 A REG
D C
2B1
D C
D C
TO 7 OTHER CHANNELS
TO 7 OTHER CHANNELS
2540 drw 01
2540 drw 02
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
(c)1996 Integrated Device Technology, Inc.
AUGUST 1996
DSC-4231/9
5.13
1
IDT54/74FCT16646T/AT/CT/ET, 162646T/AT/CT/ET FAST CMOS 16-BIT BUS TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
1DIR
1CLKAB 1SAB
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
56 55 54 53 52 51 50 49 48 47 46 45 44 SO56-1 43 SO56-2 SO56-3 42 41 40 39 38 37 36 35 34 33 32 31 30 29
1OE 1CLKBA 1SBA
1DIR
1CLKAB 1SAB
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 E56-1
56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29
2540 drw 04
1OE 1CLKBA 1SBA
GND
1A1 1A2
GND
1B1 1B2
GND
1A1 1A2
GND
1B1 1B2
VCC
1A3 1A4 1A5
VCC
1B3 1B4 1B5
VCC
1A3 1A4 1A5
VCC
1B3 1B4 1B5
GND
1A6 1A7 1A8 2A1 2A2 2A3
GND
1B6 1B7 1B8 2B1 2B2 2B3
GND
1A6 1A7 1A8 2A1 2A2 2A3
GND
1B6 1B7 1B8 2B1 2B2 2B3
GND
2A4 2A5 2A6
GND
2B4 2B5 2B6
GND
2A4 2A5 2A6
GND
2B4 2B5 2B6
VCC
2A7 2A8
VCC
2B7 2B8
VCC
2A7 2A8
VCC
2B7 2B8
GND
2SAB 2CLKAB 2DIR
GND
2SBA 2CLKBA 2OE
GND
2SAB 2CLKAB 2DIR
2540 drw 03
GND
2SBA 2CLKBA 2OE
SSOP/ TSSOP/TVSOP TOP VIEW
CERPACK TOP VIEW
5.13
2
IDT54/74FCT16646T/AT/CT/ET, 162646T/AT/CT/ET FAST CMOS 16-BIT BUS TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN DESCRIPTION
Description Data Register A Inputs Data Register B Outputs xBx Data Register B Inputs Data Register A Outputs xCLKAB, xCLKBA Clock Pulse Inputs xSAB, xSBA xDIR, xOE Output Data Source Select Inputs Output Enable Inputs
2540 tbl 01
CAPACITANCE (TA = +25C, f = 1.0MHz)
Symbol Parameter(1) CIN Input Capacitance CI/O I/O Capacitance Conditions VIN = 0V VOUT = 0V Typ. 3.5 3.5 Max. Unit 6.0 pF 8.0 pF
2540 tbl 02
Pin Names xAx
NOTE: 1. This parameter is measured at characterization but not tested.
FUNCTION TABLE(2)
Inputs xOE OE H H L L L L xDIR X X L L H H xCLKAB xCLKBA H or L X X X H or L H or L X H or L X X xSAB X X X X L H xSBA X X L H X X xAx Input Output Input Data I/O(1) xBx Input Input Output Isolation Store A and B Data Real Time B Data to A Bus Stored B Data to A Bus Real Time A Data to B Bus Stored A Data to B Bus
2540 tbl 03
Operation or Function
NOTES: 1. The data output functions may be enabled or disabled by various signals at the xOE or xDIR inputs. Data input functions are always enabled, i.e. data at the bus pins will be stored on every LOW-to-HIGH transition on the clock inputs. 2. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care = LOW-to-HIGH Transition
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Description Max. VTERM(2) Terminal Voltage with Respect to -0.5 to +7.0 GND VTERM(3) Terminal Voltage with Respect to -0.5 to GND VCC +0.5 TSTG Storage Temperature -65 to +150 IOUT DC Output Current -60 to +120 Unit V V C mA
2540 tbl 04 NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. All device terminals except FCT162XXXT Output and I/O terminals. 3. Output and I/O terminals for FCT162XXXT.
5.13
3
IDT54/74FCT16646T/AT/CT/ET, 162646T/AT/CT/ET FAST CMOS 16-BIT BUS TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
BUS A
BUS B
BUS A
BUS B
2540 drw 05
2540 drw 06
xDIR
xOE
xCLKAB
xCLKBA
xSAB
xSBA
xDIR
xOE
xCLKAB
xCLKBA
xSAB
xSBA
L
L
X
X
X
L
H
L
X
X
L
X
REAL-TIME TRANSFER BUS B TO A
REAL-TIME TRANSFER BUS A TO B
BUS A
BUS B
BUS A
BUS B
2540 drw 08
2540 drw 07
xDIR
xOE
xCLKAB
xCLKBA
xSAB
xSBA
xDIR
(1)
xOE
xCLKAB
xCLKBA
xSAB
xSBA
H L X
L L H
X
X
X X X
X X X
L H
L L
X H or L
H or L X
X H
H X
STORAGE FROM A AND/OR B
TRANSFER STORED DATA TO A AND/OR B NOTE: 1. Cannot transfer data to A bus and B bus simultaneously.
5.13
4
IDT54/74FCT16646T/AT/CT/ET, 162646T/AT/CT/ET FAST CMOS 16-BIT BUS TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Commercial: TA = -40C to +85C, VCC = 5.0V 10%; Military: TA = -55C to +125C, VCC = 5.0V 10%
Symbol VIH VIL II H II L IOZH IOZL VIK IOS VH ICCL ICCH ICCZ Parameter Input HIGH Level Input LOW Level Input HIGH Current (Input pins)(5) Input HIGH Current (I/O pins)(5) Input LOW Current (Input Input LOW Current (I/O (3-State Output pins) (5) VCC = Min., IIN = -18mA VCC = Max., VO = GND (3)
--
Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max. VI = VCC VI = GND VCC = Max. VO = 2.7V VO = 0.5V
Min. 2.0 -- -- -- -- -- -- -- -- -80 -- --
Typ.(2) --
-- -- -- -- -- -- -- -0.7 -140
Max.
--
Unit V V A
0.8 1 1 1 1 1 1
-1.2 -225 --
pins)(5)
pins)(5)
High Impedance Output Current Clamp Diode Voltage Short Circuit Current Input Hysteresis Quiescent Power Supply Current
A V mA mV A
100 5
VCC = Max., VIN = GND or VCC
500
2540 lnk 05
OUTPUT DRIVE CHARACTERISTICS FOR FCT16646T
Symbol IO VOH Parameter Output Drive Current Output HIGH Voltage Test Conditions(1) VCC = Max., VO = 2.5V(3) VCC = Min. VIN = VIH or VIL IOH = -3mA IOH = -12mA MIL. IOH = -15mA COM'L. IOH = -24mA MIL. IOH = -32mA COM'L.(4) VCC = Min. IOL = 48mA MIL. VIN = VIH or VIL IOL = 64mA COM'L. VCC = 0V, VIN or VO 4.5V Min. -50 2.5 2.4 2.0 -- -- Typ.(2)
--
Max.
-180
Unit mA V V V V A
2540 lnk 06
3.5 3.5 3.0 0.2 --
-- -- -- 0.55 1
VOL IOFF
Output LOW Voltage Input/Output Power Off Leakage(5)
OUTPUT DRIVE CHARACTERISTICS FOR FCT162646T
Symbol IODL IODH VOH VOL Parameter Output LOW Current Output HIGH Current Output HIGH Voltage Output LOW Voltage Test Conditions(1) VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V (3) VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3) VCC = Min. VIN = VIH or VIL VCC = Min. VIN = VIH or VIL IOH = -16mA MIL. IOH = -24mA COM'L. IOL = 16mA MIL. IOL = 24mA COM'L. Min. 60 -60 2.4 -- Typ.(2) 115 -115 3.3 0.3 Max. 200 -200 -- 0.55 Unit mA mA V V
2540 lnk 07
NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at Vcc = 5.0V, +25C ambient. 3. Not more than one output should be tested at one time. Duration of the test should not exceed one second. 4. Duration of the condition can not exceed one second. 5. The test limit for this parameter is 5A at TA = -55C.
5.13
5
IDT54/74FCT16646T/AT/CT/ET, 162646T/AT/CT/ET FAST CMOS 16-BIT BUS TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
POWER SUPPLY CHARACTERISTICS
Symbol ICC ICCD Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current (4) VCC = Max. VIN = 3.4V(3) VCC = Max. Outputs Open xDIR = xOE= GND One Input Toggling 50% Duty Cycle VCC = Max. Outputs Open fCP = 10MHz (xCLKBA) 50% Duty Cycle xDIR = xOE = GND One Bit Toggling fi = 5MHz 50% Duty Cycle VCC = Max. Outputs Open fCP = 10MHz (xCLKBA) 50% Duty Cycle xDIR = xOE = GND Sixteen Bits Toggling fi = 2.5MHz 50% Duty Cycle VIN = VCC VIN = GND Test Conditions(1) Min. -- -- Typ.(2) 0.5 75 Max. 1.5 120 Unit mA A/ MHz
IC
Total Power Supply Current (6)
VIN = VCC VIN = GND
--
0.8
1.7
mA
VIN = 3.4V VIN = GND
--
1.3
3.2
VIN = VCC VIN = GND
--
3.8
6.5 (5)
VIN = 3.4V VIN = GND
--
8.3
20.0 (5)
NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fCPNCP/2 + fiNi) ICC = Quiescent Current (ICCL, ICCH and ICCZ) ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) NCP = Number of Clock Inputs at fCP fi = Input Frequency Ni = Number of Inputs at fi
2540 tbl 08
5.13
6
IDT54/74FCT16646T/AT/CT/ET, 162646T/AT/CT/ET FAST CMOS 16-BIT BUS TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
FCT16646T/162646T Com'l. Symbol Parameter Condition(1) Min.(2) Max. Mil. Min.(2) Max. FCT16646AT/162646AT Com'l. Min.(2) Max. Mil. Min.(2) Max. Unit
tPLH tPHL tPZH tPZL tPHZ tPLZ tPLH tPHL tPLH tPHL tSU tH tW tSK(o)
Propagation Delay Bus to Bus Output Enable Time xDIR or xOE to Bus Output Disable Time xDIR or xOE to Bus Propagation Delay Clock to Bus Propagation Delay xSBA or xSAB to Bus Set-up Time HIGH or LOW Bus to Clock Hold Time HIGH or LOW Bus to Clock Clock Pulse Width HIGH or LOW Output Skew (3)
CL = 50pF RL = 500
2.0 2.0 2.0 2.0 2.0 4.0 2.0 6.0 --
9.0 14.0 9.0 9.0 11.0 -- -- -- 0.5
2.0 2.0 2.0 2.0 2.0 4.5 2.0 6.0 --
11.0 15.0 11.0 10.0 12.0 -- -- -- 0.5
2.0 2.0 2.0 2.0 2.0 2.0 1.5 5.0 --
6.3 9.8 6.3 6.3 7.7 -- -- -- 0.5
2.0 2.0 2.0 2.0 2.0 2.0 1.5 5.0 --
7.7 10.5 7.7 7.0 8.4 -- -- -- 0.5
ns ns ns ns ns ns ns ns ns
2540 tbl 09
FCT16646CT/162646CT Com'l. Symbol Parameter Condition(1) Min.(2) Max. Mil. Min.(2) Max.
FCT16646ET/162646ET Com'l. Min.(2) Max. Mil. Min.(2) Max. Unit
tPLH tPHL tPZH tPZL tPHZ tPLZ tPLH tPHL tPLH tPHL tSU tH tW tSK(o)
Propagation Delay Bus to Bus Output Enable Time xDIR or xOE to Bus Output Disable Time xDIR or xOE to Bus Propagation Delay Clock to Bus Propagation Delay xSBA or xSAB to Bus Set-up Time HIGH or LOW Bus to Clock Hold Time HIGH or LOW Bus to Clock Clock Pulse Width HIGH or LOW Output Skew (3)
CL = 50pF RL = 500
1.5 1.5 1.5 1.5 1.5 2.0 1.5 5.0 --
5.4 7.8 6.3 5.7 6.2 -- -- -- 0.5
1.5 1.5 1.5 1.5 1.5 2.0 1.5 5.0 --
6.0 8.9 7.7 6.3 7.0 -- -- -- 0.5
1.5 1.5 1.5 1.5 1.5 2.0 0.0 3.0 (4) --
3.8 4.8 4.0 3.8 4.2 -- -- -- 0.5
-- -- -- -- -- -- -- -- --
-- -- -- -- -- -- -- -- --
ns ns ns ns ns ns ns ns ns
2540 tbl10
NOTES: 1. See test circuit and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design. 4. This limit is guaranteed but not tested.
5.13
7
IDT54/74FCT16646T/AT/CT/ET, 162646T/AT/CT/ET FAST CMOS 16-BIT BUS TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TEST CIRCUITS AND WAVEFORMS TEST CIRCUITS FOR ALL OUTPUTS
V CC 500 VIN Pulse Generator RT D.U.T. 50pF CL 500 VOUT 7.0V
SWITCH POSITION
Test Open Drain Disable Low Enable Low All Other Tests Open
2556 lnk 10 DEFINITIONS: CL= Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
Switch
Closed
2556 drw 05
SET-UP, HOLD AND RELEASE TIMES
PULSE WIDTH
DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL PRESET CLEAR ETC. SYNCHRONOUS CONTROL PRESET CLEAR CLOCK ENABLE ETC. tSU
tH
3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V
2556 drw 06
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE
1.5V
tREM
1.5V
2556 drw 07
tSU
tH
PROPAGATION DELAY
ENABLE AND DISABLE TIMES
ENABLE DISABLE 3V 1.5V tPZL OUTPUT NORMALLY LOW OUTPUT NORMALLY HIGH SWITCH CLOSED tPZH SWITCH OPEN 1.5V 0V 3.5V 1.5V tPHZ 0.3V VOH 0V
2556 drw 09
SAME PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL tPHL
3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V
2556 drw 08
CONTROL INPUT tPLZ
0V 3.5V 0.3V VOL
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns
5.13
8
IDT54/74FCT16646T/AT/CT/ET, 162646T/AT/CT/ET FAST CMOS 16-BIT BUS TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
ORDERING INFORMATION
IDT XX Temperature Range FCT XXXX Device Type X Package X Process
Blank B
Commercial MIL-STD-883, Class B
PV PA PF E
Shrink Small Outline Package (SO56-1) Thin Shrink Small Outline Package (SO56-2) Thin Very Small Outline Package (SO56-3) CERPACK (E56-1)
16646T Non-Inverting 16-Bit Transceiver/Register 16646AT 16646CT 16646ET 162646T 162646AT 162646CT 162646ET 54 74 -55C to +125C -40C to +85C
2540 drw 14
5.13
9


▲Up To Search▲   

 
Price & Availability of IDT54FCT162646AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X