Part Number Hot Search : 
AD1674KR CR0402 BC848A 2N7002 K500FAB AD1674KR 11GFCD ADG1436
Product Description
Full Text Search
 

To Download HTIP42C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6733 Issued Date : 1994.08.10 Revised Date : 2002.05.07 Page No. : 1/3
HTIP42C
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HTIP42C is designed for use in general purpose amplifier and switching applications.
Absolute Maximum Ratings (Ta=25C)
TO-220
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature .................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Tc=25C) ..................................................................................... 65 W Total Power Dissipation (Ta=25C) ....................................................................................... 2 W * Maximum Voltages and Currents BVCBO Collector to Base Voltage.................................................................................... -100 V BVCEO Collector to Emitter Voltage................................................................................. -100 V BVEBO Emitter to Base Voltage........................................................................................... -5 V IC Collector Current.............................................................................................................. -6 A
Characteristics (Ta=25C)
Symbol BVCBO BVCEO ICES ICEO IEBO *VCE(sat) *VBE(on) *hFE1 *hFE2 fT Min. -100 -100 30 15 3 Typ. Max. -400 -700 -1 -1.5 -2 75 Unit V V uA uA mA V V Test Conditions IC=-1mA, IE=0 IC=-30mA, IB=0 VCE=-100V VCE=-60V VEB=-5V IC=-6A, IB=-600mA IC=-6A, VCE=-4V IC=-0.3A, VCE=-4V IC=-3A, VCE=-4V IC=-0.1A, VCE=-5V, f=1MHz
*Pulse Test: Pulse Width 380us, Duty Cycle2%
MHz
HTIP42C
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000 hFE @ VCE=4V
Spec. No. : HE6733 Issued Date : 1994.08.10 Revised Date : 2002.05.07 Page No. : 2/3
Saturation Voltage & Collector Current
1000 VCE(sat) @ IC=10IB
125 C
o
Saturation Voltage (mV)
hFE
75 C 100
o
25 C
o
100 25 C 75 C
o o
125 C
o
10 1 10 100 1000 10000
10 1 10 100 1000 10000
Collector Current-IC (mA)
Collector Current-IC (mA)
ON Voltage & Collector Current
10000 VBE(ON) @ VCE=4V
ON Voltage (mV)
1000 25 C
o
125 C
o
75 C
o
100 1 10 100 1000 10000
Collector Current-IC (mA)
HTIP42C
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-220AB Dimension
Marking:
A D B E C
Date Code
Spec. No. : HE6733 Issued Date : 1994.08.10 Revised Date : 2002.05.07 Page No. : 3/3
H 42C
TIP
Control Code
H I G 4 P M 3 2 1 N K
Style: Pin 1.Base 2.Collector 3.Emitter
O
3-Lead TO-220AB Plastic Package HSMC Package Code: E *: Typical
DIM A B C D E G H
Inches Min. Max. 0.2197 0.2949 0.3299 0.3504 0.1732 0.185 0.0453 0.0547 0.0138 0.0236 0.3803 0.4047 *0.6398
Millimeters Min. Max. 5.58 7.49 8.38 8.90 4.40 4.70 1.15 1.39 0.35 0.60 9.66 10.28 *16.25
DIM I K M N O P
Inches Min. Max. *0.1508 0.0295 0.0374 0.0449 0.0551 *0.1000 0.5000 0.5618 0.5701 0.6248
Millimeters Min. Max. *3.83 0.75 0.95 1.14 1.40 *2.54 12.70 14.27 14.48 15.87
Notes: 1.Dimension and tolerance based on our Spec. dated Sep. 07,1997.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HTIP42C
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HTIP42C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X