Part Number Hot Search : 
MMSZ52 X1243V8 MC33154 DB1GB1WB PE44423 TSOP48 KB844 TK62N60W
Product Description
Full Text Search
 

To Download HPN2907A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6105 Issued Date : 1992.09.09 Revised Date : 2002.04.15 Page No. : 1/4
HPN2907A
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HPN2907A is designed for general purpose amplifier and high speed, medium-power switching applications.
Features
* Low Collector Saturation voltage * High Speed Switching * For Complementary Use with NPN Type HPN2222A
TO-92
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature ........................................................................................................ -55 ~ +150 C Junction Temperature .................................................................................................. 150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C)............................................................................................. 625 mW * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage.................................................................................................... -60 V VCEO Collector to Emitter Voltage ................................................................................................ -60 V VEBO Emitter to Base Voltage......................................................................................................... -5 V IC Collector Current ................................................................................................................. -600 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO ICEX *VCE(sat)1 *VCE(sat)2 *VBE(sat)1 *VBE(sat)2 *hFE1 *hFE2 *hFE3 *hFE4 *hFE5 fT Cob Min. -60 -60 -5 75 100 100 100 50 200 Typ. -0.2 -0.5 180 Max. -10 -50 -0.4 -1.6 -1.3 -2.6 300 8 Unit V V V nA nA V V V V Test Conditions IC=-10uA, IE=0 IC=-10mA, IB=0 IC=-10uA, IC=0 VCB=-50V, IC=0 VCE=-30V, VBE=-0.5V IC=-150mA, IB=-15mA IC=-500mA, IB=-50mA IC=-150mA, IB=-15mA IC=-500mA, IB=-50mA VCE=-10V, IC=-100uA VCE=-10V, IC=-1mA VCE=-10V, IC=-10mA VCE=-10V, IC=-150mA VCE=-10V, IC=-500mA VCE=-20V, IC=-50mA, f=100MHz VCB=-10V, f=1MHz
*Pulse Test: Pulse Width 380us, Duty Cycle2%
MHz pF
HPN2907A
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000
Spec. No. : HE6105 Issued Date : 1992.09.09 Revised Date : 2002.04.15 Page No. : 2/4
Saturation Voltage & Collector Current
10000
125 C
o
75 C
o
VCE(sat) @ IC=10IB
Saturation Voltage (mV)
1000
hFE
25 C 100
o
hFE @ VCE=10V
100 125 C
o
75 C
o
25 C
o
10 0.1 1 10 100 1000
10 0.1 1 10 100 1000
Collector Current-IC (mA)
Collector Current-IC (mA)
Saturation Voltage & Collector Current
10000
Capacitance & Reverse-Biased Voltage
100
VBE(sat) @ IC=10IB
Saturation Voltage (mV)
1000
75 C 25 C
o
o
Capacitance (pF)
10 Cob
125 C
o
100 0.1 1 10 100 1000
1 0.1 1 10 100
Collector Current-IC (mA)
Reverse Biased Voltage (V)
Cutoff Frequency & Collector Current
1000 10000 PT=1ms PT=100ms
Safe Operating Area
Collector Current-IC (mA)
Cutoff Frequency (MHz).. .
1000 PT=1s 100
VCE=20V 100
10
10 1 10 100
1 1 10 100
Collector Current (mA)
Forward Biased Voltage-Vce (V)
HPN2907A
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6105 Issued Date : 1992.09.09 Revised Date : 2002.04.15 Page No. : 3/4
PD-Ta
700 600
Power Dissipation-PD (mW)
500 400 300 200 100 0 0 50 100
o
150
200
Ambient Temperature-Ta ( C)
HPN2907A
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-92 Dimension
A B
1 2 3
Date Code
Spec. No. : HE6105 Issued Date : 1992.09.09 Revised Date : 2002.04.15 Page No. : 4/4
2
Marking:
H PN 2907A Control Code
3
C
Style: Pin 1.Emitter 2.Base 3.Collector
D
H I E F
G
1
3-Lead TO-92 Plastic Package HSMC Package Code: A
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes: 1.Dimension and tolerance based on our Spec. dated Apr. 25,1996.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HPN2907A
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HPN2907A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X